Part Number Hot Search : 
SMBJ36CA PD720201 MV64520 MAX99 4400A ESDA6 HZ5A2 89XR10TR
Product Description
Full Text Search
 

To Download RF100-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TELEDYNE RELAYS HIGH REPEATABILITY ULTRAMINIATURE CENTIGRID(R) RELAY BROADBAND DC TO RF
SERIES DESIGNATION
RF100 RF103
SERIES
RELAY TYPE
Repeatable, RF, Centigrid(R) relay Sensitive, repeatable, RF, Centigrid(R) relay
INTERNAL CONSTRUCTION
PERFORMANCE FEATURES
The ultraminiature RF100 and RF103 relays are designed to provide improved RF signal repeatability over the frequency range by balancing the aggregate insertion loss elements of the relays' design. Highly suitable for use in attenuator and other RF circuits, the RF 100 and RF103 feature: * High repeatability. * Broader bandwidth. * Metal enclosure for EMI shielding. * Ground pin option to improve case grounding. * High isolation between control and signal paths. * Highly resistant to ESD.
UNIFRAME UPPER STATIONARY CONTACT ARMATURE MOVING CONTACT LOWER STATIONARY CONTACTS
CONSTRUCTION FEATURES
The following unique construction features and manufacturing techniques provide excellent resistance to environmental extremes and overall high reliability. * Uni-frame motor design provides high magnetic efficiency and mechanical rigidity. * Minimum mass components and welded construction provide maximum resistance to shock and vibration. * Dual weld projection provides increased design robustness. * Advanced cleaning techniques provide maximum assurance of internal cleanliness. * Gold plated precious metal alloy contacts ensure reliable switching. * Hermetically sealed . Solderable leads.
ENVIRONMENTAL AND PHYSICAL SPECIFICATIONS
Temperature Vibration (General Note 1) Shock (General Note 1) Enclosure RF100 Weight RF103
-55 C to +85 C 10 G to 500 Hz 30 G, 6 ms. half sine Hermetically sealed 0.09 oz. (2.55 g) max. 0.16 oz. (4.50 g) max.
N
EW
RF100 RF103
SERIES RF100 and RF103 TYPICAL RF CHARACTERISTICS (Notes 1, 2 and 3)
INSERTION LOSS AND VSWR CHARACTERISTICS RF100 and RF103 NORMALLY CLOSED CONTACTS
0.0 2.0 INSERTION LOSS 1.9 1.8 1.7 1.5 1.4 1.3 1.2 VSWR 1.0 2.0 3.0 FREQUENCY (GHz) 4.0 5.0 6.0 1.1 1.0 VSWR 4.0 VSWR 1.6
INSERTION LOSS (dB)
-0.2 -0.4 -0.6 -0.8 -1.0 1.2 -1.4 -1.6 -1.8 -2.0 .0003
INSERTION LOSS AND VSWR CHARACTERISTICS RF100 and RF103 NORMALLY OPEN CONTACT
0.0 2.0 INSERTION LOSS 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 VSWR 1.0 2.0 3.0 FREQUENCY (GHz) 4.0 5.0 6.0 1.1 1.0 -0.2 -0.4 -0.6 -0.8 -1.0 1.2 -1.4 -1.6 -1.8 -2.0 .0003
ISOLATION CHARACTERISTICS RF100 AND RF103 RELAYS
ISOLATION POLE TO POLE (NOTE 4) 0 ISOLATION (dB) ISOLATION (dB) -10 -20 -30 -40 -50 -60 .0003 1.0 2.0 3.0 4.0 5.0 6.0 FREQUENCY (GHz) 0 -10 -20 -30 -40 -50 -60 .0003 1.0 2.0 3.0 5.0 6.0 FREQUENCY (GHz) ISOLATION CONTACT TO CONTACT (NOTE 5)
RF Notes:
1. Test conditions: a. Fixture: .031" copper clad, reinforced PTFE, RT/duroid(R) 6002 with SMA connectors. (RT/duroid(R) is a registered trademark of Rogers Corporation). b. Relay header is in contact with but not soldered to ground plane or connected to ground via ground pin. c. Test performed at room ambient temperature. d. Terminals not tested were terminated with 50 ohm load. e. Contact signal level: 20 dBm. 2. Data presented herein represents typical characteristics and is not intended for use as specification limits. 3. Data is per pole. 4. Data is the average from readings taken when the relay is de-energized and energized. Measurement points are from pins 1 and 3 to pins 5 and 7 (de-energized) and pins 1 and 2 to pins 6 and 7 (energized). 5.Data is the average from readings taken when the relay is de-energized and energized. Measurement points are from pins 1, 3 to 2 and pins 5,7 to 6 (de-energized) and pins 1,2 to 3 and pins 6,7 to 5 (energized).
INSERTION LOSS (dB)
SERIES RF100 and RF103 TYPICAL RF INSERTION LOSS REPEATABILITY CHARACTERISTICS (Notes 1 and 2)
REPEATABILITY CHARACTERISTICS RF100 RELAYS
% TOTAL NUMBER RECORDED TEST CYCLES
% TOTAL NUMBER RECORDED TEST CYCLES
NORMALLY CLOSED 100 90 80 70 60 50 40 30 20 10 0 0.02 0.04 0.06 0.08 0.1 0.12 0.14 0.16 0.18 0.2 REPEATABILITY (dB)
NORMALLY OPEN 100 90 80 70 60 50 40 30 20 10 0 0.02 0.04 0.06 0.08 0.1 0.12 0.14 0.16 0.18 0.2 REPEATABILITY (dB)
REPEATABILITY CHARACTERISTICS RF103 RELAYS NORMALLY CLOSED 100 90 80 70 60 50 40 30 20 10 0 0.02 0.04 0.06 0.08 0.1 0.12 0.14 0.16 0.18 0.2 REPEATABILITY (dB) NORMALLY OPEN 100 90 80 70 60 50 40 30 20 10 0 0.02 0.04 0.06 0.08 0.1 0.12 0.14 0.16 0.18 0.2 REPEATABILITY (dB)
% TOTAL NUMBER RECORDED TEST CYCLES
RF Insertion Loss Repeatability Notes
1. Test conditions: a. Fixture: .031" copper clad, reinforced PTFE, RT/duroid 6002(R) with SMA connectors. (RT/duroid(R) is a registered trademark of Rogers Corporation). b. Relays header is connected to but not soldered to ground plane nor connected via ground pin. c. Test performed at room ambient temperature. d. Contact signal level: 20 dBm. 2. Data presented herein represents typical characteristics and is not intended to be used as specification limits. 3. Insertion loss repeatability measured over frequency range from .3 MHz to 4 GHz.
% TOTAL NUMBER RECORDED TEST CYCLES
SERIES RF100 and RF103 GENERAL ELECTRICAL SPECIFICATIONS (@25C)
Contact arrangement Rated duty Contact resistance Contact load rating Contact life rating Coil operating power RF100 Operate time RF103 RF100 Release time RF103 Intercontact capacitance Insulation resistance Dielectric strength 3.0 ms. max. 0.4 pF typical 1,000 M min. (between mutually isolated terminals) 350 VRMS / 60 Hz @ atmospheric pressure 6.0 ms. max. 3.0 ms. max. DPDT Continuous .100 ohm max. initial (measured 1/8" from the header) Low level: 10 to 50 A, 10 to 50 mV 10,000,000 cycles typical at low level RF100: 450 mW typical @ nominal rated voltage RF103: 200 mW typical @ nominal rated voltage 4.0 ms. max.
DETAILED ELECTRICAL SPECIFICATIONS (@ 25C)
BASE PART NUMBERS
Coil voltage, nominal, VDC Coil resistance, ohms 20% Pick-up voltage max, VDC RF100 RF103
RF100-5 RF103-5
5.0 50 100 3.6
RF100-12 RF103-12
12.0 390 800 9.0
OUTLINE DIMENSIONS
.031 (.79) REF.
.375 (9.53) SQ. MAX. .335 (8.51) SQ. MAX. H DIMENSION MAX. H RF100 RF103 .290 (7.37) .395 (10.03)
7 6 5
8 4
1 2 3
.035 (.89) REF. 0.100 0.010 (2.54 0.25)
TERMINAL NUMBERING
SCHEMATIC
.75 (19.05) MIN.
* TERMINAL NUMBERING AND SCHEMATIC ARE AS VIEWED FROM THE TERMINALS. * DIMENSIONS ARE IN INCHES (MILLIMETERS). * SCHEMATIC AND EXTERNAL DIMENSIONS SHOWN WITHOUT GROUND PINS. * TO ORDER THE CASE GROUND OPTION, AFTER THE SERIES DESIGNATOR, ADD "Y" TO THE PART NUMBER FOR TAB POSITION OR "Z" TO THE PART NUMBER FOR CENTER POSITION . EXAMPLE: RF1##Y-COIL VOLTAGE
EXTERNAL DIMENSIONS
+.002 .017 -.001 ( .43 +.05 -.03
)
GENERAL NOTES
1. Relays will exhibit no contact chatter in excess of 10 s or transfer in excess of 1 s.
(c)1998
TELEDYNE RELAYS
12525 Daphne Ave. Hawthorne, CA 90250 (213) 777-0077 http://www.teledynerelays.com.


▲Up To Search▲   

 
Price & Availability of RF100-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X