Part Number Hot Search : 
D1271A 6MBI1 1J2ZKI21 47362 XR415108 2N2364 SMBJ10 331E3
Product Description
Full Text Search
 

To Download MRF4427 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 140 COMMERCE DRIVE MONTGOMERYVILLE, PA 18936-1013 PHONE: (215) 631-9840 FAX: (215) 631-9855
MRF4427, R1, R2
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
Features
* * * * * Low Cost SO-8 Plastic Surface Mount Package. S-Parameter Characterization Tape and Reel Packaging Options Available Low Voltage Version of MRF3866 Maximum Available Gain - 20dB(typ) @ 200MHz
SO-8
R1 suffix-Tape and Reel, 500 units R2 suffix-Tape and Reel, 2500 units
DESCRIPTION: Designed for general-purpose RF amplifier applications, such as; pre-drivers, Oscillators, etc.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C)
Symbol VCEO VCBO VEBO IC Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Value 20 40 2.0 400 Unit Vdc Vdc Vdc mA
Thermal Data
P T
stg
R
D
Total Device Dissipation @ TC = 25C Derate above 25C Storage Temperature
1.5 12.5 -65 to + 150
Watts mW/ C C C/W
JA
Thermal Resistance, Junction to Ambient 125
MSC1313.PDF 10-25-99
MRF4427, R1, R2
ELECTRICAL SPECIFICATIONS (Tcase = 25C)
STATIC (off)
Symbol BVCEO BVCBO BVEBO ICEO Test Conditions Min. Collector-Emitter Breakdown Voltage (IC = 5.0 mAdc, IB = 0) Collector-Base Breakdown Voltage (IC = 0.1 mAdc, IE = 0) Emitter-Base Breakdown Voltage (IE = 0.1 mAdc, IC = 0) Collector Cutoff Current (VCE = 20 Vdc, VBE = 0 Vdc) 20 40 2.0 Value Typ. Max. .02 Unit Vdc Vdc Vdc mA
(on)
HFE DC Current Gain (IC = 100 mAdc, VCE = 5 Vdc) (IC = 360 mAdc, VCE = 5 Vdc) Collector-Emitter Saturation Voltage (IC = 100 mAdc, IB = 20 mA) 10 5.0 60 200 mVdc
VCE(sat)
DYNAMIC
Symbol Ftau Cob Test Conditions Min. Current-Gain Bandwidth Product (IC = 50 mAdc, VCE = 12 Vdc, f = 200 MHz) Output Capacitance (VCB = 12 Vdc, IE = 0, f = 1.0 MHz) Value Typ. 1.3 Max. 3.4 Unit GHz GHz
MSC1313.PDF 10-25-99
MRF4427, R1, R2
FUNCTIONAL
Symbol Test Conditions Min. Maximum Unilateral Gain IC = 50 mAdc, VCE = 12 Vdc, f = 200 MHz Maximum Available Gain IC = 50 mAdc, VCE = 12 Vdc, f = 200 MHz Insertion Gain (calculated) IC = 50 mAdc, VCE = 12 Vdc, f = 200 MHz Value Typ. 18 20 14 Max. Unit dB dB dB
G
U max
16 18 12
MAG |S21|
2
Table 1. Common Emitter S-Parameters, @ VCE = 12 V, IC = 50 mA
f
S11
(MHz)
50 100 200 500 750 1000
|S11|
.672 .721 .743 .768 .775 .778
-145 -163 -174 170 161 152
S21
|S21|
20.15 10.78 5.37 2.18 1.53 1.07
112 96 85 63 48 36
S12
|S12|
.021 .026 .037 .070 .096 .122
45 44 54 59 62 65
S22
|S22|
.447 .271 .199 .264 .356 .437
-59 -67 -72 -86 -98 -109
MSC1313.PDF 10-25-99
MRF4427, R1, R2
RF Low Power PA, LNA, and General Purpose Discrete Selector Guide
Freq (MHz) Efficiency (%) IC max (mA) Gu Max (dB) Ccb(pF) BVCEO IC max (mA)
3.5 20 30 30 1 1 3 1 1 1 2.6 12 15 25 15 15 12 15 15 15 1 15 15 12 16 2.2 17 400 400 400 50 40 150 30 50 35 100 200 200 30 50 40 200 200
Pout (watts)
Freq (MHz)
SO-8 TO-39 POWER MACRO POWER MACRO TO-39 TO-39 TO-72 MA C R O X MA C R O X TO-39 SO-8 P O W ER MA C R O P O W ER MA C R O MA C R O X MA C R O X SO-8 P O W ER MA C R O P O W ER MA C R O
MRF4427, R2 2N4427 MRF553 MRF553T MRF607 2N6255 2N5179 MRF559 MRF559 2N3866A MRF555 MRF555T MRF559 MRF559 MRF8372,R1,R2 MRF557 MRF557T
NPN 175 NPN 175 NPN 175 NPN 175 NPN 175 NPN 175 NPN 200 NPN 5 1 2 NPN 5 1 2 NPN 4 0 0 NPN 4 7 0 NPN 4 7 0 NPN 8 7 0 NPN 8 7 0 NPN 8 7 0 NPN 8 7 0 NPN 8 7 0
0.15 1 1.5 1.5 1.75 3
18 10 11.5 11.5 11.5 7.8 20
60 50 60 50 50 50
12 12 12.5 12.5 12.5 12.5 6
20 20 16 16 16 18 12 16 16 30 30 16 16 16 16 16 16 16
400 400 500 500 330 1000 50 150 150 400 400 400 400 150 150 200 400 400
TO-39 TO-39 SO-8 TO-72 TO-72 TO-39 TO-72 TO-72 MACRO T
2N5109 MRF5943C MRF5943, R1, R2 2N5179 2N2857 MRF517 MRF904 2N6304 BFR91 BFR96 MRF5812, R1, R2 MRF581A BFR90 BFY90 MRF914 MRF581 MRF586
NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN
200 200 200 200 300 300 450 450 500 500 500 500 500 500 500 500 500
NF (dB) NF IC (mA) NF VCE GNF (dB)
Package
Device
3 3.4 3.4 4.5 5.5 7.5 1.5 5 1.9 2 2 2 2.4 2.5 2.5 2.5 3
10 30 30 1.5 50 50 5 2 2 10 50 50 2 2 5 50 90
15 15 15 6 6 15 6 5 5 10 10 10 10 5 10 10 15 15 11 15.5 14 15 11
12 11.4 15 17 13 5.5 11 14 16.5 14.5 17.8 15 18 20 15 17.8 14.5
1200 1000 1300 900 1600 4600 4000 1400 5000 500 5000 5000 5000 1300 4500 5000 4500
0.5 0.5 1 1 1.5 1.5 0.5 0.5 0.75 1.5 1.5
10 13 10 10 11 11 6.5 9.5 8 8 8
65 60 45 45 50 50 70 65 55 55 55
7.5 12.5 28 28 12.5 12.5 7.5 12.5 12.5 12.5 12.5
MACRO T SO-8 MACRO X Macro TO-72 TO-72 MACRO X TO-39
M R F 3 8 6 6 , R 1 , R 2 NPN 4 0 0
MACRO X MACRO X MACRO T MACRO T TO-39 TO-39
MRF951 MRF571 BFR91 BFR90 MRF545 MRF544
NPN 1000 NPN 1000 NPN 1000 NPN 1000 PNP NPN
1.3 1.5 2.5 3
5 10 2 2
6 6 5 10
14 10 8 10
17
8000 8000
Ftau (MHz)
GPE (dB)
GPE VCC
Package
Device
BVCEO
Type
Type
0.45 1 1 1 2
10 10 12 15 70 70
100 70 35 30 400 400
11
5000
12.5 5000 14 13.5 1400 1500
RF (Low Power PA / General Purpose) Selection Guide
RF (LNA / General Purpose) Selection Guide
1 8 2 4 3 3 2 4 1 4
MSC1313.PDF 10-25-99
MRF4427, R1, R2
.
PIN 1. EMITTER 2. COLLECTOR 3. COLLECTOR 4. EMITTER
5. EMITTER 6. BASE 7. BASE 8. EMITTER
8.
5.
1.
4.
MSC1313.PDF 10-25-99


▲Up To Search▲   

 
Price & Availability of MRF4427

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X