Part Number Hot Search : 
62201 M78P259 CMCS5066 A1212 MMSZ33V BE100 B962042 TM12232F
Product Description
Full Text Search
 

To Download MRF4427 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
The RF Line
SEMICONDUCTOR TECHNICAL DATA
Order this document by MRF4427/D
NPN Silicon RF Low Power Transistor
Designed for amplifier, frequency multiplier, or oscillator applications in industrial equipment constructed with surface mount components. Suitable for use as output driver or pre-driver stages in VHF and UHF equipment. * Low Cost SORF Plastic Surface Mount Package * Guaranteed RF Specification -- |S21|2 * S-Parameter Characterization * Low Voltage Version of MRF3866 * Tape and Reel Packaging Available. R2 suffix = 2,500 units per reel
MRF4427R2
1.0 W, 175 MHz HIGH-FREQUENCY TRANSISTOR NPN SILICON
CASE 751-05, STYLE 1 SORF (SO-8)
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current -- Continuous Total Device Dissipation @ TC = 75C Derate above 75C Operating Junction and Storage Temperature Range Symbol VCEO VCBO VEBO IC PD TJ, Tstg Symbol RJC Value 20 40 2.0 400 1.67 22.2 - 65 to +150 Unit Vdc Vdc Vdc mAdc Watts mW/C C
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction to Case Max 45 Unit C/W
DEVICE MARKING
MRF4427 = 4427
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Collector-Emitter Sustaining Voltage (IC = 5.0 mAdc, IB = 0) Collector-Emitter Breakdown Voltage (IC = 5.0 mAdc, RBE = 10 ohms) Emitter-Base Breakdown Voltage (IE = 100 Adc) Collector Cutoff Current (VCE = 12 Vdc, IB = 0) V(BR)CEO V(BR)CER V(BR)EBO ICEO 20 40 2.0 -- -- -- -- -- -- -- -- 20 Vdc Vdc Vdc Adc (continued)
NOTE: 1.Case temperature measured on collector lead immediately adjacent to body of package.
REV 8
(c)MOTOROLA RF DEVICE DATA Motorola, Inc. 1997
MRF4427R2 1
ELECTRICAL CHARACTERISTICS -- continued (TA = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
ON CHARACTERISTICS
DC Current Gain (IC = 100 mAdc, VCE = 5.0 Vdc) (IC = 360 mAdc, VCE = 5.0 Vdc) Collector-Emitter Saturation Voltage (IC = 100 mAdc, IB = 20 mAdc) hFE 10 5.0 VCE(sat) -- 50 -- 60 200 -- -- mVdc --
DYNAMIC CHARACTERISTICS
Current-Gain -- Bandwidth Product (IC = 50 mAdc, VCE = 12 Vdc, f = 200 MHz) Output Capacitance (VCB = 12 Vdc, IE = 0, f = 1.0 MHz) fT Cob -- -- 1600 -- -- 3.0 MHz pF
FUNCTIONAL TESTS
Common-Emitter Amplifier Power Gain (Pin = 15 mW, VCC = 12 Vdc, f = 175 MHz) Collector Efficiency (Figure 1) (Pout = 1.0 W, VCC = 12 Vdc, f = 175 MHz) Insertion Gain (VCE = 12 Vdc, IC = 50 mA, f = 200 MHz) Gpe |S21|2 -- -- 18 60 -- -- dB %
14
16.4
--
dB
C3 D.U.T. C1 C2 RFC2 RFC1 L1 C4
L2 C5
C8 C6 C7
C9
RFC3 C10 C11 C12 C13 C14
RFC4
C15
C16 + D1 R1 R2 VCC
C1, C2 -- 5.5 - 18 pF Erie ceramic trimmer C3 -- 1000 pF ATC 100 mil chip cap. C4 -- 9.0 - 35 pF Erie ceramic trimmer C5 -- Arco 405 mica trimmer C6, C8, C10, C14 -- 0.1 F Erie blue cap. C7, C9 -- 470 pF ATC 100 mil chip cap. C11, C13, C15 -- 1.0 F Erie blue cap, non-polar C12 -- 1000 pF feedthru C16 -- 10 F, 25 V tantalum D1 -- 1N4148 or 1N914 L1 -- 6T #20 AWG on #2 drill bit L2 -- 4T #20 AWG on #4 drill bit R1 -- 4.7 k 1/8 watt carbon R2 -- 100 1/8 watt carbon RFC1 - 4 -- 10 H molded choke
Figure 1. 175 MHz RF Amplifier Circuit for Functional Tests
MRF4427R2 2
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
10 9 Cob, OUTPUT CAPACITANCE (pF) 8 7 6 5 4 3 2 1 0 3 6 9 12 15 18 21 24 27 30 f = 1 MHz f , GAIN BANDWIDTH PRODUCT (MHz) 2000 1800 1600 1400 1200 1000 800 600 400 200 0 0 20 40 60 80 10 120 140 IC, COLLECTOR 0 CURRENT (mA) 160 180 200 VCC = 12 Vdc f = 200 MHz
VCB, COLLECTOR-BASE VOLTAGE (V)
Figure 2. Collector-Base Capacitance versus Voltage
Figure 3. Gain Bandwidth Product versus Collector Current
1200 1100 Pout , OUTPUT POWER (mW) 1000 900 800 700 600 500 400 300 4 5 6 7 8 9 10 11 12 13 14 f = 136 MHz 175 MHz Pin = 15 mW Pout , OUTPUT POWER (mW)
1200 1100 1000 900 800 700 600 500 400 300 110 120 130 140 150 160 170 180 190 200 210 VCC = 5 V Pin = 30 mW VCC = 7.5 V Pin = 30 mW VCC = 12.5 V Pin = 15 mW
VCC, COLLECTOR SUPPLY VOLTAGE (V)
f, FREQUENCY (MHz)
Figure 4. Output Power versus Voltage
Figure 5. Output Power versus Frequency
MOTOROLA RF DEVICE DATA
MRF4427R2 3
VCE (Volts) 5.0
IC (mA) 5.0
f (MHz) 50 100 200 500 750 1000 50 100 200 500 750 1000 50 100 200 500 750 1000 50 100 200 500 750 1000 50 100 200 500 750 1000 50 100 200 500 750 1000
S11 |S11| 0.82 0.83 0.81 0.80 0.79 0.76 0.77 0.79 0.79 0.78 0.77 0.74 0.77 0.79 0.79 0.78 0.77 0.74 0.83 0.82 0.81 0.79 0.78 0.75 0.73 0.76 0.77 0.76 0.75 0.72 0.73 0.75 0.76 0.75 0.74 0.71 - 104 - 141 - 165 169 156 144 - 151 - 168 - 180 163 152 141 - 163 - 174 177 162 151 140 - 97 - 135 - 162 171 157 145 - 143 - 164 - 177 165 154 143 - 156 - 171 59 164 153 142 |S21| 10.3 6.1 3.2 1.3 0.8 0.6 19 9.9 5.0 2.0 1.3 0.9 21.1 10.7 5.4 2.2 1.4 1.1 11 6.8 3.6 1.4 0.9 0.7 22.1 11.7 6.0 2.4 1.6 1.1 25.5 13.1 6.6 2.6 1.7 1.2
S21 125 103 85 57 42 30 107 94 82 61 48 36 103 92 82 62 50 38 129 107 88 60 44 32 111 96 84 63 49 38 106 94 83 64 51 38 |S12| 0.05 0.06 0.07 0.07 0.08 0.11 0.02 0.03 0.04 0.07 0.10 0.13 0.02 0.02 0.03 0.07 0.10 0.13 0.04 0.05 0.05 0.06 0.07 0.09 0.02 0.02 0.03 0.06 0.08 0.11 0.02 0.02 0.03 0.06 0.09 0.12
S12 38 26 21 32 49 61 36 37 49 62 66 66 37 50 62 67 69 67 46 29 24 37 55 68 38 39 48 64 67 69 41 49 60 69 70 70 |S22| 0.68 0.51 0.44 0.49 0.58 0.65 0.35 0.21 0.16 0.22 0.31 0.37 0.29 0.19 0.16 0.20 0.26 0.32 0.75 0.61 0.54 0.47 0.64 0.70 0.43 0.29 0.22 0.27 0.35 0.42 0.32 0.20 0.15 0.20 0.27 0.34
S22 - 34 - 40 - 46 - 73 - 94 - 114 - 75 - 87 - 97 - 106 - 115 - 127 - 98 - 119 - 134 - 131 - 130 - 139 - 26 - 29 - 34 - 57 - 76 - 95 - 52 - 52 - 53 - 69 - 84 - 98 - 67 - 69 - 71 - 81 - 92 - 104
25
50
12
5.0
25
50
Table 1. Common Emitter S-Parameters
Freq. (MHz) 136 175 136 175 136 175 136 175 136 175 136 175
Pin (mW) 15 15 -- -- 30 30 -- -- 30 30 -- --
Pout (mW) -- -- 1000 1000 -- -- 650 650 -- -- 450 450
VCC (Volts) 12.5 12.5 12.5 12.5 7.5 7.5 7.5 7.5 5.0 5.0 5.0 5.0
Zin (Ohms) 6.2 - j11.6 4.6 - j10.4 -- -- 5.65 - j12.6 6.25 - j12.2 -- -- 6.1 - j13.3 5.9 - j12.22 -- --
ZOL* (Ohms) -- -- 47.7 + j41.7 47.4 - j34.4 -- -- 27.6 - j32.4 27.9 - j27.6 -- -- 24.8 - j22.8 28.3 - j29.3
ZOL* = Conjugate of the optimum load impedance into which the device output operates at a given output power, voltage and frequency.
Table 2. Series Input/Output Impedances
MRF4427R2 4
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
A
8
D
5
C
E
1 4
H
0.25
M
B
M
h B C e A
SEATING PLANE
X 45 _
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS ARE IN MILLIMETERS. 3. DIMENSION D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE MOLD PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E e H h L MILLIMETERS MIN MAX 1.35 1.75 0.10 0.25 0.35 0.49 0.18 0.25 4.80 5.00 3.80 4.00 1.27 BSC 5.80 6.20 0.25 0.50 0.40 1.25 0_ 7_
q
L 0.10 A1 0.25 B
M
CB
S
A
S
STYLE 1: PIN 1. 2. 3. 4. 5. 6. 7. 8.
EMITTER COLLECTOR COLLECTOR EMITTER EMITTER BASE BASE EMITTER
q
CASE 751-05 ISSUE S
MOTOROLA RF DEVICE DATA
MRF4427R2 5
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488
MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://motorola.com/sps
MRF4427R2 6
MRF4427/D MOTOROLA RF DEVICE DATA


▲Up To Search▲   

 
Price & Availability of MRF4427

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X