Part Number Hot Search : 
SDA5457 3188M008 MSGB51T 74AUP 20060 2EZ82D10 KMB14F YT43M
Product Description
Full Text Search
 

To Download MP1580HS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EV0007
Monolithic Power Systems
General Description
The EV0007 is a 2A evaluation board based on the MP1580 DC to DC Converter. The MP1580 is a monolithic step down switch mode converter with a built in internal Power MOSFET. It achieves 2A continuous output current over a wide input supply range with excellent load and line regulation. Current mode operation provides fast transient response and eases loop stabilization. Fault condition protection includes cycle-by-cycle current limiting and thermal shutdown. In shutdown mode the regulator draws 23A of supply current. The MP1580 requires a minimum number of readily available standard external components. A synchronization pin allows the part to be driven to 600KHz.
2A MP1580 Step Down Switch Mode Converter
EVALUATION BOARD
Absolute Maximum Ratings
Supply Voltage (VVIN) Switch Voltage (VSW) Boost Voltage Feedback Voltage (VFB) EN/UVLO Voltage (VEN) COMP Voltage (VCOMP) Sync Voltage (VSync) 28V -1V to VIN +1V VSW + 6V -0.3 to 6V -0.3 to 6V -0.3 to 6V -0.3 to 6V
Recommended Operating Conditions
Input Voltage VVIN 4.75V to 25V
Ordering Information
Board Number
EV0007
MPS IC Number
MP1580HS
For Tape & Reel use suffix - Z (e.g. MP1580HS-Z)
Figure 1: EV0007 Evaluation Board
EV0007 Rev 1.5_08/14/02
www.monolithicpower.com
1
EV0007
Monolithic Power Systems
Figure 2: EV0007 Schematic
External Power Supply
2A MP1580 Step Down Switch Mode Converter
EVALUATION BOARD
L1
Available Output Voltages (VOUT)
1.22 V
C4
J1
J2
1.5 V
J3
1.8 V
J4
2.5 V
J5
3.3 V
J6
5V
VOUT GND
CN2
1 2 3 4
-+
D1
R2A
CB
CN1
R2B
R2C
R2D
R2E
1
2
3
BS IN SW GND
SYNC EN COMP FB
8
VIN=4.75V to 25V 1 GND 2 3 Sync 4 EN
7
External Load
6
C1
4
5
R1
RC
CCA
U1 MP1580HS
CC
Board Operation
This board is laid out to accommodate most commonly used Inductors and Output Capacitors and to be programmed for most standard Output Voltages.
1) Attach positive end of load to pin 1 = 2 and negative end of load to pin 3 = 4 of connector CN2. 2) For the required output voltage (VOUT = 1.22, 1.5, 1.8, 2.5, 3.3 or 5V) solder blob the appropriate
J1 thru J6 jumper respectively.
3) Attach input voltage (VIN) and input ground (GND) to Pin 1 and 2 of connector CN1 respectively.
Note VIN must be 4.75V < VIN < 25V.
4) Pin 3 of CN1 is used to synchronize the internal oscillator frequency of the MP1580 to an external
source. The synchronization rate can be vary from 380KHZ (normal operation) to 600KHz. There is an internal 11K pull down resistor to GND therefore leave this pin unconnected if unused.
5) Applying a voltage greater than 2.495V to pin 4 of CN1 enables the MP1580. Leave the input
unconnected if unused. An Under Voltage Lockout (UVLO) function can be implemented by the addition of a resistor divider from VIN to GND. For complete low current shutdown its needs to be less than 0.7V.
EV0007 Rev 1.5_08/14/02
www.monolithicpower.com
2
EV0007
Monolithic Power Systems
Table 1: EV0007 Bill of Materials
# 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Qty 1 2 1 1 1 1 1 1 1 2 1 1 1 1 1 Reference U1 CN1, CN2 CB CC CCA C1 C4 D1 L1 RC, R1 R2A R2B R2C R2D R2E Part Number MP1580HS 4 Pin Connector 10nF 0603 22nF 0603 100pF 0603 10F 25V 1210 22F 10V Y5V 1210 B230/SM 2A 30V Schottky 22H 10K 1% 2.32K 1% 4.75K 1% 10.5K 1% 16.9K 1% 30.9K 1%
2A MP1580 Step Down Switch Mode Converter
EVALUATION BOARD
Table 2. Recommended components for standard output voltages
VOUT 1.22V 1.5V 1.8V 2.5V 3.3V 5.0V Jumper Connection J1 J2 J3 J4 J5 J6 L1 minimum 6.8H 6.8H 10H 10H 15H 22H RC 4.7K 4.7K 4.7K 10K 10K 10K
EV0007 Rev 1.5_08/14/02
www.monolithicpower.com
3
EV0007
Monolithic Power Systems
Figure 3: EV0007 Layout
2A MP1580 Step Down Switch Mode Converter
EVALUATION BOARD
NOTICE: MPS believes the information in this document to be accurate and reliable. However, it is subject to change without notice. Please contact the factory for current specifications. No responsibility is assumed by MPS for its use or fit to any application, nor for infringement of patent or other rights of third parties.
EV0007 Rev 1.5 08/14/02 (c) 2002 MPS, Inc. Monolithic Power Systems, Inc. 983 University Ave, Building D, Los Gatos, CA 95032 USA Tel: 408-395-2802 Fax: 408-395-2812 Web: www.monolithicpower.com 4


▲Up To Search▲   

 
Price & Availability of MP1580HS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X