![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PanelMatchTM TM (R) LXMG1618-05-4x PRODUCTION DATASHEET 5V 4W CCFL Programmable Inverter Module DESCRIPTION KEY FEATURES WWW .Microsemi .C OM The LXMG1618-05-4x is a Single Output 4W Direct DriveTM CCFL (Cold Cathode Fluorescent Lamp) Inverter Module specifically designed for driving LCD backlight lamps. It is ideal for driving typical 8.4" to 12.1" panels. The maximum output current is externally programmable over a range of 5 to 6.5mA in 0.5mA steps to allow the inverter to properly match to a wide array of LCD panel lamp current specifications. The modules are include a dimming input that permits brightness control from either a DC voltage source, a PWM signal or an external potentiometer. LXMG1618 modules unlike the LXMG1617 series does not provide wide range `burst' mode dimming, rather dimming is provided by amplitude control of the output current waveform, this limits the potential dim range to typically less than 5:1. For applications not requiring wide range dimming, amplitude control results in lower ripple on the input supply and reduced potential transient noise generation. Many STN type panels are particularly well suited for current amplitude dimming. The modules convert DC voltage from the system battery or AC adapter directly to high frequency, high-voltage waves required to ignite and operate CCFL lamps. A 12V input inverter is also available (LXMG1618-12-4x). The modules design is based on Microsemi's new LX1689 backlight controller, which provides a number of cost and performance advantages due to the controller's high level of integration. Other benefits of this new topology are stable fixed-frequency operation, secondary-side strike-voltage regulation and both open and shorted lamp protection with fault timeout. Externally Programmable Maximum Output Current Easy to Use Brightness Control Output Short-Circuit Protection and Automatic Strike-Voltage Regulation and Timeout Analog Current Amplitude Dimming Method Fixed Frequency Operation Rated From -20 to 70C UL60950 E175910 RoHS Compliant APPLICATIONS Notebook And Sub-Notebook Portable Instrumentation Desktop Displays Industrial Display Controls BENEFITS Compact, Low Profile Design Mates to Wide Variety of LCD Panels Output Open Circuit Voltage Regulation Minimizes Corona Discharge For High Reliability IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com Protected by U.S. Patents: 5,923,129; 5,930,121; 6,198,234; Patents Pending PRODUCT HIGHLIGHT UNIVERSAL DIMMING INPUT "PWM", VDC, OR POTENTIOMETER DC Voltage Source Potentiometer PWM Signal LXMG1618-05 LXMG1618-05 Microsemi SELECTABLE MAXIMUM OUPUT CURRENT 5MA TO 6.5MARMS PACKAGE ORDER INFO 1 2 3 PART NUMBER LXMG1618-05-41 LXMG1618-05-42 Copyright (c) 2002 Rev. 1.0a, 2006-11-13 OUTPUT CONNECTOR JST SM02(8.0)B-BHS-1-TB(LF)(SN) or Yeon Ho 20015WR-05A00 JST SM02B-BHSS-1-TB(LF)(SN) or Yeon Ho 35001WR-02A00 INVERTER MATES DIRECTLY TO PANEL CONNECTORS JST BHR-03VS-1 JST BHSR-02VS-1 Page 1 Microsemi Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570 PanelMatchTM TM (R) LXMG1618-05-4x PRODUCTION DATASHEET 5V 4W CCFL Programmable Inverter Module ABSOLUTE MAXIMUM RATINGS (NOTE 1) Input Signal Voltage (VIN1) ................................................................................................................................... -0.3V to 6.5V Input Power ...................................................................................................................................................................... 5.5W Output Voltage, no load .............................................................................................................Internally Limited to 1600VRMS Output Current............................................................................................................................ 7.5mARMS (Internally Limited) Output Power.................................................................................................................................................................... 4.0W Input Signal Voltage ( SLEEP Input) ................................................................................................................... -0.3V to 5.5V Input Signal Voltage (BRITE)............................................................................................................................... -0.3V to 5.5V Ambient Operating Temperature, zero airflow .................................................................................................... -20C to 70C Storage Temperature Range .............................................................................................................................. -40C to 85C Note 1: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into, negative out of specified terminal. WWW .Microsemi .C OM RECOMMENDED OPERATING CONDITIONS (R.C.) This module has been designed to operate over a wide range of input and output conditions. However, best efficiency and performance will be obtained if the module is operated under the condition listed in the `R.C.' column. Min. and Max. columns indicate values beyond which the inverter, although operational, will not function optimally. Parameter Input Supply Voltage Range (Fully Regulated Lamp Current) Input Supply Voltage Range (Functional) Output Power Linear BRITE Control Input Voltage Range Lamp Operating Voltage Lamp Current (Full Brightness) Operating Ambient Temperature Range Symbol VIN1 PO VBRT_ADJ VLAMP IOLAMP TA Recommended Operating Conditions Min R.C. Max 4.75 4.5 0.65 to 0.9 465 5 -20 5 5 3.5 550 5.25 5.5 4.0 2.0 635* 6.5 70 Units V W V VRMS mARMS C The minimum VBRT ADJ voltage depends on the panel characteristics, depending on the panel it can vary from 0.65V to 0.9V Total output power must not exceed 4W. Higher voltage lamps may require maximum output current to be set lower than 6.5mARMS ELECTRICAL CHARACTERISTICS Unless otherwise specified, the following specifications apply over the recommended operating condition and ambient temperature of 25C except where otherwise noted. Parameter OUTPUT PIN CHARACTERISTICS Full Bright Lamp Current Full Bright Lamp Current Full Bright Lamp Current Full Bright Lamp Current Min. Average Lamp Current Lamp Start Voltage Operating Frequency IL(MAX) IL(MAX) IL(MAX) IL(MAX) IL(MIN) VLS fO VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 5VDC ISET1 = Ground, ISET2 = Ground VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 5VDC ISET1 = Ground, ISET2 = Open VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 5VDC ISET1 = Open, ISET2 = Ground VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 5VDC ISET1 = Open, ISET2 = Open VBRT_ADJ =0.65VDC, SLEEP > 2.0V, VIN1 = 5VDC ISET1 = ISET2 = Ground -20C < TA < 70C, VIN1 > 4.5VDC VBRT_ADJ = 2.5VDC, SLEEP > 2.0V, VIN1 = 5V 4.5 5.0 5.5 6.0 5 5.5 6 6.5 1.5 * 1300 76 1400 80 83 5.5 6.0 6.5 7.0 mARMS mARMS mARMS mARMS mARMS VRMS kHz Symbol Test Conditions LXMG1618-05-4x Min Typ Max Units ELECTRICALS ELECTRICALS * The Inverter is capable of a lower output current than may be recommended by the panel manufacturer. It is the user responsibility to set the minimum brightness (BRITE) input at or above the panel specification for minimum current. Copyright (c) 2002 Rev. 1.0a, 2006-11-13 Microsemi Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570 Page 2 PanelMatchTM TM (R) LXMG1618-05-4x PRODUCTION DATASHEET 5V 4W CCFL Programmable Inverter Module ELECTRICAL CHARACTERISTICS (CONTINUED) Unless otherwise specified, the following specifications apply over the recommended operating condition and ambient temperature of 25C except where otherwise noted. Parameter BRITE INPUT Input Current Minimum Input for Max. Lamp Current Minimum Input for Min. Lamp Current SLEEP INPUT RUN Mode SLEEP Mode SET1,2 INPUT SET1,2 Low Threshold Input Current POWER CHARACTERISTICS Sleep Current Run Current Efficiency IIN(MIN) IRUN VIN1 = 5VDC, SLEEP < 0.8V VIN1 = 5VDC, SLEEP 2.0V, ISET1 = Open ISET2 = Ground, VLAMP = 550VRMS VIN1 = 5VDC, SLEEP 2.0V, ISET1 = Open ISET2 = Ground, VLAMP = 550VRMS 0.0 5 830 80 20 ADC mADC % VL ISET VSET 0.4V -300 0.4 V A IBRT VBRT_ADJ VBRT_ADJ VBRT_ADJ = 0VDC VBRT_ADJ = 3VDC IO(LAMP) = Maximum Lamp Current IO(LAMP) = Minimum Lamp Current 0.65* -300 50 2.0 2.05 ADC ADC VDC VDC WWW .Microsemi .C OM Symbol Test Conditions LXMG1618-05-4x Min Typ Max Units VSLEEP VSLEEP 2.0 -0.3 VIN1 0.8 VDC VDC * The Inverter is capable of a lower output current than may be recommended by the panel manufacturer. It is the user's responsibility to set the minimum brightness (BRITE) input at or above the panel specification for minimum current. This is likely greater than the 0.65V minimum input. FUNCTIONAL PIN DESCRIPTION CONN CN1-1 CN1-2 CN1-3 CN1-4 CN1-5 CN1-6 CN1-7 CN1-8 PIN DESCRIPTION CN1 (Molex 53261-0871) Mates with 51021-0800 housing, 50079-8100 pins. Mates with LX9501G input cable assembly VIN1 GND Main Input Power Supply (4.75V < VIN1 < 5.25V) Power Supply Return ON/OFF Control. (0V < SLEEP BRITE SET1 SET2 SLEEP < 0.8 = OFF, SLEEP >= 2.0V = ON Brightness Control (0.65V to 2.0VDC). 2.0VDC gives maximum lamp current. SET1 MSB Connecting this pin to ground decreases the output current (see Table 1) SET2 LSB Connecting this pin to ground decreases the output current (see Table 1) CN2 for LXMG1618-05-41 and -42 (JST SM02(8.0)B-BHS-1-TB(LF)(SN) / Yeon Ho 20015WR-05A00 or SM02B-BHSS-1-TB(LF)(SN) / Yeon Ho 35001WR-02A00) CN2-1 CN2-2 VHI VLO High voltage connection to high side of lamp. Connect to lamp terminal with shortest lead length. DO NOT connect to Ground. Connection to low side of lamp. Connect to lamp terminal with longer lead length. DO NOT connect to Ground E ELECTRICALS Copyright (c) 2002 Rev. 1.0a, 2006-11-13 Microsemi Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570 Page 3 PanelMatchTM TM (R) LXMG1618-05-4x PRODUCTION DATASHEET 5V 4W CCFL Programmable Inverter Module TABLE 1 SETTING OUTPUT CURRENT OUTPUT CURRENT SETTINGS SET1 (Pin 7) Open* Open* Ground Ground SET2 (Pin 8) Open* Ground Open* Ground Nominal Output Current 6.5mA 6.0mA 5.5mA 5.0mA WWW .Microsemi .C OM * If driven by a logic signal it should be open collector or open drain only, not a voltage source. PHYSICAL DIMENSIONS LXMG1618-05-4X 86mm 71mm 2.80in 3.39in MOUNTING HOLE 2.44MM 0.08 DIA. CN1 3.5mm 0.138in. 16mm 0.63in. 9mm 2mm 0.354 in. 12.5mm 0.492in CN2 11mm 0.433in. GROUNDED MOUNTING HOLE 2.44MM 0.08 DIA. 60mm 0.2mm 2.36in. 0.8mm 0.0315in. 4.6mm Max 0.181in. Warning R1.0 PCB tolerances 0.5mm, M2 or 2-56 recommended mounting screws High Voltage Present at high side of transformer Weight: (5.7g) typ. and Output Connector All dimensions are in millimeters, inches are for reference only SIMPLIFIED BLOCK DIAGRAM +3V Controller V BRITE 0.65 2V DC 10K Comparator + Ramp +3V 10K SET 1 +3V 10K High Voltage Transformer V IN1 V HI Transformer Driver PACKAGE DATA PACKAGE DATA Ramp Gen OC SENSE OV SENSE I SENSE V LO SET 2 Copyright (c) 2002 Rev. 1.0a, 2006-11-13 Microsemi Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570 LAMP Page 4 PanelMatchTM TM (R) LXMG1618-05-4x PRODUCTION DATASHEET 5V 4W CCFL Programmable Inverter Module TYPICAL APPLICATION 5V DAC or Pot 0.65V 20K to 2.0V 2.7K BRITE VIN1 VHI LXMG1618-05-4x CCFL TUBE WWW .Microsemi .C OM The brightness control may be a voltage output DAC or other voltage source, a digital pot or 20K manual pot. The inverter contains an internal 10K pull-up to 3V to bias the pot add a 2.7K resistor to set the lower threshold voltage. A 3.3V Logic Level PWM signal from a micro-controller may also be used as shown in Figure 1A. If you need to turn the inverter ON/OFF remotely, connect to TTL logic signal to the SLEEP input. Connect VHI to high voltage wire from the lamp. Connect VLO to the low voltage wire (wire with thinner insulation). Never connect VLO to circuit ground as this will defeat lamp current regulation. If both lamp wires have heavy high voltage insulation, connect the longest wire to VLO. This wire is typically white. Use the SET1 and SET2 (see Figure 2) inputs to select the desired maximum output current. Using these two pins in combination allows the inverter to match a wide variety of panels from different manufactures. Generally the best lamp lifetime and efficiency correlates with driving the CCFL at the manufactures nominal current setting. However the SET1 and SET2 inputs allow the user the flexibility to adjust the current to the maximum allowable output current to increase panel brightness at the expense of some reduced lamp life. Although the SET pins are designed such that just leaving them open or grounding them is all that is needed to set the output current, they can also be actively set. Using a open collector or open drain logic signal will allow you to reduce the lamp current for situations where greater dim range is required, as an example in nighttime situations. In conjunction with a light sensor or other timer the panel could be set to higher brightness (maximum output current) for daytime illumination and lower brightness (minimum or typical output current) at nighttime. Since the dim ratio is a factor the peak output current, using this technique the effective dim ratio can be increased. Conversely the SET inputs could be used to overdrive the lamp temporarily to facilitate faster lamp warm up at initial lamp turn on. Of course any possible degradation on lamp life from such practices is the users responsibility as not all lamps are designed to be overdriven. The inverter has a built in fault timeout function. If the output is open (lamp disconnected or broken) or shorted the inverter will attempt to strike the lamp for several seconds. After about 2 seconds without success the inverter will shutdown. In order to restart the inverter it is necessary to toggle the sleep input or cycle the VIN1 input supply. SLEEP SET1 SET2 NC NC GND VLO Figure 1 - Brightness Control (output current set to maximum) PWM Signal from System P.W. BRITE LXMG1618-05-4x 10s to 125S ~26 < P.W. < 100% of period Figure 1A - PWM Brightness Control 5V BRITE VIN1 VHI CCFL TUBE VLO LXMG1618-05-4x SLEEP SET1 SET2 GND APPLICATION APPLICATION L L H H L 5.0mARMS H 5.5mARMS L 6.0mARMS H 6.5mARMS L=GND; H=Open Figure 2 - Max Output Current (SET1 and SET2 Inputs) Copyright (c) 2002 Rev. 1.0a, 2006-11-13 Microsemi Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570 Page 5 PanelMatchTM TM (R) LXMG1618-05-4x PRODUCTION DATASHEET 5V 4W CCFL Programmable Inverter Module NOTES WWW .Microsemi .C OM NOTES NOTES PRODUCTION DATA - Information contained in this document is proprietary to Microsemi and is current as of publication date. This document may not be modified in any way without the express written consent of Microsemi. Product processing does not necessarily include testing of all parameters. Microsemi reserves the right to change the configuration and performance of the product and to discontinue product at any time. Copyright (c) 2002 Rev. 1.0a, 2006-11-13 Microsemi Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570 Page 6 |
Price & Availability of LXMG1618-05-42
![]() |