Part Number Hot Search : 
TFS315 2A122K 2SK3150S F256C KFF6169A MSC1035M BZX55C30 LTC5623G
Product Description
Full Text Search
 

To Download LT1025CS8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LT1025 Micropower Thermocouple Cold Junction Compensator
FEATURES
s s s s
DESCRIPTIO
s s
80A Supply Current 4V to 36V Operation 0.5C Initial Accuracy (A Version) Compatible with Standard Thermocouples (E, J, K, R, S, T) Auxiliary 10mV/C Output Available in 8-Lead PDIP and SO Packages
The LT(R)1025 is a micropower thermocouple cold junction compensator for use with type E, J, K, R, S, and T thermocouples. It utilizes wafer level and post-package trimming to achieve 0.5C initial accuracy. Special curvature correction circuitry is used to match the "bow" found in all thermocouples so that accurate cold junction compensation is maintained over a wider temperature range. The LT1025 will operate with a supply voltage from 4V to 36V. Typical supply current is 80A, resulting in less than 0.1C internal temperature rise for supply voltages under 10V. A 10mV/C output is available at low impedance, in addition to the direct thermocouple voltages of 60.9V/C (E), 51.7V/C (J), 40.3V/C (K, T) and 5.95V/C (R, S). All outputs are essentially independent of power supply voltage. A special kit is available (LTK001) which contains an LT1025 and a custom tailored thermocouple amplifier. The amplifier and compensator are matched to allow a much tighter specification of temperature error than would be obtained by adding the compensator and amplifier errors on a worst-case basis. The amplifier from this kit is available separately as LTKA0x. The LT1025 is available in either an 8-pin PDIP or 8-pin SO package for temperatures between 0C and 70C.
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATIO S
s s s
Thermocouple Cold Junction Compensator Centigrade Thermometer Temperature Compensation Network
BLOCK DIAGRA
TYPICAL APPLICATIO
R2 100 FULL-SCALE TRIM R1 1k 1%
Type K 10mV/C Thermometer
E 60.9V/C VIN J 51.7V/C
R3** 255k 1%
+
BOW* CORRECTION VOLTAGE 10mV/C TEMPERATURE SENSOR BUFFER K,T 40.6V/C R, S 6V/C
V+ VIN K
-
V+
-
LTKA0x
R- COMMON V0 10mV/C
-
+
+
V- C1 0.1F
LT1025 GND R- VO TYPE K R4* V-
V- *R4 30A , R4 IS NOT REQUIRED (OPEN) FOR LT1025 TEMPERATURES 0C **SELECTED FOR 0C TO 100C RANGE EQUIVALENT. SEE "AMPLIFIER CONSIDERATIONS"
LT1025 * TA01
GND *CORRECTS FOR BOW IN COLD JUNCTION, NOT IN PROBE (HOT JUNCTION)
OR
LT1025 * BD01
U
U
C2 0.1F VOUT 10mV/C
1025fb
W
U
1
LT1025
ABSOLUTE
(Note 1)
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW E 60.9V/C 1 VIN 2 VO 3 10mV/C GND 4 N8 PACKAGE 8-LEAD PDIP 8 7 6 5 J 51.7V/C K, T 40.6V/C R, S 6V/C R- COMMON
Input Supply Voltage .......................................... 36V Output Voltage (Forced)........................................ 5V Output Short-Circuit Duration ..................... Indefinite Operating Temperature Range LT1025AC, LT1025C ............................0C to 70C LT1025AM, LT1025M .................. - 55C to 125C Storage Temperature Range ............ - 55C to 150C
ORDER PART NUMBER LT1025ACN8 LT1025CN8 LT1025CS8 S8 PART MARKING 1025 LT1025AMJ8 LT1025MJ8
S8 PACKAGE 8-LEAD PLASTIC SO
TJMAX = 150C, JA = 130C/W (N8) TJMAX = 150C, JA = 190C/W (S8) J8 PACKAGE 8-LEAD CERDIP TJMAX = 150C, JA = 100C/W
OBSOLETE PACKAGE
Consider the N8 Package for Alternate Source
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
PARAMETER Temperature Error at 10mV/C Output (Notes 4, 5) CONDITIONS TJ = 25C LT1025A LT1025
The q denotes the specifications which apply over the full operating temperature range, otherwise specificatons are at TA = 25C. VS = 5V, Pin 5 tied to Pin 4, unless otherwise noted.
MIN TYP 0.3 0.5
q
MAX 0.5 2.0
UNITS C C
Full Temperature Span Resistor Divider Accuracy (Notes 2, 4) VOUT = 10mV/C LT1025A E J K, T R, S E J K, T R, S
See Curve 60.6 51.4 40.3 5.8 60.4 51.2 40.2 5.75 60.9 51.7 40.6 5.95 60.9 51.7 40.6 5.95 80 61.3 52.1 41.0 6.2 61.6 52.3 41.2 6.3 100 150 200 0.02 0.2 V/C V/C V/C V/C V/C V/C V/C V/C A A A C/V C k k k k 0.05 A/V
LT1025
Supply Current
4V VIN 36V LT1025AC, LT1025C LT1025AM, LT1025M 4V VIN 36V 0 IO 1mA E J K, T R, S 4V VIN 36V
q q q q
50 50
Line Regulation (Note 3) Load Regulation (Note 3) Divider Impedance
0.003 0.04 2.5 2.1 4.4 3.8 0.01
Change in Supply Current
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: Divider accuracy is measured by applying a 10.000V signal to the output divider and measuring the individual outputs. Note 3: Regulation does not include the effects of self-heating. See "Internal Temperature Rise" in Application Guide. Load regulation is 30A IO 1mA for TA 0C.
Note 4: To calculate total temperature error at individual thermocouple outputs, add 10mV/C output error to the resistor divider error. Total error for type K output at 25C with an LT1025A is 0.5C plus (0.4V/C)(25C)/ (40.6V/C) = 0.5C + 0.25C = 0.75C. Note 5: Temperature error is defined as the deviation from the following formula: VOUT = 10mV(T) + (10mV)(5.5 * 10-4)(T - 25C)2. The second term is a built-in nonlinearity designed to help compensate the nonlinearity of the cold junction. This "bow" is 0.34C for a 25C temperature change.
1025fb
2
U
W
U
U
WW
W
LT1025 TYPICAL PERFOR A CE CHARACTERISTICS
10mV/C Output Temperature Error LT1025
10 8
TEMPERATURE ERROR (C) TEMPERATURE ERROR (C)
6 4 2 0 -2 -4 -6 -8
GUARANTEED LIMITS* LT1025
1 0 -1 -2 -3 -4
CURRENT (A)
-10 50 25 0 75 100 -50 -25 JUNCTION TEMPERATURE (C)
*ERROR CURVE FACTORS IN THE NONLINEARITY TERM BUILT IN TO THE LT1025. SEE THEORY OF OPERATION IN APPLICATION GUIDE SECTION
APPLICATIO S I FOR ATIO
The LT1025 was designed to be extremely easy to use, but the following ideas and suggestions should be helpful in obtaining the best possible performance and versatility from this new cold junction compensator. Theory of Operation A thermocouple consists of two dissimilar metals joined together. A voltage (Seebeck EMF) will be generated if the two ends of the thermocouple are at different temperatures. In Figure 1, iron and constantan are joined at the temperature measuring point T1. Two additional thermocouple junctions are formed where the iron and constantan connect to ordinary copper wire. For the purposes of this discussion it is assumed that these two junctions are at the same temperature, T2. The Seebeck voltage, VS, is the product of the Seebeck coefficient , and the temperature difference, T1 - T2; VS = (T1 - T2). The junctions at T2 are commonly called the cold junction because a common practice is to immerse the T2 junction in 0C ice/water slurry to make T2 independent of room temperature variations. Thermocouple tables are based on a cold-junction temperature of 0C.
U
W
UW
LT1025 * G01
10mV/C Output Temperature Error LT1025A
5 4 3 2 GUARANTEED LIMITS* LT1025A
Supply Current
200 180 160 140 120 100 80 60 40 20
125
DOES NOT INCLUDE 30A PULL-DOWN CURRENT REQUIRED FOR TEMPERATURES BELOW 0C TJ = 125C
TJ = 25C
TJ = -55C PIN 4 TIED TO PIN 5
125
-5 50 25 0 75 100 -50 -25 JUNCTION TEMPERATURE (C)
0 0 5 10 15 20 25 30 SUPPLY VOLTAGE (V) 35 40
LT1025 * G02
LT1025 * G03
*ERROR CURVE FACTORS IN THE NONLINEARITY TERM BUILT IN TO THE LT1025. SEE THEORY OF OPERATION IN APPLICATION GUIDE SECTION
UU
To date, IC manufacturers efforts to make microminiature thermos bottles have not been totally successful. Therefore, an electronically simulated cold-junction is required for most applications. The idea is basically to add a temperature dependent voltage to VS such that the voltage sum is the same as if the T2 junction were at a constant 0C instead of at room temperature. This voltage source is called a cold junction compensator. Its output is designed to be 0V at 0C and have a slope equal to the Seebeck coefficient over the expected range of T2 temperatures.
TEMPERATURE T1 TO BE MEASURED Fe T2 CONSTANTAN Cu Cu
}
VS
LT1025 MUST BE LOCATED NEXT TO COLD JUNCTION FOR TEMPERATURE TRACKING
LT1025 * AG01
Figure 1
To operate properly, a cold junction compensator must be at exactly the same temperature as the cold junction of the thermocouple (T2). Therefore, it is important to locate the LT1025 physically close to the cold junction with local temperature gradients minimized. If this is not possible,
1025fb
3
LT1025
APPLICATIO S I FOR ATIO
an extender made of matching thermocouple wire can be used. This shifts the cold junction from the user termination to the end of the extender so that the LT1025 can be located remotely from the user termination as shown in Figure 2.
LT1025 Fe "HOT" JUNCTION CN FRONT PANEL CONNECTOR CN EXTENDER Cu "NEW" COLD JUNCTION
LT1025 * AG02
Fe
Cu
AMPLIFIER
Figure 2
The four thermocouple outputs on the LT1025 are 60.9V/C (E), 51.7V/C (J), 40.6V/C (K and T), and 6V/C (R and S). These particular coefficients are chosen to match the room temperature (25C) slope of the thermocouples. Over wide temperature ranges, however, the slope of thermocouples changes, yielding a quasiparabolic error compared to a constant slope. The LT1025 outputs have a deliberate parabolic "bow" to help compensate for this effect. The outputs can be mathematically described as the sum of a linear term equal to room temperature slope plus a quadratic term proportional to temperature deviation from 25C squared. The coefficient () of the quadratic term is a compromise value chosen to offer improvement in all the outputs. VOUT = T + (T -25)2 5.5 * 10- 4 The actual term which would be required to best compensate each thermocouple type in the temperature range of 0C to 50C is: E, 6.6 * 10-4; J, 4.8 * 10-4; K, 4.3 * 10-4; R, 1.9 * 10-3, S, 1.9 * 10-3; T, 1 * 10-3.
The temperature error specification for the LT1025 10mV/C output (shown as a graph) assumes a of 5.5 *10 -4. For example, an LT1025 is considered "perfect" if its 10mV/C output fits the equation VO = 10mV(T) + (10mV)(5.5 * 10 -4)(T - 25C)2.
Operating at Negative Temperatures The LT1025 is designed to operate with a single positive supply. It therefore cannot deliver proper outputs for
4
U
temperatures below zero unless an external pull-down resistor is added to the VO output. This resistor can be connected to any convenient negative supply. It should be selected to sink at least 30A of current. Suggested value for a - 5V supply is 150k, and for a - 15V supply, 470k. Smaller resistors must be used if an external load is connected to the 10mV/C output. The LT1025 can source up to 1mA of current, but there is a trade-off with internal temperature rise. Internal Temperature Rise The LT1025 is specified for temperature accuracy assuming no internal temperature rise. At low supply voltages this rise is usually negligible ( 0.05C at 5V), but at higher supply voltages or with external loads or pull-down current, internal rise could become significant. This effect can be calculated from a simple thermal formula, T = (JA) (V +)(IQ + IL), where JA is thermal resistance from junction to ambient, (130C/W), V+ is the LT1025 supply voltage, IQ is the LT1025 supply current ( 80A) and IL is the total load current including actual load to ground and any pulldown current needed to generate negative outputs. A sample calculation with a 15V supply and 50A pull-down current would yield, (130C/W) (15V) (80A + 50A) = 0.32C. This is a significant rise in some applications. It can be reduced by lowering supply voltage (a simple fix is to insert a 10V zener in the VIN lead) or the system can be calibrated and specified after an initial warm-up period of several minutes. Driving External Capacitance The direct thermocouple drive pins on the LT1025 (J, K, etc.) can be loaded with as much capacitance as desired, but the 10mV/C output should not be loaded with more than 50pF unless external pull-down current is added, or a compensation network is used. Thermocouple Effects in Leads Thermocouple voltages are generated whenever dissimilar materials are joined. This includes the leads of IC packages, which may be kovar in TO-5 cans, alloy 42 or copper in dual-in-line packages, and a variety of other materials in plating finishes and solders. The net effect of these thermocouples is "zero" if all are at exactly the
1025fb
W
UU
LT1025
APPLICATIO S I FOR ATIO
same temperature, but temperature gradients exist within IC packages and across PC boards whenever power is dissipated. For this reason, extreme care must be used to ensure that no temperature gradients exist in the vicinity of the thermocouple terminations, the LT1025, or the thermocouple amplifier. If a gradient cannot be eliminated, leads should be positioned isothermally, especially the LT1025 R- and appropriate output pins, the amplifier input pins, and the gain setting resistor leads. An effect to watch for is amplifier offset voltage warm-up drift caused by mismatched thermocouple materials in the wire-bond/ lead system of the IC package. This effect can be as high as tens of microvolts in TO-5 cans with kovar leads. It has nothing to do with the actual offset drift specification of the amplifier and can occur in amplifiers with measured "zero" drift. Warm-up drift is directly proportional to amplifier power dissipation. It can be minimized by avoiding TO-5 cans, using low supply current amplifiers, and by using the lowest possible supply voltages. Finally, it can be accommodated by calibrating and specifying the system after a five minute warm-up period. Reversing the Polarity of the 10mV/C Output The LT1025 can be made to "stand on its head" to achieve a minus 10mV/C output point. This is done as shown in Figure 3. The normal output (VO) is grounded and feedback is established between the ground pin and the positive supply pin by feeding both of them with currents while coupling them with a 6V zener. The ground pin will
V + (15V) I+ R2 15k
VIN VO D1 VZ 6V LT1025 GND VOUT -10mV/C I- R1 47k IL RL
V - (-15V)
LT1025 * AG03
Figure 3
U
now be forced by feedback to generate -10mV/C as long as the grounded output is supplying a net "source" current into ground. This condition is satisfied by selecting R1 such that the current through R1 (I-) is more than the sum of the LT1025 supply current, the maximum load current (IL), and the minimum zener current ( 50A). R2 is then selected to supply more current than I-. R1 = V + - VZ (6 V) V- , R2 = - 300A + IL V /R1 + 280A For 15V supplies, with IL = 20A maximum, R1 = 47k and R2 = 15k. Amplifier Considerations Thermocouple amplifiers need very low offset voltage and drift, and fairly low bias current if an input filter is used. The best precision bipolar amplifiers should be used for type J, K, E, and T thermocouples which have Seebeck coefficients of 40V/C to 60V/C. In particularly critical applications or for R and S thermocouples (6V/C to 15V/C), a chopper-stabilized amplifier is required. Linear Technology offers three amplifiers specifically tailored for thermocouple applications. The LTKA0x is a bipolar design with extremely low offset (< 35V), low drift (<1.5V/C), very low bias current (<1nA), and almost negligible warm-up drift (supply current is 400A). It is very cost effective even when compared with "jellybean" op amps with vastly inferior specifications. For the most demanding applications, the LTC1050 and LTC1052 CMOS chopper-stabilized amplifiers offer 5V offset and 0.05V/C drift (even over the full military temperature range). Input bias current is 30pA, and gain is typically 30 million. These amplifiers should be used for R and S thermocouples, especially if no offset adjustments can be tolerated, or a large ambient temperature swing is expected. Regardless of amplifier type, it is suggested that for best possible performance, dual-in-line (DIP) packages be used to avoid thermocouple effects in the kovar leads of TO-5 metal can packages if amplifier supply current exceeds 500A. These leads can generate both DC and AC offset terms in the presence of thermal gradients in the package and/or external air motion.
1025fb
W
UU
5
LT1025
APPLICATIO S I FOR ATIO
ERROR TYPE E AND T (C)
In many situations, thermocouples are used in high noise environments, and some sort of input filter is required. (See discussion of input filters). To reject 60Hz pick-up with reasonable capacitor values, input resistors in the 10k-100k range are needed. Under these conditions, bias current for the amplifier needs to be less than 1nA to avoid offset and drift effects. To avoid gain error, high open loop gain is necessary for single-stage thermocouple amplifiers with 10mV/C or higher outputs. A type K amplifier, for instance, with 100mV/C output, needs a closed loop gain of 2,500. An ordinary op amp with a minimum open loop of 50,000 would have an initial gain error of (2,500)/(50,000) = 5%! Although closed loop gain is commonly trimmed, temperature drift of open loop gain will have a very deleterious effect on output accuracy. Minimum suggested open loop gain for type E, J, K, and T thermocouples is 250,000. This gain is adequate for type R and S if output scaling is 10mV/C or less.
Suggested Amplifier Types
SUPPLY VOLTAGE THERMOCOUPLE E, J, K, T 15V LTKA0x LT1012 LT1001 5V LTKA0x LT1012 LT1001 LTC1050 LTC1052 LT1006 LTC1050 LTC1052 LTKA0x SINGLE SUPPLY LTC1050 LTC1052 LT1006
OUTPUT (V)
R, S
LTKA0x LT1012
LTC1050 LTC1052 LT1006
Thermocouple Nonlinearities Thermocouples are linear over relatively limited temperature spans if accuracies of better than 2C are needed. The graph in Figure 4 shows thermocouple nonlinearity for the temperature range of 0C to 400C. Nonlinearities can be dealt with in hardware by using offsets, breakpoints, or power series generators. Software solutions include look-up tables, power series expansions, and piece-wise approximations. For tables and power series coefficients, the reader is referred to the ASTM Publication 470A. Hardware correction for nonlinearity can be as simple as an offset term. This is shown in Figure 5. The thermocouple shown in the figure has an increasing slope () with
6
U
0 2.5 5 7.5 10 12.5 15 17.5 20 0 50 SCALET SCALEE JSCALE KSCALE 0 1 2 3 4 5 6 7 8
W
UU
ERROR TYPE J AND K (C)
100 150 200 250 300 350 400 TEMPERATURE (C)
LT1025 * G04
Figure 4. Thermocouple Nonlinearity, 0C to 400C
ERROR BEFORE OFFSETTING VH ERROR AFTER OFFSETTING OFFSET AMPLIFIER SIMPLE AMPLIFIER THERMOCOUPLE VL
0
TL T1/6 TM T5/6 TH TEMPERATURE (C)
LT1025 * G05
Figure 5. Offset Curve Fitting
temperature. The temperature range of interest is between TL and TH, with a calibration point at TM. If a simple amplifier is used and calibrated at TM, the output will be very high at TL and very low at TH. Adding the proper offset term and calibrating at T1/6 or T5/6 can significantly reduce errors. The technique is as follows: 1. Calculate amplifier gain: G = (SF) (TH - TL)/(VH - VL) SF = Output scale factor, e.g., 10mV/C VH = Thermocouple output at TH VL = Thermocouple output at TL 2. Use precision resistors to set gain or calibrate gain by introducing a precision "delta" input voltage and trimming for proper "delta" output.
1025fb
LT1025
APPLICATIO S I FOR ATIO
3. Calibrate output by adding in a true offset term which does not affect gain (by summing, etc.). Calibration may be done at any temperature either by immersing the thermocouple in a calibrated bath or by substituting a precision input voltage. The method which tends to minimize worst-case error over the whole TL to TH range
TYPICAL APPLICATIO S
Eliminating Amplifier Feedback Resistors (Output Goes Negative with Increasing Temperature)
15V
3k
+
-
C2 1F
TYPE K
OR EQUIVALENT. SEE "AMPLIFIER CONSIDERATIONS"
Type K Thermometer with Grounded Thermocouple
R2 100 R6 9.1k R1 1k 1% V R3 255k 1%
0.1F LT1025
+
-
R5 10k C2 1F TYPE K LTKA0x
+
V-
U
is to calibrate at 1/6 or 5/6 of span. This may be modified if best accuracy is desired at one particular point. Breakpoint correction for nonlinearity is more complicated than a simple offset, but a single breakpoint combined with offset will reduce errors typically by 4:1 over a simple offset technique.
VIN LT1025 C1 0.1F K GND VO R- 300k -15V 2 15V 7 6 VOUT -10mV/C
W
U
UU
- +
LTKA0x 3 4 -15V
V+
VIN
VO R4* 470k V- -15V
VOUT 10mV/C *R4 V- IF OUTPUT MUST SINK CURRENT, R4 30A MUST BE DECREASED APPROPRIATELY. R4 IS NOT REQUIRED (OPEN) FOR LT1025 TEMPERATURES 0C WHEN SOURCING CURRENT ONLY OR EQUIVALENT. SEE "AMPLIFIER CONSIDERATIONS"
GND
R-
1025fb
7
LT1025
TYPICAL APPLICATIO S
Differential Thermocouple Amplifier
C1* R3 1M 0.1% R1 10k 0.1% V+
TYPE K VCM
*C1 AND C2 FILTER RIPPLE AND NOISE, BUT WILL LIMIT AC COMMON-MODE REJECTION IF NOT MATCHED. SUGGESTED VALUES ARE 0.001F TO 0.1F **USE LOWEST POSSIBLE SUPPLY VOLTAGE TO MINIMIZE INTERNAL TEMPERATURE RISE FOR BEST ACCURACY, THERMOCOUPLE RESISTANCE SHOULD BE LESS THAN 100 OR EQUIVALENT. SEE "AMPLIFIER CONSIDERATIONS"
Utilizing Negative LT1025 Drive to Accommodate Grounded Thermocouple*
15V R7 15k
6V
8
U
-
LTKA0x
-
+
+
R2 10k 0.1% 5V** V- R4 1M 0.1% R5 3k VO C2*
R6 7.5k 1%
VOUT 10mV/C
R7 500 FULL-SCALE TRIM R8 5k 1%
VIN LT1025 GND
10mV/C
- R9 = (V )(10k) 100k VOUT (MAX)
V- -15V
VIN LT1025 VO GND -10mV/C R5 47k -15V R4 141k 15V R1 1k 1% R2 100 C1 0.1F R3 141k 1% V OUT 10mV/C 0C TO 500C
-
R6 10k 1F TYPE E LTKA0x
-
+
+
-15V
*SEE "REVERSING THE POLARITY OF THE 10mV/C OUTPUT" OR EQUIVALENT. SEE "AMPLIFIER CONSIDERATIONS"
1025fb
LT1025
TYPICAL APPLICATIO S
Type S Thermocouple Amplifier with Ultralow Offset and Drift
V+ VIN R,S LT1025 R- VO TYPE S R7 750k R6 12k LT1009 2.5V
GND
* TRIM R5 FOR VOUT = 1.669V AT VIN = 0.000mV (+INPUT OF AMPLIFIER GROUNDED) ** TRIM R2 FOR VOUT = 9.998V AT T = 1000C, OR FOR VIN AT +INPUT OF AMPLIFIER = 9.585mV THIS AMPLIFIER HAS A DELIBERATE OFFSET TO ALLOW OUTPUT SLOPE (10mV/C) TO BE SET INDEPENDENTLY FROM AN ARBITRARY HIGH TEMPERATURE CENTER POINT (1000C). THIS IS REQUIRED BECAUSE THE SLOPE OF TYPE "S" THERMOCOUPLES VARIES RAPIDLY WITH TEMPERATURE, INCREASING FROM 6V/C AT 25C to 11V/C AT 1000C. NONLINEARITY LIMITS ACCURACY TO 3C OVER THE 800C TO 1200C RANGE EVEN WITH OFFSET CORRECTION
U
R2** 100 FULL-SCALE TRIM
R3 909k 1%
R1 1k 1%
R4 0.1F 2.7k 15V 7 V+ 5 LT1052 - 3 + V4 1 0.1F 2
-
6 8
VOUT 10mV/C 800C TO 1200C
-
+
1F
R4 1.37M 1%
0.1F
R5* 10k OFFSET TRIM
-15V
LT1025 * TA06
1025fb
9
LT1025
PACKAGE DESCRIPTIO
CORNER LEADS OPTION (4 PLCS)
.045 - .068 (1.143 - 1.650) FULL LEAD OPTION .300 BSC (7.62 BSC)
.008 - .018 (0.203 - 0.457)
NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE OR TIN PLATE LEADS
10
U
J8 Package 8-Lead CERDIP (Narrow 0.300, Hermetic)
(LTC DWG # 05-08-1110)
.005 (0.127) MIN .405 (10.287) MAX 8 7 6 5 .023 - .045 (0.584 - 1.143) HALF LEAD OPTION .025 (0.635) RAD TYP 1 2 3 .220 - .310 (5.588 - 7.874) 4 .200 (5.080) MAX .015 - .060 (0.381 - 1.524) 0 - 15 .045 - .065 (1.143 - 1.651) .014 - .026 (0.360 - 0.660) .100 (2.54) BSC .125 3.175 MIN
J8 0801
OBSOLETE PACKAGE
1025fb
LT1025
PACKAGE DESCRIPTIO
.300 - .325 (7.620 - 8.255)
.008 - .015 (0.203 - 0.381)
.065 (1.651) TYP .120 (3.048) .020 MIN (0.508) MIN .018 .003 (0.457 0.076)
(
+.035 .325 -.015 +0.889 8.255 -0.381
)
INCHES MILLIMETERS *THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .010 INCH (0.254mm)
NOTE: 1. DIMENSIONS ARE
.050 BSC 8
.245 MIN
.030 .005 TYP RECOMMENDED SOLDER PAD LAYOUT .010 - .020 x 45 (0.254 - 0.508) .008 - .010 (0.203 - 0.254) 0- 8 TYP
.016 - .050 (0.406 - 1.270) NOTE: 1. DIMENSIONS IN
INCHES (MILLIMETERS) 2. DRAWING NOT TO SCALE 3. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
U
N8 Package 8-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
.400* (10.160) MAX 8 7 6 5 .045 - .065 (1.143 - 1.651) .130 .005 (3.302 0.127) .255 .015* (6.477 0.381) 1 2 3 4
N8 1002
.100 (2.54) BSC
S8 Package 8-Lead Plastic Small Outline (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1610)
.045 .005
.189 - .197 (4.801 - 5.004) NOTE 3 7 6 5
.160 .005 .228 - .244 (5.791 - 6.197)
.150 - .157 (3.810 - 3.988) NOTE 3
1
2
3
4
.053 - .069 (1.346 - 1.752)
.004 - .010 (0.101 - 0.254)
.014 - .019 (0.355 - 0.483) TYP
.050 (1.270) BSC
SO8 0303
1025fb
11
LT1025
TYPICAL APPLICATIO U
Grounded Thermocouple Amplifier with Positive Output
R1 10k 1% R3 1M 1% R4 10k R5 FULL-SCALE 2k ADJUST C1 0.01F R6** 8.4k
+
-
TYPE J* V
+
VIN
V+
-
LT1025 R- J C2 0.01F R7 6.8k LTKA0x VOUT 10mV/C
GND
+
V-
LT1025 * TA07
* FOR BEST ACCURACY, THERMOCOUPLE RESISTANCE SHOULD BE LESS THAN 50 ** SELECTED FOR 0C TO 200C RANGE OR EQUIVALENT. SEE "AMPLIFIER CONSIDERATIONS"
RELATED PARTS
PART NUMBER LT1012 LTC1050 LTC2050 DESCRIPTION Picoamp Input Current Op Amp Zero Drift Amplifier SOT-23 Zero Drift Amplifier COMMENTS 120V Max VOS, 280pA Max IOS 5V Max VOS, AVOL 1V/V Max 3V Max VOS
1025fb
12 Linear Technology Corporation
(408) 432-1900 q FAX: (408) 434-0507
q
LT/TP 1103 1K REV B * PRINTED IN USA
1630 McCarthy Blvd., Milpitas, CA 95035-7417
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 1988


▲Up To Search▲   

 
Price & Availability of LT1025CS8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X