Part Number Hot Search : 
M25SI N70A15 TL220 SA28A MP508W RLA920 M2816 FMM5118X
Product Description
Full Text Search
 

To Download KSD1616 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KSD1616/1616A
KSD1616/1616A
Audio Frequency Power Amplifier & Medium Speed Switching
* Complement to KSB1116/1116A
1
TO-92
1. Emitter 2. Collector 3. Base
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings Ta=25C unless otherwise noted
Symbol VCBO VCEO VEBO IC ICP PC TJ TSTG Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current (DC) * Collector Current (Pulse) Collector Power Dissipation Junction Temperature Storage Temperature : KSD1616 : KSD1616A : KSD1616 : KSD1616A Ratings 60 120 50 60 6 1 2 0.75 150 -55 ~ 150 Units V V V V V A A W C C
* PW10ms, Duty Cycle < 50%
Electrical Characteristics Ta=25C unless otherwise noted
Symbol ICBO IEBO hFE1 hFE2 VBE (on) VCE (sat) VBE (sat) Cob fT tON tSTG tF * Base-Emitter On Voltage * Collector-Emitter Saturation Voltage * Base-Emitter Saturation Voltage Output Capacitance Current Gain Bandwidth Product Turn On Time Storage Time Fall Time Parameter Collector Cut-off Current Emitter Cut-off Current DC Current Gain : KSD1616 : KSD1616A Test Condition VCB=60V, IE=0 VEB=6V, IC=0 VCE=2V, IC=100mA VCE=2V, IC=1A VCE=2V, IC=50mA IC=1A, IB=50mA IC=1A, IB=50mA VCE=10V, IE=0, f=1MHz VCE=2V, IC=100mA VCC=10V, IC=100mA IB1= -IB2=10mA VBE (off) = -2~-3V 100 135 135 81 600 640 0.15 0.9 19 160 0.07 0.95 0.07 Min. Typ. Max. 100 100 600 400 700 0.3 1.2 mV V V pF MHz s s s Units nA nA
* Pulse Test: PW<350s, Duty Cycle2% Pulsed
hFE1 Classification
Classification hFE1 Y 135 ~ 270 G 200 ~ 400 L 300 ~ 600
(c)2002 Fairchild Semiconductor Corporation
Rev. A2, September 2002
KSD1616/1616A
Typical Characteristics
100
1.0
IB = 300A
IC[mA], COLLECTOR CURRENT
80
IC[A], COLLECTOR CURRENT
0.8
IB
=
IB = 5.0mA IB = 4.5mA
4. 0m A
IB = 3.5mA
IB = 3.0mA IB = 2.5mA IB = 2.0mA IB = 1.5mA
IB = 250A IB = 200A
60
0.6
IB = 150A
40
0.4
IB = 1.0mA IB = 0.5mA
IB = 100A
20
0.2
IB = 50A
0 0 2 4 6 8 10 0.0 0.0 0.2 0.4 0.6 0.8 1.0
VCE [V], COLLECTOR-EMITTER VOLTAGE
VCE[V], COLLECTOR-EMITTER VOLTAGE
Figure 1. Static Characteristic
Figure 2. Static Characteristic
1000
VBE(sat), VCE(sat)[V], SATURATION VOLTAGE
10
VCE = 2V
IC = 20 IB
hFE, DC CURRENT GAIN
100
1
VBE(sat)
10
0.1
VCE(sat)
1 0.01
0.1
1
10
0.01 0.01
0.1
1
10
IC[mA], COLLECTOR CURRENT
IC[A], COLLECTOR CURRENT
Figure 3. DC current Gain
Figure 4. Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage
1000
10
V CC = -10V
IE=0 f = 1MHz
IC = 10IB1 = -10IB2
Cob[pF], CAPACITANCE
100
tON, tSTG, tF [s], TIME
1
tSTG
10
0.1
tF
tON
1 1 10 100
0.01 -0.001
-0.01
-0.1
-1
VCB [V], COLLECTOR-BASE VOLTAGE
IC[A], COLLECTOR CURRENT
Figure 5. Collector Output Capacitance
Figure 6. Switching Time
(c)2002 Fairchild Semiconductor Corporation
Rev. A2, September 2002
KSD1616/1616A
Typical Characteristics (Continued)
fT[MHz], CURRENT GAIN-BANDWIDTH PRODUCT
1000
10
VCE = 2V
IC[A], COLLECTOR CURRENT
100
1
10 m
20 0 ms
s
PW
=1 m
s
10
0.1
DC
1 0.01
0.01 0.1 1 10 1 10 100
IC[mA], COLLECTOR CURRENT
VCE [V], COLLECTOR-EMITTER VOLTAGE
Figure 7. Current Gain Bandwidth Product
Figure 8. Safe Operating Area
0.8
0.7
PC[W], POWER DISSIPATION
0.6
0.5
0.4
0.3
0.2
0.1
0.0 0 25 50
o
75
100
125
150
175
200
Ta[ C], AMBIENT TEMPERATURE
Figure 9. Power Derating
(c)2002 Fairchild Semiconductor Corporation
D1616
Rev. A2, September 2002
D1616A
KSD1616/1616A
Package Dimensions
TO-92
4.58 -0.15
+0.25
0.46
14.47 0.40
0.10
4.58 0.20
1.27TYP [1.27 0.20] 3.60
0.20
1.27TYP [1.27 0.20]
0.38 -0.05
+0.10
3.86MAX
1.02 0.10
0.38 -0.05
+0.10
(R2.29)
(0.25)
Dimensions in Millimeters
(c)2002 Fairchild Semiconductor Corporation Rev. A2, September 2002
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FACTTM ActiveArrayTM FACT Quiet seriesTM BottomlessTM FAST(R) FASTrTM CoolFETTM CROSSVOLTTM FRFETTM GlobalOptoisolatorTM DOMETM EcoSPARKTM GTOTM E2CMOSTM HiSeCTM EnSignaTM I2CTM Across the board. Around the world.TM The Power FranchiseTM Programmable Active DroopTM DISCLAIMER
ImpliedDisconnectTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM
PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SILENT SWITCHER(R) SMART STARTTM
SPMTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET(R) VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2002 Fairchild Semiconductor Corporation
Rev. I1


▲Up To Search▲   

 
Price & Availability of KSD1616

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X