Part Number Hot Search : 
62081 LG32240 L5257 MR2535L 54054 DR204 AX160 54054
Product Description
Full Text Search
 

To Download KBU401G1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBU401G - KBU407G
Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers KBU
Features
UL Recognized File # E-96005 Glass passivated junction Ideal for printed circuit board Reliable low cost construction Plastic material has Underwriters Laboratory Flammability Classification 94V-0 Surge overload rating to 150 amperes peak High temperature soldering guaranteed: 260oC / 10 seconds / .375", (9.5mm) lead lengths at 5 lbs., (2.3kg) tension Weight: 0. 3 ounce, 8.0 grams Mounting torque: 5 in. lbs. Max.
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TA = 50 oC Peak Forward Surge Current, 8.3 ms Single Half Sne-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 2.0A @ 4.0A Maximum DC Reverse Current @ TA=25 oC at Rated DC Blocking Voltage @ TA=125 oC Typical thermal resistance (Note 1) (Note 2) Operating Temperature Range
Symbol KBU 401G VRRM 50 VRMS 35 VDC 50 I(AV) IFSM
KBU 402G 100 70 100
KBU 403G 200 140 200
KBU 404G 400 280 400 4.0 150
KBU 405G 600 420 600
KBU 406G 800 560 800
KBU Units 407G 1000 V 700 V 1000 V A A
VF IR RJA RJL
TJ
Storage Temperature Range TSTG C 1. Units Mounted on P.C.B. with 0.5" x 0.5" (12mm x 12mm) Copper Pads and 0.375" (9.5mm) Lead Length. Notes: 2. Units Mounted on a 2.0" x 3.0" x 0.25" Al. Plate.
1.0 1.1 5.0 500 19 4.0 -55 to +150 -55 to + 150
V uA uA
o
C/W
o o
C
- 678 -
Version: A06


▲Up To Search▲   

 
Price & Availability of KBU401G1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X