Part Number Hot Search : 
NTE1381 560EVAL EMEM1123 LC104B IX4423 LC104B DMP3130L LX5506E
Product Description
Full Text Search
 

To Download KBU401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBU401 THRU KBU407
Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
Voltage Range 50 to 1000 Volts Current 4.0 Amperes
Features
UL Recognized File # E-96005 High surge current capability Ideal for printed circuit board Reliable low cost construction technique results in inexpensive product High temperature soldering guaranteed: 260 / 10 seconds / 0.375" ( 9.5mm ) lead length at 5 lbs., ( 2.3 kg ) tension Weight: 8 grams
.160(4.1) .140(3.6)
.70(17.8) .66(16.8)
KBU
.935(23.7) .895(22.7) 45
0
.185(4.7) .165(4.2) .085(2.2) .065(1.7) .455(11.3) .405(10.3)
.280(7.1) .260(6.6)
.760(19.3) MAX 1.0(25.4) MIN .220(5.6) .180(4.6)
.260(6.8) .180(4.5)
.165(4.2) .150(3.8)
.052(1.3) .048(1.2)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol KBU KBU Type Number 401 402 Maximum Recurrent Peak Reverse Voltage 50 100 VRRM Maximum RMS Voltage 35 70 VRMS Maximum DC Blocking Voltage 50 100 VDC
Maximum Average Forward Rectified Current @TA = 65 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 4.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=100 Typical Thermal Resistance (Note 1) (Note 2) Operating Temperature Range Storage Temperature Range
KBU KBU KBU KBU KBU Units 403 404 405 406 407
200 140 200
400 280 400 4.0 200 1.0
600 420 600
800 1000 560 700 800 1000
V V V A A V uA uA /W
I(AV) IFSM VF IR RJA RJL TJ
TSTG Note: 1. Units Mounted on P.C.B. with 0.5 x 0.5" (12 x 12mm) Copper Pads and 0.375" (9.5mm) Lead Length. 2. Units Mounted on a 2.0 x 1.6 x 0.3" Thick (5 x 4 x 0.8cm) Al. Plate.
10 500 19 4.0 -55 to +125 -55 to +150
- 674 -
RATINGS AND CHARACTERISTIC CURVES (KBU401 THRU KBU407)
FIG.1- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER BRIDGE ELEMENT
Tj=25 0C 175 150 125 100 75 50 25 8.3ms Single Half Sine Wave
PEAK FORWARD SURGE CURRENT. (A)
200
4.0
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT. (A)
3.0
2.0
1.0
MOUNTED ON 4X4 INCH COPPER PC BOARD 0.5"(12.7mm) LEAD LENGTH
1
2
5
10
20
50
100
0
0
50
o
100
150
NUMBER OF CYCLES AT 60Hz
AMBIENT TEMPERATURE. ( C)
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER BRIDGE ELEMENT
100
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
100
40
INSTANTANEOUS FORWARD CURRENT. (A)
20 10
INSTANTANEOUS REVERSE CURRENT. ( A)
Tj=100 0C
10
4 2 1
1
0.4 0.2 0.1
Tj=25 0C
8.3ms Single Half Sine Wave
Tj=25 0C
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
0.1
0
20
40
60
80
100
120
140
INSTANTANEOUS FORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
- 675 -


▲Up To Search▲   

 
Price & Availability of KBU401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X