Part Number Hot Search : 
4LVCH LMV931 C120503 KT835 ZJ24B 0103M 93LC56A 24VDC
Product Description
Full Text Search
 

To Download KBU4011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBU401 - KBU407
Single Phase 4.0 AMPS. Silicon Bridge Rectifiers KBU
Features
UL Recognized File # E-96005 High surge current capability Ideal for printed circuit board Reliable low cost construction technique results in inexpensive product High temperature soldering guaranteed: 260 oC / 10 seconds / 0.375" ( 9.5mm ) lead length at 5 lbs., ( 2.3 kg ) tension Weight: 8 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TA = 65 oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 2.0A @ 4.0A o Maximum DC Reverse Current @ TA=25 C at Rated DC Blocking Voltage @ TA=125 oC Typical Thermal resistance (Note 1) (Note 2) Operating Temperature Range
Symbol KBU KBU KBU KBU KBU KBU KBU Units 401 402 403 404 405 406 407 VRRM 50 100 200 400 600 800 1000 V VRMS 35 70 140 280 420 560 700 V VDC 50 100 200 400 600 800 1000 V I(AV) IFSM 4.0 200 A A
VF IR RJA RJL
TJ
Storage Temperature Range TSTG 1. Units Mounted on P.C.B. with 0.5" x 0.5" (12mm x 12mm) Copper Pads and 0.375" (9.5mm) Notes: Lead Length. 2. Units Mounted on a 2.0" x 1.6" x 0.3" Thick (5 x 4 x 0.8cm) Al. Plate
1.0 1.1 10 500 19 4.0 -55 to +125 -55 to +150
V uA uA
o
C/W o C o C
- 634 -
Version: A06


▲Up To Search▲   

 
Price & Availability of KBU4011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X