Part Number Hot Search : 
1KAB05E EL4393CM BC547BBU CSC2313F MC33172 BB419 00050 DSA3A1
Product Description
Full Text Search
 

To Download IRFS33N15DPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD- 95537
SMPS MOSFET
IRFB33N15DPbF IRFS33N15DPBF IRFSL33N15DPbF
HEXFET(R) Power MOSFET
Applications l High frequency DC-DC converters l Lead-Free Benefits Low Gate-to-Drain Charge to Reduce Switching Losses l Fully Characterized Capacitance Including Effective COSS to Simplify Design, (See App. Note AN1001) l Fully Characterized Avalanche Voltage and Current
l
VDSS
150V
RDS(on) max
0.056
ID
33A
TO-220AB IRFB33N15D
D2Pak IRFS33N15D
TO-262 IRFSL33N15D
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TA = 25C PD @TC = 25C VGS dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting torqe, 6-32 or M3 screw
Max.
33 24 130 3.8 170 1.1 30 4.4 -55 to + 175 300 (1.6mm from case ) 10 lbf*in (1.1N*m)
Units
A W W/C V V/ns C
Typical SMPS Topologies
l
Telecom 48V input Active Clamp Forward Converter
Notes
through
are on page 11
www.irf.com
1
7/21/04
IRFB/IRFS/IRFSL33N15DPbF
Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient RDS(on) Static Drain-to-Source On-Resistance VGS(th) Gate Threshold Voltage V(BR)DSS IDSS IGSS Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Parameter Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance
Static @ TJ = 25C (unless otherwise specified)
Min. Typ. Max. Units Conditions 150 --- --- V VGS = 0V, ID = 250A --- 0.18 --- V/C Reference to 25C, I D = 1mA --- --- 0.056 VGS = 10V, ID = 20A 3.0 --- 5.5 V VDS = VGS, ID = 250A --- --- 25 VDS = 150V, VGS = 0V A --- --- 250 VDS = 120V, VGS = 0V, TJ = 150C --- --- 100 VGS = 30V nA --- --- -100 VGS = -30V Min. 14 --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- 60 17 27 13 38 23 21 2020 400 91 2440 180 320 Max. Units Conditions --- S VDS = 50V, ID = 20A 90 ID = 20A 26 nC VDS = 120V 41 VGS = 10V, --- VDD = 75V --- ID = 20A ns --- RG = 3.6 --- VGS = 10V --- VGS = 0V --- VDS = 25V --- pF = 1.0MHz --- VGS = 0V, VDS = 1.0V, = 1.0MHz --- VGS = 0V, VDS = 120V, = 1.0MHz --- VGS = 0V, VDS = 0V to 120V
Dynamic @ TJ = 25C (unless otherwise specified)
gfs Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Coss Coss Coss eff.
Avalanche Characteristics
Parameter
EAS IAR EAR Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy
Typ.
--- --- ---
Max.
330 20 17
Units
mJ A mJ
Thermal Resistance
Parameter
RJC RCS RJA RJA Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient Junction-to-Ambient Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Typ.
--- 0.50 --- ---
Max.
0.90 --- 62 40
Units
C/W
Diode Characteristics
Min. Typ. Max. Units IS
ISM
VSD trr Qrr ton
Conditions D MOSFET symbol 33 --- --- showing the A G integral reverse --- --- 130 S p-n junction diode. --- --- 1.3 V TJ = 25C, IS = 20A, VGS = 0V --- 150 --- ns TJ = 25C, IF = 20A --- 920 --- nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
2
www.irf.com
IRFB/IRFS/IRFSL33N15DPbF
1000
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
1000
I D , Drain-to-Source Current (A)
100
10
I D , Drain-to-Source Current (A)
100
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
10
1
4.5V
20s PULSE WIDTH TJ = 25 C
1 10 100
4.5V
20s PULSE WIDTH TJ = 175 C
1 10 100
0.1 0.1
1 0.1
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
3.0
R DS(on) , Drain-to-Source On Resistance (Normalized)
ID = 33A
I D , Drain-to-Source Current (A)
2.5
100
TJ = 175 C
10
2.0
1.5
TJ = 25 C
1
1.0
0.5
0.1
V DS = 50V 20s PULSE WIDTH 4 5 6 7 8 9 10 11 12
VGS , Gate-to-Source Voltage (V)
0.0 -60 -40 -20 0
VGS = 10V
20 40 60 80 100 120 140 160 180
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRFB/IRFS/IRFSL33N15DPbF
100000
20
VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1 MHZ Ciss = C + Cgd, C gs ds SHORTED Crss = C gd Coss = C + Cgd ds
ID = 20A VDS = 120V VDS = 75V VDS = 30V
16
10000
C, Capacitance(pF)
Ciss
1000
12
Coss
100
8
Crss
4
10 1 10 100 1000
0
FOR TEST CIRCUIT SEE FIGURE 13
0 20 40 60 80 100
VDS, Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
1000
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
I D , Drain Current (A)
100
100
TJ = 175 C
10
10us
100us 10 1ms
1
TJ = 25 C
0.1 0.2
V GS = 0 V
0.4 0.6 0.8 1.0 1.2 1.4
1
TC = 25 C TJ = 175 C Single Pulse
1 10 100
10ms 1000
VSD ,Source-to-Drain Voltage (V)
VDS, Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRFB/IRFS/IRFSL33N15DPbF
35 30
V DS VGS RG 10V
Pulse Width 1 s Duty Factor 0.1 %
RD
D.U.T.
+
ID , Drain Current (A)
25 20 15 10 5 0
-VDD
Fig 10a. Switching Time Test Circuit
VDS 90%
25 50 75 100 125 150 175
TC , Case Temperature ( C)
Fig 9. Maximum Drain Current Vs. Case Temperature
10% VGS
td(on) tr t d(off) tf
Fig 10b. Switching Time Waveforms
1
Thermal Response (Z thJC )
D = 0.50
0.20 0.10 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) PDM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 1
0.1
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRFB/IRFS/IRFSL33N15DPbF
EAS , Single Pulse Avalanche Energy (mJ)
15V
800
TOP
600
VDS
L
DRIVER
BOTTOM
ID 8.1A 14A 20A
RG
20V
D.U.T
IAS tp
+ V - DD
A
400
0.01
Fig 12a. Unclamped Inductive Test Circuit
200
V(BR)DSS tp
0
25
50
75
100
125
150
175
Starting TJ , Junction Temperature ( C)
I AS
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
QG
50K 12V .2F .3F
10 V
QGS
QGD
VGS
3mA
D.U.T.
+ V - DS
VG
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRFB/IRFS/IRFSL33N15DPbF
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFET(R) Power MOSFETs
www.irf.com
7
IRFB/IRFS/IRFSL33N15DPbF
TO-220AB Package Outline
10.54 (.415) 10.29 (.405) 3.78 (.149) 3.54 (.139) -A6.47 (.255) 6.10 (.240)
Dimensions are shown in millimeters (inches)
-B4.69 (.185) 4.20 (.165) 1.32 (.052) 1.22 (.048)
2.87 (.113) 2.62 (.103)
4 15.24 (.600) 14.84 (.584)
1.15 (.045) MIN 1 2 3
LEAD ASSIGNMENTS IGBTs, CoPACK 1 - GATE 21- GATE DRAIN 1- GATE 32- DRAINSOURCE 2- COLLECTOR 3- SOURCE 3- EMITTER 4 - DRAIN
LEAD ASSIGNMENTS
HEXFET
14.09 (.555) 13.47 (.530)
4- DRAIN
4.06 (.160) 3.55 (.140)
4- COLLECTOR
3X 3X 1.40 (.055) 1.15 (.045)
0.93 (.037) 0.69 (.027) M BAM
3X
0.55 (.022) 0.46 (.018)
0.36 (.014)
2.54 (.100) 2X NOTES: 1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION : INCH
2.92 (.115) 2.64 (.104)
3 OUTLINE CONFORMS TO JEDEC OUTLINE TO-220AB. 4 HEATSINK & LEAD MEASUREMENTS DO NOT INCLUDE BURRS.
TO-220AB Part Marking Information
E XAMPL E : T HIS IS AN IR F 1010 L OT CODE 1789 AS S E MB L E D ON WW 19, 1997 IN T H E AS S E MB L Y L INE "C" INT E R NAT IONAL R E CT IF IE R L OGO AS S E MB L Y L OT CODE PAR T NU MB E R
Note: "P" in assembly line position indicates "Lead-Free"
DAT E CODE YE AR 7 = 1997 WE E K 19 L INE C
8
www.irf.com
IRFB/IRFS/IRFSL33N15DPbF
D2Pak Package Outline
Dimensions are shown in millimeters (inches)
D2Pak Part Marking Information (Lead-Free)
T H IS IS AN IR F 5 3 0 S W IT H L OT COD E 80 2 4 AS S E M B L E D ON W W 0 2, 20 00 IN T H E AS S E M B L Y L IN E "L " N ote: "P " in as s em bly lin e po s itio n in dicates "L ead-F r ee" IN T E R N AT IO N AL R E C T IF IE R L OGO AS S E M B L Y L O T CO D E P AR T N U M B E R F 5 30 S D AT E C O D E Y E AR 0 = 2 0 0 0 W E E K 02 L IN E L
OR
IN T E R N AT IO N AL R E C T IF IE R L O GO AS S E M B L Y L OT COD E P AR T N U M B E R F 530S D AT E CO D E P = D E S IG N AT E S L E AD -F R E E P R O D U C T (O P T IO N AL ) Y E AR 0 = 2 0 0 0 W E E K 02 A = AS S E M B L Y S IT E CO D E
www.irf.com
9
IRFB/IRFS/IRFSL33N15DPbF
TO-262 Package Outline
TO-262 Part Marking Information
E X AMP L E : T H IS IS AN IR L 3 1 03 L L OT COD E 17 8 9 AS S E M B L E D ON WW 19 , 1 9 97 IN T H E AS S E MB L Y L IN E "C" N ote: "P " in as s em bly line pos ition indicates "L ead-F ree" IN T E R N AT ION AL R E CT IF I E R L OGO AS S E M B L Y L OT COD E P AR T N U MB E R
D AT E COD E Y E AR 7 = 1 9 97 WE E K 19 L IN E C
OR
IN T E R N AT ION AL R E CT IF I E R L OGO AS S E M B L Y L OT COD E P AR T N U MB E R D AT E COD E P = D E S I GN AT E S L E AD -F R E E P R OD U CT (OP T ION AL ) Y E AR 7 = 1 9 9 7 WE E K 19 A = AS S E MB L Y S IT E COD E
10
www.irf.com
IRFB/IRFS/IRFSL33N15DPbF
D2Pak Tape & Reel Infomation
TRR
1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153)
1.60 (.063) 1.50 (.059)
0.368 (.0145) 0.342 (.0135)
FEED DIRECTION 1.85 (.073)
1.65 (.065)
11.60 (.457) 11.40 (.449)
15.42 (.609) 15.22 (.601)
24.30 (.957) 23.90 (.941)
TRL
10.90 (.429) 10.70 (.421) 1.75 (.069) 1.25 (.049) 16.10 (.634) 15.90 (.626) 4.72 (.136) 4.52 (.178)
FEED DIRECTION
13.50 (.532) 12.80 (.504)
27.40 (1.079) 23.90 (.941)
4
330.00 (14.173) MAX.
60.00 (2.362) MIN.
NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
26.40 (1.039) 24.40 (.961) 3
30.40 (1.197) MAX. 4
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
Pulse width 300s; duty cycle 2%. Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
Starting TJ = 25C, L = 1.7mH
RG = 25, IAS = 20A.
ISD 20A, di/dt 280A/s, VDD V(BR)DSS,
This is only applied to TO-220AB package TJ 175C This is applied to D2Pak, when mounted on 1" square PCB ( FR-4 or G-10 Material ). For recommended footprint and soldering techniques refer to application note #AN-994. Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.07/04
www.irf.com
11
Note: For the most current drawings please refer to the IR website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRFS33N15DPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X