Part Number Hot Search : 
NBSG53A AN12946A R1C102 3P242L 1E50UM AN2514S SI3443DV R1C102
Product Description
Full Text Search
 

To Download GC100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STEP RECOVERY DIODE COMB (HARMONIC) GENERATORS 0.1 - 26 GHz
FEATURES
* Broadband Output Frequency Spectrum (from second harmonic to 26 GHz) * No Bias Required * Input Matched to 50 Ohms * Hermetically Sealed Module * Available in Drop-In Type Package
APPLICATIONS
* * * * Impulse Generator Frequency Multipliers Frequency Synthesizers Built-In-Self-Test Sources
ENVIRONMENTAL RATINGS
Max Input Power............................................. 1 Watt Operating Temperature................... -55C to +95C Storage Temperature.................... -65C to +150C Temperature Cycling..................... -65C to +150C Shock..................1500 G, 0.5 msec; 50 G, 11 msec Vibration............................... 20 G, 100 to 2,000 Hz Acceleration.............................................. 10,000 G
Specifications: (@ +25C, 0.5 Watt Input)
MODEL 1 INPUT 2 FREQ. (MHz) 100 200 250 500 1000 500 1000 1500 2000 MAX INPUT VSWR 2:1 2:1 2:1 2:1 2:1 2:1 2:1 2:1 2:1 MINIMUM OUTPUT POWER PER PICKET (dBm) UP to 4 GHz 3 -10 -5 0 +5 +5 +5 +5 +5 +5 OUTLINE 4-8 GHz -20 -15 -10 -5 0 -5 0 0 +5 8-12.4 GHz -30 -25 -20 -15 -10 -15 -10 -5 0 12.4-18 GHz -40 -35 -30 -20 -15 -20 -15 -10 -10 18-26 GHz ----------------40 -35 -25 -20 C,L,Y C,L,Y C,L,Y C,L,Y C,L,Y C,L,Y C,L,Y C,L,Y C,L,Y
GC100** GC200** GC250** GC500** GC1000** GC0526** GC1026** GC1526** GC2026**
Note 1: Suffix (**) specify options for internal DC return and packaged style. First Position: N indicates no DC and R indicates internal DC return included. Second Position: C, L, or Y indicates Package style (see outline drawings page) Note 2: Other input frequencies from 30 MHz to 2 GHz are available. Contact factory for information. Note 3: For second harmonics up to 4 GHz the fundamental feedthrough is typically +15dBm. Note 4: All units can respond to a 3% bandwidth of input frequency without significant degradation. Note 5: All models can be modified for use as an impulse generator. Consult factory for information on output amplitude, polarity, and pulse width. Note 6: Add "X" to final suffix for an enhanced assembly version for more severe vibration environment.
0603-1-2C
HEROTEK, INC. 155 Baytech Drive, San Jose, California 95134 Phone: (408) 941-8399 Fax: (408) 941-8388 Email:info@herotek.com www.herotek.com
Page 1
STEP RECOVERY DIODE COMB (HARMONIC) GENERATORS 0.1 - 26 GHz
For Package Outlines see Outline Drawings Page
0603-1-2C
HEROTEK, INC. 155 Baytech Drive, San Jose, California 95134 Phone: (408) 941-8399 Fax: (408) 941-8388 Email:info@herotek.com www.herotek.com
Page 2


▲Up To Search▲   

 
Price & Availability of GC100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X