Part Number Hot Search : 
294716 294716 PRMG501 BY296 ADP3158 LMUN2211 10ETF12S A7500
Product Description
Full Text Search
 

To Download CA316202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
CA3162
A/D Converters for 3-Digit Display
Description
The CA3162E and CA3162AE are I2L monolithic A/D converters that provide a 3 digit multiplexed BCD output. They are used with the CA3161E BCD-to-Seven-Segment Decoder/Driver and a minimum of external parts to implement a complete 3-digit display. The CA3162AE is identical to the CA3162E except for an extended operating temperature range. The CA3161E is described in the Display Drivers section of this data book.
April 2002
Features
* Dual Slope A/D Conversion * Multiplexed BCD Display * Ultra Stable Internal Band Gap Voltage Reference * Capable of Reading 99mV Below Ground with Single Supply * Differential Input * Internal Timing - No External Clock Required * Choice of Low Speed (4Hz) or High Speed (96Hz) Conversion Rate * "Hold" Inhibits Conversion but Maintains Delay * Overrange Indication - "EEE" for Reading Greater than +999mV, "-" for Reading More Negative than -99mV When Used With CA3161E
Ordering Information
PART NUMBER CA3162E TEMP. RANGE ( oC) 0 to 70 PACKAGE 16 Ld PDIP PKG. NO. E16.3
Pinout
CA3162 (PDIP) TOP VIEW
BCD OUTPUTS
21 20 NSD
1 2 3 4 5 6 7 8
16 23 15 22 14 V+
BCD OUTPUTS
DIGIT SELECT OUTPUTS
MSD LSD
13 GAIN ADJ 12 INTEGRATING CAP
HOLD/ BYPASS GND ZERO ADJ
11 HIGH INPUT 10 LOW INPUT 9 ZERO ADJ
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2002. All Rights Reserved
FN1080.3
1
CA3162 Functional Block Diagram
V+ ZERO ADJ 8 9
V+ BCD OUTPUTS INTEGRATING CAP 12 21 1 20 2 22 15 23 16 V+ 14
3 CONTROL LOGIC COUNTERS AND MULTIPLEX DIGIT DRIVE 4 5 4 THRESHOLD DET. 5 = MSD = LSD = NSD DIGIT SELECT OUTPUTS
HIGH INPUT 11 LOW INPUT 10
V/I CONVERTER
/2048
/96
3
REFERENCE CURRENT GENERATOR
BAND GAP REFERENCE
OSC
HOLD/ BYPASS GATES
6
CONVERSION CONTROL
13
7
GND
MSD = MOST SIGNIFICANT DIGIT NSD = NEXT SIGNIFICANT DIGIT LSD = LEAST SIGNIFICANT DIGIT
GAIN ADJ
2
CA3162
Absolute Maximum Ratings
DC Supply Voltage (Between Pins 7 and 14) . . . . . . . . . . . . . . . +7V Input Voltage (Pin 10 or 11 to Ground) . . . . . . . . . . . . . . . . . . . 15V
Thermal Information
Thermal Resistance (Typical, Note 1)
JA (oC/W)
Operating Conditions
Temperature Range CA3162E. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to 75oC
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90 Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details..
Electrical Specifications
PARAMETER
TA = 25oC, V+ = 5V, Zero Pot Centered, Gain Pot = 2.4k, Unless Otherwise Specified TEST CONDITIONS MIN 4.5 100k to V+ on Pins 3, 4, 5 Pins 10 and 11 V11-V10 = 0V, Read Decoded Output V11-V10 = 900mV, Read Decoded Output Notes 1 and 2 -12 846 -1 TYP 5 100 -80 MAX 5.5 17 +12 954 +1 UNITS V mA M nA mV mV Count
Operating Supply Voltage Range, V+ Supply Current, I+ Input Impedance, ZI Input Bias Current, IIB Unadjusted Zero Offset Unadjusted Gain Linearity Conversion Rate Slow Mode Fast Mode Conversion Control Voltage (Hold Mode) at Pin 6 Common Mode Input Voltage Range, VICR BCD Sink Current at Pins 1, 2, 15, 16 Digit Select Sink Current at Pins 3, 4, 5 Zero Temperature Coefficient Gain Temperature Coefficient NOTES: Notes 3, 4 VBCD 0.5V, at Logic Zero State VDIGIT Select = 4V at Logic Zero State VI = 0V, Zero Pot Centered VI = 900mV, Gain Pot = 2.4k Pin 6 = Open or GND Pin 6 = 5V
0.8
4 96 1.2
1.6
Hz Hz V
-0.2 0.4 1.6 -
1.6 2.5 10 0.005
+0.2 -
V mA mA V/oV %/oC
1. Apply 0V across V11 to V10 . Adjust zero potentiometer to give 000mV reading. Apply 900mV to input and adjust gain potentiometer to give 900mV reading. 2. Linearity is measured as a difference from a straight line drawn through zero and positive full scale. Limits do not include 0.5 count bit digitizing error. 3. For applications where low input pin 10 is not operated at pin 7 potential, a return path of not more than 100k resistance must be provided for input bias currents. 4. The common mode input voltage above ground cannot exceed +0.2V if the full input signal range of 999mV is required at pin 11. That is, pin 11 may not operate higher than 1.2V positive with respect to ground or 0.2V negative with respect to ground. If the maximum input signal is less than 999mV, the common mode input voltage may be raised accordingly.
3
CA3162 Timing Diagram
12 5 (LSD) PIN NUMBER 200mV 500mV
reference constant current source of opposite polarity is connected. The number of clock counts that elapse before the charge is restored to its original value is a direct measure of the signal induced current. The restoration is sensed by the comparator, which in turn latches the counter. The count is then multiplexed to the BCD outputs. The timing for the CA3162E is supplied by a 786Hz ring oscillator, and the input at pin 6 determines the sampling rate. A 5V input provides a high speed sampling rate (96Hz), and grounding or floating pin 6 provides a low speed (4Hz) sampling rate. When pin 6 is fixed at +1.2V (by placing a 12K resistor between pin 6 and the +5V supply) a "hold" feature is available. While the CA3162E is in the hold mode, sampling continues at 4Hz but the display data are latched to the last reading prior to the application of the 1.2V. Removal of the 1.2V restores continuous display changes. Note, however, that the sampling rate remains at 4Hz. Figure 1 shows the timing of sampling and digit select pulses for the high speed mode. Note that the basic A/D conversion process requires approximately 5ms in both modes. The "EEE" or "---" displays indicate that the range of the system has been exceeded in the positive or negative direction, respectively. Negative voltages to -99mV are displayed with the minus sign in the MSD. The BCD code is 1010 for a negative overrange (---) and 1011 for a positive overrange (EEE).
4 (MSD)
500mV
3 (NSD)
500mV
2ms/DIV.
FIGURE 1. HIGH SPEED MODE
Detailed Description
The Functional Block Diagram of the CA3162E shows the V/I converter and reference current generator, which is the heart of the system. The V/I converter converts the input voltage applied between pins 10 and 11 to a current that charges the integrating capacitor on pin 12 for a predetermined time interval. At the end of the charging interval, the V/I converter is disconnected from the integrating capacitor, and a band gap
NOTE 1 0.27F NOTE 2 +5V
0.1 F
NORMAL 8 LOW SPEED MODE: V6 = GROUND OR OPEN HOLD: V6 = 1.2V 6
9
12
14
16
MSD
NSD
COMMON ANODE LED DISPLAYS LSD
POWER 2N2907, 2N3906 OR EQUIV.
a
5 3 4
a b f g c e d c e b f
a b g c d
f g e d
13 CA3161E 12 11 10 9 15 14 8 3
HIGH SPEED MODE: V6 = 5V CA3162E
DIGIT DRIVERS BCD OUTPUTS
11 HIGH INPUTS LOW 10 13 GAIN ADJ 10 k 7
16 15 1 2
6 2 1 7
R1 150 CA3162E PINS 3, 4, 5 1k DIGIT DRIVER CA3162E PINS 1, 2, 15, 16 75
R2 150
R3 150
NOTES: 1. The capacitor used here must be a low dielectric absorption type such as a polyester or polystyrene type. 2. This capacitor should be placed as close as possible to the power and ground Pins of the CA3161E.
BCD SEGMENT DRIVERS
FIGURE 2. BASIC DIGITAL READOUT SYSTEM USING THE CA3162E AND THE CA3161E
4
CA3162
CA3162E Liquid Crystal Display (LCD) Application Figure 3 shows the CA3162E in a typical LCD application. LCDs may be used in favor of LED displays in applications requiring lower power dissipation, such as battery-operated equipment, or when visibility in high-ambient-light conditions is desired. Multiplexing of LCD digits is not practical, since LCDs must be driven by an AC signal and the average voltage across each segment is zero. Three CD4056B liquid-crystal decoder/drivers are therefore used. Each CD4056B contains an input latch so that the BCD data for each digit may be latched into the decoder using the inverted digit-select outputs of the CA3162E as strobes. The capacitors on the outputs of inverters G3 and G4 filter out the decode spikes on the MSD and NSD signals. The capacitors and pull-up resistors connected to the MSD, NSD and LSD outputs are there to shorten the digit drive signal thereby providing proper timing for the CD4056B latches. Inverters G1 and G2 are used as an astable multivibrator to provide the AC drive to the LCD backplane. Inverters G3, G4 and G5 are the digit-select inverters and require pull-up resistors to interface the open-collector outputs of the CA3162E to CMOS logic. The BCD outputs of the CA3162E may be connected directly to the corresponding CD4056B inputs (using pull-up resistors). In this arrangement, the CD4056B decodes the negative sign (-) as an "L" and the positive overload indicator (E) as an "H". The circuit as shown in Figure 3 using G7, G8 and G9 will decode the negative sign (-) as a negative sign (-), and the positive overload indicator (E) as "H".
+5V 0.047F G3 0.047F +5V 1 6 4 2 3 57 6x 10k 0.27F ZERO 50k 8 14 9 CA3162E "HOLD" VIN+ VIN11 10 13 GAIN 10k +5V G7 G1 - G6: CD4049UB HEX INVERTER G7, G8, G9: CD4023B TRIPLE 3 INPUT NAND GATE G8 G9 12 4 3 5 16 15 1 2 7 MSD NSD LSD 23 22 21 20 4x 100k +5V G5 1 6 4 2 3 57 8 TO LCD BACKPLANE CD4056B TO LSD OF LCD 16 0.047 F G4 0.047F 0.047 F 1 6 4 2 3 57 8 CD4056B TO NSD OF LCD +5V 16 8 CD4056B TO MSD OF LCD 16
15k
100k
0.63F
FIGURE 3. TYPICAL LCD APPLICATION
5
CA3162
CA3162E Common-Cathode, LED Display Application Figure 4 shows the CA3162E connected to a CD4511B decode/driver to operate a common-cathode LED display. Unlike the CA3161E, the CD4511B remains blank for all BCD codes greater than nine. After 999mV the display blanks rather than displaying EEE, as with the CA3161E. When displaying negative voltage, the first digit remains blank, instead of (-), and during a negative or positive overrange the display blanks. The additional logic shown within the dotted area of Figure 4 restores the negative sign (-), allowing the display of negative numbers as low as -99mV. Negative overrange is indicated by a negative sign (-) in the MSD position. The rest of the display is blanked. During a positive overrange, only segment b of the MSD is displayed. One inverter from the CD4049B is used to operate the decimal points. By connecting the inverter input to either the MSD or NSD line either DP1 or DP2 will be displayed.
V+ DP1 100k 22k
1/ 3
1/ CD4049UB 6
DP2
CD4049UB CD4012B
1/ 3
CD4049UB
1/ CD4049UB 6
V+ 1B CD4511B 2C 100k V+ 100k 100k 100k 3 LT 4 BL V+ 16 1.8k 1.2k 1.8k 1.2k 1.8k 6D 7A 8 GND V+ DP1 1B 100 k 100 k 100 k 2A 3 NSD 4 MSD 5 LSD 6 HOLD 7 GND 8 ZERO CA3162E D 16 C 15 V+ 14 GAIN 13 0.27F INT 12 HIGH 11 LOW 10 ZERO 9 V+ 50k INPUT 6 BUFFERS (1 CD4050B) 10k GAIN V+ DP2 12 1.8k 1.8k 11 10 9 8 7
f 15 g 14 a 13
HP5082-7433 OR EQUIVALENT
5 LE/STROBE b 12
c 11 d 10 e9
f
a
g
b
c3
c1
1 2
e
d
3
c2
4
c
5
dP
6
FIGURE 4. TYPICAL COMMON-CATHODE LED APPLICATION
6
CA3162 Die Characteristics
DIE DIMENSIONS: 101 mils x 124 mils x 20 mils 1 mil METALLIZATION: Type: Al Thickness: 17.5kA 2.5kA PASSIVATION: Type: 3% PSG Thickness: 13kA 2.5kA
Metallization Mask Layout
CA3162
LOW INPUT ZERO ADJ ZERO ADJ
HIGH INPUT INTEGRATING CAP HOLD/BYPASS LSD
GND
MSD GAIN ADJ
21
V+
20
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
7
NSD
22
23


▲Up To Search▲   

 
Price & Availability of CA316202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X