Part Number Hot Search : 
SD336 TBAM7 TB1109A TA7643 SPLSI LA4476 STW4102 TB62707
Product Description
Full Text Search
 

To Download BLV950 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
BLV950 UHF push-pull power transistor
Product specification Supersedes data of 1996 Jan 26 1997 Oct 27
Philips Semiconductors
Product specification
UHF push-pull power transistor
FEATURES * Internal input and output matching for easy matching, high gain and efficiency * Poly-silicon emitter ballasting resistors for an optimum temperature profile * Gold metallization ensures excellent reliability. APPLICATIONS * Base station transmitters in the 800 to 960 MHz range. DESCRIPTION Two NPN silicon planar epitaxial transistors in push-pull configuration, intended for linear common emitter class-AB operation. The transistors are encapsulated in a 4-lead SOT262A2 flange package with 2 ceramic caps. The flange provides the common emitter connection for both transistors. PINNING - SOT262A2 PIN 1 2 3 4 5 SYMBOL c1 c2 b1 b2 e
BLV950
DESCRIPTION collector 1 collector 2 base 1 base 2 common emitter; connected to flange
handbook, halfpage
c1
1
2
b1 e
5 3
Top view
5 4
b2
MAM031
c2
Fig.1 Simplified outline and symbol.
QUICK REFERENCE DATA RF performance at Th = 25 C in a common emitter push-pull test circuit. MODE OF OPERATION CW, class-AB 2-tone, class-AB f (MHz) 900 960 900 960 VCE (V) 26 26 26 26 PL (W) 150 150 150 (PEP) 150 (PEP) Gp (dB) 8 7.5 8.5 8 C (%) 45 45 35 35 d3 (dBc) - - -30 -30
WARNING Product and environmental safety - toxic materials This product contains beryllium oxide. The product is entirely safe provided that the BeO discs are not damaged. All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of the user. It must never be thrown out with the general or domestic waste.
1997 Oct 27
2
Philips Semiconductors
Product specification
UHF push-pull power transistor
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL Per transistor section VCBO VCEO VEBO IC IC(AV) Ptot Tstg Tj collector-base voltage collector-emitter voltage emitter-base voltage collector current (DC) average collector current total power dissipation (DC) storage temperature operating junction temperature Tmb = 25 C open emitter open base open collector - - - - - - -65 - 70 30 3 12 12 340 PARAMETER CONDITIONS MIN.
BLV950
MAX.
UNIT
V V V A A W C C
+150 200
THERMAL CHARACTERISTICS SYMBOL Rth j-mb Rth mb-h Note 1. Total device; both sections equally loaded; thermal resistance is determined under specified RF operating conditions. PARAMETER thermal resistance from junction to mounting base thermal resistance from mounting base to heatsink CONDITIONS Ptot = 340 W; Tmb = 25 C; note 1 MAX. 0.52 0.15 UNIT K/W K/W
1997 Oct 27
3
Philips Semiconductors
Product specification
UHF push-pull power transistor
CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL Per transistor section V(BR)CBO V(BR)CEO V(BR)EBO ICES hFE Cc Notes 1. Measured under pulse conditions: tp 300 s; 0.01. 2. Value Cc is that of the die only, it is not measurable because of internal matching network. collector-base breakdown voltage collector-emitter breakdown voltage emitter-base breakdown voltage collector leakage current DC current gain collector capacitance open emitter; IC = 60 mA open base; IC = 150 mA open collector; IE = 3 mA VBE = 0; VCE = 28 V VCE = 10 V; IC = 4.5 A; note 1 VCB = 26 V; IE = ie = 0; f = 1 MHz; note 2 70 30 3 - 30 - - - - - - 75 - - - 5 PARAMETER CONDITIONS MIN. TYP.
BLV950
MAX.
UNIT
V V V mA pF
120 -
handbook, halfpage
80
MLD256
handbook, halfpage
300
MLD257
h FE 60 (1)
Cc (pF) 200
(2) 40
100 20
0
0
4
8
12 I C (A)
16
0
0
10
20
30
40
50 VCB (V)
Measured under pulsed conditions; tp 300 s; 0.01. (1) VCE = 26 V. (2) VCE = 10 V.
Value Cc is that of the die only, it is not measurable because of internal matching network. IE = ie = 0; f = 1 MHz.
Fig.2
DC current gain as a function of collector current; typical values.
Fig.3
Collector capacitance as a function of collector-base voltage; typical values.
1997 Oct 27
4
Philips Semiconductors
Product specification
UHF push-pull power transistor
APPLICATION INFORMATION RF performance at Th = 25 C in a common emitter push-pull test circuit; Rth mb-h = 0.15 K/W. MODE OF OPERATION CW, class-AB f (MHz) 900 960 2-tone, class-AB note 1 note 2 Notes 1. f1 = 900.0 MHz; f2 = 900.1 MHz. 2. f1 = 960.0 MHz; f2 = 960.1 MHz. Ruggedness in class-AB operation VCE (V) 26 26 26 26 ICQ (mA) 2 x 100 2 x 100 2 x 100 2 x 100 PL (W) 150 150 150 (PEP) 150 (PEP) Gp (dB) 8 typ. 9 7.5 typ. 8.5 8.5 typ. 9.5 8 typ. 9 C (%) 45 typ. 50 45 typ. 50 35 typ. 40 35 typ. 40
BLV950
d3 (dBc) - - -28 typ. -31 -30 typ. -33
The BLV950 is capable of withstanding a load mismatch corresponding to VSWR = 2 : 1 through all phases under the conditions: PL = 150 W; f = 960 MHz; VCE = 26 V; ICQ = 2 x 100 mA; Th = 25 C; Rth mb-h = 0.15 K/W and also a load mismatch of VSWR = 5 : 1 through all phases at PL = 150 W (PEP) and f1 = 960.0 MHz and f2 = 960.1 MHz.
handbook, halfpage
12
MLD258
MLD259
60 C (%) 40
handbook, halfpage
200
Gp (dB) 8 Gp C
PL (W) 150
100
4
20 50
0 0 50 100 150 P L (W)
0 200
0 0 10 20 P i (W) 30
VCE = 26 V; ICQ = 2 x 100 mA; f = 960 MHz.
VCE = 26 V; ICQ = 2 x 100 mA; f = 960 MHz.
Fig.4
Power gain and efficiency as functions of load power; typical values.
Fig.5
Load power as a function of input power; typical values.
1997 Oct 27
5
Philips Semiconductors
Product specification
UHF push-pull power transistor
BLV950
handbook, halfpage
12
MLD260
60 C (%) Gp 40
MLD261
handbook, halfpage
Gp (dB) 8
200 PL (PEP) (W) 150
100 C
4
20 50
0 0 50 100
0 150 200 P L (PEP) (W)
0 0 10 20 Pi (PEP) (W) 30
VCE = 26 V; ICQ = 2 x 100 mA; f1 = 960.0 MHz; f2 = 960.1 MHz.
VCE = 26 V; ICQ = 2 x 100 mA; f1 = 960.0 MHz; f2 = 960.1 MHz.
Fig.6
Power gain and efficiency as functions of load power; typical values.
Fig.7
Load power as a function of input power; typical values.
handbook, halfpage
25
MLD262
d im (dBc) 30
d3 35 d5
40 d7
45 0 50 100 150 200 P L (PEP) (W)
VCE = 26 V; ICQ = 2 x 100 mA; f1 = 960.0 MHz; f2 = 960.1 MHz.
Fig.8
Intermodulation distortion as a function of load power; typical values.
1997 Oct 27
6
Philips Semiconductors
Product specification
UHF push-pull power transistor
BLV950
handbook, full pagewidth
C2 V bias R5 C1
L8
C3
C5
C7
C9 C32
L14
C31 VS
R1
C4
C6
C8 L9 C35
C33
R3
C30
C29
input 50
,,,,, ,,,,, ,,,,,,,, ,,,,,,,, ,,,,,,,, ,,,,,,,,
L10 L6 L1 L2 C19 L4 C21 C22 C23 L3 C20 L5 L7 L11 L12 C10 R2 R6 C13 C15 C17 C11 L13 C12 C14 C16 C18
L16
DUT
L17
,,,, ,,,,,,, ,,,, ,,,,,,, ,,,, ,,,,
C34 L15 L20 L22 L24 L26 C27 L28 L29 C24 C25 C26 C28 L30 L25 L27 L21 L23 L18 C37 C38 R4 C41 C42 VS L19 C40
MLD263
output 50
C36
C39
V bias
Fig.9 Class-AB test circuit at 900 to 960 MHz.
1997 Oct 27
7
Philips Semiconductors
Product specification
UHF push-pull power transistor
List of components (see Figs 9 and 10) COMPONENT C1, C10 C2, C11, C30, C34, C37, C41 C3, C12 C4, C13 C5, C14, C31, C40 C6, C15, C29, C42 C7, C16 C8, C17 C9, C18, C19, C20, C35, C36 C23 C25 C21, C22 C24, C26 C27, C28 C32, C39 C33, C38 L1, L3 L2 DESCRIPTION tantalum capacitor multilayer ceramic chip capacitor; note 1 electrolytic capacitor electrolytic capacitor tantalum capacitor multilayer ceramic chip capacitor multilayer ceramic chip capacitor multilayer ceramic chip capacitor; note 1 multilayer ceramic chip capacitor; note 1 multilayer ceramic chip capacitor; note 1 multilayer ceramic chip capacitor; note 1 film dielectric trimmer film dielectric trimmer multilayer ceramic chip capacitor; note 1 electrolytic capacitor electrolytic capacitor stripline; note 2 semi-rigid cable; note 3 VALUE 2.2 F, 35 V 300 pF, 200 V 1 F, 63 V 10 F, 16 V 1 F, 35 V 100 nF, 50 V 10 nF, 50 V 330 pF, 200 V 39 pF, 500 V 2 pF, 500 V 3.9 pF, 500 V 9 pF 3.5 pF 68 pF, 500 V 10 F, 63 V 1 F, 63 V 35 50 length 50.7 mm width 4 mm ext. conductor length 50.7 mm ext. diameter 2.2 mm length 26.5 mm width 4 mm length 9.2 mm width 8 mm length 2.5 mm width 27 mm DIMENSIONS
BLV950
CATALOGUE No. 2022 019 00058
2222 085 78108 2222 085 75109 2022 019 00056 2222 581 76641 2222 581 76627
2222 809 09005 2222 809 05215
2222 030 28109 2222 030 38108
L4, L5 L6, L7 L10, L11, L16, L17 L8, L13, L14, L19 L9, L12 L15, L18 L20, L21
stripline; note 2 stripline; note 2 stripline; note 2 grade 4S2 Ferroxcube chip-bead microchoke 4 turns enamelled 1 mm copper wire stripline; note 2
35 20 7
4330 030 36300 4.7 H 100 nH 14 int. diameter 6 mm close wound length 6 mm width 12.5 mm 4322 057 04781
1997 Oct 27
8
Philips Semiconductors
Product specification
UHF push-pull power transistor
BLV950
COMPONENT L22, L23 L24, L25 L26, L27 L28, L30 L29
DESCRIPTION stripline; note 2 stripline; note 2 stripline; note 2 stripline; note 2 semi-rigid cable; note 3 14 18 50 30 50
VALUE
DIMENSIONS length 7 mm width 12.5 mm length 11 mm width 9 mm length 6.5 mm width 2.5 mm length 49.3 mm width 5 mm ext. conductor length 49.3 mm ext. diameter 3.6 mm
CATALOGUE No.
R5, R6 R1, R2 R3, R4 Notes
metal film resistor metal film resistor metal resistor
0.4 W, 1 0.4 W, 5.11 1 W, 5.11
2322 151 71008 2322 151 75118 2322 153 75118
1. American Technical Ceramics type 100B or capacitor of same quality. 2. The striplines are on a double copper-clad printed-circuit board, with PTFE microfibre-glass dielectric (r = 2.2); thickness 132"; thickness of the copper sheet 2 x 35 m. 3. Semi-rigid cables soldered respectively on striplines L1 and L28.
1997 Oct 27
9
Philips Semiconductors
Product specification
UHF push-pull power transistor
BLV950
handbook, full pagewidth
64.5
68.5
85
85
C2 V bias C1 R5 L3
C3 C5 C7 R1 L8 C8 C4 C6 C9 L9 C35 L15 L16
C33 C32 L14 C31 C34 R3 L29 L24 C25 C24 C26 L27 C28 L25 L21 L23 L17 L18 C36 C37 R4 C38 C39
MLD264
C30
C29 V S L28
L10 L6 C19 L4 C21 C20 L5 C22 L7 C23
L20 L22 L26C27
L1 L2 V bias R6 C10
L11 L13 C13 C15 L12 C17 R2 C18 C11 C12 C14 C16
L30 L19 C41 C40 C42 VS
Dimensions in mm. The components are situated on one side of the copper-clad PTFE microfibre-glass board, the other side is unetched and serves as a ground plane. Earth connections from the component side to the ground plane are made by through metallization.
Fig.10 Component layout and printed-circuit board for 900 to 960 MHz class-AB test circuit. 1997 Oct 27 10
Philips Semiconductors
Product specification
UHF push-pull power transistor
BLV950
MLD265 - 1
MLD266 - 1
handbook, halfpage
8
handbook, halfpage
4
Zi () 6
ri
ZL () 2
RL
4 0 2 xi XL -2 0
-2 840
880
920
960
1000 f (MHz)
-4 840
880
920
960
1000 f (MHz)
VCE = 26 V; ICQ = 2 x 100 mA; PL = 150 W (total device); Th = 25 C; Rth mb-h = 0.15 K/W.
VCE = 26 V; ICQ = 2 x 100 mA; PL = 150 W (total device); Th = 25 C; Rth mb-h = 0.15 K/W.
Fig.11 Input impedance as a function of frequency (series components); typical values per section.
Fig.12 Load impedance as a function of frequency (series components); typical values per section.
handbook, halfpage
12
MLD267
Gp (dB) 8
handbook, halfpage
4
Zi ZL
MBA451
0 840
880
920
960 f (MHz)
1000
VCE = 26 V; ICQ = 2 x 100 mA; PL = 150 W (total device); Th = 25 C; Rth mb-h = 0.15 K/W.
Fig.13 Power gain as a function of frequency; typical values.
Fig.14 Definition of transistor impedance.
1997 Oct 27
11
Philips Semiconductors
Product specification
UHF push-pull power transistor
PACKAGE OUTLINE Flanged double-ended ceramic package; 2 mounting holes; 4 leads
BLV950
SOT262A2
D
A F
U1 q H1 C w2 M C
B
c
1
2
H
U2
p
E1 w1 M A B
E
5
A
3
b e
4
w3 M Q
0
5 scale
10 mm
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions) UNIT mm inches A 5.39 4.62 0.212 0.182 b 5.85 5.58 c 0.16 0.10 D e E E1 F 1.78 1.52 0.070 0.060 H 20.58 20.06 0.81 0.79 H1 17.02 16.51 0.67 0.65 p 3.28 3.02 0.129 0.119 Q 2,47 2.20 q 27.94 U1 34.17 33.90 1.345 1.335 U2 9.91 9.65 0.390 0.380 w1 0.51 0.02 w2 1.02 0.04 w3 0.25 0.01
21.98 10.27 10.29 11.05 21.71 10.05 10.03 0.865 0.404 0.405 0.435 0.855 0.395 0.396
0.230 0.006 0.220 0.004
0.097 1.100 0.087
OUTLINE VERSION SOT262A2
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 97-06-28
1997 Oct 27
12
Philips Semiconductors
Product specification
UHF push-pull power transistor
DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values
BLV950
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1997 Oct 27
13
Philips Semiconductors
Product specification
UHF push-pull power transistor
NOTES
BLV950
1997 Oct 27
14
Philips Semiconductors
Product specification
UHF push-pull power transistor
NOTES
BLV950
1997 Oct 27
15
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 160 1010, Fax. +43 160 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 4 Rue du Port-aux-Vins, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: see Singapore Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 1231, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Rua do Rocio 220, 5th floor, Suite 51, 04552-903 Sao Paulo, SAO PAULO - SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 829 1849 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 3 301 6312, Fax. +34 3 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 632 2000, Fax. +46 8 632 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2686, Fax. +41 1 481 7730 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777
For all other countries apply to: Philips Semiconductors, Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1997
Internet: http://www.semiconductors.philips.com
SCA55
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
127067/00/03/pp16
Date of release: 1997 Oct 27
Document order number:
9397 750 02842


▲Up To Search▲   

 
Price & Availability of BLV950

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X