Part Number Hot Search : 
WL2805N D2010 AD1870 HWS415 55100 1078068 BFXXXX C517A99
Product Description
Full Text Search
 

To Download BLV934 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
BLV934 UHF power transistor
Product specification 1995 Apr 11
Philips Semiconductors
Philips Semiconductors
Product specification
UHF power transistor
FEATURES * Internal input matching to achieve high power gain and easy design of wideband circuits * Emitter ballasting resistors for an optimum temperature profile * Gold metallization ensures excellent reliability. APPLICATIONS * Base station transmitters in the 820 to 960 MHz range. PINNING - SOT171 PIN 1 2 3 4 5 6 SYMBOL e e b c e e emitter emitter base collector emitter emitter
1 Top view 3 5
MAM141
BLV934
DESCRIPTION NPN silicon planar epitaxial transistor intended for common emitter class-AB operation. The transistor has internal input matching by means of MOS capacitors and is encapsulated in a 6-lead SOT171 flange envelope with a ceramic cap. All leads are isolated from the flange.
handbook, halfpage
2
4
6
c b e
DESCRIPTION
Fig.1 Simplified outline and symbol.
QUICK REFERENCE DATA RF performance at Th = 25 C in a common emitter test circuit. MODE OF OPERATION CW, class-AB f (MHz) 960 VCE (V) 26 PL (W) 30 Gp (dB) 9 C (%) 55
WARNING Product and environmental safety - toxic materials This product contains beryllium oxide. The product is entirely safe provided that the BeO disc is not damaged. All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of the user. It must never be thrown out with the general or domestic waste.
1995 Apr 11
2
Philips Semiconductors
Product specification
UHF power transistor
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VCBO VCEO VEBO IC IC(AV) Ptot Tstg Tj PARAMETER collector-base voltage collector-emitter voltage emitter-base voltage collector current (DC) average collector current total power dissipation storage temperature operating junction temperature up to Tmb = 25 C open base open collector CONDITIONS open emitter - - - - - - -65 - MIN.
BLV934
MAX. 70 30 3 4 4 68 +150 200
UNIT V V V A A W C C
THERMAL CHARACTERISTICS SYMBOL Rth j-mb Rth mb-h PARAMETER thermal resistance from junction to mounting base thermal resistance from mounting base to heatsink CONDITIONS Ptot = 68 W; Tmb = 25 C VALUE 2.57 0.4 UNIT K/W K/W
handbook, halfpage
10
MLC678
handbook, halfpage
80
MLC679
IC (A) (2)
P tot (W) (1) 60 (2)
(1) 1 40
20
10 1
1
10
V CE (V)
10 2
0 0 20 40 60 80 100 120 140 Th ( oC)
(1) Tmb = 25 C. (2) Th = 70 C.
(1) Continuous operation. (2) Short-time operation during mismatch.
Fig.2 DC SOAR.
Fig.3 Power derating curves.
1995 Apr 11
3
Philips Semiconductors
Product specification
UHF power transistor
CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICES hFE Cc Cre Note 1. Measured under pulsed conditions: tp 500 s; 0.01. PARAMETER collector-base breakdown voltage collector-emitter breakdown voltage emitter-base breakdown voltage collector leakage current DC current gain collector capacitance feedback capacitance CONDITIONS open emitter; IC = 20 mA open base; IC = 50 mA open collector; IE = 1 mA VBE = 0; VCE = 28 V VCE = 10 V; IC = 1.5 A; note 1 VCB = 26 V; IE = ie = 0; f = 1 MHz VCE = 26 V; IC = 0; f = 1 MHz MIN. 70 30 3 - 30 - - - - - - - 25 17 TYP.
BLV934
MAX. - - - 2 120 - -
UNIT V V V mA pF pF
MLC680
handbook, halfpage
100
handbook, halfpage
h FE 80 (1) 60 (2) 40
100 Cc 80
MLC681
(pF)
60
40
20
20
0
0
1
2
3
4
5 I C (A)
6
0
0
10
20
30
40 50 VCB (V)
Measured under pulsed conditions; tp 500 s; 0.01. (1) VCE = 26 V. (2) VCE = 10 V.
IE = ie = 0; f = 1 MHz.
Fig.4
DC current gain as a function of collector current; typical values.
Fig.5
Collector capacitance as a function of collector-base voltage; typical values.
1995 Apr 11
4
Philips Semiconductors
Product specification
UHF power transistor
APPLICATION INFORMATION RF performance at Th = 25 C in a common emitter, class-AB test circuit; Rth mb-h = 0.4 K/W. MODE OF OPERATION CW, class-AB Ruggedness in class-AB operation f (MHz) 960 VCE (V) 26 ICQ (mA) 100 PL (W) 30 Gp (dB) 9
BLV934
C (%) 55
The BLV934 is capable of withstanding a load mismatch corresponding to VSWR = 20 : 1 through all phases at rated output power, under the following conditions: VCE = 26 V; f = 960 MHz; ICQ = 100 mA; Th = 25 C; Rth mb-h = 0.4 K/W.
handbook, halfpage
16
MLC682
80 (%) Gp 60
MLC683
handbook, halfpage
40
Gp (dB) 12
PL (W) 30
8
40
20
4
20
10
0 0 10 20 30 P L (W) VCE = 26 V. ICQ = 100 mA. f = 960 MHz. 40
0
0 0 2 4 P i (W) 6
VCE = 26 V. ICQ = 100 mA. f = 960 MHz.
Fig.6
Power gain and efficiency as functions of load power; typical values.
Fig.7
Load power as a function of input power; typical values.
1995 Apr 11
5
Philips Semiconductors
Product specification
UHF power transistor
BLV934
handbook, full pagewidth
R1 L13 C8 C7
C6
C18
C20
C14
C15
C17
R2 L14 VCC C16 C19
VB
L12
L11
input 50
C1
,,,,,,,,,,, ,,,,,,,,,,,
L1 L2 L3 C5 DUT L4 C10 L5 L6 L7 L8 L9 L10 C2 C3 C4 C9 C11 C12
C13
output 50
MGC325
Fig.8 Class-AB test circuit at f = 960 MHz.
List of components (see Figs 8 and 9) COMPONENT C1, C13 C2, C3, C11, C12 C4, C5 C6, C17 C7, C16 C8, C19 C14 C9, C10 C20 C15, C18 L1 L2 L3 DESCRIPTION multilayer ceramic chip capacitor; note 1 film dielectric trimmer multilayer ceramic chip capacitor; note 2 multilayer ceramic chip capacitor; note 1 ceramic capacitor solid aluminium capacitor multilayer ceramic chip capacitor; note 1 multilayer ceramic chip capacitor; note 2 multilayer ceramic chip capacitor; note 1 multilayer ceramic chip capacitor; note 1 stripline; note 3 stripline; note 3 stripline; note 3 VALUE 43 pF 1.4 pF to 5.5 pF 10 pF 150 pF 22 nF 10 F, 63 V 20 pF 11 pF 1 nF 62 pF 50 50 50 length 16.8 mm width 2.4 mm length 14.8 mm width 2.4 mm length 13.7 mm width 2.4 mm 2222 640 08223 2222 030 38109 2222 809 09001 DIMENSIONS CATALOGUE No.
1995 Apr 11
6
Philips Semiconductors
Product specification
UHF power transistor
BLV934
COMPONENT L4 L5 L6 L7 L9 L10 L11
DESCRIPTION stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 stripline; note 3 4 turns enamelled 0.8 mm copper wire 3 turns enamelled 0.8 mm copper wire grade 3B Ferroxcube wideband RF choke metal film resistor 43 43 43 43 50 50
VALUE
DIMENSIONS length 3.5 mm width 3 mm length 6.4 mm width 3 mm length 5.8 mm width 3 mm length 2.4 mm width 3 mm length 15.5 mm width 2.4 mm length 20 mm width 2.4 mm int. diameter 4mm length 5 mm leads 2 x 5 mm int. diameter 3mm length 5 mm leads 2 x 5 mm
CATALOGUE No.
45 nH
L12
30 nH
L13, L14 R1, R2 Notes
4312 020 36642 10 ; 0.4 W 2322 151 71009
1. American Technical Ceramics type 100B or capacitor of same quality. 2. American Technical Ceramics type 100A or capacitor of same quality. 3. The striplines are on double-clad PCB with PTFE fibre-glass dielectric (r = 2.2); thickness 132".
1995 Apr 11
7
Philips Semiconductors
Product specification
UHF power transistor
BLV934
handbook, full pagewidth
122
copper straps
copper straps
rivets
rivets
70
rivets
rivets
copper straps
copper straps
C8 C20 L13 C6 C7 R1 C18 L12 C5 L1 C1 C2 L2 L3 C4 L4 L5 C14 C15 L11 C10 L6 L7 L8 C9 C3 C11 L9 R2 C17
C19
L14 C16
L10 C13 C12
MGC326
Dimensions in mm. The components are located on one side of the PTFE fibre-glass board, the other side being fully metallized to serve as an earth. Earth connections are made by fixing screws, hollow rivets and copper straps around the board and under the emitters to provide a direct contact between the component side and the ground plane.
Fig.9 Component layout for 960 MHz class-AB test circuit. 1995 Apr 11 8
Philips Semiconductors
Product specification
UHF power transistor
BLV934
MLC684
MLC685
handbook, halfpage
5
handbook, halfpage
5
Zi () 4 xi
ZL () 4
3
3 RL
2
2
1
ri
1
XL
0 800
840
880
920
960 1000 f (MHz)
0 800
840
880
920
960 1000 f (MHz)
VCE = 26 V; ICQ = 100 mA; PL = 30 W; Th = 25 C; Rth mb-h = 0.4 K/W.
VCE = 26 V; ICQ = 100 mA; PL = 30 W; Th = 25 C; Rth mb-h = 0.4 K/W.
Fig.10 Input impedance as a function of frequency (series components); typical values.
Fig.11 Load impedance as a function of frequency (series components); typical values.
handbook, halfpage
12
MLC686
Gp (dB) 8
handbook, halfpage
4
Zi ZL
MBA451
0 800
840
880
920
960 1000 f (MHz)
VCE = 26 V; ICQ = 100 mA; PL = 30 W; Th = 25 C; Rth mb-h = 0.4 K/W.
Fig.12 Power gain as a function of frequency; typical values.
Fig.13 Definition of transistor impedance.
1995 Apr 11
9
Philips Semiconductors
Product specification
UHF power transistor
PACKAGE OUTLINE
BLV934
handbook, full pagewidth
11.5 10.5 5.85 2.25 min
1 (2x) 1 3.25 9.15 2.85 3 5 2.25 1.85 (2x) 2 4 6 25.2 max 18.42 9.3 max
3.45 (2x) 3.15
2.8
4.50 4.05 7.0 max 0.14
MBC828 - 1
6 max
Dimensions in mm. Torque on screw: min. 0.6 Nm; max. 0.75 Nm. Recommended screw: cheese-head 4-40 UNC/2A. Heatsink compound must be applied sparingly and evenly distributed.
Fig.14 SOT171.
1995 Apr 11
10
Philips Semiconductors
Product specification
UHF power transistor
DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values
BLV934
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1995 Apr 11
11
Philips Semiconductors - a worldwide company
Argentina: IEROD, Av. Juramento 1992 - 14.b, (1428) BUENOS AIRES, Tel. (541)786 7633, Fax. (541)786 9367 Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. (02)805 4455, Fax. (02)805 4466 Austria: Triester Str. 64, A-1101 WIEN, P.O. Box 213, Tel. (01)60 101-1236, Fax. (01)60 101-1211 Belgium: Postbus 90050, 5600 PB EINDHOVEN, The Netherlands, Tel. (31)40 783 749, Fax. (31)40 788 399 Brazil: Rua do Rocio 220 - 5th floor, Suite 51, CEP: 04552-903-SAO PAULO-SP, Brazil. P.O. Box 7383 (01064-970). Tel. (011)821-2333, Fax. (011)829-1849 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS: Tel. (800) 234-7381, Fax. (708) 296-8556 Chile: Av. Santa Maria 0760, SANTIAGO, Tel. (02)773 816, Fax. (02)777 6730 Colombia: IPRELENSO LTDA, Carrera 21 No. 56-17, 77621 BOGOTA, Tel. (571)249 7624/(571)217 4609, Fax. (571)217 4549 Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. (032)88 2636, Fax. (031)57 1949 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. (9)0-50261, Fax. (9)0-520971 France: 4 Rue du Port-aux-Vins, BP317, 92156 SURESNES Cedex, Tel. (01)4099 6161, Fax. (01)4099 6427 Germany: P.O. Box 10 63 23, 20043 HAMBURG, Tel. (040)3296-0, Fax. (040)3296 213. Greece: No. 15, 25th March Street, GR 17778 TAVROS, Tel. (01)4894 339/4894 911, Fax. (01)4814 240 Hong Kong: PHILIPS HONG KONG Ltd., 15/F Philips Ind. Bldg., 24-28 Kung Yip St., KWAI CHUNG, N.T., Tel. (852)424 5121, Fax. (852)480 6960/480 6009 India: Philips INDIA Ltd, Shivsagar Estate, A Block , Dr. Annie Besant Rd. Worli, Bombay 400 018 Tel. (022)4938 541, Fax. (022)4938 722 Indonesia: Philips House, Jalan H.R. Rasuna Said Kav. 3-4, P.O. Box 4252, JAKARTA 12950, Tel. (021)5201 122, Fax. (021)5205 189 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. (01)640 000, Fax. (01)640 200 Italy: PHILIPS SEMICONDUCTORS S.r.l., Piazza IV Novembre 3, 20124 MILANO, Tel. (0039)2 6752 2531, Fax. (0039)2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2 -chome, Minato-ku, TOKYO 108, Tel. (03)3740 5028, Fax. (03)3740 0580 Korea: (Republic of) Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. (02)794-5011, Fax. (02)798-8022 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. (03)750 5214, Fax. (03)757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TX 79905, Tel. 9-5(800)234-7381, Fax. (708)296-8556 Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB Tel. (040)783749, Fax. (040)788399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. (09)849-4160, Fax. (09)849-7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. (022)74 8000, Fax. (022)74 8341 Pakistan: Philips Electrical Industries of Pakistan Ltd., Exchange Bldg. ST-2/A, Block 9, KDA Scheme 5, Clifton, KARACHI 75600, Tel. (021)587 4641-49, Fax. (021)577035/5874546. Philippines: PHILIPS SEMICONDUCTORS PHILIPPINES Inc, 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. (02)810 0161, Fax. (02)817 3474 Portugal: PHILIPS PORTUGUESA, S.A., Rua dr. Antonio Loureiro Borges 5, Arquiparque - Miraflores, Apartado 300, 2795 LINDA-A-VELHA, Tel. (01)4163160/4163333, Fax. (01)4163174/4163366. Singapore: Lorong 1, Toa Payoh, SINGAPORE 1231, Tel. (65)350 2000, Fax. (65)251 6500 South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. (011)470-5911, Fax. (011)470-5494. Spain: Balmes 22, 08007 BARCELONA, Tel. (03)301 6312, Fax. (03)301 42 43 Sweden: Kottbygatan 7, Akalla. S-164 85 STOCKHOLM, Tel. (0)8-632 2000, Fax. (0)8-632 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. (01)488 2211, Fax. (01)481 77 30 Taiwan: PHILIPS TAIWAN Ltd., 23-30F, 66, Chung Hsiao West Road, Sec. 1. Taipeh, Taiwan ROC, P.O. Box 22978, TAIPEI 100, Tel. (02)388 7666, Fax. (02)382 4382. Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, Bangkok 10260, THAILAND, Tel. (662)398-0141, Fax. (662)398-3319. Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. (0 212)279 27 70, Fax. (0212)282 67 07 United Kingdom: Philips Semiconductors LTD., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. (0181)730-5000, Fax. (0181)754-8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. (800)234-7381, Fax. (708)296-8556 Uruguay: Coronel Mora 433, MONTEVIDEO, Tel. (02)70-4044, Fax. (02)92 0601
Internet: http://www.semiconductors.philips.com/ps/ For all other countries apply to: Philips Semiconductors, International Marketing and Sales, Building BE-p, P.O. Box 218, 5600 MD, EINDHOVEN, The Netherlands, MD EINDHOVEN, The Netherlands, Telex 35000 phtcnl, Fax. +31-40-724825 SCD38 (c) Philips Electronics N.V. 1995
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
123052/1500/01/pp12 Document order number: Date of release: 1995 Apr 11 9397 750 00071
Philips Semiconductors


▲Up To Search▲   

 
Price & Availability of BLV934

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X