Part Number Hot Search : 
LBN09019 5602M TP1105 UM3311W PC250 18F67 AT89C5 2SC44
Product Description
Full Text Search
 

To Download ATP245SM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CTS Reeves
FREQUENCY PRODUCTS
Standard Crystals ATP-SM Series
CRYSTALS
Features:
* Frequency Range 3.5 to 40.0 MHz * Surface Mount Design * Reflow Solderable * AT-Cut Temperature Characteristic * Bulk or Tape and Reel Loaded * Stocked by CTS Distributors * Standard Frequencies Stocked These plastic molded parts use a sealed resonator with leads attached to an external lead frame. They are solder reflow compatible, and are available either bulk-packed or in the 22mm tape and reel.
CLOCKS VCXOs
Electrical Specifications:
Parameter
Frequency Range Calibration Tolerance Temperature Tolerance Operating Temperature Range Drive Level Shunt Capacitance Aging 3.5 - 40.0 MHz 50 ppm @ 25C 100 ppm 0 to 70C 100 Microwatts, typ.
TCXOs
7 pF, Max <10 ppm/Yr
Standard Part Numbers:
PART NUMBER ATP036SM ATP037SM ATP040SM ATP042SM ATP050SM ATP060SM ATP08ASM ATP098SM ATP100SM FREQUENCY (MHz) 3.579545 3.686400 4.000000 4.915200 5.068800 6.000000 8.000000 9.830400 10.000000 LOAD/SERIES 18 pF 20 pF 20 pF 20 pF 20 pF 20 pF 20 pF 20 pF SERIES PART NUMBER ATP111SM ATP120SM ATP122SM ATP143SM ATP153SM ATP160SM ATP204SM ATP245SM FREQUENCY (MHz) 11.059200 12.000000 12.288000 14.318180 15.360000 16.000000 20.480000 24.576000 LOAD/SERIES 20 pF SERIES 20 Pf SERIES 20 pF SERIES 20 pF SERIES
OCXOs
21
400 REIMANN AVE. * SANDWICH, IL 60548 Phone: 815-786-8411 * Fax: 815-786-3600 * E-Mail: www.ctsreeves.com
CTS Reeves
CRYSTALS
FREQUENCY PRODUCTS
Standard Crystals ATP-SM Series
Outline Drawing:
CLOCKS
Mechanical Specifications:
Package Type: Cylindrical crystal package connected to lead frame. Leads: Plastic injection molded, formed leads.
VCXOs
Reflow Temperature: 260C, 10 seconds (max)
Insulation Resistance: >500 Mohm Storage Temperature: -40 to 85C (max)
Environmental Specifications:
TCXOs
Reflow Temperature Capability: 260C, 10 seconds (max) Shock: 100g's, 3 planes, 1 blow per plane, F 10 ppm (max), R 15% (max)
Vibration: 10-55 Hz, 0.7 mm, 1 hr. per plane, F 10 ppm (max), R 15% (max)
Ordering Information:
A complete part number looks like: ATP ___ ___ ___ SM Select from the "Standard Frequencies" Table* Optional Suffix codes are:
"1" = Tape and reel packaging (see "Tape and Reel" page for tape dimensions)
OCXOs
22
Custom frequencies specified upon request. Contact CTS Reeves for more information.
400 REIMANN AVE. * SANDWICH, IL 60548 Phone: 815-786-8411 * Fax: 815-786-3600 * E-Mail: www.ctsreeves.com


▲Up To Search▲   

 
Price & Availability of ATP245SM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X