Part Number Hot Search : 
5KE110CA 1N6641 B60K250 FA5364X GB172 1052237 HS18045 UPC2407A
Product Description
Full Text Search
 

To Download 2SK4164 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENA0736
2SK4164
SANYO Semiconductors
DATA SHEET
N-Channel Silicon MOSFET
2SK4164
Features
* * *
General-Purpose Switching Device Applications
Low ON-resistance. Load switching applications. Avalanche resistance guarantee.
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Avalanche Energy (Single Pulse) *1 Avalanche Current *2 Symbol VDSS VGSS ID IDP PD Tch Tstg EAS IAV PW10s, duty cycle1% Tc=25C Conditions Ratings 45 20 100 400 50 150 --55 to +150 850 70 Unit V V A A W C C mJ A
Note : *1 VDD=30V, L=200H, IAV=70A *2 L200H, Single pulse
Electrical Characteristics at Ta=25C
Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Symbol V(BR)DSS IDSS IGSS Conditions ID=1mA, VGS=0V VDS=45V, VGS=0V VGS= 16V, VDS=0V Ratings min 45 1 typ max Unit V
Marking : K4164
A 10 A Continued on next page.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, AV equipment, communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. If you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
51607QA TI IM TC-00000690 No. A0736-1/4
2SK4164
Continued from preceding page.
Parameter Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Symbol VGS(off) yfs RDS(on)1 RDS(on)2 Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd VSD Conditions VDS=10V, ID=1mA VDS=10V, ID=50A ID=50A, VGS=10V ID=50A, VGS=4V VDS=20V, f=1MHz VDS=20V, f=1MHz VDS=20V, f=1MHz See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. VDS=20V, VGS=10V, ID=100A VDS=20V, VGS=10V, ID=100A VDS=20V, VGS=10V, ID=100A IS=100A, VGS=0V Ratings min 1.2 46 77 2.5 3.6 11500 1500 1200 70 1050 710 650 220 34 47 0.9 1.2 3.3 5.0 typ max 2.6 Unit V S m m pF pF pF ns ns ns ns nC nC nC V
Package Dimensions
unit : mm (typ) 7002-001
8.2 7.8 6.2 3
0.4 0.2
0.6
4.2
1.2
8.4 10.0
1.0 2.54
1
2
1.0 2.54
0.3 0.6
5.08 10.0 6.0
0.7 6.2 5.2
7.8
2.5
1 : Gate 2 : Source 3 : Drain SANYO : ZP
Switching Time Test Circuit
VDD=20V 10V 0V VIN ID=50A RL=0.4 VIN PW=10s D.C.1%
Avalanche Resistance Test Circuit
L 50
D G
VOUT 2SK4164 10V 0V 50 VDD
P.G
50
S
2SK4164
No. A0736-2/4
2SK4164
Tc=25C Single pulse
VDS=10V Single pulse
180 160
180 160
Drain Current, ID -- A
V
Drain Current, ID -- A
10
140 120 100 80 60 40 20 0 0 0.1 0.2
140 120 100 80 60 40 20 0
Tc= 75 C
VGS=3V
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
0.5
1.0
1.5
2.0
2.5
3.0
25 C
3.5
--25 C
Drain-to-Source Voltage, VDS -- V
8
IT12204 7
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
IT12205
RDS(on) -- Tc
Static Drain-to-Source On-State Resistance, RDS(on) -- m
7 6 5 4
Static Drain-to-Source On-State Resistance, RDS(on) -- m
ID=50A Single pulse
Single pulse
6
5
4
Tc=75C
3 2
3
=4V , VGS 50A I D= =10V , VGS =50A ID
25C
--25C
2
1 0 2 3 4 5 6 7 8 9 10 IT12206
1 0 --50
--25
0
25
50
75
100
125
Gate-to-Source Voltage, VGS -- V
100
Case Temperature, Tc -- C
3 2 100 7 5 3 2 10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2 0.01
IT12207
yfs -- ID
IS -- VSD
VGS=0V Single pulse
Forward Transfer Admittance, yfs -- S
7 5
VDS=10V Single pulse
2
10 7 5 3 2 1.0 0.1
Tc
=
--
C 25
C 75
Source Current, IS -- A
3
C 25
2
3
5 7 1.0
2
3
5 7 10
2
3
Drain Current, ID -- A
5 3
5 7 100 IT12208 3
0
0.2
Tc=7
5C 25C --25C
0.4
0.6
0.8
1.0
1.2
25 C
4.0 150 1.4 30
4V
SW Time -- ID
Ciss, Coss, Crss -- VDS
f=1MHz
Ciss
Diode Forward Voltage, VSD -- V
VDD=20V VGS=10V
2
Switching Time, SW Time -- ns
2
1000 7 5 3 2
Ciss, Coss, Crss -- pF
td(off)
10000 7 5 3 2
tf
tr
td(on)
2 3 5 7 1.0 2 3 5 7 10 2 3 5 7 100 IT12210
Coss Crss
100 7 5 0.1
1000 7 5 0 5 10 15 20 25
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
No. A0736-3/4
Tc= -25C 75C
200
ID -- VDS
8V
200
ID -- VGS
6V
IT12209
IT12211
2SK4164
10
VGS -- Qg
VDS=20V ID=100A
Drain Current, ID -- A
9
Gate-to-Source Voltage, VGS -- V
8 7 6 5
4 3
1000 7 5 3 2 100 7 5 3 2 10 7 5 3 2 1.0 7 5 3 2
ASO
IDP=400A ID=100A
PW10s
10
1m
DC
10 s
0
s
10
op era
10
0m
n
s
ms
s
Operation in this area is limited by RDS(on). Tc=25C Single pulse
2 3 5 7 1.0 2 3
tio
2
1 0
0
50
100
150
200
250 IT12212
0.1 0.1
5
7 10
2
3
5
7
Total Gate Charge, Qg -- nC
60
PD -- Tc
Avalanche Energy derating factor -- %
Drain-to-Source Voltage, VDS -- V
120
IT12213
EAS -- Ta
Allowable Power Dissipation, PD -- W
50
100
40
80
30
60
20
40
10
20
0 0 20 40 60 80 100 120 140 160
0 0 25 50 75 100 125 150 175 IT12215
Case Temperature, Tc -- C
IT12214
Ambient Temperature, Ta -- C
Note on usage : Since the 2SK4164 is a MOSFET product, please avoid using this device in the vicinity of highly charged objects.
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein. SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of SANYO Semiconductor Co.,Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO Semiconductor Co.,Ltd. product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. Upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's intellctual property rights which has resulted from the use of the technical information and products mentioned above.
This catalog provides information as of May, 2007. Specifications and information herein are subject to change without notice.
PS No. A0736-4/4


▲Up To Search▲   

 
Price & Availability of 2SK4164

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X