Part Number Hot Search : 
6006A 6006A AC12DGM 6006A FFCR5AH2 9435GJ CKF2M3 SDA6281
Product Description
Full Text Search
 

To Download 2SK4121LS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENA0824
2SK4121LS
SANYO Semiconductors
DATA SHEET
N-Channel Silicon MOSFET
2SK4121LS
Features
* * * *
General-Purpose Switching Device Applications
Low ON-resistance, low input capacitance, ultrahigh-speed switching. Adoption of high reliability HVP process. Attachment workability is good by Mica-less package. Avalanche resistance guarantee.
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Avalanche Energy (Single Pulse) *3 Avalanche Current *4 Symbol VDSS VGSS IDc*1 IDpack*2 IDP PD Tch Tstg EAS IAV Limited only by maximum temperature SANYO's ideal heat dissipation condition PW10s, duty cycle1% Tc=25C (SANYO's ideal heat dissipation condition) Conditions Ratings 450 30 12 9 42 2.0 35 150 --55 to +150 183 12 Unit V V A A A W W C C mJ A
*1 Shows chip capability *2 Package limited *3 VDD=99V, L=2mH, IAV=12A *4 L2mH, single pulse Marking : K4121
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, AV equipment, communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. If you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
70407QB TI IM TC-00000774 No. A0824-1/4
2SK4121LS
Electrical Characteristics at Ta=25C
Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Symbol V(BR)DSS IDSS IGSS VGS(off) yfs RDS(on) Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd VSD Conditions ID=10mA, VGS=0V VDS=360V, VGS=0V VGS=30V, VDS=0V VDS=10V, ID=1mA VDS=10V, ID=6A ID=6A, VGS=10V VDS=30V, f=1MHz VDS=30V, f=1MHz VDS=30V, f=1MHz See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. VDS=200V, VGS=10V, ID=12A VDS=200V, VGS=10V, ID=12A VDS=200V, VGS=10V, ID=12A IS=12A, VGS=0V Ratings min 450 100 100 3 3.3 6.5 0.43 750 165 38 16 54 98 50 30.3 5.2 18.5 0.9 1.2 0.56 5 typ max Unit V
A
nA V S pF pF pF ns ns ns ns nC nC nC V
Package Dimensions
unit : mm (typ) 7509-002
10.0 3.2 4.5 2.8
3.5
7.2 16.0
16.1
0.9 1.2 0.75
3.6
1.2
14.0
0.7
123
2.4
1 : Gate 2 : Drain 3 : Source SANYO : TO-220FI(LS)
2.55
2.55
Switching Time Test Circuit
VIN 10V 0V VIN ID=6A RL=33.3 VDD=200V
0.6
Avalanche Resistance Test Circuit
L 50 RG
D
PW=10s D.C.0.5%
VOUT
2SK4121LS 10V 0V 50 VDD
G
2SK4121LS P.G RGS=50
S
No. A0824-2/4
2SK4121LS
35
ID -- VDS
Tc=25C
15V
35
ID -- VGS
VDS=20V
Tc= --25C
30
30
10V
25C
Drain Current, ID -- A
25
Drain Current, ID -- A
25
75C
20
20
15
8V
15
10
10
6V
5 5
VGS=5V
0 0 5 10 15 20 25 30 IT12564 1.4 0 0 3 6 9 12 15 IT12565
Drain-to-Source Voltage, VDS -- V
2.0 1.8
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
RDS(on) -- Tc
ID=6A
Static Drain-to-Source On-State Resistance, RDS(on) --
1.6 1.4 1.2 1.0 0.8 0.6
Static Drain-to-Source On-State Resistance, RDS(on) --
1.2
1.0
0.8
0.6
Tc=75C
VG
0.4
=1 S
=6 , ID 0V
A
25C
0.4
--25C
0.2 0 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 9.5 10
0.2 0 --50
--25
0
25
50
75
100
125
150
Gate-to-Source Voltage, VGS -- V
3
IT12566 5
Case Temperature, Tc -- C
IT12567
yfs -- ID
IS -- VSD
VGS=0V
Forward Transfer Admittance, yfs -- S
2
VDS=10V
3 2 10 7 5 3 2 1.0 7 5 3 2
10 7 5 3 2
Tc=
--25
C
C 75
Tc=7 5C
7 5 3 2 0.1 2 3 5 7 1.0 2 3 5 7 10 2 3 5
0.1 7 5 3 2 0.01 0.2
0.4
0.6
--25C
0.8
25C
1.0
Source Current, IS -- A
C 25
1.0
1.2
1.4 IT12569
Drain Current, ID -- A
1000 7
IT12568 5 3 2
SW Time -- ID
Ciss, Coss, Crss -- VDS
f=1MHz
Diode Forward Voltage, VSD -- V
Switching Time, SW Time -- ns
5 3 2
VDD=200V VGS=10V
Ciss, Coss, Crss -- pF
1000 7 5 3 2 100 7 5 3 2 10
Ciss
td (off)
100 7 5 3 2
Coss
tf
tr
td(on)
2 3 5 7 1.0 2 3 5 7 10 2 3 5
Crss
10 0.1
0
10
20
30
40
50 IT12571
Drain Current, ID -- A
IT12570
Drain-to-Source Voltage, VDS -- V
No. A0824-3/4
2SK4121LS
10 9
VGS -- Qg
VDS=200V ID=12A
Drain Current, ID -- A
Gate-to-Source Voltage, VGS -- V
8 7 6 5 4 3 2 1 0 0 5 10 15 20 25 30 35 IT12572
100 7 5 3 2 10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2
ASO
IDP=42A IDc(*1)=12A IDpack(*2)=9A
10 ms 0m DC s op er ati on
10
PW10s
10
1m s
10
0 s
s
Operation in this area is limited by RDS(on). Tc=25C Single pulse
23 5 7 1.0
0.01 0.1
*1. Shows chip capability *2. SANYO's ideal heat dissipation condition
23 5 7 10 23 5 7 100 23 5 7 1k IT12573
Total Gate Charge, Qg -- nC
2.5
PD -- Ta
Allowable Power Dissipation, PD -- W
Drain-to-Source Voltage, VDS -- V
40 35 30 25 20 15 10 5 0
PD -- Tc
Allowable Power Dissipation, PD -- W
2.0
1.5
1.0
0.5
0 0 20 40 60 80 100 120 140 160
0
20
40
60
80
100
120
140
160
Ambient Temperature, Ta -- C
IT12574
Case Temperature, Tc -- C
IT12575
Note on usage : Since the 2SK4121LS is a MOSFET product, please avoid using this device in the vicinity of highly charged objects.
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein. SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of SANYO Semiconductor Co.,Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO Semiconductor Co.,Ltd. product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. Upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's intellctual property rights which has resulted from the use of the technical information and products mentioned above.
This catalog provides information as of July, 2007. Specifications and information herein are subject to change without notice.
PS No. A0824-4/4


▲Up To Search▲   

 
Price & Availability of 2SK4121LS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X