Part Number Hot Search : 
10030 STK66083 4528B CMS14 SS34A R3020 KBU35A SS34A
Product Description
Full Text Search
 

To Download 2SK3913-01MR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3913-01MR
N-CHANNEL SILICON POWER MOSFET
Outline Drawings (mm)
TO-220F 200406
FUJI POWER MOSFET
Super FAP-G Series
Features
High speed switching No secondary breadown Avalanche-proof Low on-resistance Low driving power
Applications
Switching regulators DC-DC converters UPS (Uninterruptible Power Supply)
Maximum ratings and characteristic
Absolute maximum ratings (Tc=25C unless otherwise specified)
Item Drain-source voltage Continuous Drain Current Pulsed Drain Current Gate-Source Voltage Maximum Avalanche current Non-Repetitive Maximum Avalanche Energy Repetitive Maximum Avalanche Energy Maximum Drain-Source dV/dt Peak Diode Recovery dV/dt Peak Diode Recovery -di/dt Max. Power Dissipation Operating and Storage Temperature range Isolation Voltage Symbol VDS VDSX ID ID(puls] VGS IAR EAS EAR dVDS/dt dV/dt -di/dt PD Tch Tstg VISO Ratings 250 220 14 56 30 14 301.1 3.7 20 5 100 37 2.16 +150 Unit V V A A V A mJ mJ kV/s kV/s A/s W Remarks VGS=-30V
Equivalent circuit schematic
Drain(D)
Note *1 Note *2 Note *3 VDS< 250V = Note *4 Note *5 Tc=25C Ta=25C
Gate(G) Source(S) Note *1:Tch <150C,Repetitive and Non-repetitive = Note *2:StartingTch=25C,IAS=6A,L=14.1mH, VCC=48V,RG=50 EAS limited by maximum channel temperature and avalanch current. See to the `Avalanche Energy' graph Note *3:Repetitive rating:Pulse width limited by maximum channel temperature.
C See to the `Transient Theemal impedance' -55 to +150 C graph 2 kVrms t=60sec f=60Hz Note *4:IF< -ID, -di/dt=100A/s,VCC BVDSS,Tch<150C < = = = < -ID, dv/dt=5kV/s,VCC< BVDSS,Tch< 150C Note *5:IF= Electrical characteristics (Tc =25C unless otherwise specified) = = Symbol BVDSS VGS(th) IDSS IGSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD VSD trr Qrr Symbol Rth(ch-c) Rth(ch-a) Test Conditions ID= 250A VGS=0V ID= 250A VDS=VGS VDS=250V VGS=0V VDS=200V VGS=0V VGS=30V VDS=0V ID=7A VGS=10V ID=7A VDS=25V VDS=75V VGS=0V f=1MH VCC=48V ID=7A VGS=10V RGS=10 VCC=125V ID=14A VGS=10V IF=14A VGS=0V Tch=25C IF=14A VGS=0V -di/dt=100A/s Tch=25C Test Conditions channel to case channel to ambient Tch=25C Tch=125C 220 10 780 90 6.0 12 3 23 6 22 7.0 6.0 1.00 120 0.5
Item Drain-Source Breakdown Voltaget Gate Threshold Voltage Zero Gate Voltage Drain Current Gate-Source Leakage Current Drain-Source On-State Resistance Forward Transcondutance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Time ton Turn-Off Time toff Total Gate Charge Gate-Source Charge Gate-Drain Charge Diode forward on-voltage Reverse recovery time Reverse recovery charge
Min.
250 3.0
Typ.
Max.
5.0 25 2 100 280 1170 135 9.0 18 4.5 35 9 33 11 9.0 1.50 250 1.25
Units
V V A mA nA m S pF
5
ns
nC
V ns C
Thermalcharacteristics
Item Thermal resistance www.fujielectric.co.jp/fdt/scd
Min.
Typ.
Max.
3.378 58
Units
C/W C/W
1
2SK3913-01MR
Characteristics
Allowable Power Dissipation PD=f(Tc)
FUJI POWER MOSFET
40
35
Typical Output Characteristics ID=f(VDS):80 s pulse test,Tch=25 C
35
30
20V 10V
30 25 8V 25
PD [W]
20
ID [A]
20
15 15 10 10 5
7V
6.5V
5
VGS=6V
0 0 25 50 75 100 125 150
0 0 2 4 6 8 10 12 14 16
Tc [C]
VDS [V]
Typical Transfer Characteristic ID=f(VGS):80 s pulse test,VDS=25V,Tch=25C
100
Typical Transconductance gfs=f(ID):80 s pulse test,VDS=25V,Tch=25C
10
10
ID[A]
1
gfs [S]
1 0 1 2 3 4 5 6 7 8 9 10 0.1 0.1
0.1
0.01
1
10
100
VGS[V]
ID [A]
1.0 0.9
Typical Drain-Source on-state Resistance RDS(on)=f(ID):80 s pulse test,Tch=25C
VGS=6.5V 7.0V 7.5V
0.8
Drain-Source On-state Resistance RDS(on)=f(Tch):ID=7A,VGS=10V
0.7
0.8 0.6 8V 0.7
RDS(on) [ ]
RDS(on) [ ]
0.6 0.5 0.4 0.3
0.5
10V 20V
0.4
max.
0.3
typ.
0.2 0.2 0.1 0.0 0 5 10 15 20 25 30 35 0.1
0.0 -50 -25 0 25 50 75 100 125 150
ID [A]
Tch [C]
2
2SK3913-01MR
Gate Threshold Voltage vs. Tch VGS(th)=f(Tch):VDS=VGS,ID=250uA
FUJI POWER MOSFET
7
24
Typical Gate Charge Characteristics VGS=f(Qg):ID=14A,Tch=25C
6
20
Vcc= 50V 250V 200V
5
max. 16
VGS(th) [V]
VGS [V]
4
12
3
min.
8 2
1
4
0 -50 -25 0 25 50 75 100 125 150
0 0 10 20 30 40 50 60 70
Tch [C]
Qg [nC]
10n
Typical Capacitance C=f(VDS):VGS=0V,f=1MHz
100
Typical Forward Characteristics of Reverse Diode IF=f(VSD):80 s pulse test,Tch=25C
1n
Ciss 10
C [F]
100p Coss
IF [A]
1 Crss 0.1 0.00
10p
1p -1 10
10
0
10
1
10
2
10
3
0.25
0.50
0.75
1.00
1.25
1.50
VDS [V]
VSD [V]
10
3
Typical Switching Characteristics vs. ID t=f(ID):Vcc=48V,VGS=10V,RG=10
350
Maximum Avalanche Energy vs. starting Tch E(AV)=f(starting Tch):Vcc=48V,I(AV)<=14A
300 IAS=5.6A tf 10
2
250
EAV [mJ]
td(off)
200 IAS=8.4A 150 IAS=14A 100
t [ns]
td(on) 10
1
tr 50
10
0
0
-1
10
10
0
10
1
10
2
0
25
50
75
100
125
150
ID [A]
starting Tch [C]
3
2SK3913-01MR
FUJI POWER MOSFET
10
2
Maximum Avalanche Current Pulsewidth IAV=f(tAV):starting Tch=25C,Vcc=48V
Single Pulse
Avalanche Current I AV [A]
10
1
10
0
10
-1
10 -8 10
-2
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
tAV [sec]
10
1
Transient Thermal Impedance Zth(ch-c)=f(t):D=0
10
0
Zth(ch-c) [C/W]
10
-1
10
-2
10
-3
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
t [sec]
http://www.fujielectric.co.jp/fdt/scd/
4


▲Up To Search▲   

 
Price & Availability of 2SK3913-01MR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X