Part Number Hot Search : 
51010 A5800836 SU169 EPC1075P 2620QK1 SND551 1N4753AP MRB48D
Product Description
Full Text Search
 

To Download 2SC5185 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SILICON TRANSISTOR
2SC5185
NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
FEATURES
* Low Noise NF = 1.3 dB NF = 1.3 dB
TYP. TYP.
PACKAGE DIMENSIONS
@ VCE = 2 V, IC = 3 mA, f = 2 GHz @ VCE = 1 V, IC = 3 mA, f = 2 GHz
2.1 0.2 1.25 0.1
(Units: mm)
* Super Mini-Mold package
ORDERING INFORMATION
2 0.65 0.3 +0.1 -0.05 3
2.0 0.2
(1.25)
0.60
2SC5185-T1
0.4 +0.1 -0.05
(emitter) facing the perforations 3 000 units/reel 2SC5185-T2 Embossed tape, 8 mm wide, pins No. 1 (collector) and No. 2 (emitter) facing the perforations
0.9 0.1
1
evaluation.
ABSOLUTE MAXIMUM RATINGS (TA = 25 C)
Collector to Base Voltage Collector to Emitter Voltage Emitter to Base Voltage Collector Current Total Power Dissipation Junction Temperature Storage Temperature VCBO VCEO VEBO IC PT Tj Tstg 5 3 2 30 90 150 -65 to +150 V V V mA mW C C
PIN CONNECTIONS 1. Collector 2. Emitter 3. Base 4. Emitter
Caution; This transistor uses high-frequency technology. Be careful not to allow excessive current to flow through the transistor, including static electricity. Document No. P12109EJ2V0DS00 (2nd edition) (Previous No. TC-2482) Date Published November 1996 N Printed in Japan
0 to 0.1
(c)
0.15 +0.1 -0.05
* Contact your NEC sales representative to order samples for
0.3
4
0.3 +0.1 -0.05
Embossed tape, 8 mm wide, pins No. 3 (base), and No. 4
(1.3)
PART NUMBER
QUANTITY
ARRANGEMENT
0.3 +0.1 -0.05
T86
1994
2SC5185
ELECTRICAL CHARACTERISTICS (TA = 25 C)
PARAMETER Collector Cutoff Current Emitter Cutoff Current DC Current Gain Insertion Power Gain (1) Insertion Power Gain (2) Noise Figure (1) Noise Figure (2) Gain Bandwidth Product (1) Gain Bandwidth Product (2) Feed-Back Capacitance SYMBOL ICBO IEBO hFE |S21e|2 |S21e|2 NF NF fT fT Cre 10 8 70 8 7.5 11 9 1.3 1.3 13 11 0.3 0.6 2.0 2.0 MIN. TYP. MAX. 100 100 140 dB dB dB dB GHz GHz pF UNIT nA nA CONDITIONS VCB = 5 V, IE = 0 VEB = 1 V, IC = 0 VCE = 2 V, IC = 20 mA*1 VCE = 2 V, IC = 20 mA, f = 2 GHz VCE = 1 V, IC = 10 mA, f = 2 GHz VCE = 2 V, IC = 3 mA, f = 2 GHz VCE = 1 V, IC = 3 mA, f = 2 GHz VCE = 2 V, IC = 20 mA, f = 2 GHz VCE = 1 V, IC = 10 mA, f = 2 GHz VCB = 2 V, IE = 0, f = 1 MHz*2
*1 *2
Measured with pulses: Pulse width 350 s, duty cycle 2 %, pulsed. Measured with a three-terminal bridge. The emitter and case terminal are connected to the guard terminal of the bridge.
hFE Class
Class Marking hFE FB T86 70 to 140
2
2SC5185
CHARACTERISTICS CURVES (TA = 25 C)
TOTAL POWER DISSIPATION vs. AMBIENT TEMPERATURE 50
PT - Total Power Dissipation - mW
COLLECTOR CURRENT vs. BASE TO EMITTER VOLTAGE VCE = 2 V
Passive Air Cooling 200
IC - Collector Current - mA
40
30
100
90 mW
20
10
0
50
100
150
0
0.5 VBE - Base to Emitter Voltage - V DC CURRENT GAIN vs. COLLECTOR CURRENT
1.0
TA - Ambient Temperature - C COLLECTOR CURRENT vs. COLLECTOR TO EMITTER VOLTAGE 25
IC - Collector Current - mA
500
hFE - DC Current Gain
20
15
10 5
200 A 180 A 160 A 140 A 120 A 100 A 80 A 60 A 40 A IB = 20 A 1.0 2.0 3.0
200 100 50 VCE = 2 V
VCE = 1 V
20 10
0
1
2
5
10
20
50
100
VCE - Collector to Emitter Voltage - V
IC - Collector Current - mA
GAIN BANDWIDTH PRODUCT vs. COLLECTOR CURRENT 16
fT - Gain Bandwidth Product - GHz
INSERTION POWER GAIN vs. COLLECTOR CURRENT 14
|S21e|2 - Insertion Power Gain - dB
f = 2 GHz 2V
f = 2 GHz
14 12 10 8 6 4 2 1 2 5 10 20 100 IC - Collector Current - mA VCE = 1 V
12 2V VCE = 1 V 8
10
6
4 1 2 5 10 20 30 100 I C - Collector Current - mA
3
2SC5185
NOISE FIGURE vs. COLLECTOR CURRENT 4 0.6 f = 2 GHz
FEED-BACK CAPACITANCE vs. COLLECTOR TO BASE VOLTAGE f = 1 MHz
NF - Noise Figure - dB
3
Cre - Feed-back Capacitance - pF
0.5
VCE = 1 V 2 VCE = 2 V 1
0.4
0.3
0 1 2 5 10 20 100 IC - Collector Current - mA
0.2 0 1.0 2.0 3.0 4.0 5.0 V CB - Collector to Base Voltage - V
4
2SC5185
S-PARAMETER
VCE = 1 V, IC = 1 mA, ZO = 50 FREQUENCY MHz 600.00 800.00 1000.00 1200.00 1400.00 1600.00 1800.00 2000.00 2200.00 MAG 0.856 0.745 0.693 0.625 0.576 0.558 0.536 0.501 0.489 S11 ANG -52.6 -70.3 -85.9 -100.4 -116.1 -129.6 -139.6 -151.3 -163.7 MAG 3.176 2.880 2.664 2.517 2.285 2.114 1.990 1.786 1.603 S21 ANG 135.4 121.6 109.0 99.6 90.9 81.7 75.0 69.9 62.0 MAG 0.116 0.157 0.182 0.196 0.210 0.214 0.210 0.201 0.205 S12 ANG 50.5 42.3 36.5 31.7 26.5 23.9 20.9 16.5 12.4 MAG 0.907 0.803 0.715 0.679 0.622 0.578 0.546 0.520 0.488 S22 ANG -29.6 -36.5 -44.4 -51.0 -56.0 -61.4 -67.1 -70.7 -75.1
VCE = 1 V, IC = 3 mA, ZO = 50 FREQUENCY MHz 600.00 800.00 1000.00 1200.00 1400.00 1600.00 1800.00 2000.00 2200.00 MAG 0.624 0.521 0.448 0.412 0.397 0.405 0.389 0.384 0.394 S11 ANG -80.7 -102.2 -117.6 -134.8 -151.6 -162.6 -171.8 177.6 167.9 MAG 6.490 5.364 4.631 4.118 3.564 3.231 2.954 2.612 2.313 S21 ANG 118.9 105.7 94.9 87.7 80.3 72.8 68.5 64.6 58.6 MAG 0.088 0.114 0.131 0.139 0.150 0.157 0.157 0.160 0.168 S12 ANG 43.7 37.8 36.3 36.5 35.3 36.0 36.8 35.2 31.5 MAG 0.692 0.565 0.470 0.421 0.369 0.336 0.315 0.301 0.277 S22 ANG -46.8 -54.6 -62.0 -66.8 -72.7 -78.6 -84.2 -87.1 -92.5
VCE = 1 V, IC = 5 mA, ZO = 50 FREQUENCY MHz 600.00 800.00 1000.00 1200.00 1400.00 1600.00 1800.00 2000.00 2200.00 MAG 0.505 0.425 0.363 0.344 0.352 0.369 0.357 0.363 0.374 S11 ANG -96.4 -119.5 -134.7 -152.8 -168.1 -177.0 174.4 165.0 157.4 MAG 7.878 6.280 5.309 4.632 3.967 3.586 3.255 2.870 2.537 S21 ANG 110.7 98.7 89.2 83.2 76.2 69.6 66.1 62.6 57.1 MAG 0.074 0.095 0.112 0.125 0.137 0.147 0.152 0.158 0.168 S12 ANG 39.4 41.7 41.5 42.5 42.7 44.0 45.1 43.1 39.5 MAG 0.565 0.446 0.366 0.318 0.280 0.254 0.242 0.228 0.214 S22 ANG -55.5 -62.5 -69.6 -74.2 -80.5 -87.7 -94.1 -96.5 -104.1
VCE = 1 V, IC = 7 mA, ZO = 50 FREQUENCY MHz 600.00 800.00 1000.00 1200.00 1400.00 1600.00 1800.00 2000.00 2200.00 MAG 0.422 0.370 0.320 0.317 0.334 0.352 0.346 0.357 0.368 S11 ANG -110.6 -132.4 -148.4 -166.0 -178.8 173.7 165.8 157.6 151.2 MAG 8.698 6.795 5.683 4.902 4.181 3.778 3.416 3.007 2.658 S21 ANG 105.2 94.4 85.7 80.4 73.9 67.7 64.7 61.4 56.3 MAG 0.063 0.086 0.104 0.117 0.131 0.145 0.150 0.159 0.169 S12 ANG 43.6 44.0 44.3 47.1 47.5 48.4 49.7 47.3 43.7 MAG 0.475 0.373 0.296 0.257 0.225 0.206 0.198 0.188 0.182 S22 ANG -61.4 -68.7 -75.8 -79.0 -87.9 -95.6 -102.7 -105.8 -114.3
5
2SC5185
VCE = 1 V, IC = 10 mA, ZO = 50 FREQUENCY MHz 600.00 800.00 1000.00 1200.00 1400.00 1600.00 1800.00 2000.00 2200.00 MAG 0.371 0.336 0.298 0.306 0.328 0.345 0.342 0.357 0.367 S11 ANG -123.3 -143.8 -160.3 -176.2 172.8 166.8 159.6 152.3 146.8 MAG 9.225 7.119 5.917 5.065 4.315 3.900 3.513 3.095 2.733 S21 ANG 101.0 91.1 83.2 78.4 72.1 66.3 63.6 60.5 55.6 MAG 0.058 0.077 0.099 0.113 0.129 0.145 0.151 0.161 0.172 S12 ANG 45.8 46.0 47.5 51.2 52.3 52.4 53.4 51.1 46.7 MAG 0.404 0.314 0.246 0.212 0.187 0.174 0.173 0.162 0.161 S22 ANG -66.0 -73.4 -80.9 -84.1 -94.9 -104.0 -111.5 -114.7 -123.5
VCE = 1 V, IC = 20 mA, ZO = 50 FREQUENCY MHz 600.00 800.00 1000.00 1200.00 1400.00 1600.00 1800.00 2000.00 2200.00 MAG 0.325 0.315 0.299 0.321 0.348 0.362 0.363 0.378 0.388 S11 ANG -150.0 -165.4 179.0 167.3 159.9 156.0 150.1 144.6 140.0 MAG 9.545 7.257 5.989 5.079 4.323 3.909 3.506 3.088 2.725 S21 ANG 94.3 85.9 79.1 74.9 68.9 63.7 61.4 58.5 53.8 MAG 0.049 0.074 0.099 0.112 0.130 0.147 0.155 0.166 0.178 S12 ANG 48.3 55.5 54.4 57.8 56.9 57.3 57.5 55.4 50.1 MAG 0.281 0.219 0.173 0.142 0.135 0.135 0.142 0.133 0.141 S22 ANG -76.8 -83.3 -93.4 -96.9 -112.0 -123.8 -131.8 -135.4 -143.2
VCE = 1 V, IC = 30 mA, ZO = 50 FREQUENCY MHz 600.00 800.00 1000.00 1200.00 1400.00 1600.00 1800.00 2000.00 2200.00 MAG 0.339 0.341 0.326 0.353 0.383 0.393 0.394 0.411 0.418 S11 ANG -163.4 -174.3 -172.0 161.4 155.6 151.7 146.8 141.7 137.7 MAG 9.097 6.891 5.682 4.801 4.089 3.700 3.313 2.918 2.573 S21 ANG 91.6 83.6 77.1 73.0 67.2 62.0 59.9 57.0 52.2 MAG 0.049 0.071 0.094 0.113 0.130 0.148 0.155 0.168 0.177 S12 ANG 56.6 54.2 57.0 60.1 59.0 58.1 58.9 56.4 50.6 MAG 0.234 0.181 0.143 0.118 0.114 0.122 0.130 0.125 0.134 S22 ANG -81.2 -87.8 -98.2 -105.8 -121.2 -133.3 -140.4 -144.3 -151.8
VCE = 2 V, IC = 1 mA, ZO = 50 FREQUENCY MHz 600.00 800.00 1000.00 1200.00 1400.00 1600.00 1800.00 2000.00 2200.00 MAG 0.876 0.762 0.709 0.642 0.590 0.566 0.545 0.502 0.483 S11 ANG -48.7 -64.8 -80.1 -93.7 -108.8 -122.4 -132.8 -144.4 -157.0 MAG 3.238 2.975 2.768 2.632 2.421 2.241 2.122 1.911 1.719 S21 ANG 138.5 125.2 112.9 103.6 95.2 86.0 79.1 73.9 66.2 MAG 0.098 0.133 0.162 0.175 0.185 0.190 0.188 0.181 0.184 S12 ANG 51.8 45.8 39.2 34.5 29.5 27.7 24.7 20.0 15.8 MAG 0.929 0.834 0.750 0.720 0.668 0.627 0.593 0.568 0.539 S22 ANG -26.2 -32.1 -39.1 -45.6 -50.5 -55.0 -60.1 -63.8 -67.7
6
2SC5185
VCE = 2 V, IC = 3 mA, ZO = 50 FREQUENCY MHz 600.00 800.00 1000.00 1200.00 1400.00 1600.00 1800.00 2000.00 2200.00 MAG 0.648 0.530 0.455 0.404 0.379 0.376 0.361 0.351 0.358 S11 ANG -72.2 -92.4 -107.9 -124.0 -141.2 -153.1 -163.1 -174.5 174.8 MAG 6.846 5.740 4.984 4.474 3.890 3.524 3.241 2.866 2.544 S21 ANG 122.4 109.3 98.3 91.1 83.8 76.2 71.6 67.7 61.7 MAG 0.077 0.103 0.119 0.127 0.138 0.145 0.145 0.148 0.156 S12 ANG 44.1 41.7 38.4 39.0 38.4 39.4 40.1 38.3 35.1 MAG 0.743 0.615 0.521 0.476 0.423 0.387 0.365 0.347 0.325 S22 ANG -40.3 -46.9 -53.7 -58.0 -62.3 -66.8 -71.9 -74.3 -78.9
VCE = 2 V, IC = 5 mA, ZO = 50 FREQUENCY MHz 600.00 800.00 1000.00 1200.00 1400.00 1600.00 1800.00 2000.00 2200.00 MAG 0.516 0.419 0.348 0.318 0.314 0.324 0.313 0.315 0.324 S11 ANG -86.3 -107.5 -122.7 -140.8 -157.5 -168.0 -177.0 172.4 163.4 MAG 8.468 6.831 5.794 5.091 4.374 3.950 3.603 3.177 2.815 S21 ANG 114.1 102.1 92.4 86.2 79.4 72.6 68.9 65.4 60.0 MAG 0.065 0.087 0.105 0.116 0.126 0.136 0.139 0.146 0.154 S12 ANG 43.6 43.2 43.2 45.3 46.6 45.8 47.9 45.7 42.2 MAG 0.622 0.501 0.415 0.373 0.328 0.301 0.282 0.270 0.253 S22 ANG -47.0 -53.3 -58.7 -62.0 -66.6 -71.5 -77.3 -79.6 -84.6
VCE = 2 V, IC = 7 mA, ZO = 50 FREQUENCY MHz 600.00 800.00 1000.00 1200.00 1400.00 1600.00 1800.00 2000.00 2200.00 MAG 0.424 0.354 0.288 0.276 0.282 0.299 0.292 0.300 0.311 S11 ANG -98.0 -119.6 -135.3 -154.1 -169.3 -178.4 172.9 163.6 156.1 MAG 9.465 7.465 6.261 5.434 4.646 4.193 3.807 3.352 2.967 S21 ANG 108.4 97.4 88.6 83.2 76.8 70.4 67.3 64.1 59.0 MAG 0.057 0.077 0.094 0.108 0.120 0.135 0.138 0.147 0.156 S12 ANG 46.2 44.3 45.8 49.5 51.0 51.3 52.4 50.2 46.2 MAG 0.534 0.423 0.347 0.309 0.271 0.249 0.234 0.225 0.211 S22 ANG -51.9 -56.5 -61.8 -64.5 -69.3 -75.3 -81.3 -83.6 -89.9
VCE = 2 V, IC = 10 mA, ZO = 50 FREQUENCY MHz 600.00 800.00 1000.00 1200.00 1400.00 1600.00 1800.00 2000.00 2200.00 MAG 0.355 0.303 0.252 0.251 0.267 0.285 0.282 0.293 0.304 S11 ANG -108.7 -129.9 -147.5 -165.0 -179.1 173.5 165.6 157.4 150.9 MAG 10.153 7.890 6.574 5.657 4.826 4.355 3.944 3.471 3.068 S21 ANG 104.0 94.0 85.9 81.0 74.9 68.9 66.2 63.1 58.3 MAG 0.049 0.072 0.092 0.104 0.120 0.133 0.139 0.150 0.157 S12 ANG 45.7 47.6 50.3 55.0 54.8 54.6 55.7 53.8 48.9 MAG 0.460 0.368 0.297 0.261 0.230 0.212 0.199 0.194 0.184 S22 ANG -55.1 -59.4 -63.7 -66.4 -71.4 -78.0 -84.9 -86.9 -94.0
7
2SC5185
VCE = 2 V, IC = 20 mA, ZO = 50 FREQUENCY MHz 600.00 800.00 1000.00 1200.00 1400.00 1600.00 1800.00 2000.00 2200.00 MAG 0.272 0.250 0.225 0.240 0.262 0.282 0.285 0.300 0.310 S11 ANG -133.9 -152.1 -170.8 174.6 164.8 159.6 153.8 147.4 142.9 MAG 10.869 8.291 6.856 5.838 4.970 4.491 4.047 3.563 3.146 S21 ANG 97.1 88.6 81.7 77.6 71.8 66.3 64.1 61.2 56.7 MAG 0.043 0.066 0.088 0.103 0.119 0.135 0.142 0.151 0.163 S12 ANG 50.8 52.7 56.0 60.5 59.3 60.0 60.2 57.6 52.7 MAG 0.344 0.280 0.219 0.196 0.172 0.158 0.152 0.149 0.144 S22 ANG -59.0 -60.9 -65.3 -67.1 -73.4 -81.8 -90.0 -92.5 -101.2
VCE = 2 V, IC = 30 mA, ZO = 50 FREQUENCY MHz 600.00 800.00 1000.00 1200.00 1400.00 1600.00 1800.00 2000.00 2200.00 MAG 0.259 0.248 0.235 0.253 0.282 0.298 0.301 0.317 0.326 S11 ANG -147.5 -163.4 179.7 166.8 159.3 155.7 149.9 144.6 140.4 MAG 10.783 8.199 6.764 5.739 4.886 4.416 3.975 3.499 3.089 S21 ANG 94.6 86.6 80.1 76.1 70.4 65.1 63.0 60.1 55.6 MAG 0.039 0.065 0.086 0.104 0.117 0.134 0.140 0.151 0.161 S12 ANG 54.2 57.4 57.8 61.4 61.0 60.9 62.0 59.5 54.4 MAG 0.310 0.248 0.200 0.178 0.158 0.144 0.139 0.139 0.134 S22 ANG -57.9 -58.8 -62.6 -63.0 -71.1 -78.7 -88.2 -89.6 -99.5
8
2SC5185
[MEMO]
9
2SC5185
[MEMO]
10
2SC5185
[MEMO]
11
2SC5185
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
M4 96.5
2


▲Up To Search▲   

 
Price & Availability of 2SC5185

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X