Part Number Hot Search : 
2N2894 AQW217A 30C01SS STV8131 N4007 AA273 IP122 MAX5385
Product Description
Full Text Search
 

To Download 2SB1132 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD 2SB1132
MEDIUM POWER TRANSISTOR
1
PNP SILICON TRANSISTOR
DESCRIPTION
The UTC 2SB1132 is a epitaxial planar type PNP silicon transistor.
SOT-89
FEATURES
* Low VCE(SAT). VCE(SAT) = -0.2V(Typ.) (IC/IB= -500mA/-50mA)
1
TO-252
*Pb-free plating product number: 2SB1132L
ORDERING INFORMATION
Order Number Normal Lead Free Plating 2SB1132-x-AB3-R 2SB1132L-x-AB3-R 2SB1132-x-TN3-R 2SB1132L-x-TN3-R 2SB1132-x-TN3-T 2SB1132L-x-TN3-T Package SOT-89 TO-252 TO-252 Pin Assignment 1 2 3 B C E B C E B C E Packing Tape Reel Tape Reel Tube
2SB1132L-x-AB3-R (1)Packing Type (2)Package Type (3)Rank (4)Lead Plating (1) R: Tape Reel, T: Tube (2) AB3: SOT-89, TN3: TO-252 (3) x: refer to Classification of hFE (4) L: Lead Free Plating, Blank: Pb/Sn
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 4
QW-R208-016,B
2SB1132
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Current Single pulse, Pw=100ms SYMBOL VCBO VCEO VEBO
PNP SILICON TRANSISTOR
ABSOLUTE MAXIMUM RATINGS (Ta=25C, unless otherwise specified)
RATINGS UNIT -40 V -32 V -5 V DC -1 A IC PULSE -2 A SOT-89 0.5 W Collector Power Dissipation PC TO-252 1 W Junction Temperature TJ 150 C Storage Temperature TSTG -55 ~ +150 C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25C, unless otherwise specified)
PARAMETER Collector Base Breakdown Voltage Collector Emitter Breakdown Voltage Emitter Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current Collector-Emitter Saturation Voltage DC Current Transfer Ratio Transition Frequency Output Capacitance Note: Measured using pulse current. SYMBOL BVCBO BVCEO BVEBO ICBO IEBO VCE(SAT) hFE fT Cob TEST CONDITIONS IC = -50A IC = -1mA IE= -50A VCB= -20V VEB= -4V IC = -500mA,IB= -50mA (Note) VCE= -3V,IC = -0.1A (Note) VCE= -5V, IE= 50 mA, f=30MHz VCB= -10V, IE= 0A,f=1MHz MIN -40 -32 -5 TYP MAX UNIT V V V A A V MHz pF
-0.2 82 150 20
-0.5 -0.5 -0.5 390 30
CLASSIFICATION OF hFE
RANK RANGE P 82-180 Q 120-270 R 180-390
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 4
QW-R208-016,B
2SB1132
TYPICAL CHARACTERISTICS
Grounded Emitter Propagation Characteristics -500 VCE =-6V Collector Current, Ic(mA) -200 -100 -50 -20 -10 -5 -2 -1 0 Ta=100 Ta=25 Ta= -55 Collector Current, Ic(mA) -400 -300 -500 -3.0 -3.5
PNP SILICON TRANSISTOR
Grounded Emitter Output Characteristics -4.0 -2.5 -4.5 -5.0 -2.0 -1.5
-1.0 -200 -0.5 Ta=25 IB =0mA -0.4 -0.8 -1.2 -1.6 -2.0 Collector to Emitter Voltage, VCE(V)
-100 0 0
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 Base to Emitter Voltage, VBE(V) )
DC Current Gain vs. Collector Current ( Ta=25 1000 DC Current Gain, hFE
DC Current Gain vs.Collector Current ( ) VcE= -3V 1000 DC Current Gain, hFE 500 Ta=100 200 Ta=25 100 Ta= -55 50 -1
500 VcE= -3V 200 VcE= -1V 100 50 -1
-2
-5 -10 -20 -50-100-200-500-1000 Collector Current, Ic(mA)
-2
-5 -10 -20 -50-100-200-500-1000 Collector Current :Ic(mA)
Collector-emitter Saturation Voltage vs. Collector Current Collector Saturation Voltage, VCE(SAT) ( V) Collector to Emitter Voltage, VCE(V) Ta=25 -0.5 IC/IB=10 -0.2 -0.1 -1
-1.0
Collector Emitter Saturation Voltage vs. Base Current Ta=25
-0.8
-0.6
-0.05
-0.4
IC = -500mA
-0.02 -0.01 -1 -2
-0.2 IC = -300mA 0 -1 -2 -5 -10 -20 Base Current, IB(mA) -50 -100
-5 -10-20 -50-100-200-500-1000-2000 Collector Current, Ic(mA)
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 4
QW-R208-016,B
2SB1132
TYPICAL CHARACTERISTICS(Cont.)
Gain Bandwidth Product vs. Emitter Current Ta=25 C VCE = -5V 200
PNP SILICON TRANSISTOR
Collector Output Capacitance, Cob (pF)
100
Collector Output Capacitance vs.Collector-Base Voltage Ta=25 C f=1MHz IE=0A
Transition Frequency, fT(MHz)
50
100 50
20
20 -1
-2 -5 -10 -20 -50 -100 Emitter Current, IB(mA) Safe Operation Area
10 -0.5 -1 -2 -5 -10 -20 Collector to Base Voltage, VCB(V) Transient Thermal Resistance 1000
-5 -2 -1
PW
Transient Thermal Resistance ( /W)
Ta=25 C 100
s 0m =1 PW
Collector Current, Ic (A)
s* m 00 =1 DC
-0.5 -0.2 -0.1 -0.05
Ta=25 C -0.02 *Single pulse -0.01 0 -0.2 -0.5 -1 -2 -5 -10 -20 -50 Collector to Emitter Voltage, VCE(V)
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
*
10
1
0.1 0.001 0.01
0.1
1 10 Time, t(s)
100
1000
4 of 4
QW-R208-016,B


▲Up To Search▲   

 
Price & Availability of 2SB1132

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X