Part Number Hot Search : 
2N2221A2 BSO211P MMPQ6502 45A30 R3000 SXXXM BC847PN 03952
Product Description
Full Text Search
 

To Download ZVN4206GV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ISSUE 3 - APRIL 1998 FEATURES * 60 Volt VDS * RDS(on)= 1 * Repetitive avalanche rating * No transient protection required * Characterised for 5V logic drive APPLICATIONS * Automotive relay drivers * Stepper motor driver PARTMARKING DETAIL ZVN4206V
ZVN4206GV
D
S D G
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Drain-Source Voltage Continuous Drain Current at T amb = 25C Pulsed Drain Current Gate-Source Voltage Power Dissipation at T amb = 25C Continuous Body Diode Current at T amb = 25C Avalanche Current - Repetitive Avalanche Energy - Repetitive Operating and Storage Temperature Range SYMBOL V DS ID I DM V GS P tot I SD I AR E AR T j:T stg VALUE 60 1 8 20 2 600 600 15 -55 to +150 UNIT V A A V W mA mA mJ C
ZVN4206GV
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Drain-Source Breakdown Voltage Gate-Source Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Current (1) Static Drain-Source On-State Resistance (1) Forward Transconductance (1)(2) Input Capacitance (2) Common Source Output Capacitance (2) Reverse Transfer Capacitance (2) Turn-On Delay Time (2)(3) Rise Time (2)(3) Turn-Off Delay Time (2)(3) Fall Time (2)(3) SYMBOL MIN. BV DSS V GS(th) I GSS I DSS I D(on) R DS(on) g fs C iss C oss C rss t d(on) tr t d(off) tf 300 100 60 20 8 12 12 15 3 1 1.5 60 1.3 3 100 10 100 MAX. UNIT CONDITIONS. V V nA A A A mS pF pF pF ns ns ns ns V DD 25V, I D=1.5A, V GEN =10V V DS=25V, V GS=0V, f=1MHz I D=1mA, V GS=0V I D =1mA, V DS= V GS V GS= 20V, V DS=0V V DS=60V, V GS=0V V DS=48V, V GS=0V, T=125C(2) V DS=25V, V GS=10V V GS=10V, I D=1.5A V GS=5V, I D=0.5A V DS=25V,I D=1.5A
(1) Measured under pulsed conditions. Width=300s. Duty cycle 2% (2) Sample test. (3) Switching times measured with 50 source impedance and <5ns rise time on a pulse generator
ZVN4206GV
TYPICAL CHARACTERISTICS
10 VGS= 20V 16V 14V 12V 10V 9V 8V 7V 2 6V 5V 4.5V 4V 3.5V 50 10 VGS= 20V 16V 14V 12V 10V 9V 8V 7V 6V 5V 4.5V 4V 3.5V 10
ID - Drain Current (Amps)
6
ID - Drain Current (Amps)
8
8 6
4
4
2
0 0 10 20 30 40
0 2 4 6 8
VDS - Drain Source Voltage (Volts)
VDS - Drain Source Voltage (Volts)
Output Characteristics
Saturation Characteristics
VDS-Drain Source Voltage (Volts)
10
ID - Drain Current (Amps)
6 VDS=10V 4
8 6
4 ID= 3A 1.5A 0.5A 0 2 4 6 8 10
2
2
0
0 0 2 4 6 8 10
VGS-Gate Source Voltage (Volts)
VGS-Gate Source Voltage (Volts)
Voltage Saturation Characteristics
RDS(on)-Drain Source On Resistance ()
Transfer Characteristics
VGS=3.5V 10
4.5V
6V
8V 10V 2.6
Normalised RDS(on) and VGS(th)
2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 -50 -25
e eR rc ou -S ain Dr eR nc ta sis
DS n) (o
VGS=10V ID=1.5A
14V 1.0 20V
VGS=VDS ID=1mA
Gate Threshold Voltage VGS(TH)
0 25 50 75 100 125 150 175 200 225
0.1 0.1 1.0 10
ID-Drain Current (Amps)
Tj-Junction Temperature (C)
On-resistance v drain current
Normalised RDS(on) and VGS(th) v Temperature
ZVN4206GV
TYPICAL CHARACTERISTICS
1000 1000
gfs-Transconductance (mS)
700 600 500 400 300 200 100 0 0 1 2
gfs-Transconductance (mS)
900 800 VDS=10V
900 800 700 600 500 400 300 200 100 0 0 1 2 3 4 5 6 7 8 9 10 VDS=10V
3
4
5
6
7
8
9
10
ID- Drain Current (Amps)
VGS-Gate Source Voltage (Volts)
Transconductance v drain current
Transconductance v gate-source voltage
VDS= 20V 40V 60V ID=1.5A
VGS-Gate Source Voltage (Volts)
200
16 14 12 10 8 6 4 2 0
C-Capacitance (pF)
160 120 80 Ciss 40 Coss 0 0 10 20 30 40 50 60 Crss 70 80
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
VDS-Drain Source Voltage (Volts)
Q-Charge (nC)
Capacitance v drain-source voltage
Gate charge v gate-source voltage
EAR- Repetative Avalance Energy (mJ)
Tj - Junction Temperature (C)
IAR- Repetative Avalance Current (A)
Tj - Junction Temperature (C)
Maximum repetative avalanche energy v Junction Temperature
Maximum repetative avalanche current v Junction Temperature


▲Up To Search▲   

 
Price & Availability of ZVN4206GV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X