Part Number Hot Search : 
24026 D9244 R1003 SC320 TSP080 BC41B14 SBL1045 A1020
Product Description
Full Text Search
 

To Download XCR3128A-10TQ128C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APPLICATION NOTE
0
XCR3128A: 128 Macrocell CPLD with Enhanced Clocking
0 14*
DS035 (v1.2) August 10, 2000
Product Specification
Features
* * * Industry's first TotalCMOSTM PLD - both CMOS design and process technologies Fast Zero Power (FZPTM) design technique provides ultra-low power and very high speed 3V, In-System Programmable (ISP) using a JTAG interface - On-chip supervoltage generation - ISP commands include: Enable, Erase, Program, Verify - Supported by multiple ISP programming platforms - 4-pin JTAG interface (TCK, TMS, TDI, TDO) - JTAG commands include: Bypass, Idcode High-speed pin-to-pin delays of 7.5 ns Ultra-low static power of less than 100 A 5V tolerant I/Os to support mixed voltage systems 100% routable with 100% utilization while all pins and all macrocells are fixed Deterministic timing model that is extremely simple to use Up to 20 clocks available Support for complex asynchronous clocking Innovative XPLATM architecture combines high-speed with extreme flexibility 1000 erase/program cycles guaranteed 20 years data retention guaranteed Logic expandable to 37 product terms Advanced 0.35 E2CMOS process Security bit prevents unauthorized access Design entry and verification using industry standard and Xilinx CAE tools Reprogrammable using industry standard device programmers Innovative Control Term structure provides either sum terms or product terms in each logic block for: - Programmable 3-state buffer - Asynchronous macrocell register preset/reset - Up to two, asynchronous clocks Programmable global 3-state pin facilitates "bed of nails" testing without using logic resources Available in TQFP and VQFP packages Available in both commercial and industrial grades Industrial grade operates from 2.7V to 3.6V
Description
The XCR3128A CPLD (Complex Programmable Logic Device) is a member of the CoolRunner(R) family of CPLDs from Xilinx. These devices combine high speed and zero power in a 128 macrocell CPLD. With the FZP design technique, the XCR3128A offers true pin-to-pin speeds of 7.5 ns, while simultaneously delivering power that is less than 100 A at standby without the need for `turbo bits' or other power-down schemes. By replacing conventional sense amplifier methods for implementing product terms (a technique that has been used in PLDs since the bipolar era) with a cascaded chain of pure CMOS gates, the dynamic power is also substantially lower than any competing CPLD. These devices are the first TotalCMOS PLDs, as they use both a CMOS process technology and the patented full CMOS FZP design technique. The Xilinx FZP CPLDs utilize the patented XPLA (eXtended Programmable Logic Array) architecture. The XPLA architecture combines the best features of both PLA and PAL type structures to deliver high-speed and flexible logic allocation that results in superior ability to make design changes with fixed pinouts. The XPLA structure in each logic block provides a fast 7.5 ns PAL path with five dedicated product terms per output. This PAL path is joined by an additional PLA structure that deploys a pool of 32 product terms to a fully programmable OR array that can allocate the PLA product terms to any output in the logic block. This combination allows logic to be allocated efficiently throughout the logic block and supports as many as 37 product terms on an output. The speed with which logic is allocated from the PLA array to an output is only 1.5 ns, regardless of the number of PLA product terms used, which results in worst case tPD's of only 9 ns from any pin to any other pin. In addition, logic that is common to multiple outputs can be placed on a single PLA product term and shared across multiple outputs via the OR array, effectively increasing design density. The XCR3128A CPLDs are supported by industry standard CAE tools (Cadence/OrCAD, Exemplar Logic, Mentor, Synopsys, Synario, Viewlogic, and Synplicity), using text (ABEL, VHDL, Verilog) and/or schematic entry. Design verification uses industry standard simulators for functional and timing simulation. Development is supported on personal computer, Sparc, and HP platforms. Device fitting uses a Xilinx developed tool, XPLA Professional (available on the Xilinx web site).
* * * * * * * * * * * * * * * *
* * * *
DS035 (v1.2) August 10, 2000
www.xilinx.com 1-800-255-7778
1
R
XCR3128A: 128 Macrocell CPLD with Enhanced Clocking
The XCR3128A CPLD is electrically reprogrammable using industry standard device programmers from vendors such as Data I/O, BP Microsystems, SMS, and others. The XCR3128A also includes an industry-standard, IEEE 1149.1, JTAG interface through which In-System Programming (ISP) and reprogramming of the device are supported.
Logic Block Architecture
Figure 2 illustrates the logic block architecture. Each logic block contains control terms, a PAL array, a PLA array, and 16 macrocells. The six control terms can individually be configured as either SUM or PRODUCT terms, and are used to control the preset/reset and output enables of the 16 macrocells' flip-flops. In addition, two of the control terms can be used as clock signals (see Macrocell Architecture section for details). The PAL array consists of a programmable AND array with a fixed OR array, while the PLA array consists of a programmable AND array with a programmable OR array. The PAL array provides a high speed path through the array, while the PLA array provides increased product term density. Each macrocell has five dedicated product terms from the PAL array. The pin-to-pin tPD of the XCR3128A device through the PAL array is 7.5 ns. If a macrocell needs more than five product terms, it simply gets the additional product terms from the PLA array. The PLA array consists of 32 product terms, which are available for use by all 16 macrocells. The additional propagation delay incurred by a macrocell using one or all 32 PLA product terms is just 1.5 ns. So the total pin-to-pin tPD for the XCR3128A using six to 37 product terms is 9 ns (7.5 ns for the PAL + 1.5 ns for the PLA).
XPLA Architecture
Figure 1 shows a high-level block diagram of a 128 macrocell device implementing the XPLA architecture. The XPLA architecture consists of logic blocks that are interconnected by a zero-power Interconnect Array (ZIA). The ZIA is a virtual crosspoint switch. Each logic block is essentially a 36V16 device with 36 inputs from the ZIA and 16 macrocells. Each logic block also provides 32 ZIA feedback paths from the macrocells and I/O pins. From this point of view, this architecture looks like many other CPLD architectures. What makes the CoolRunner family unique is what is inside each logic block and the design technique used to implement these logic blocks. The contents of the logic block will be described next.
MC0 MC1 I/O MC15 16 16 16 16 LOGIC BLOCK 36 36 LOGIC BLOCK
MC0 MC1 I/O MC15
MC0 MC1 I/O MC15 16 16 ZIA LOGIC BLOCK 36 36 LOGIC BLOCK 16 16 LOGIC BLOCK 36 36 LOGIC BLOCK
MC0 MC1 I/O MC15
MC0 MC1 I/O MC15 16 16
MC0 MC1 I/O MC15 16 16
MC0 MC1 I/O MC15 16 16 16 16 LOGIC BLOCK 36 36 LOGIC BLOCK
MC0 MC1 I/O MC15
SP00464
Figure 1: Xilinx XPLA CPLD Architecture DS035 (v1.2) August 10, 2000 www.xilinx.com 1-800-255-7778 2
R
XCR3128A: 128 Macrocell CPLD with Enhanced Clocking
36 ZIA INPUTS
CONTROL 5
6
PAL ARRAY
PLA ARRAY
(32) SP00435A
Figure 2: Xilinx XPLA Logic Block Architecture
3
www.xilinx.com 1-800-255-7778
DS035 (v1.2) August 10, 2000
TO 16 MACROCELLS
R
XCR3128A: 128 Macrocell CPLD with Enhanced Clocking Macrocell Architecture
Figure 3 shows the architecture of the macrocell used in the CoolRunner XCR3128A. The macrocell can be configured as either a D- or T-type flip-flop or a combinatorial logic function. A D-type flip-flop is generally more useful for implementing state machines and data buffering while a T-type flip-flop is generally more useful in implementing counters. Each of these flip-flops can be clocked from any one of six sources. Four of the clock sources (CLK0, CLK1, CLK2, CLK3) are connected to low-skew, device-wide clock networks designed to preserve the integrity of the clock signal by reducing skew between rising and falling edges. Clock 0 (CLK0) is designated as a "synchronous" clock and must be driven by an external source. Clock 1 (CLK1), Clock 2 (CLK2), and Clock 3 (CLK3) can be used as "synchronous" clocks that are driven by an external source, or as "asynchronous" clocks that are driven by a macrocell equation. CLK0, CLK1, CLK2, and CLK3 can clock the macrocell flip-flops on either the rising edge or the falling edge of the clock signal. The other clock sources are two of the six control terms (CT2 and CT3) provided in each logic block. These clocks can be individually configured as either a PRODUCT term or SUM term equation created from the 36 signals available inside the logic block. The timing for asynchronous and control term clocks is different in that the tCO time is extended by the amount of time that it takes for the signal to propagate through the array and reach the clock network, and the tSU time is reduced. The six control terms of each logic block are used to control the asynchronous Preset/Reset of the flip-flops and the enable/disable of the output buffers in each macrocell. Control terms CT0 and CT1 are used to control the asynchronous Preset/Reset of the macrocell's flip-flop. Note that the Power-on Reset leaves all macrocells in the "zero" state when power is properly applied, and that the Preset/Reset feature for each macrocell can also be disabled. Control terms CT2 and CT3 can be used as a clock signal to the flip-flops of the macrocells, and as the Output Enable of the macrocell's output buffer. Control terms CT4 and CT5 can be used to control the Output Enable of the macrocell's output buffer. Having four dedicated Output Enable control terms ensures that the CoolRunner devices are PCI compliant. The output buffers can also be always enabled or always disabled. All CoolRunner devices also provide a Global 3-state (GTS) pin, which, when enabled and pulled Low, will 3-state all the outputs of the device. This pin is provided to support "In-Circuit Testing" or "Bed-of-Nails" testing. There are two feedback paths to the ZIA: one from the macrocell, and one from the I/O pin. The ZIA feedback path before the output buffer is the macrocell feedback path, while the ZIA feedback path after the output buffer is the I/O pin feedback path. When the macrocell is used as an output, the output buffer is enabled, and the macrocell feedback path can be used to feedback the logic implemented in the macrocell. When the I/O pin is used as an input, the output buffer will be 3-stated and the input signal will be fed into the ZIA via the I/O feedback path, and the logic implemented in the buried macrocell can be fed back to the ZIA via the macrocell feedback path. It should be noted that unused inputs or I/Os should be properly terminated (see the section on Terminations in this data sheet and the application note Terminating Unused I/O Pins in Xilinx XPLA1 and XPLA2 CoolRunner CPLDs.
TO ZIA
PAL PLA D/T INIT (P or R) CT0 CT1 GND Q
CLK0 CLK0 CLK1 CLK1 CLK2 CLK2 CLK3 CLK3
GTS GND
CT4 CT5 V CC GND
CT2 CT3
SP00558
Figure 3: XCR3128A Macrocell Architecture
DS035 (v1.2) August 10, 2000
www.xilinx.com 1-800-255-7778
4
R
XCR3128A: 128 Macrocell CPLD with Enhanced Clocking Simple Timing Model
Figure 4 shows the CoolRunner Timing Model. The CoolRunner timing model looks very much like a 22V10 timing model in that there are three main timing parameters, including tPD, tSU, and tCO. In other competing architectures, the user may be able to fit the design into the CPLD, but is not sure whether system timing requirements can be met until after the design has been fit into the device. This is because the timing models of competing architectures are very complex and include such things as timing dependencies on the number of parallel expanders borrowed, sharable expanders, varying number of X and Y routing channels used, etc. In the XPLA architecture, the user knows up front whether the design will meet system timing requirements. This is due to the simplicity of the timing model.
INPUT PIN
tPD_PAL = COMBINATORIAL PAL ONLY tPD_PLA = COMBINATORIAL PAL + PLA
OUTPUT PIN
INPUT PIN
REGISTERED tSU_PAL = PAL ONLY tSU_PLA = PAL + PLA
D
Q
REGISTERED tCO
OUTPUT PIN
GLOBAL CLOCK PIN SP00553
Figure 4: CoolRunner Timing Model
5
www.xilinx.com 1-800-255-7778
DS035 (v1.2) August 10, 2000
R
XCR3128A: 128 Macrocell CPLD with Enhanced Clocking TotalCMOS Design Technique for Fast Zero Power
Xilinx is the first to offer a TotalCMOS CPLD, both in process technology and design technique. Xilinx employs a cascade of CMOS gates to implement its Sum of Products instead of the traditional sense amp approach. This CMOS gate implementation allows Xilinx to offer CPLDs which are both high-performance and low power, breaking the paradigm that to have low power, you must have low performance. Refer to Figure 5 and Table 1 showing the ICC vs. Frequency of the XCR3128A TotalCMOS CPLD (data taken with eight up/down, loadable 16-bit counters at 3.3V, 25C).
70
60
50
40 ICC (mA) 30
20
10
0
1
20
40
60 FREQUENCY (MHz)
80
100
120 SP00617
Figure 5: ICC vs. Frequency @ VCC = 3.3V, 25C Table 1: ICC vs. Frequency (VCC = 3.3V, 25C) Frequency (MHz) Typical ICC (mA) 0 0.03 1 0.7 20 12.7 40 25.5 60 38.1 80 50.5 100 62.8 120 74.7
DS035 (v1.2) August 10, 2000
www.xilinx.com 1-800-255-7778
6
R
XCR3128A: 128 Macrocell CPLD with Enhanced Clocking JTAG Testing Capability
JTAG is the commonly-used acronym for the Boundary-scan Test (BST) feature defined for integrated circuits by IEEE Standard 1149.1. This standard defines input/output pins, logic control functions, and commands which facilitate both board and device level testing without the use of specialized test equipment. The Xilinx XCR3128A devices use the JTAG Interface for In-System Programming/Reprogramming. Although only a subset of the full JTAG command set is implemented (see Table 2), the devices are fully capable of sitting in a JTAG scan chain. The Xilinx XCR3128A's JTAG interface includes a TAP Port defined by the IEEE 1149.1 JTAG Specification. As implemented in the Xilinx XCR3128A, the TAP Port includes four of the five pins (refer to Table 3) described in the JTAG specification: TCK, TMS, TDI, and TDO. The fifth signal defined by the JTAG specification is TRST* (Test Reset). TRST* is considered an optional signal, since it is not actually required to perform BST or ISP. The Xilinx XCR3128A saves an I/O pin for general purpose use by not implementing the optional TRST* signal in the JTAG interface. Instead, the Xilinx XCR3128A supports the test reset functionality through the use of its power-up reset circuit, which is included in all Xilinx CPLDs. The pins associated with the TAP Port should connect to an external pull-up resistor to keep the JTAG signals from floating when they are not being used. In the Xilinx XCR3128A, the four mandatory JTAG pins each require a unique, dedicated pin on the device. The devices come from the factory with these I/O pins set to perform JTAG functions, but through the software, the final function of these pins can be controlled. If the end application will require the device to be reprogrammed at some future time with ISP, then the pins can be left as dedicated JTAG functions, which means they are not available for use as general purpose I/O pins. However, unlike competing CPLDs, the Xilinx XCR3128A allow the macrocells associated with these pins to be used as buried logic when the JTAG/ISP function is enabled. This is the default state for the software, and no action is required to leave these pins enabled for the JTAG/ISP functions. If, however, JTAG/ISP is not required in the end application, the software can specify that this function be turned off and that these pins be used as general purpose I/O. Because the devices initially have the JTAG/ISP functions enabled, the JEDEC file can be downloaded into the device once, after which the JTAG/ISP pins will become general purpose I/O. This feature is good for manufacturing because the devices can be programmed during test and assembly of the end product and yet still use all of the I/O pins after the programming is done. It eliminates the need for a costly, separate programming step in the manufacturing process. Of course, if the JTAG/ISP function is never required, this feature can be turned off in the software and the device can be programmed with an industry-standard programmer, leaving the pins available for I/O functions. Table 4 defines the dedicated pins used by the four mandatory JTAG signals for each of the XCR3128A package types.
Table 2: XCR3128A Low-level JTAG Boundary-scan Commands Instruction (Instruction Code) Register Used Bypass (1111) Bypass Register Idcode (0001) Boundary-scan Register Description Places the 1-bit bypass register between the TDI and TDO pins, which allows the BST data to pass synchronously through the selected device to adjacent devices during normal device operation. The Bypass instruction can be entered by holding TDI at a constant high value and completing an Instruction-scan cycle. Selects the IDCODE register and places it between TDI and TDO, allowing the IDCODE to be serially shifted out of TDO. The IDCODE instruction permits blind interrogation of the components assembled onto a printed circuit board. Thus, in circumstances where the component population may vary, it is possible to determine what components exist in a product.
7
www.xilinx.com 1-800-255-7778
DS035 (v1.2) August 10, 2000
R
XCR3128A: 128 Macrocell CPLD with Enhanced Clocking
Table 3: JTAG Pin Description Pin TCK TMS TDI TDO Name Test Clock Output Test Mode Select Test Data Input Test Data Output Description Clock pin to shift the serial data and instructions in and out of the TDI and TDO pins, respectively. Serial input pin selects the JTAG instruction mode. TMS should be driven High during user mode operation. Serial input pin for instructions and test data. Data is shifted in on the rising edge of TCK. Serial output pin for instructions and test data. Data is shifted out on the falling edge of TCK. The signal is 3-stated if data is not being shifted out of the device.
Table 4: XCR3128A JTAG Pinout by Package Type Device XCR3128A 100-pin VQFP 128-pin TQFP (Pin Number / Macrocell #) TMS TDI 15/C15 4/B15 21/C15 8/B15
TCK 62/F15 82/F15
TDO 73/G15 95/G15
3.3V, In-System Programming (ISP)
ISP is the ability to reconfigure the logic and functionality of a device, printed circuit board, or complete electronic system before, during, and after its manufacture and shipment to the end customer. ISP provides substantial benefits in each of the following areas: * Design - Faster time-to-market - Debug partitioning and simplified prototyping - Printed circuit board reconfiguration during debug - Better device and board level testing Manufacturing - Multi-functional hardware - Reconfigurability for test - Eliminates handling of "fine lead-pitch" components for programming - Reduced inventory and manufacturing costs *
- Improved quality and reliability Field Support - Easy remote upgrades and repair - Support for field configuration, reconfiguration, and customization
*
The Xilinx XCR3128A allows for 3.3V in-system programming/reprogramming of its EEPROM cells via its JTAG interface. An on-chip charge pump eliminates the need for externally provided supervoltages, so that the XCR3128A may be easily programmed on the circuit board using only the 3V supply required by the device for normal operation. A set of low-level ISP basic commands implemented in the XCR3128A enable this feature. The ISP commands implemented in the Xilinx XCR3128A are specified in Table 5. Please note that an ENABLE command must precede all ISP commands unless an ENABLE command has already been given for a preceding ISP command.
DS035 (v1.2) August 10, 2000
www.xilinx.com 1-800-255-7778
8
R
XCR3128A: 128 Macrocell CPLD with Enhanced Clocking
Table 5: Low Level ISP Commands Instruction (Register Used) Enable (ISP Shift Register) Erase (ISP Shift Register) Program (ISP Shift Register) Verify (ISP Shift Register) Instruction Code 1001 1010 1011 1100 Description Enables the Erase, Program, and Verify commands. Erases the entire EEPROM array. Programs the data in the ISP Shift Register into the addressed EEPROM row. Transfers the data from the addressed row to the ISP Shift Register. .
Terminations
The CoolRunner XCR3128A CPLDs are TotalCMOS devices. As with other CMOS devices, it is important to consider how to properly terminate unused inputs and I/O pins when fabricating a PC board. Allowing unused inputs and I/O pins to float can cause the voltage to be in the linear region of the CMOS input structures, which can increase the power consumption of the device. The XCR3128A CPLDs have programmable on-chip pull-down resistors on each I/O pin. These pull-downs are automatically activated by the fitter software for all unused I/O pins. Note that an I/O macrocell used as buried logic that does not have the I/O pin used for input is considered to be unused, and the pull-down resistors will be turned on. We recommend that any unused I/O pins on the XCR3128A device be left unconnected.
There are no on-chip pull-down structures associated with the dedicated input pins. Xilinx recommends that any unused dedicated inputs be terminated with external 10k pull-up resistors. These pins can be directly connected to VCC or GND, but using the external pull-up resistors maintains maximum design flexibility should one of the unused dedicated inputs be needed due to future design changes. When using the JTAG/ISP functions, it is also recommended that 10k pull-up resistors be used on each of the pins associated with the four mandatory JTAG signals. Letting these signals float can cause the voltage on TMS to come close to ground, which could cause the device to enter JTAG/ISP mode at unspecified times. See the application notes JTAG and ISP Overview for Xilinx XPLA1 and XPLA2 CPLDs and Terminating Unused I/O Pins in Xilinx XPLA1 and XPLA2 CoolRunner CPLDs for more information.
9
www.xilinx.com 1-800-255-7778
DS035 (v1.2) August 10, 2000
R
XCR3128A: 128 Macrocell CPLD with Enhanced Clocking JTAG and ISP Interfacing
A number of industry-established methods exist for JTAG/ISP interfacing with CPLD's and other integrated circuits. The Xilinx XCR3128A supports the following methods: * * PC parallel port Workstation or PC serial port * * * * Embedded Processor Automated test equipment Third party programmers High-end ISP tools
For more details on JTAG and ISP for the XCR3128A, refer to the related application note: JTAG and ISP Overview for Xilinx XPLA1 and XPLA2 CPLDs
Table 6: Programming Specifications Symbol DC Parameters VCCP ICCP VIH VIL VSOL VSOH TDO_IOL TDO_IOH AC Parameters fMAX PWE PWP PWV INIT TMS_SU TDI_SU TMS_H TDI_H TDO_CO Parameter VCC supply program/verify ICC limit program/verify Input voltage (High) Input voltage (Low) Output voltage (Low) Output voltage (High) Output current (Low) Output current (High) CLK maximum frequency Pulse width erase Pulse width program Pulse width verify Initialization time TMS setup time before TCK goes High TDI setup time before TCK goes High TMS hold time after TCK goes High TDI hold time after TCK goes High TDO valid after TCK goes Low 2.0 0.8 0.5 2.4 8 -8 10 100 10 10 100 10 10 25 25 40 Min. 3.0 Max. 3.6 200 Unit V mA V V V V mA mA MHz ms ms s s ns ns ns ns ns
DS035 (v1.2) August 10, 2000
www.xilinx.com 1-800-255-7778
10
R
XCR3128A: 128 Macrocell CPLD with Enhanced Clocking
Absolute Maximum Ratings1
Symbol VCC VI VOUT IIN TJ Tstr
Notes: 1. Stresses above those listed may cause malfunction or permanent damage to the device. This is a stress rating only. Functional operation at these or any other condition above those indicated in the operational and programming specification is not implied. 2. The chip supply voltage must rise monotonically.
Parameter Supply voltage 2 Input voltage Output voltage Input current Maximum junction temperature Storage temperature
Min. -0.5 -1.2 -0.5 -30 -40 -65
Max. 4.6 5.75 5.5 30 150 150
Unit V V V mA C C
Operating Range
Product Grade Commercial Industrial Temperature 0 to +70 C -40 to +85C Voltage 3.0 to 3.6 V 2.7 to 3.6 V
DC Electrical Characteristics For Commercial Grade Devices
Commercial: 0C TAMB +70C; 3.0V VCC 3.6V Symbol VIL VIH VI VOL VOH II IOZ ICCQ ICCD IOS CIN CCLK CI/O
Notes: 1. See Table 2 on page 7 typical values. 2. This parameter measured with a 16-bit, loadable up/down counter loaded into every logic block, with all outputs disabled and unloaded. Inputs are tied to VCC or ground. This parameter guaranteed by design and characterization, not testing. 3. Typical values, not tested.
1 1, 2
Parameter Input voltage Low Input voltage High Input clamp voltage Output voltage Low Output voltage High Input leakage current 3-stated output leakage current Standby current Dynamic current Short circuit output current 3 Input pin capacitance 3 Clock input capacitance I/O pin capacitance
3 3
Test Conditions VCC = 3.0V VCC = 3.6V VCC = 3.0V, IIN = -18 mA VCC = 3.0V, IOL = 12 mA VCC = 3.0V, IOH = -12 mA VIN = 0 to 5.5V VIN = 0 to 5.5V VCC = 3.6V, TAMB = 0C VCC = 3.6V, TAMB = 0C @ 1 MHz VC = 3.6V, TAMB = 0C @ 50 MHz One pin at a time for no longer than one second TAMB = 25C, f = 1 MHz TAMB = 25C, f = 1 MHz TAMB = 25C, f = 1 MHz
Min.
Max. 0.8
Unit V V
2.0 -1.2 0.5 2.4 -10 -10 10 10 100 2 50 -50 -200 8 5 12 10
V V V A A A mA mA mA pF pF pF
11
www.xilinx.com 1-800-255-7778
DS035 (v1.2) August 10, 2000
R
XCR3128A: 128 Macrocell CPLD with Enhanced Clocking
AC Electrical Characteristics1 For Commercial Grade Devices
Commercial: 0C TAMB +70C; 3.0V VCC 3.6V Symbol tPD_PAL tPD_PLA Parameter Propagation delay time, input (or feedback node) to output through PAL Propagation delay time, input (or feedback node) to output through PAL + PLA Clock to out (global synchronous clock from pin) Setup time (from input or feedback node) through PAL Setup time (from input or feedback node) through PAL + PLA Hold time 2 Clock High time 2 Clock Low time 2 Input rise time 2 Input fall time 2 Maximum FF toggle rate 2 1/(tCH + tCL) Maximum internal frequency 2 1/(tSUPAL + tCF) Maximum external frequency 2 1/(tSUPAL + tCO) Output buffer delay time 2 Input (or feedback node) to internal feedback node delay time through PAL 2 Input (or feedback node) to internal feedback node delay time through PAL+PLA 2 Clock to internal feedback node delay time 2 Delay from valid V CC to valid reset 2 Input to output disable 2, 3 Input to output valid 2 Input to register preset 2 Input to register reset 2 7 Min. 2 3 Max. 7.5 9 Min. 2 3 10 Max. 10 11.5 Min. 2 3 12 Max. 12 13.5 Unit ns ns
tCO tSU_PAL tSU_PLA tH tCH tCL tR tF fMAX1 fMAX2 fMAX3 tBUF tPDF_PAL tPDF_PLA
2 3.5 5
5.5
2 4 5.5
7
2 6 7.5
8
ns ns ns
0 2 2 100 100 250 143 111 2 5.5 7 200 118 91 2.5 2.5
0 3 3 100 100 167 91 71 2 7.5 9
0
100 100
ns ns ns ns ns MHz MHz MHz
2 3
2 3
2 3
2 8 9.5
ns ns ns
tCF tINIT tER tEA tRP tRR
Notes:
3.5 20 8 8 9 9
4.5 20 9.5 9.5 9.5 9.5
5 20 10 10 10 10
ns s ns ns ns ns
1. Specifications measured with one output switching. See Figure 6 and Table 7 for derating. 2. This parameter guaranteed by design and characterization, not by test. 3. Output CL = 5 pF.
DS035 (v1.2) August 10, 2000
www.xilinx.com 1-800-255-7778
12
R
XCR3128A: 128 Macrocell CPLD with Enhanced Clocking
DC Electrical Characteristics For Industrial Grade Devices
Industrial: -40C TAMB +85C; 2.7V VCC 3.6V Symbol VIL VIH VI VOL VOH II IOZ ICCQ ICCD IOS CIN CCLK CI/O
Notes: 1. See Table 1 on page 6 for typical values. 2. This parameter measured with a 16-bit, loadable up/down counter loaded into every logic block, with all outputs disabled and unloaded. Inputs are tied to VCC or ground. This parameter guaranteed by design and characterization, not testing. 3. Typical values, not tested.
1 12
Parameter Input voltage Low Input voltage High Input clamp voltage Output voltage Low VCC = 2.7V VCC = 3.6V
Test Conditions
Min.
Max. 0.8
Unit V V
2.0 -1.2 0.5 0.5 2.4 2.4 -10 -10 10 10 100 2 50 -50 -230 8 5 12 10
VCC = 2.7V, IIN = -18 mA VCC = 2.7V, IOL = 8 mA VCC= 3.0V, IOL = 12 mA VCC = 2.7V, IOH = -8 mA VCC = 3.0V, IOH = -12 mA VIN = 0 to 5.5V VCC = 3.6V, TAMB = -40C VCC = 3.6V, TAMB = -40C @ 1 MHz VCC = 3.6V, TAMB = -40C @ 50 MHz 1 pin at a time for no longer than 1 second TAMB = 25C, f = 1 MHz
3
V V V V V A A A mA mA mA pF pF pF
Output voltage High
Input leakage current
3-stated output leakage current VIN = 0 to 5.5V Standby current Dynamic current Short circuit output current 3 Input pin capacitance
3 3
Clock input capacitance I/O pin capacitance
TAMB = 25C, f = 1 MHz TAMB = 25C, f = 1 MHz
13
www.xilinx.com 1-800-255-7778
DS035 (v1.2) August 10, 2000
R
XCR3128A: 128 Macrocell CPLD with Enhanced Clocking
AC Electrical Characteristics1 For Industrial Grade Devices
Industrial: -40C TAMB +85C; 2.7V VCC 3.6V Symbol tPD_PAL tPD_PLA tCO tSU_PAL tSU_PLA tH tCH tCL tR tF fMAX1 fMAX2 fMAX3 tBUF tPDF_PAL tPDF_PLA tCF tINIT tER tEA tRP tRR
Notes: 1. Specifications measured with one output switching. See Figure 6 and Table 7 for derating. 2. This parameter guaranteed by design and characterization, not by test. 3. Output CL = 5 pF.
Parameter Propagation delay time, input (or feedback node) to output through PAL Propagation delay time, input (or feedback node) to output through PAL + PLA Clock to out (global synchronous clock from pin) Setup time (from input or feedback node) through PAL Setup time (from input or feedback node) through PAL + PLA Hold time Clock High time Clock Low time Input rise time Input fall time Maximum FF toggle rate
2
10 Min. 2 3 2 4 5.5 0 3 3 100 100 4 4 Max. 10 11.5 7 Min. 2 3 2 6 7.5
15 Max. 15 16.5 8
Unit ns ns ns ns ns
0
ns ns ns
100 100 125 87 77
ns ns MHz MHz MHz
1/(tCH + tCL)
167 111 91 2 2 3 8 9.5 5 20 10 10
Maximum internal frequency 2 1/(t SUPAL + tCF) Maximum external frequency 2 1/(t SUPAL + tCO) Output buffer delay time
2
2 2 3 9 10.5 5.5 20 12 12 12 12
ns ns ns ns s ns ns ns ns
Input (or feedback node) to internal feedback node delay time through PAL 2 Input (or feedback node) to internal feedback node delay time through PAL+PLA 2 Clock to internal feedback node delay time 2 Delay from valid VCC to valid reset Input to output disable 2, 3 Input to output valid
2 2 2
Input to register preset Input to register reset
2
10 10
DS035 (v1.2) August 10, 2000
www.xilinx.com 1-800-255-7778
14
R
XCR3128A: 128 Macrocell CPLD with Enhanced Clocking
Switching Characteristics
The test load circuit and load values for the AC Electrical Characteristics are illustrated below.
VDD
S1
Component R1 R2
R1
Values 390 390 35 pF
C1
VIN VOUT
Measurement
R2 C1
S1 Open Closed Closed
S2 Closed Open Closed
tPZH tPZL tP
S2
NOTE: For tPHZ and tPLZ C = 5 pF, and 3-state levels are measured 0.5V from steady state active level.
SP00699
VDD = 3.3V, 25C 6.1
+3.0V
6.0
90%
5.9
10%
5.8 tPD_PAL (ns) 5.7 5.6
0V tR 1.5ns tF 1.5ns
SP00368
5.5
MEASUREMENTS: All circuit delays are measured at the +1.5V level of inputs and outputs, unless otherwise specified.
5.4
Input Pulses
5.3 5.2 5.1 1 2 4 8 12 16 SP00698 NUMBER OF OUTPUTS SWITCHING
Figure 7: Voltage Waveform
Table 7: tPD_PAL vs. Number of Outputs Switching (VCC = 3.3 V, T = 25C) Number of Outputs Typical (ns) 1 5.3 2 5.3 4 5.4 8 5.6 12 5.9 16 6.1
Figure 6: tPD_PAL vs. Outputs Switching
15
www.xilinx.com 1-800-255-7778
DS035 (v1.2) August 10, 2000
R
XCR3128A: 128 Macrocell CPLD with Enhanced Clocking
Pin Function and Laynout
XCR3128A: 100-pin VQFP, and 128-pin TQFP Pin Function Table
Pin #
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Function 100-pin 128-pin VQFP TQFP
I/O-A2 I/O-A0 VCC I/O-B15 (TDI) I/O-B13 I/O-B12 I/O-B10 I/O-B8 I/O-B7 I/O-B5 GND I/O-B4 I/O-B2 I/O-B0 I/O-C15 (TMS) I/O-C13 I/O-C12 VCC I/O-C10 I/O-C8 I/O-C7 I/O-C5 I/O-C4 I/O-C2 I/O-C0 GND I/O-D15 I/O-D13 I/O-D12 I/O-D10 I/O-D8 I/O-D7 I/O-A3 I/O-A2 I/O-A0 NC NC NC VCC I/O-B15 (TDI) I/O-B13 I/O-B12 I/O-B11 I/O-B10 I/O-B8 I/O-B7 I/O-B5 GND I/O-B4 I/O-B3 I/O-B2 I/O-B0 I/O-C15 (TMS) I/O-C13 I/O-C12 I/O-C11 VCC I/O-C10 I/O-C8 I/O-C7 I/O-C5 I/O-C4 I/O-C3 I/O-C2
Pin #
33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64
Function 100-pin 128-pin VQFP TQFP
I/O-D5 VCC I/O-D4 I/O-D2 I/O-D0/CLK2 GND VCC I/O-E0/ CLK1 I/O-E2 I/O-E4 GND I/O-E5 I/O-E7 I/O-E8 I/O-E10 I/O-E12 I/O-E13 I/O-E15 VCC I/O-F0 I/O-F2 I/O-F4 I/O-F5 I/O-F7 I/O-F8 I/O-F10 GND I/O-F12 I/O-F13 I/O-F15 (TCK) I/O-G0 I/O-G2 NC NC NC I/O-C0 GND I/O-D15 I/O-D13 I/O-D12 I/O-D11 I/O-D10 I/O-D8 I/O-D7 I/O-D5 VCC I/O-D4 I/O-D3 I/O-D2 I/O-D0/CLK2 GND VCC I/O-E0/ CLK1 I/O-E2 I/O-E3 I/O-E4 GND I/O-E5 I/O-E7 I/O-E8 I/O-E10 I/O-E11 I/O-E12 I/O-E13
Pin #
65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96
Function 100-pin 128-pin VQFP TQFP
I/O-G4 VCC I/O-G5 I/O-G7 I/O-G8 I/O-G10 I/O-G12 I/O-G13 I/O-G15 (TDO) GND I/O-H0 I/O-H2 I/O-H4 I/O-H5 I/O-H7 I/O-H8 I/O-H10 VCC I/O-H12 I/O-H13 I/O-H15 GND IN0/CLK0 IN2/gtsn IN1 IN3 VCC I/O-A15/CLK3 I/O-A13 I/O-A12 GND I/O-A10 I/O-E15 VCC I/O-F0 NC NC NC I/O-F2 I/O-F3 I/O-F4 I/O-F5 I/O-F7 I/O-F8 I/O-F10 GND I/O-F11 I/O-F12 I/O-F13 I/O-F15 (TCK) I/O-G0 I/O-G2 I/O-G3 I/O-G4 VCC I/O-G5 I/O-G7 I/O-G8 I/O-G10 I/O-G11 I/O-G12 I/O-G13 I/O-G15 (TDO) GND
Pin #
97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128
Function 100-pin 128-pin VQFP TQFP
I/O-A8 I/O-A7 I/O-A5 I/O-A4 NC NC NC I/O-H0 I/O-H2 I/O-H3 I/O-H4 I/O-H5 I/O-H7 I/O-H8 I/O-H10 VCC I/O-H11 I/O-H12 I/O-H13 I/O-H15 GND IN0/CLK0 IN2/gtsn IN1 IN3 VCC I/O-A15/ CLK3 I/O-A13 I/O-A12 I/O-A12 GND I/O-A10 I/O-A8 I/O-A7 I/O-A5 I/O-A4
DS035 (v1.2) August 10, 2000
www.xilinx.com 1-800-255-7778
16
R
XCR3128A: 128 Macrocell CPLD with Enhanced Clocking 100-pin VQFP
100 76 1
128-pin TQFP
128 103
1
VQFP TQFP
75
102
TQFP LQFP
25
51 38 26 50 39 SP00485A SP00469B 64 65
Ordering Information
Example: XCR3128A -7 VQ 100 C
Device Type Speed Options Temperature Range Number of Pins Package Type
Speed Options -15: 15 ns pin-to-pin delay -12: 12 ns pin-to-pin delay -10: 10 ns pin-to-pin delay -7: 7.5 ns pin-to-pin delay
Temperature Range C = Commercial, TA = 0C to +70C I = Industrial, TA = -40C to +85C Packaging Options VQ100: 100-pin VQFP TQ128: 128-pin TQFP
Component Availability
Pins Type Code XCR3128A 100 Plastic VQFP VQ100 I C C, I C 128 Plastic TQFP TQ128 I C C, I C
-15 -12 -10 -7
Revision History
Date 7/22/99 2/10/00 8/10/00 Version # 1.0 1.1 1.2 Revision Initial Xilinx release Converted to Xilinx format and updated. Updated pinout table.
17
www.xilinx.com 1-800-255-7778
DS035 (v1.2) August 10, 2000


▲Up To Search▲   

 
Price & Availability of XCR3128A-10TQ128C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X