Part Number Hot Search : 
MAX6602 23A01 23A01 3306B B2912BS1 FT5767M FT5767M SE051
Product Description
Full Text Search
 

To Download VT1100M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRODUCT SPECIFICATION VT1101M SERIES AM VIDEO MINI TRANSMITTER - DIRECT CAMERA MOUNT
FEATURES
* AM Video Transmission * NTSC, PAL, SECAM Compatible * Full Color Compatibility * Direct Camera Mountable * No In-field Electrical or Optical Adjustments Required * Optional 24VAC Adapter Available for Direct Use with 24VAC Camera Power Supply. * Power Status Indicating LED to Monitor System Performance * Distances up to 26 miles (42 km) Without Repeaters * VT1125M Distances up to 26 miles (42 km) * Lifetime Warranty
V
DESCRIPTION
The IFS VT1101M series video mini-transmitter provides transmission of a fixed video signal using AM modulation on one multimode or single-mode fiber optic cable. The transmitter is direct camera mountable eliminating the use of coaxial cable at the camera connection and will fit in most camera housings. A BNC feed-through coupler is also supplied to connect to coaxial cable when not mounting the module directly to the camera. The VT1101M video transmitter is compatible with the IFS VR1000, VR1001, VR1100, and VR2100 series receivers, and the VT1130M is compatible with the VR1130. Plug-and-play design ensures ease of installation requiring no electrical or optical adjustments. The transmitter incorporates a power status indicating LED for monitoring proper system operation. The transmitter is available in a stand-alone version only.
Available at:
www.
.com
APPLICATION EXAMPLES
* CCTV (Fixed Video)
* A & E Specifications, (CSI) * AutoCAD Drawings * Operation Manuals * Technical Bulletins
ORDERING INFORMATION
PART NUMBER
MULTIMODE VT1101M 62.5/125m** SINGLE-MODE VT1130M 9/125m
DESCRIPTION
Video Transmitter (850 nm)
FIBERS REQUIRED
1 1
OPTICAL PWR BUDGET
14 dB 14 dB
MAX. DISTANCE*
2.5 miles (4 km) 26 miles (42 km)
Video Transmitter (1310 nm) VT1101M Series is compatible with: VR1000, VR1001, VR1100, VR1130, VR2100 Series Receivers
OPTIONS
PS-12VDC 12 Volt DC Plug-in Power Supply (Included) PS-12VDC-230 12 Volt DC Plug-in Power Supply, 230 VAC Input (Included if specified at time of order) PS-1101M 24 VAC Adapter (Optional, consult factory for availability) Add `-C' for Conformally Coated Printed Circuit Boards (Extra charge, consult factory)
* Optical transmission distance is limited to optical loss of the fiber and any additional loss introduced by connectors, splices and patch panels. Distance can also be limited by fiber bandwidth. ** For 50/125 Fiber, subtract 4 dB from Optical Power Budget.
International Fiber Systems, Incorporated DESIGN CENTER (888)999-9IFS or (203)426-1180 FAX (203)426-3326 sales@ifs.com Europe, Middle East, Africa TEL +44(0)1732-522777 Asia Pacific TEL (852)291-41491 Australia TEL (612)998-01544 Latin America TEL (512)477-8787


▲Up To Search▲   

 
Price & Availability of VT1100M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X