Part Number Hot Search : 
LC8956 BD801 2SJ26 KLNR6 DTA124 CPHC3704 DFLU1200 TMP87P
Product Description
Full Text Search
 

To Download ULN2803A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ULN2803,04APG/AFWG
TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
ULN2803APG,ULN2803AFWG,ULN2804APG,ULN2804AFWG (Manufactured by Toshiba Malaysia)
8ch Darlington Sink Driver
The ULN2803APG / AFWG Series are high-voltage, high-current darlington drivers comprised of eight NPN darlington pairs. All units feature integral clamp diodes for switching inductive loads. Applications include relay, hammer, lamp and display (LED) drivers. The suffix (G) appended to the part number represents a Lead (Pb)-Free product.
ULN2803APG ULN2804APG
Features
Output current (single output) 500 mA (Max.) High sustaining voltage output 50 V (Min.) Output clamp diodes Inputs compatible with various types of logic. Package Type-APG Package Type-AFWG : DIP-18pin : SOL-18pin
ULN2803AFWG ULN2804AFWG
Weight DIP18-P-300-2.54F : 1.478 g (Typ.) SOL18-P-300-1.27 : 0.48 g (Typ.)
Pin Connection (top view)
Type ULN2803APG / AFWG ULN2804APG / AFWG Input Base Resistor 2.7 k 10.5 k Designation TTL, 5 V CMOS 6~15 V PMOS, CMOS
1
2006-02-15
ULN2803,04APG/AFWG
Schematics (each driver)
ULN2803APG / AFWG ULN2804APG / AFWG
Note:
The input and output parasitic diodes cannot be used as clamp diodes.
Absolute Maximum Ratings (Ta = 25C)
Characteristic Output sustaining voltage Output current Input voltage Clamp diode reverse voltage Clamp diode forward current Power dissipation Operating temperature Storage temperature APG AFWG Symbol VCE (SUS) IOUT VIN VR IF PD Topr Tstg Rating -0.5~50 500 -0.5~30 50 500 1.47 0.92 / 1.31 (Note) -40~85 -55~150 Unit V mA / ch V V mA W C C
Note:
On Glass Epoxy PCB (75 x 114 x 1.6 mm Cu 20%)
2
2006-02-15
ULN2803,04APG/AFWG
Recommended Operating Conditions (Ta = -40~85C)
Characteristic Output sustaining voltage Symbol VCE (SUS) Tpw = 25 ms, Duty = 10%, 8 Circuits Tpw = 25 ms, Duty = 50%, 8 Circuits Tpw = 25 ms, Duty = 10%, 8 Circuits Tpw = 25 ms, Duty = 50%, 8 Circuits VIN ULN2803A ULN2804A VIN (ON) VR IF PD Ta = 85C Ta = 85C (Note) Test Condition Min 0 0 0 0 0 0 3.5 8 Typ. Max 50 347 123 268 90 30 30 30 50 400 0.76 0.48 V V V mA W Unit V
APG Output current AFWG IOUT
mA / ch
Input voltage Input voltage (Output on)
Clamp diode reverse voltage Clamp diode forward current Power dissipation APG AFWG
Note:
On Glass Epoxy PCB (75 x 114 x 1.6 mm Cu 20%)
3
2006-02-15
ULN2803,04APG/AFWG
Electrical Characteristics (Ta = 25C)
Characteristic Symbol Test Cir- Cuit 1 Test Condition VCE = 50 V ICEX VCE = 50 V VCE = 50 V Ta = 25C Ta = 85C VIN = 1 V Min 50 1000 RL = 125 , VOUT = 50 V RL = 125 , VOUT = 50 V Typ. 1.3 1.1 0.9 0.93 0.35 1.0 65 15 0.1 0.2 Max 50 100 500 1.6 1.3 1.1 1.35 0.5 1.45 2.4 2.7 3.0 5.0 6.0 7.0 8.0 50 100 2.0 A V pF s V A mA V A Unit
Output leakage current ULN2804A
IOUT = 350 mA, IIN = 500 A Collector-emitter saturation voltage VCE (sat) 2 IOUT = 200 mA, IIN = 350 A IOUT = 100 mA, IIN = 250 A ULN2803A Input current ULN2804A IIN (ON) 2 VIN = 3.85 V VIN = 5 V VIN = 12 V IIN (OFF) 4 IOUT = 500 A, Ta = 85C VCE = 2 V, IOUT = 200 mA ULN2803A Input voltage (Output on) ULN2804A VCE = 2 V, IOUT = 250 mA VCE = 2 V, IOUT = 300 mA VIN (ON) 5 VCE = 2 V, IOUT = 125 mA VCE = 2 V, IOUT = 200 mA VCE = 2 V, IOUT = 275 mA VCE = 2 V, IOUT = 350 mA DC current transfer ratio Clamp diode reverse current Clamp diode forward voltage Input capacitance Turn-on delay Turn-off delay hFE IR VF CIN tON tOFF 2 6 7 8 VCE = 2 V, IOUT = 350 mA Ta = 25C Ta = 85C IF = 350 mA (Note) (Note)
Note:
VR = VR MAX.
4
2006-02-15
ULN2803,04APG/AFWG
Test Circuit
1. ICEX 2. VCE (sat), hFE 3. IIN (ON)
4.
IIN (OFF)
5.
VIN (ON)
6.
IR
7.
VF
5
2006-02-15
ULN2803,04APG/AFWG
8. tON, tOFF
Note 1: Pulse Width 50 s, Duty Cycle 10% Output Impedance 50 , tr 5 ns, tf 10 ns Note 2: See below. Input Condition
Type Number ULN2803A ULN2804A R1 0 0 VIH 3V 8V
Note 3: CL includes probe and jig capacitance
Precautions for Using
This IC does not integrate protection circuits such as overcurrent and overvoltage protectors. Thus, if excess current or voltage is applied to the IC, the IC may be damaged. Please design the IC so that excess current or voltage will not be applied to the IC. Utmost care is necessary in the design of the output line, COMMON and GND line since IC may be destroyed due to short-circuit between outputs, air contamination fault, or fault by improper grounding.
6
2006-02-15
ULN2803,04APG/AFWG
7
2006-02-15
ULN2803,04APG/AFWG
8
2006-02-15
ULN2803,04APG/AFWG
Package Dimensions
DIP18-P-300-2.54F Unit: mm
Weight: 1.478 g (Typ.)
9
2006-02-15
ULN2803,04APG/AFWG
Package Dimensions
SOL18-P-300-1.27 Unit: mm
Weight: 0.48 g (Typ.)
10
2006-02-15
ULN2803,04APG/AFWG
Notes on Contents
1. Schematics
The schematics may be simplified or some parts of them may be omitted for explanatory purposes.
2. Absolute Maximum Ratings
The absolute maximum ratings of a semiconductor device are a set of specified parameter values that must not be exceeded during operation, even for an instant. If any of these ratings are exceeded during operation, the electrical characteristics of the device may be irreparably altered and the reliability and lifetime of the device can no longer be guaranteed. Moreover, any exceeding of the ratings during operation may cause breakdown, damage and/or degradation in other equipment. Applications using the device should be designed so that no absolute maximum rating will ever be exceeded under any operating conditions. Before using, creating and/or producing designs, refer to and comply with the precautions and conditions set forth in this document.
3. Recommended Operating Conditions
The values of the conditions are applied within the range of the operating temperature and not guaranteed.
4. AC Characteristics
AC characteristics that mean turn-on and turn-off time are targeted design values and not guaranteed.
5. Application Circuits
The application circuits shown in this document are provided for reference purposes only. Thorough evaluation is required, especially in the phase of mass production design. In furnishing these examples of application circuits, Toshiba does not grant the use of any industrial property rights.
6. Graphics Characteristics
Graphics characteristics are reference ones and not guaranteed.
Handling of the IC
Ensure that the product is installed correctly to prevent breakdown, damage and/or degradation in the product or equipment.
11
2006-02-15
ULN2803,04APG/AFWG
12
2006-02-15


▲Up To Search▲   

 
Price & Availability of ULN2803A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X