Part Number Hot Search : 
AD421BR LT3436 MBR0520 ZXMN6 N1205 ST508AT1 HN2C1 W91320
Product Description
Full Text Search
 

To Download TSMDA05CM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05115
TSMDA05CM
thru
Only One Name Means ProT ek'TionTM
TSMDA24CM
ST ANDARD CAPACIT ANCE TVS ARRA Y
APPLICA TIONS RS-232, RS-422 & RS-423 Data Lines Microprocessor Based Equipment Control & Monitoring Equipment Portable Electronics IEC COMPA TIBILITY (EN61000-4) 61000-4-2 (ESD): Air - 15kV, Contact - 8kV 61000-4-4 (EFT): 40A - 5/50ns 61000-4-5 (Surge): 12A, 8/20s - Level 1(Line-Gnd) & Level 2(Line-Line) FEA TURES 500 Watts Peak Pulse Power per Line (tp=8/20s) Bidirectional Configurations Monolithic Design Available in Voltage Types Ranging From: 5V to 24V Protects 4 - 7 Lines ESD Protection > 40 kilovolts RoHS Compliant in Lead-Free Versions MECHANICAL CHARACTERISTICS Molded JEDEC MSOP-8 Package Weight 24 milligrams (Approximate) Available in Tin-Lead or Lead-Free Pure-Tin Plating(Annealed) Solder Reflow Temperature: Tin-Lead - Sn/Pb, 85/15: 240-245C Pure-Tin - Sn, 100: 260-270C Flammability rating UL 94V-0 12mm Tape and Reel Per EIA Standard 481 Marking: Logo, Marking Code, Date Code & Pin One Defined By Dot on Top of Package PIN CONFIGURA TION
8 7 6 5
MSOP-8
1
2
3
4
05115.R3 3/05
1
www.protekdevices.com
TSMDA05CM
thru
TSMDA24CM
DEVICE CHARACTERISTICS MAXIMUM RATINGS @ 25C Unless Otherwise Specified
PARAMETER Peak Pulse Power (tp = 8/20s) - See Figure 1 Operating Temperature Storage Temperature SYMBOL PPP TJ TSTG VALUE 500 -55C to 150C -55C to 150C UNITS Watts C C
ELECTRICAL CHARACTERISTICS PER LINE @ 25C Unless Otherwise Specified
PART NUMBER DEVICE MARKING CODE RATED STAND-OFF VOLTAGE MINIMUM BREAKDOWN VOLTAGE MAXIMUM CLAMPING VOLTAGE (See Fig. 2) @ IP = 1A VC VOLTS 9.8 13.4 19.0 24.0 43.0 MAXIMUM CLAMPING VOLTAGE (See Fig. 2) MAXIMUM LEAKAGE CURRENT MAXIMUM CAPACITANCE PER LINE
V WM VOLTS TSMDA05CM TSMDA08CM TSMDA12CM TSMDA15CM TSMDA24CM REJ REK REL REM REN 5.0 8.0 12.0 15.0 24.0
@ 1mA V(BR) VOLTS 6.0 8.5 13.4 16.7 26.7
@8/20s VC @ IPP 19.0V @ 30A 23.7V @ 24A 29.2V @ 20A 31.1V @ 18A 45.0V @ 13A
@VWM ID A 100 10 1 1 1
@0V, 1 MHz C pF 350 300 150 100 63
05115.R3 3/05
2
www.protekdevices.com
TSMDA05CM
thru
TSMDA24CM
GRAPHS
FIGURE 1 PEAK PULSE POWER VS PULSE TIME
10,000
PPP - Peak Pulse Power - Watts
1,000
500W 8/20s Waveform
100
10 0.1
1
10 100 td - Pulse Duration - s
1,000
10,000
120
IPP - Peak Pulse Current - % of IPP
FIGURE 2 PULSE WAVE FORM
tf Peak Value IPP TEST WAVEFORM PARAMETERS tf = 8s td = 20s
100 80 60 40 20 0 0 5
e-t
td = t I /2 PP
10
15 t - Time - s
20
25
30
100 80
% Of Rated Power
FIGURE 3 POWER DERATING CURVE
Peak Pulse Power 8/20s
60
40 20 Average Power 0 0 25 50 75 100 125 TL - Lead Temperature - C 150
05115.R3 3/05
3
www.protekdevices.com
TSMDA05CM
thru
TSMDA24CM
PACKAGE OUTLINE & DIMENSIONS
PACKAGE OUTLINE
A
MSOP-8
8
5 B C
PACKAGE DIMENSIONS
DIM A B C D E F G J K M N
NOTES 1. 2. 3. 4. - T - = Seating Plane and DatumSurface. Dimensions "A" and "B" are Datum. Dimensions "A" and "B" do not include mold protrusions. Dimension "A" does not include mold flash, protrusions or gate burrs. 6. Dimension "B" does not include dambar protrusions. TAPE & REEL/BULK ORDERING NOMENCLATURE 1. Surface mount product is taped and reeled in accordance with EIA-481. 2. Suffix-T13 = 13 Inch Reel - 4,000 pieces per 12mm tape, i.e., TSMDA05CM-T13. 3. Suffix - LF = Lead-Free, Pure-Tin Plating, i.e., TSMDA05CM-LF-T13. 4. No Suffix = Product Shipped in Tubes of 102 pcs per Tube.
1 4
MILLIMETERS MIN MAX 0.65 BSC 2.90 4.80 2.90 0.05 0.16 0 0.09 0.45 0.65 BSC 3.10 5.00 3.10 1.10 0.25 0.32 0.95 6 0.24 0.55
INCHES MIN MAX 0.026 BSC 0.026 BSC 0.122 0.114 0.189 0.197 0.122 0.114 0.044 0.002 0.010 0.013 0.006 0.037 0 6 0.004 0.009 0.018 0.022
D
E
J G
F
K
N
M
MOUNTING PAD
0.026" BSC
0.018" 0.002"
0.140" MIN
0.230" MIN
0.045" 0.005"
Outline & Dimensions: Rev 0 - 10/03, 06046
COPYRIGHT (c) ProTek Devices 2005 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products.
ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com
05115.R3 3/05
4
www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of TSMDA05CM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X