Part Number Hot Search : 
CHDTA GTT2625 TC11CP SZ25A24 GD1SS356 LTC31 SGM358YS 65120
Product Description
Full Text Search
 

To Download TC74LCX07F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74LCX07F/FN/FT
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LCX07F,TC74LCX07FN,TC74LCX07FT
Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
The TC74LCX07F/FN/FT is a high-performance CMOS buffer. Designed for use in 3.3-V systems, it achieves high-speed operation while maintaining the CMOS low power dissipation. The TC74LCX07 has high performance MOS N-channel transistor. (open-drain outputs) The device is designed for low-voltage (3.3 V) VCC applications, but it could be used to interface to 5-V supply environment for inputs. All inputs are equipped with protection circuits against static discharge.
Note: xxxFN (JEDEC SOP) is not available in Japan. TC74LCX07F
Features
* * * * * * * * Low-voltage operation: VCC = 2.0 to 3.6 V High-speed operation: tpz = 3.7 ns (max) (VCC = 3.0 to 3.6 V) Output current: IOL = 24 mA (min) (VCC = 3.0 V) Latch-up performance: -500 mA Available in JEDEC SOP, JEITA SOP and TSSOP Open-drain outputs Power-down protection provided on all inputs and outputs Pin and function compatible with the 74 series (74AC/VHC/HC/F/ALS/LS etc.) 07 type
TC74LCX07FN
TC74LCX07FT
Weight SOP14-P-300-1.27: 0.18 g (typ.) SOL14-P-150-1.27: 0.12 g (typ.) TSSOP14-P-0044-0.65: 0.06 g (typ.)
1
2002-01-11
TC74LCX07F/FN/FT
Pin Assignment (top view) IEC Logic Symbol
1 3 5 9 11 13 2 4 6 8 10 12
1A 1Y 2A 2Y 3A 3Y GND
1 2 3 4 5 6 7
14 13 12 11 10 9 8
VCC 6A 6Y 5A 5Y 4A 4Y
1A 2A 3A 4A 5A 6A
1
1Y 2Y 3Y 4Y 5Y 6Y
Truth Table
Inputs A L H Outputs Y L Z
Systm Diagram (per gate)
A Y
Z: High impedance
Maximum Ratings
Characteristics Power supply voltage DC input voltage Symbol VCC VIN Rating -0.5 to 7.0 -0.5 to 7.0 -0.5 to 7.0 (Note 1) DC output voltage VOUT -0.5 to VCC + 0.5 (Note 2) Input diode current Output diode current DC output current Power dissipation DC VCC/ground current Storage temperature IIK IOK IOUT PD ICC/IGND Tstg -50 -50 50 180 100 -65 to 150 (Note 3) mA mA mA mW mA C V Unit V V
Note 1: Output in OFF state Note 2: Low state. IOUT absolute maximum rating must be observed. Note 3: VOUT < GND
2
2002-01-11
TC74LCX07F/FN/FT
Recommended Operating Conditions
Characteristics Symbol Rating 2.0 to 3.6 Power supply voltage Input voltage Output voltage VCC VIN VOUT V 1.5 to 3.6 (Note 4) 0 to 5.5 0 to 5.5 (Note 5) V 0 to VCC (Note 6) 24 Output current Operating temperature Input rise and fall time IOL 12 Topr dt/dv -40 to 85 0 to 10 (Note 9) (Note 8) C ns/V (Note 7) mA V Unit
Note 4: Data retention only Note 5: Output in OFF state Note 6: Low state Note 7: VCC = 3.0 to 3.6 V Note 8: VCC = 2.7 to 3.0 V Note 9: VIN = 0.8 to 2.0 V, VCC = 3.0 V
Electrical Characteristics DC Characteristics (Ta = -40 to 85C)
Characteristics H-level Input voltage L-level Symbol VIH VIL Test Condition VCC (V) 3/4 3/4 IOL = 100 mA Output voltage L-level VOL VIN = VIL IOL = 12 mA IOL = 16 mA IOL = 24 mA Input leakage current Output OFF state current Power-off leakage current Quiescent supply current Increase in Icc per input IIN IOZ IOFF ICC DICC VIN = 0 to 5.5 V VIN = VIH, VOUT = 0 to 5.5 V VIN/VOUT = 5.5 V VIN = VCC or GND VIN/VOUT = 3.6 to 5.5 V VIH = VCC - 0.6 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 2.7 3.0 3.0 2.7 to 3.6 2.7 to 3.6 0 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 2.0 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 0.8 0.2 0.4 V 0.4 0.55 5.0 5.0 10.0 10.0 10.0 500 mA mA mA mA V Min Max Unit
3
2002-01-11
TC74LCX07F/FN/FT
AC Characteristics (Ta = -40 to 85C)
Characteristics Symbol Test Condition VCC (V) Output enable time tpZL Figure 1, Figure 2 2.7 3.3 0.3 2.7 Output disable time tpLZ Figure 1, Figure 2 3.3 0.3 2.7 Output to output skew tosZL (Note 10) 3.3 0.3 1.0 0.8 1.0 0.8 3/4 3/4 4.4 3.7 4.4 ns 3.7 3/4 1.0 ns ns Min Max Unit
Note 10: Parameter guaranteed by design. (tosZL = |tpZLm - tpZLn|)
Dynamic Switching Characteristics
(Ta = 25C, input: tr = tf = 2.5 ns, CL = 50 pF, RL = 500 W)
Characteristics Quiet output maximum dynamic VOL Quiet output minimum dynamic VOL Symbol Test Condition VCC (V) VOLP |VOLV| VIH = 3.3 V, VIL = 0 V VIH = 3.3 V, VIL = 0 V 3.3 3.3 0.8 0.8 V V Typ. Unit
Capacitive Characteristics (Ta = 25C)
Characteristics Input capacitance Output capacitance Power dissipation capacitance Symbol CIN COUT CPD fIN = 10 MHz (Note 11) Test Condition VCC (V) 3/4 3.3 3.3 3.3 7 8 5 pF pF pF Typ. Unit
Note 11: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPDVCCfIN + ICC/6 (per gate)
4
2002-01-11
TC74LCX07F/FN/FT
AC Test Circuit
6.0 V RL Measure CL RL CL = 50 pF RL = 500 W
Figure 1 AC Waveform
tr 2.5 ns Input tpLZ Output Low to Off to Low Outputs enabled tf 2.5 ns 90% 1.5 V 10% tpZL 3.0 V 1.5 V VOL + 0.3 V Outputs disabled Outputs enabled VOL 2.7 V
GND
Figure 2
tpLZ, tpZL
5
2002-01-11
TC74LCX07F/FN/FT
Package Dimensions
Weight: 0.18 g (typ.)
6
2002-01-11
TC74LCX07F/FN/FT
Package Dimensions
Note: This package is not available in japan.
Weight: 0.12 g (typ.)
7
2002-01-11
TC74LCX07F/FN/FT
Package Dimensions
Weight: 0.06 g (typ.)
8
2002-01-11
TC74LCX07F/FN/FT
RESTRICTIONS ON PRODUCT USE
000707EBA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The products described in this document are subject to the foreign exchange and foreign trade laws. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
9
2002-01-11


▲Up To Search▲   

 
Price & Availability of TC74LCX07F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X