Part Number Hot Search : 
TLE6250 CDLL969B V470M JM11403 N87C196K ACM1602 UPA1707 BZX79C30
Product Description
Full Text Search
 

To Download TC670ECHTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M
Features
* Fan Wear-Out Detection for 2-Wire Linear-Controlled Fans * Replacement System for 3-Wire Fans * Fan Alert Signal when Fan Speed is below Programmed Threshold * CLEAR Capability for Eliminating False Alarm * Low Operating Current, 90 A (typ.) * VDD Range 3.0V to 5.5V * Available in a 6-Pin SOT-23 Package
TC670
General Description
The TC670 is an integrated fan speed sensor that predicts and/or detects fan failure, preventing thermal damage to systems with cooling fans. When the fan speed falls below a user-specified level, the TC670 asserts an ALERT signal. With this design, a critical minimum fan speed is determined by the user. The fan alert level is then set with a resistor divider on the THRESHOLD pin (Pin 1) of the TC670. When the minimum fan speed is reached, the ALERT pin (Pin 5) changes from a digital high to low. This failure detection works with all linear-controlled 2-wire fans. The TC670 eliminates the need for 3-wire fan solutions. A CLEAR option can be used to reset the ALERT signal, allowing the flexibility of connecting the ALERT output of the TC670 with other ALERT/FAULT interrupts in the system. This feature can be implemented so that false fan fault conditions do not initiate system shutdown. The TC670 is specified to operate over the full industrial temperature range of -40C to +85C. The TC670 is offered in a 6-pin SOT-23 pin package and consumes 90 A (typ.) during operation. The spacesaving package and low power consumption make this device an ideal choice for systems requiring fan speed monitoring. 6 SENSE ALERT VDD
4V DD 0.1 F 3 From R3 Microcontroller 1 R2 CLEAR ALERT 5 DC DC FAN FAN
Tiny Predictive Fan Failure Detector
Applications
* * * * * * * Protection for Linear-Controlled Fans Power Supplies Industrial Equipment PCs and Notebooks Data Storage Data Communications Equipment Instrumentation
Package Type
SOT-23A-6 THRESHOLD GND CLEAR 1 TC670 2 3
Typical Application Circuit
+5V
5 4
ALERT LED R4
+12V
C THRESHOLD 6 SENSE SENSE GND 2
RSENSE
2003 Microchip Technology Inc.
DS21688C-page 1
TC670
1.0 ELECTRICAL CHARACTERISTICS
TABLE 1-1:
Symbol THRESHOLD GND CLEAR VDD ALERT SENSE
PIN FUNCTION TABLE
Description Analog Input Ground Terminal Digital Input Bias Supply Input Digital (Open-Drain) Output Analog Input
Absolute Maximum Ratings
VDD...................................................................................6.0V All Inputs and Outputs. ............ (GND - 0.3V) to (VDD + 0.3V) Output Short-Circuit Current .................................continuous Current at Input Pin ................................................... +/-2 mA Current at Output Pin .............................................. +/-25 mA Junction Temperature, TJ ............................................. 150C ESD protection on all pins .................................................. 4 kV Operating Temperature Range........................-40C to +85C Storage Temperature Range.........................-55C to +150C Notice: Stresses above those listed under "Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, all limits are specified at +25C, VDD = 3.0V to 5.5V, CLEAR = Low. Boldface type specifications apply for temperature range of -40C to +85C. Parameters
Power Supply Supply Voltage Supply Current CLEAR Input Logic Input High Level Logic Input Low Level SENSE Input Input Level Threshold Voltage Input Resistance THRESHOLD Input Input Voltage Minimum Input Voltage Maximum Input Resistance Programmed Fan Speed Alert Accuracy (Note 1) ALERT Output Output Low Voltage Output Delay Time Temperature Ranges Specified Temperature Range Operating Temperature Range Thermal Package Resistances Thermal Resistance, 6L-SOT-23 JA -- 230 -- C/W TA TA -40 -40 -- -- +85 +125 C C VLOW tDELAY -- -- -- 176 0.3 -- V ms ISINK = 2.5 mA ALERTACC -- -- -- -10 0.0 2.4 100 -- -- -- -- +10 V V M % VDD = 3.0V VTH(SENSE) RSENSE -- -- 124 50 -- -- mV k VIH VIL 0.8VDD -- -- -- -- 0.2VDD V V VDD IDD 3.0 -- -- 90 5.5 150 V A
Sym
Min
Typ
Max
Units
Conditions
Note 1: The TC670 will operate properly over the entire power supply range of 3.0V to 5.5V. As VDD varies from 3.0V, accuracy will degrade based on the percentage of VDD, as shown in Section 2.0, "Typical Performance Curves".
DS21688C-page 2
2003 Microchip Technology Inc.
TC670
2.0
Note:
TYPICAL PERFORMANCE CURVES
The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
Note: Unless otherwise indicated, all limits are specified at +25C, VDD = 3.0V to 5.5V, CLEAR = Low.
115 110 Supply Current (A) 105 100 95 90 85 80 75 70 2.7 3.0 3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 5.7 6.0 -45C +25C +90C
160
ALERT VOUT LOW (mV)
140 120 100 80 60 40 20 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 VDD = 5.5V VDD = 3.0V
Supply Voltage (V)
ALERT ISINK (mA)
FIGURE 2-1: Voltage.
15000 14000 13000 12000 11000 10000 9000 8000 7000 6000 5000 4000 3000 2000 1000 0 0.00 0.25
Supply Current vs. Supply
FIGURE 2-4: ISINK.
ALERT VLOW vs. ALERT
VDD = 3.0V
VDD = 2.7V
VDD = 3.3V
13000 12000 TA = -40C 11000 TA = +25C 10000 9000 8000 TA = +90C 7000 6000 5000 VDD = 3.0V 4000 3000 -10.0 -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 10.0 ALERTACC (%)
Fan Speed (RPM)
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
THRESHOLD Voltage (V)
FIGURE 2-2: Voltage.
15000 14000 13000 12000 11000 10000 9000 8000 7000 6000 5000 4000 3000 2000 1000 0 0.00 0.25 0.50
Fan Speed vs. Threshold
FAN SPEED (RPM)
FIGURE 2-5:
Fan Speed vs. ALERTACC.
VDD = 3.6V
177 ALERT Output Delay Time (ms) 176 175 174 173 172 171 170 169 168 2.5 3.0 3.5 4.0 4.5 5.0
Fan Speed (RPM)
VDD = 5.5V
VDD = 5.0V
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
THRESHOLD Voltage (V)
FIGURE 2-3: Voltage.
Fan Speed vs. Threshold
Power Supply Voltage (VDD)
FIGURE 2-6: ALERT Output Delay vs. Power Supply Voltage.
2003 Microchip Technology Inc.
DS21688C-page 3
TC670
Note: Unless otherwise indicated, all limits are specified at +25C, VDD = 3.0V to 5.5V, CLEAR = Low.
FIGURE 2-7: CLEAR pin high to ALERT pin high Timing Diagram.
DS21688C-page 4
2003 Microchip Technology Inc.
TC670
3.0 PIN DESCRIPTIONS
3.3 Digital Input (CLEAR)
The descriptions of the pins are listed in Table 3-1. The CLEAR input is used to reset or blank the ALERT output. When the CLEAR input is driven high, the ALERT output will be high-impedance (the ALERT output requires a pull-up resistor).
TABLE 3-1:
Pin No. 1 2 3 4 5 6
PIN FUNCTION TABLE
Description Analog Input Ground Terminal Digital Input Bias Supply Input Digital (Open-Drain) Output Analog Input
Symbol THRESHOLD GND CLEAR VDD ALERT SENSE
3.4
Bias Supply Input (VDD)
Bias Supply Input, 3.0V to 5.5V. The bias supply input should be bypassed to ground with a 0.1 F ceramic capacitor.
3.5
Digital (Open-Drain) Output (ALERT)
3.1
Analog Input (THRESHOLD)
The voltage set at the THRESHOLD input represents the fan speed at which the TC670 will signal a fan speed warning by pulling the ALERT output low. The threshold voltage to fan speed correlation can be seen in Figures 2-2 and 2-3.
The ALERT output is an open-drain output that requires an external pull-up resistor. The ALERT output is pulled low when the sensed fan speed (detected by the pulses occurring at the SENSE input) falls below the speed that is represented by the voltage at the THRESHOLD pin. The ALERT output is latched in this state until power is cycled or the CLEAR input is toggled.
3.2
Ground (GND)
3.6
Analog Input (SENSE)
The GND pin (Pin 2) of the TC670 should be connected directly to the analog ground plane of the circuit board. Care should be taken to keep this pin away from switching signals, such as the fan excitation signals in order to avoid false signals on the SENSE pin.
Voltage pulses, which are generated by the fan current flowing through a sense resistor, are detected at the SENSE pin and used to calculate the fan speed.
2003 Microchip Technology Inc.
DS21688C-page 5
TC670
4.0 DETAILED DESCRIPTION
+5V
The TC670 is an integrated fan speed sensor that predicts/detects fan failure, consequently preventing thermal damage to systems with cooling fans. When the fan speed falls below a user-programmed threshold level, the TC670 asserts an ALERT signal. This threshold is set with an external resistor divider network.
4V DD 0.1 F 3 CLEAR ALERT 5 R3 1 R2
ALERT LED R4
+12V
VDD
CLEAR Logic ALERT
THRESHOLD
C THRESHOLD 6 SENSE SENSE GND 2
DC FAN FAN
RSENSE
GND
Frequency-toVoltage Bandgap Oscillator
50 k SENSE 124 mV
Note: This typical application circuit uses a LED to indicate that a fan failure has occurred.
FIGURE 4-2: FIGURE 4-1: TC670 Block Diagram.
Typical Application Circuit.
4.1
SENSE Input
As shown in Figure 4-1, the TC670 senses the fan pulses and internally converts those pulses from a frequency into an analog voltage. This voltage is then compared with the DC voltage at the THRESHOLD pin. If the converted frequency-to-voltage value from the fan's pulses falls below the threshold voltage, the ALERT output is pulled low. In a 3.0V system, the external fan alert level on the THRESHOLD pin can be designed from 0.0V (stalled fan) to 2.4V (for 13,000 RPM) to cover most of the common fan speeds. This failure detection system works with linear-controlled 2-wire fans and eliminates the need for 3-wire fans. The TC670 can also work with 3-wire fans either by using the SENSE circuit or by directly sensing the RPM output from the 3rd wire. A CLEAR pin is provided to allow the user to reset the ALERT pin status back to a high state. This clear option also allows the flexibility of connecting the ALERT output of the TC670 with other alert/fault interrupts in the system without having a risk of a system shutdown due to false fan fault condition.
As shown in Figure 4-2, the SENSE input (Pin 6) is connected to the sense resistor (RSENSE) through a capacitor (CSENSE). The low value current sensing resistor (R SENSE) is connected between the ground return leg of the fan and the fan bias ground. During normal fan operation, commutation occurs as each pole of the fan is energized. This causes the fan current to be an AC waveform with fast falling edges. These short, rapid changes in fan current cause a corresponding dV/dt voltage across the sense resistor, as well as a corresponding dI/dt current through the sense capacitor. The current through CSENSE is terminated with the internal 50 k input resistance at the SENSE pin of the TC670. When positive-going fan pulses at the SENSE input are greater than 124 mV (typ.), the TC670 latches-in those voltage spikes. This 124 mV (typ.) SENSE input built-in threshold reduces false triggering errors caused by extraneous noise pulses associated with a running fan. The presence and frequency of these pulses is a direct indication of fan operation and fan speed.
DS21688C-page 6
2003 Microchip Technology Inc.
TC670
The design of the proper input SENSE circuitry is a matter of scaling RSENSE to provide the necessary amount of gain and proper selection of the sensing capacitor. The following table (Table 4-1) lists some recommended values for RSENSE according to the nominal operating current of the fan. Please note that the current draw specified by the fan manufacturer may be a worst-case rating and not the fan's nominal operating current. If the fan current falls between two of the values listed, it is recommended that the higher value resistor is used.
4.2.1
THRESHOLD CALIBRATION USING FAN'S FULL SCALE SPEED
The fan should first be run at full speed. At full speed, the threshold voltage level should be adjusted until the ALERT output is asserted. With this full-scale value of the threshold voltage, the value can be scaled down to the fan fault speed as a percentage of the full speed. For example, if the fan full speed threshold voltage is 1.5V, then the fan fault threshold voltage at 30% of full speed would be 30% x 1.5V = 0.45V.
TABLE 4-1:
RECOMMENDED VALUES FOR RSENSE PER FIGURE 4-2
RSENSE () 4.7 2.4 1.8 1.3 1.0 0.8
4.2.2
Nominal Fan Current (mA) 100 200 300 400 500 600
THRESHOLD CALIBRATION USING FAN'S MINIMUM ALLOWABLE SPEED ESTIMATE
For a more exact fan fault trip point, the user can run the fan at its minimum allowed speed. At this speed, the threshold voltage can be adjusted until the ALERT output is asserted.
4.3
CLEAR Input
A 0.1 F ceramic capacitor is recommended for CSENSE. Smaller capacitor values will require larger sense resistors, whereas larger capacitors are more expensive and occupy more board space.
The CLEAR input allows the user to reset the ALERT pin to a high status. This is an active-high input. Consequently, as long as CLEAR is high, ALERT will always be high as well. To allow ALERT to operate correctly, CLEAR must be held low. This feature can be implemented so that false fan fault conditions do not initiate system shutdown.
4.2
THRESHOLD Input
4.4
ALERT Output
The voltage at the THRESHOLD input sets the equivalent minimum allowable fan speed for the application. As shown in Section 2.0, "Typical Performance Curves", the relationship between the threshold voltage and minimum fan speed is also power supply and temperature dependant. All the values for the threshold voltage that are shown in these graphs represent typical numbers and might not be optimized for all fans in all applications. To ensure accurate fan speed monitoring of a specific fan in a specific application, the user must perform a onetime correlation check with the prototype. There are two techniques that can be used to calibrate the system. One approach is to find the fan's full-scale capability and mathematically estimate the minimum acceptable speed of the fan. A second technique is to identify the fan's minimum speed and calibrate the threshold voltage accordingly.
The ALERT output is an open-drain output capable of sinking 2.5 mA (typ). The ALERT output is asserted whenever the detected fan speed equals or falls below the equivalent voltage set at the threshold pin. The ALERT output is only deactivated once the CLEAR pin is brought to a high state. Although the absolute maximum sink current of this pin is 25 mA, it is recommended that the current sinking into the ALERT output does not exceed 20 mA.
4.5
Power Supply Input (VDD)
To assure proper operation of the TC670 in a noisy environment where the fans are running, the VDD pin (Pin 4) must be decoupled with a 0.1 F capacitor, as shown in Figure 4-1. This capacitor should be located as close to the TC670 VDD pin as possible, as well as being promptly terminated to the ground plane. A ceramic capacitor is recommended.
4.6
Ground Terminal (GND)
The GND pin (Pin 2) of the TC670 should be connected directly to the analog ground plane of the circuit board. Care should be taken to keep this pin away from switching signals, such as the fan excitation signals in order to avoid false signals on the SENSE pin.
2003 Microchip Technology Inc.
DS21688C-page 7
TC670
5.0
5.1
PACKAGE INFORMATION
Package Marking Information
6-Pin SOT-23A (EIAJ SC-74) Device 6 5 4
1 1 & 2 = part number code Part Number TC670ECH 3 = year and quarter code 4 = lot ID number
2
3
Code DA
5.2
Taping Form
Component Taping Orientation for 6-Pin SOT-23A (EIAJ SC-74) Devices
User Direction of Feed Device Marking W
PIN 1
P
Carrier Tape, Number of Components Per Reel and Reel Size: Package 6-Pin SOT-23A Carrier Width (W) 8 mm Pitch (P) 4 mm Part Per Full Reel 3000 Reel Size 7 in.
DS21688C-page 8
2003 Microchip Technology Inc.
TC670
5.3 Package Dimensions (6-Pin SOT-23)
E E1
B
p1
D
n
1
c A A2
L
A1
Number of Pins 6 Pitch .038 p1 Outside lead pitch (basic) .075 Overall Height A .035 .046 .057 Molded Package Thickness .035 .043 .051 A2 Standoff .000 .003 .006 A1 Overall Width E .102 .110 .118 Molded Package Width .059 .064 .069 E1 Overall Length D .110 .116 .122 Foot Length L .014 .018 .022 Foot Angle 0 5 10 c Lead Thickness .004 .006 .008 Lead Width B .014 .017 .020 Mold Draft Angle Top 0 5 10 Mold Draft Angle Bottom 0 5 10 *Controlling Parameter Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .005" (0.127mm) per side. JEITA (formerly EIAJ) equivalent: SC-74A
Drawing No. C04-120
Units Dimension Limits n p
MIN
INCHES* NOM
MAX
MIN
MILLIMETERS NOM 6 0.95 1.90 0.90 1.18 0.90 1.10 0.00 0.08 2.60 2.80 1.50 1.63 2.80 2.95 0.35 0.45 0 5 0.09 0.15 0.35 0.43 0 5 0 5
MAX
1.45 1.30 0.15 3.00 1.75 3.10 0.55 10 0.20 0.50 10 10
2003 Microchip Technology Inc.
DS21688C-page 9
TC670
NOTES:
DS21688C-page 10
2003 Microchip Technology Inc.
TC670
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. PART NO. Device X Temperature Range XXXX Package Examples:
a) TC670ECHTR: Predictive Fan Failure Detector, SOT-23 package.
Device: Temperature Range: Package:
TC670: E =
Predictive Fan Failure Detector -40C to +85C
CHTR: = SOT-23, Small Outline Transistor, 6-lead (Tape and Reel only)
Sales and Support
Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. 2. 3. Your local Microchip sales office The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277 The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using. Customer Notification System Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
2003 Microchip Technology Inc.
DS21688C-page11
TC670
NOTES:
DS21688C-page 12
2003 Microchip Technology Inc.
Note the following details of the code protection feature on Microchip devices: * * * Microchip products meet the specification contained in their particular Microchip Data Sheet. Microchip believes that its family of products is one of the most secure families of its kind on the market today, when used in the intended manner and under normal conditions. There are dishonest and possibly illegal methods used to breach the code protection feature. All of these methods, to our knowledge, require using the Microchip products in a manner outside the operating specifications contained in Microchip's Data Sheets. Most likely, the person doing so is engaged in theft of intellectual property. Microchip is willing to work with the customer who is concerned about the integrity of their code. Neither Microchip nor any other semiconductor manufacturer can guarantee the security of their code. Code protection does not mean that we are guaranteeing the product as "unbreakable."
* *
Code protection is constantly evolving. We at Microchip are committed to continuously improving the code protection features of our products. Attempts to break microchip's code protection feature may be a violation of the Digital Millennium Copyright Act. If such acts allow unauthorized access to your software or other copyrighted work, you may have a right to sue for relief under that Act.
Information contained in this publication regarding device applications and the like is intended through suggestion only and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. No representation or warranty is given and no liability is assumed by Microchip Technology Incorporated with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, under any intellectual property rights.
Trademarks The Microchip name and logo, the Microchip logo, KEELOQ, MPLAB, PIC, PICmicro, PICSTART, PRO MATE and PowerSmart are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. FilterLab, microID, MXDEV, MXLAB, PICMASTER, SEEVAL and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. Accuron, Application Maestro, dsPIC, dsPICDEM, dsPICDEM.net, ECONOMONITOR, FanSense, FlexROM, fuzzyLAB, In-Circuit Serial Programming, ICSP, ICEPIC, microPort, Migratable Memory, MPASM, MPLIB, MPLINK, MPSIM, PICC, PICkit, PICDEM, PICDEM.net, PowerCal, PowerInfo, PowerMate, PowerTool, rfLAB, rfPIC, Select Mode, SmartSensor, SmartShunt, SmartTel and Total Endurance are trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. Serialized Quick Turn Programming (SQTP) is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2003, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved.
Printed on recycled paper. Microchip received QS-9000 quality system certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona in July 1999 and Mountain View, California in March 2002. The Company's quality system processes and procedures are QS-9000 compliant for its PICmicro(R) 8-bit MCUs, KEELOQ(R) code hopping devices, Serial EEPROMs, microperipherals, non-volatile memory and analog products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001 certified.
2003 Microchip Technology Inc.
DS21688C - page 13
M
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: 480-792-7627 Web Address: http://www.microchip.com
ASIA/PACIFIC
Australia
Microchip Technology Australia Pty Ltd Marketing Support Division Suite 22, 41 Rawson Street Epping 2121, NSW Australia Tel: 61-2-9868-6733 Fax: 61-2-9868-6755
Japan
Microchip Technology Japan K.K. Benex S-1 6F 3-18-20, Shinyokohama Kohoku-Ku, Yokohama-shi Kanagawa, 222-0033, Japan Tel: 81-45-471- 6166 Fax: 81-45-471-6122
Rocky Mountain
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7966 Fax: 480-792-4338
Korea
Microchip Technology Korea 168-1, Youngbo Bldg. 3 Floor Samsung-Dong, Kangnam-Ku Seoul, Korea 135-882 Tel: 82-2-554-7200 Fax: 82-2-558-5934
China - Beijing
Microchip Technology Consulting (Shanghai) Co., Ltd., Beijing Liaison Office Unit 915 Bei Hai Wan Tai Bldg. No. 6 Chaoyangmen Beidajie Beijing, 100027, No. China Tel: 86-10-85282100 Fax: 86-10-85282104
Atlanta
3780 Mansell Road, Suite 130 Alpharetta, GA 30022 Tel: 770-640-0034 Fax: 770-640-0307
Singapore
Microchip Technology Singapore Pte Ltd. 200 Middle Road #07-02 Prime Centre Singapore, 188980 Tel: 65-6334-8870 Fax: 65-6334-8850
Boston
2 Lan Drive, Suite 120 Westford, MA 01886 Tel: 978-692-3848 Fax: 978-692-3821
China - Chengdu
Microchip Technology Consulting (Shanghai) Co., Ltd., Chengdu Liaison Office Rm. 2401-2402, 24th Floor, Ming Xing Financial Tower No. 88 TIDU Street Chengdu 610016, China Tel: 86-28-86766200 Fax: 86-28-86766599
Taiwan
Microchip Technology (Barbados) Inc., Taiwan Branch 11F-3, No. 207 Tung Hua North Road Taipei, 105, Taiwan Tel: 886-2-2717-7175 Fax: 886-2-2545-0139
Chicago
333 Pierce Road, Suite 180 Itasca, IL 60143 Tel: 630-285-0071 Fax: 630-285-0075
Dallas
4570 Westgrove Drive, Suite 160 Addison, TX 75001 Tel: 972-818-7423 Fax: 972-818-2924
China - Fuzhou
Microchip Technology Consulting (Shanghai) Co., Ltd., Fuzhou Liaison Office Unit 28F, World Trade Plaza No. 71 Wusi Road Fuzhou 350001, China Tel: 86-591-7503506 Fax: 86-591-7503521
EUROPE
Austria
Microchip Technology Austria GmbH Durisolstrasse 2 A-4600 Wels Austria Tel: 43-7242-2244-399 Fax: 43-7242-2244-393
Detroit
Tri-Atria Office Building 32255 Northwestern Highway, Suite 190 Farmington Hills, MI 48334 Tel: 248-538-2250 Fax: 248-538-2260
China - Hong Kong SAR
Microchip Technology Hongkong Ltd. Unit 901-6, Tower 2, Metroplaza 223 Hing Fong Road Kwai Fong, N.T., Hong Kong Tel: 852-2401-1200 Fax: 852-2401-3431
Kokomo
2767 S. Albright Road Kokomo, Indiana 46902 Tel: 765-864-8360 Fax: 765-864-8387
Denmark
Microchip Technology Nordic ApS Regus Business Centre Lautrup hoj 1-3 Ballerup DK-2750 Denmark Tel: 45 4420 9895 Fax: 45 4420 9910
China - Shanghai
Microchip Technology Consulting (Shanghai) Co., Ltd. Room 701, Bldg. B Far East International Plaza No. 317 Xian Xia Road Shanghai, 200051 Tel: 86-21-6275-5700 Fax: 86-21-6275-5060
Los Angeles
18201 Von Karman, Suite 1090 Irvine, CA 92612 Tel: 949-263-1888 Fax: 949-263-1338
France
Microchip Technology SARL Parc d'Activite du Moulin de Massy 43 Rue du Saule Trapu Batiment A - ler Etage 91300 Massy, France Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79
San Jose
Microchip Technology Inc. 2107 North First Street, Suite 590 San Jose, CA 95131 Tel: 408-436-7950 Fax: 408-436-7955
China - Shenzhen
Microchip Technology Consulting (Shanghai) Co., Ltd., Shenzhen Liaison Office Rm. 1812, 18/F, Building A, United Plaza No. 5022 Binhe Road, Futian District Shenzhen 518033, China Tel: 86-755-82901380 Fax: 86-755-82966626
Toronto
6285 Northam Drive, Suite 108 Mississauga, Ontario L4V 1X5, Canada Tel: 905-673-0699 Fax: 905-673-6509
Germany
Microchip Technology GmbH Steinheilstrasse 10 D-85737 Ismaning, Germany Tel: 49-089-627-144-100 Fax: 49-089-627-144-44
China - Qingdao
Rm. B505A, Fullhope Plaza, No. 12 Hong Kong Central Rd. Qingdao 266071, China Tel: 86-532-5027355 Fax: 86-532-5027205
Italy
Microchip Technology SRL Via Quasimodo, 12 20025 Legnano (MI) Milan, Italy Tel: 39-0331-742611 Fax: 39-0331-466781
India
Microchip Technology Inc. India Liaison Office Marketing Support Division Divyasree Chambers 1 Floor, Wing A (A3/A4) No. 11, O'Shaugnessey Road Bangalore, 560 025, India Tel: 91-80-2290061 Fax: 91-80-2290062
United Kingdom
Microchip Ltd. 505 Eskdale Road Winnersh Triangle Wokingham Berkshire, England RG41 5TU Tel: 44 118 921 5869 Fax: 44-118 921-5820
02/12/03
DS21688B-page 14
2003 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of TC670ECHTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X