Part Number Hot Search : 
51216 RN4906 BP206 S2600D 70035 OM7812SR RN4906 9170B
Product Description
Full Text Search
 

To Download SUPRAHD-640 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SupraHD (R) 640 ATSC Converter Module
Reference Design
DVD Digital Camera
Driving the Digital Lifestyle
Digital TV Imaging IP Core
Product Brief
Zoran Corporation 1390 Kifer Road Sunnyvale, CA 94086-5305
Te l 408.523.6500 Fax 408.523.6501 www.zoran.com
Description
Zoran's SUPRAHD-640 ATSC reference design is a complete hardware and software solution for building a low-cost ATSC DTV Module that upgrades an existing NTSC Television to be ATSC compliant. The reference design consists of a hardware module ready for manufacturing and a TV application with complete middleware software stack, including closed-caption support. The hardware module accepts all the ATSC formats (480i, 480p, 720p, 1080i) and outputs 480i to a NTSC TV. The SUPRAHD-640 DTV System IC is highly integrated, consisting of an MPEG-2 HD decoder, high-performance CPU, power graphics engine and video scaler. It also supports a variety of system interfaces, such as an infrared receiver, flash memory and DDR SDRAM interfaces. The decoded ATSC video stream can be output in component (YPbPr), composite (CVBS), and S-video (Y/C) formats. Audio can be output via an SPDIF interface or in analog format (L/R) using the chip's integrated audio DAC. Designed to use the minimum external components, the SUPRAHD-640 requires only memory, ATSC demodulator, ATSC tuner, and a small number of passive components to build a complete ATSC DTV Module.
Key Hardware Features
* SUPRAHD-640 DTV System IC * NOR Flash Memory: 4MByte * DDR SDRAM: 32MByte * ATSC Tuner * Zoran 8VSB Demodulator * * * * Video In: ATSC Video Out: YPbPr Audio Out: L/R Channels IR Remote, I2C, RS-232, and EJTAG interfaces
System Software Features
* ATSC DTV application software * PSIP Parsing for channel map * Digital Closed-Captioning (EIA-608) * Transport, Video Decode (single MP@HL), Audio Decode (AC-3, MPEG Layer 1/2/3), Graphics, and Display drivers * Peripheral drivers for Tuner and Demodulator * Thread-X royalty-free operating system
Zoran's ATSC DTV Module
05/06 - IN
ZR839640
SupraHD (R) 640 ATSC Converter Module
Reference Design
Driving the Digital Lifestyle
Product Brief
System Block Diagram
SDRAM
Flash
ATSC
ATSC Tuner
8VSB Demod Demod
TS
SUPRAHD-640 DTV System IC
YPbPr NTSC TV L/R
Package Contents
* DTV hardware reference board * Power adapter, remote control, and necessary cables * Pre-loaded ATSC software on flash memory * Complete documentation for reference design, software, and IC on a CD-ROM
System Architecture
TV OSD TV OSD PSIP Parsing PSIP Parsing Fonts & Engine Fonts & Engine SupraHD Software & APIs SupraHD Software & APIs OSAL OSAL Graphics Engine Graphics Engine Graphics Composition Graphics Composition Digital Closed Caption EIA -608 Digital Closed Caption EIA -608 Thread-X Thread-X Board Support Package (Low Level drivers for hardware components ) Board Support Package (Low Level drivers for hardware components )
ATSC ATSC Tuner Tuner ATSC ATSC Demodulator Demodulator
V-Chip V-Chip
NOR NOR Flash Flash DDR DDR SDRAM SDRAM
SUPRAHD-640 SUPRAHD-640
YPbPr YPbPr Analog Out Analog Out
Audio Out Audio Out
Hardware Platform Hardware Platform
Export Classification Control Number (ECCN): 5A992 Product Order Code: ZR839640-ATSC-ATVX
For more information, contact Zoran's Sunnyvale office or the office nearest you:
Shanghai, China Zoran China Office Tel: 86-21-6469-9799 Fax: 86-21-6427-0545 Shenzhen, China Zoran China Office Tel: 86-755-8281-5777 Fax: 86-755-8322-0889 Hong Kong Zoran Asia Pacific Ltd. Tel: +852-2620-5838 Fax: +852-2620-5238 Israel Zoran Microelectronics Ltd. Te l : +972-4-8545-777 Fax: +972-4-8551-550 Japan Zoran Japan Office Te l : +81-3-5475-1051 Fax: +81-3-5475-1053 Korea Zoran Korea Office Tel: +82-2-761-7471 Fax: +82-2-761-7472 Taiwan Zoran Taiwan Office Te l : +886-2-2659-9797 Fax: +886-2-2659-9595
(c) Copyright 2005 Zoran Corporation. All rights reserved. Zoran, the Zoran logo, and SupraHD are trademarks of Zoran Corporation. All other brand product names and company names are trademarks of their respective owners. The information in this document is believed to be reliable, however, Zoran Corporation makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon it. Zoran Corporation does not guarantee that the use of any information contained herein will not infringe upon patent, trademark, copyright, or rights of third parties. Zoran Corporation reserves the right to make changes in the product and/or specifications, or both, presented in this publication at any time without notice.
05/06 - IN
ZR839640


▲Up To Search▲   

 
Price & Availability of SUPRAHD-640

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X