Part Number Hot Search : 
B38C42M TDA68125 TDA68125 SR510 AD706JN RF109 0000X1 0000X1
Product Description
Full Text Search
 

To Download SUM110P06-08L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUM110P06-08L
New Product
Vishay Siliconix
P-Channel 60-V (D-S) 175_C MOSFET
PRODUCT SUMMARY
VDS (V)
-60
FEATURES
ID (A)d D TrenchFETr Power MOSFET D New Package with Low Thermal Resistance D 100% Rg Tested
rDS(on) (W)
0.008 @ VGS = -10 V 0.0105 @ VGS = -4.5 V
-110 -110
APPLICATIONS
D Automotive Such As - High-Side Switch - Motor Drives - 12-V Boardnet
S
TO-263
G
G
DS
Top View D Ordering Information: SUM110P06-08L SUM110P06-08L--E3 (Lead (Pb)-Free) P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Currentd (TJ = 175_C) Pulsed Drain Current Avalanche Current Single Pulse Avalanche Power Dissipation Operating Junction and Storage Temperature Range Energya L = 0 1 mH 0.1 TC = 25_C TA = 25_Cb TC = 25_C TC = 125_C
Symbol
VDS VGS ID IDM IAS EAS PD TJ, Tstg
Limit
-60 "20 -110 -75 -200 -65 211 272c 3.75b -55 to 175
Unit
V
A
mJ W _C
THERMAL RESISTANCE RATINGS
Parameter
Junction-to-Ambient PCB Mountb Junction-to-Case Notes: a. Duty cycle v 1%. b. When mounted on 1" square PCB (FR-4 material). c. See SOA curve for voltage derating. d. Limited by package. Document Number: 73045 S-41506--Rev. A, 09-Aug-04 www.vishay.com
Symbol
RthJA RthJC
Limit
40 0.55
Unit
_C/W
1
SUM110P06-08L
Vishay Siliconix
New Product
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate Threshold Voltage Gate-Body Leakage V(BR)DSS VGS(th) IGSS VGS = 0 V, ID = -250 mA VDS = VGS, ID = -250 mA VDS = 0 V, VGS = "20 V VDS = -60 V, VGS = 0 V Zero Gate Voltage Drain Current g On-State Drain Currenta IDSS ID(on) VDS = -60 V, VGS = 0 V, TJ = 125_C VDS = -60 V, VGS = 0 V, TJ = 175_C VDS = -5 V, VGS = -10 V VGS = -10 V, ID = -30 A Drain-Source On-State Drain Source On State Resistancea rDS( ) DS(on) VGS = -10 V, ID = -30 A, TJ = 125_C VGS = -10 V, ID = -30 A, TJ = 175_C VGS = -4.5 V, ID = -20 A Forward Transconductancea gfs VDS = -15 V, ID = -50 A 20 0.0085 -120 0.0065 0.008 0.0129 0.016 0.0105 S W -60 -1 -3 "100 -1 -50 -250 A m mA V nA
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Input Capacitance Output Capacitance Reversen Transfer Capacitance Total Gate Chargec Gate-Source Chargec Ciss Coss Crss Qg Qgs Qgd Rg td(on) tr td(off) tf VDD = -30 V, RL = 0.27 W 30 ID ] -110 A, VGEN = -10 V, Rg = 2.5 W f = 1.0 MHz 1.5 VDS = -30 V, VGS = -10 V, ID = -110 A , , VGS = 0 V, VDS = -25 V, f = 1 MHz 9200 975 760 160 40 36 3 20 190 140 300 4.5 30 285 210 450 ns W 240 nC pF
Gate-Drain Chargec Gate Resistance Turn-On Delay Rise Timec Turn-Off Delay Timec Fall Timec Timec
Source-Drain Diode Ratings and Characteristics (TC = 25_C)b
Continuous Current Pulsed Current Forward Voltagea Reverse Recovery Time Peak Reverse Recovery Current Reverse Recovery Charge Is ISM VSD trr IRM(REC) Qrr IF = -50 A, di/dt = 100 A/ms , m IF = -50 A, VGS = 0 V -1.0 60 -3 0.09 -110 -200 -1.5 90 -4.5 0.2 A V ns A mC
Notes: a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing. c. Independent of operating temperature.
www.vishay.com
2
Document Number: 73045 S-41506--Rev. A, 09-Aug-04
SUM110P06-08L
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
200 VGS = 10 thru 5 V 160 I D - Drain Current (A) I D - Drain Current (A) 160 200
Vishay Siliconix
Transfer Characteristics
120 4V 80
120
80
40 3V 0 0 2 4 6 8 10 VDS - Drain-to-Source Voltage (V)
40
TC = 125_C 25_C -55_C
0 0 1 2 3 4 5 6 VGS - Gate-to-Source Voltage (V)
Transconductance
200 TC = -55_C g fs - Transconductance (S) 160 r DS(on) - On-Resistance ( W ) 25_C 125_C 120 0.016 0.020
On-Resistance vs. Drain Current
0.012 VGS = 4.5 V 0.008 VGS = 10 V
80
40
0.004
0 0 10 20 30 40 50 60 70 80 ID - Drain Current (A) 15000
0.000 0 20 40 60 80 100 120
ID - Drain Current (A) 20 VDS = 30 V ID = 110 A
Capacitance
Gate Charge
12000 C - Capacitance (pF) Ciss
V GS - Gate-to-Source Voltage (V)
16
9000
12
6000
8
3000 Crss 0 10
Coss
4
0
0 20 30 40 50 60 0 40 80 120 160 200 240 280 320 VDS - Drain-to-Source Voltage (V) Qg - Total Gate Charge (nC)
Document Number: 73045 S-41506--Rev. A, 09-Aug-04
www.vishay.com
3
SUM110P06-08L
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
2.0
On-Resistance vs. Junction Temperature
100 VGS = 10 V ID = 30 A I S - Source Current (A)
Source-Drain Diode Forward Voltage
1.7 rDS(on) - On-Resiistance (Normalized)
1.4
TJ = 150_C 10
TJ = 25_C
1.1
0.8
0.5 -50
-25
0
25
50
75
100
125
150
175
1
0.0
0.3
0.6
0.9
1.2
TJ - Junction Temperature (_C)
VSD - Source-to-Drain Voltage (V)
1000
Avalanche Current vs. Time
Drain Source Breakdown vs. Junction Temperature
76 ID = 250 mA
72 100 V (BR)DSS (V) I Dav (a) 68
10
IAV (A) @ TA = 25_C
64 1
IAV (A) @ TA = 150_C
60
0.1 0.00001 0.0001 0.001 0.01 0.1 1 tin (Sec)
56 -50
-25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (_C)
www.vishay.com
4
Document Number: 73045 S-41506--Rev. A, 09-Aug-04
SUM110P06-08L
New Product
THERMAL RATINGS
Vishay Siliconix
Maximum Drain Current vs. Case Temperature
200
1000
Safe Operating Area
Limited by rDS(on)
150 I D - Drain Current (A) I D - Drain Current (A)
100
10 ms 100 ms
100
Limited by Package
10
1 ms 10 ms 100 ms, dc TC = 25_C Single Pulse
50
1
0 0 25 50 75 100 125 150 175 TC - Case Temperature (_C)
0.1 0.1 1 10 100 VDS - Drain-to-Source Voltage (V)
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Case
0.2
Notes:
0.1 0.1 0.05 0.02 Single Pulse
PDM t1
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 62.5_C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
t1 t2
0.01
10-4
10-3
10-2 Square Wave Pulse Duration (sec)
10-1
1
Document Number: 73045 S-41506--Rev. A, 09-Aug-04
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SUM110P06-08L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X