Part Number Hot Search : 
KSR1206 ZL5001 C105M ASH1201 AS14F G701LBR MBR3035W BD244
Product Description
Full Text Search
 

To Download SI7900EDN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI7900EDN
New Product
Vishay Siliconix
Dual N-Channel 20-V (D-S) MOSFET, Common Drain
FEATURES PRODUCT SUMMARY
VDS (V) rDS(on) (W)
0.026 @ VGS = 4.5 V 20 0.031 @ VGS = 2.5 V 0.039 @ VGS = 1.8 V
ID (A)
9 8 7
D TrenchFETr Power MOSFETS: 1.8-V Rated D New PowerPakt Package - Low-Thermal Resistance, RthJC - Low 1.07-mm Profile D 3000-V ESD Protection
APPLICATIONS
D Protection Switch for 1-2 Li-ion Batteries
D D
PowerPAKt 1212-8
3.30 mm
S1 1 2 3 G1 S2
3.30 mm 2.4 kW
G2 4
2.4 kW G2
G1
D 8 7 6 5 D D D
S1 N-Channel N-Channel
S2
Bottom View
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a _ Pulsed Drain Current Continuous Source Current (Diode Conduction)a Maximum Power Dissipationa Operating Junction and Storage Temperature Range TA = 25_C TA = 85_C TA = 25_C TA = 85_C
Symbol
VDS VGS
10 secs
20 "12 9
Steady State
Unit
V
6 4.3 30 A 1.4 1.5 0.79 -55 to 150 W _C
ID IDM IS PD TJ, Tstg
6.4
2.9 3.2 1.7
THERMAL RESISTANCE RATINGS
Parameter
t v 10 sec Maximum Junction-to-Ambienta Maximum Junction-to-Case Notes a. Surface Mounted on 1" x 1" FR4 Board. Document Number: 71425 S-03369--Rev. A, 02-Apr-01 www.vishay.com Steady State Steady State RthJA RthJC
Symbol
Typical
30 65 1.9
Maximum
38 82 2.4
Unit
_C/W C/W
1
SI7900EDN
Vishay Siliconix
New Product
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage VGS(th) IGSS VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "4.5 V Gate-Body Leakage VDS = 0 V, VGS = "12 V VDS = 16 V, VGS = 0 V Zero Gate Voltage Drain Current On-State Drain Currenta IDSS ID(on) VDS = 16 V, VGS = 0 V, TJ = 85_C VDS = 5 V, VGS = 4.5 V VGS = 4.5 V, ID = 6.5 A Drain-Source On-State Resistancea rDS(on) VGS = 2.5 V, ID = 5.8 A VGS = 1.8 V, ID = 5.0 A Forward Transconductancea gfs VSD VDS = 10 V, ID = 6.5 A IS = 1.5 A, VGS = 0 V 20 0.021 0.025 0.031 25 0.65 1.1 0.026 0.031 0.039 S V W 0.40 "1 "10 1 20 V mA mA mA m A
Symbol
Test Condition
Min
Typ
Max
Unit
Diode Forward Voltagea
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Qg Qgs Qgd td(on) tr td(off) tf VDD = 10 V, RL = 10 W ID ^ 1 A, VGEN = 4.5 V, RG = 6 W VDS = 10 V, VGS = 4.5 V, ID = 6.5 A 12.5 2.7 2.7 0.7 1.3 5.5 4.6 1.0 2.0 8.0 7.0 ms m 18 nC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Gate-Current vs. Gate-Source Voltage
8 10,000
Gate Current vs. Gate-Source Voltage
1,000 I GSS - Gate Current (mA) 6 I GSS - Gate Current (mA) 100 TJ = 150_C
4
10
1 0.1 TJ = 25_C
2
0 0 3 6 9 12 15 18
0.01 0 3 6 9 12 15
VGS - Gate-to-Source Voltage (V) www.vishay.com
VGS - Gate-to-Source Voltage (V) Document Number: 71425 S-03369--Rev. A, 02-Apr-01
2
SI7900EDN
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
30 VGS = 5 thru 2 V 24 I D - Drain Current (A) I D - Drain Current (A) 24 25_C 18 18 125_C 12 30 TC = -55_C
Vishay Siliconix
Transfer Characteristics
12 1.5 V 6
6
0 0 2 4 6 8 10 12
0 0.0
0.5
1.0
1.5
2.0
2.5
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current
0.06 2500
Capacitance
r DS(on) - On-Resistance ( W )
0.05 C - Capacitance (pF)
2000 Ciss 1500
0.04 VGS = 1.8 V 0.03 VGS = 2.5 V VGS = 4.5 V 0.02
1000 Coss
0.01
500 Crss 0 4 8 12 16 20
0.00 0 6 12 18 24 30
0
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
5 V GS - Gate-to-Source Voltage (V) VDS = 10 V ID = 9 A 1.8
On-Resistance vs. Junction Temperature
r DS(on) - On-Resistance (W) (Normalized)
4
1.6
VGS = 4.5 V ID = 9 A
1.4
3
1.2
2
1.0
1
0.8
0 0 3 6 9 12 15
0.6 -50
-25
0
25
50
75
100
125
150
Qg - Total Gate Charge (nC)
TJ - Junction Temperature (_C)
Document Number: 71425 S-03369--Rev. A, 02-Apr-01
www.vishay.com
3
SI7900EDN
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Source-Drain Diode Forward Voltage
20 0.08
On-Resistance vs. Gate-to-Source Voltage
r DS(on) - On-Resistance ( W )
10 I S - Source Current (A) TJ = 150_C
0.06
ID = 9 A 0.04
TJ = 25_C
0.02
1 0 0.4 0.6 0.8 1.0 1.2
0.00 0 1 2 3 4 5 6
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Threshold Voltage
0.4 ID = 250 mA 0.2 60 V GS(th) Variance (V) -0.0 Power (W) 80
Single Pulse Power, Junction-to-Ambient
40
-0.2
20 -0.4
-0.6 -50
-25
0
25
50
75
100
125
150
0 0.001
0.01
0.1 Time (sec)
1
10
TJ - Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2
Notes:
0.1 0.1 0.05 0.02
t1 t2 1. Duty Cycle, D = t1 t2 PDM
2. Per Unit Base = RthJA = 65_C/W
Single Pulse 0.01 10-4 10-3 10-2 10-1 1 Square Wave Pulse Duration (sec)
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
www.vishay.com
4
Document Number: 71425 S-03369--Rev. A, 02-Apr-01
SI7900EDN
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Normalized Thermal Transient Impedance, Junction-to-Case
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5 0.2 0.1 0.1 0.05
Vishay Siliconix
0.02 Single Pulse 0.01 0.00001
0.0001
0.001 0.01 Square Wave Pulse Duration (sec)
0.1
1
Document Number: 71425 S-03369--Rev. A, 02-Apr-01
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SI7900EDN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X