![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SOLID STATE DEVICES, INC. 14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com SFT6338 - SFT6341 SERIES 25 AMP 100 - 150 VOLTS NPN HIGH SPEED POWER TRANSISTOR APPLICATION NOTES: * Replaces Industry Standard 2N6338 thru 2N6341 * Designed for High Voltage, High Speed, Power Switching Applications Such as: * Off-Line Supplies * Converter Circuits * Pulse Width Modulated Regulators * Motor Controls * Deflection Circuits * Designed for Complimentary Use with SFT6436 thru SFT6438 DESIGNER'S DATA SHEET Part Number /Ordering Information SFT6338 M SFT6339 M SFT6340 M SFT6341 M TX TX TX TX Screening 2/: _ = Not Screened TX = TX Level TXV = TXV Level S = Space Level Lead Bend 3/4/_ = Straight UB = Up Bend DB = Down Bend Package: 3/ M = TO-254 Z = TO-254Z /3 = TO-3 1/ MAXIMUM RATINGS Collector-Emitter Voltage SFT6338 SFT6339 SFT6340 SFT6341 SFT6338 SFT6339 SFT6340 SFT6341 SYMBOL VALUE 100 120 140 150 120 140 160 180 25 50 10 -65 to +200 200 1.14 1.0 UNITS VCEO Volts Collector-Base Voltage V CBO Volts Continuous Collector Current Peak Collector Current Continious Base Current Operating and Storage Temperature Total Device Dissipation @ TC = 25oC Derate above 25oC Thermal Resistance, Junction to Case TO-3 1 IC IC(pk) IB TJ, TSTG PD R 2JC TO-254 TO-254Z Amps Amps Amps o C W W/oC o C/W 3 2 NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. DATA SHEET #: TR0025A SFT6338 - SFT6341 SERIES ELECTRICAL CHARACTERISTICS 5/ Collector Cutoff Current (VCE Rated VCEO, VBE = 1.5VDC) Collector Cutoff Current (VCB Rated VCBO, IE = 0) Emitter Cutoff Current (VEB = 6VDC, IC = 0) Collector-Emitter Sustaining Voltage * (IC = 50mA, IB = 0) SFT6338 SFT6339 SFT6340 SFT6341 (IC = 0.5ADC) (IC = 10ADC) (IC = 25ADC) (IC = 10ADC, IB = 1ADC) (IC = 25ADC, IB = 2.5ADC) (TC = 25oC) (TC = 150oC) SOLID STATE DEVICES, INC. 14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com SYMBOL ICEX I CBO I EBO MIN 100 120 140 150 50 30 12 4 - MAX 10 1.0 10 100 - UNITS mA mA mA mA VCEO(sus) VDC DC Current Gain * (VCE = 2.0VDC) Base-Emitter Saturation Voltage* hFE 120 1.8 2.5 1.0 1.8 300 0.3 1.0 0.25 pf msec msec msec VDC VDC VBE (SAT) VCE (SAT) |hfe| Cob tr ts tf Collector-Emitter Saturation Voltage* (IC = 10ADC, IB = 1ADC) (IC = 25ADC, IB = 2.5ADC) Current Gain (IC = 1A, VCE = 10VDC, f = 10MHz) Output Capacitance (IE = 0, VCB = 10VDC , f = 0.1MHz) Rise Time Storage Time Fall Time NOTES: * Pulse Test: Pulse Width = 300us, Duty Cycle = 2% 1/ For Ordering Information, Price, and Availability Contact Factory. 2/ Screening per MIL-PRF-19500. 3/ For Package Outlines Contact Factory. 4/ Up and Down Bend Configurations Available for M and Z (TO-254 and TO-254Z) Packages Only. 5/ All Electrical Characteristics @25 C, Unless Otherwise Specified. o (VCC = 80VDC , IC = 10ADC, VB = 6VDC IB1 = IB2 = 1ADC, RL = 8W , tP = 10msec, Duty Cycle # 1%) Available Part Numbers: SFT6338/3 SFT6339/3 SFT6340/3 SFT6341/3 SFT6338M SFT6339M SFT6340M SFT6341M SFT6338Z SFT6339Z SFT6340Z SFT6341Z PIN ASSIGNMENT PACKAGE TO-3 TO-254 TO-254Z Collector Case (1) Pin 1 Pin 1 Emmiter Pin 2 Pin 2 Pin 2 Base Pin 3 Pin 3 Pin 3 |
Price & Availability of SFT6340
![]() |