Part Number Hot Search : 
IRF644S DE1747 V16L25JI WM2631ID GW20N60 12018 2SA123 TA0979A
Product Description
Full Text Search
 

To Download S25VB60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
S25VB10 Thru S25VB100
High Current Glass Passivated Single-Phase Bridge Rectifier
FEATURES Plastic Package has Underwriters Laboratory
Flammability Classification 94V-0 High current capacity with small package Glass passivated chip junctions Superior thermal conductivity High IFSM
Maximum Ratings & Thermal Characteristics Ratings at 25 Item
Maximum repetitive voltage Maximum DC reverse current TA=25 at rated DC blocking voltage TA=125 Average recified forward current 60Hz sine wave,R-load with heatsink Tc=100 Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load Dielectric strength Terminals to case, AC 1 minute Current 1mA Max instantaneous forward voltage at 12.5A Operating junction temperature Storage temperature
ambient temperature unless otherwise specified. Unit
Symbol S25VB10 S25VB20 S25VB40 S25VB60 S25VB80 S25VB100
VRM IR Io IFSM Vdia VF Tj Tstg
100
200
400
600 10 500 25 300 2 1.1 125 -40~150
800
1000
V A A A KV V


▲Up To Search▲   

 
Price & Availability of S25VB60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X