Part Number Hot Search : 
MBR05 EP3SL70 LU360 MAX7453 C3500 RF21731 SK301 04424
Product Description
Full Text Search
 

To Download RF2402 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF2402
5
Typical Applications
* Digital and Spread-Spectrum Systems * GMSK, QPSK, DQPSK, QAM Modulation * GSM and D-AMPS Cellular Systems * AM, SSB, DSB Modulation * Image-Reject Upconverters
UHF QUADRATURE MODULATOR
Product Description
The RF2402 is a monolithic integrated universal modulation system capable of generating modulated AM, PM, or compound carriers in the UHF frequency range. The IC contains all of the required components to implement the modulation function including differential amplifiers for the baseband inputs, a 90 hybrid phase splitter, limiting LO amplifiers, two balanced mixers, a combining amplifier, and an output RF amplifier which will drive a 50 load. Component matching, which can only be accomplished with monolithic construction, is used to full advantage to obtain excellent amplitude balance and high phase accuracy. The unit features low power consumption, single power supply operation, and adjustment free operation with no external parts required to operate the part as specified. Optimum Technology Matching(R) Applied
Si BJT Si Bi-CMOS GaAs HBT SiGe HBT
.157 .150 1 .018 .014 .010 .004
5
MODULATORS AND UPCONVERTERS
.344 .337 .050
.244 .228 8 MAX 0MIN
.065 .043
.050 .016
.010 .007
u
Package Style: SOP-14
GaAs MESFET Si CMOS
Features
* Single 3V to 5V Power Supply * Low Power and Small Size * CMOS Compatible Power Down Control * Excellent Amplitude and Phase Balance * Low Broadband Noise Floor * 600MHz to 1000MHz Operation
VDD2 1 VDD1 2 VPD 3 I SIG 4 I REF 5 Q REF 6 Q SIG 7 POWER CONTROL
14 RF OUT 13 GND2 12 GND 11 GND 10 GND1
+45 -45
9 PHASE 8 LO IN
Ordering Information
RF2402 RF2402 PCBA UHF Quadrature Modulator Fully Assembled Evaluation Board
Functional Block Diagram
RF Micro Devices, Inc. 7625 Thorndike Road Greensboro, NC 27409, USA
Tel (336) 664 1233 Fax (336) 664 0454 http://www.rfmd.com
Rev B1 010329
5-1
RF2402
Absolute Maximum Ratings Parameter
Supply Voltage (VDD) Power Down Voltage Input LO and RF Levels Operating Ambient Temperature Storage Temperature
Rating
-0.5 to +7.5 -0.5 to VDD +0.4 +6 -40 to +85 -40 to +150
Unit
VDC VDC dBm C C Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate at the time of this printing. However, RF Micro Devices reserves the right to make changes to its products without notice. RF Micro Devices does not assume responsibility for the use of the described product(s).
Parameter
Carrier Input
Frequency Range Power Level Input VSWR Input Impedance
Min.
Specification Typ. Max.
600 to 1000 -3 to +6 1.2:1 200-j200
Unit
MHz dBm
Condition
T=25C, VCC =5VDC, I&Q inputs =2VPP
5
MODULATORS AND UPCONVERTERS
With external 50 termination. At 900MHz, without external 50 termination.
Modulation Input
Frequency Range Reference Voltage (VREF) Modulation (I&Q) Maximum Modulation (I&Q) Input Resistance DC Offset Amplitude Error (I/Q) Quadrature Phase Error DC to 100 2.0 to 3.0 VREF 2 VREF 2.5 3000 50 0.2 3 MHz V V V mV dB
I & Q signals for 0dBm output power. In-phase and quadrature signals. ISIG -IREF and QSIG -QREF for DC balance From 800MHz to 1000MHz. VDD =5V, LO Power=0dBm, LO Freq=900MHz, SSB
150
RF Output
Output Power Output Impedance Output VSWR Broadband Noise Floor Sideband Suppression Carrier Suppression 0 50 1.5:1 -155 25 40 dBm dBm/Hz dB dB
Modulation DC offset externally adjusted for optimum suppression. Suppression is typically better than 25dB without adjustment.
Power Down
Turn On/Off Time PD Input Resistance Power Down "ON" Power Down "OFF" <100 >1 VCC 0 5 3 to 5.5 28 0.5 ns M V V V V mA mA
Threshold voltage Threshold voltage Specifications Operating Limits Operating Power Down
Power Supply
Voltage Current
39 2
5-2
Rev B1 010329
RF2402
Pin 1 Function VDD2 Description
Power supply for the RF Output amplifier. An external RF bypass capacitor is needed. The trace length between the pin and the bypass capacitor should be minimized. The ground side of the capacitor should connect immediately to the ground plane. Power supply for all other circuits. An external RF bypass capacitor is needed. Power Down control. When this pin is 0V all circuits are turned off, and when +5V all circuits are operating. This is a high impedance input, internally connected to the gates of a few FETs. To minimize current consumption in power down mode, this pin should be as close to 0V as possible. In order to maximize output power this pin should be as close to +5V as possible during normal operation. Baseband input to the I mixer. This pin is DC coupled. Maximum output power is obtained when the input signal has a peak to peak amplitude of 5V. The DC level supplied to this pin should be 2.50.5V. The SIG and REF inputs are inputs of a differential amplifier. Therefore the REF and SIG inputs are interchangeable. If swapping the I SIG and I REF pins, the Q SIG and Q REF also need to be swapped to maintain the correct phase. It is also possible to drive the SIG and REF inputs in a balanced mode. This will increase the gain. Reference voltage for the I mixer. This voltage should be the same as the DC voltage supplied to the I SIG pin. To obtain a carrier suppression of better than 40dB it may be tuned 0.15V (relative to the I SIG DC voltage). Without tuning, it will typically be better than 25dB.
Interface Schematic
2 3
VDD1 PD
4
I SIG
I SIG
5
MODULATORS AND UPCONVERTERS
PHASE
5
I REF
I REF
6
Q REF
Reference voltage for the Q mixer. This voltage should be the same as the DC voltage supplied to the Q SIG pin. To obtain a carrier suppression of better than 40dB it may be tuned 0.15V (relative to the Q SIG DC voltage). Without tuning, it will typically be better than 25dB. The SIG and REF inputs are inputs of a differential amplifier. Therefore the REF and SIG inputs are interchangeable. If swapping the I SIG and I REF pins, Q SIG and Q REF also need to be swapped to maintain correct phase. It is also possible to drive the SIG and REF inputs in a balanced mode. This will increase the gain. Baseband input to the Q mixer. This pin is DC coupled. Maximum output power is obtained when the input signal has a peak to peak amplitude of 5V. The DC level supplied to this pin should be 2.50.5V.
Q REF
7
Q SIG
Q SIG
8
LO IN
The input of the phase shifting network. This high impedance input can be matched with an external 56 termination resistor. This pin is internally connected to ground through a 4k resistor. Putting a DC voltage on this pin is not recommended. However, connecting this pin to ground, e.g. through a shunt inductor, is allowed.
LO IN
9
PHASE
This pin adjusts the phase of the I/Q signals. However, the control is very sensitive and hard to control. Control voltage change for a few degrees adjustment is in the order of 10mV. Device to device and temperature variation are not characterized. Therefore it is not recommended to use this pin; leave it not connected. Do NOT connect it to ground. For compensating large errors in the I/Q signals supplied to the device or in control loops, this pin may prove useful.
Rev B1 010329
5-3
RF2402
Pin 10 11 12 13 14 Function GND1 GND GND GND2 RF OUT Description
Ground connection of the LO phase shift network. This pin should be connected directly to the ground plane. Ground connection for other circuits. Keep traces short and connect to ground plane immediately. Same as pin 11. Ground connection for the RF output stage. A good ground connection is especially important at this pin to avoid interference with other circuits. 50 output. This pin carries a DC voltage, and an external blocking capacitor is recommended.
RF OUT
Interface Schematic
5
MODULATORS AND UPCONVERTERS
Application Schematic
VDD 1 100 nF 2 POWER DOWN I INPUT ZIN=100 VREF CMOS 100 nF 4 100 100 100 100 nF 100 5 6 7
+45 -45
33 pF 14 POWER CONTROL 13 12 11 10 9 33 pF 8 56
50 strip RF OUTPUT
33 pF 3
I INPUT ZIN=100
50 strip LO INPUT
5-4
Rev B1 010329
RF2402
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
2402400 Rev E C3 100 pF P1-1 C2 100 nF C1 33 pF 1 2 3 I SIG J1 P1-3 C5 33 pF Q SIG J2 50 strip 7 8 R1 56 P1 P1-1 1 2 P1-3 3 VDD GND REF 50 strip 4 5 6
+45 -45
50 strip
RF OUT J4
14 POWER CONTROL 13 12 11 10 9 C4 100 pF
50 strip
LO IN J3
5
MODULATORS AND UPCONVERTERS
Rev B1 010329
5-5
RF2402
Evaluation Board Layout 2.020" x 2.020"
5
MODULATORS AND UPCONVERTERS
5-6
Rev B1 010329


▲Up To Search▲   

 
Price & Availability of RF2402

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X