Part Number Hot Search : 
1660CT 3220A X4166 D150N2 T100A 2003M 00111 MBR5200D
Product Description
Full Text Search
 

To Download PP300B120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TENTATIVE
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
PP300B120
POW-R-PAK 300A / 1200V
TM
H-Bridge IGBT Assembly
Description: The Powerex POW-R-PAK is a configurable IGBT based power assembly that may be used as a converter, chopper, half or full bridge, or three phase inverter for motor control, power supply, UPS or other power conversion applications. The power assembly is mounted on a forced aircooled heatsink and features state-of-the-art Powerex F-series trench gate IGBTs with low conduction and switching losses for high efficiency operation. The TM POW-R-PAK includes a low inductance laminated bus structure, optically isolated gate drive interfaces, isolated gate drive power supplies, and a DC-link capacitor bank. The control board provides a simple user interface along with built-in protection features including overvoltage, undervoltage lockout, overcurrent, overtemperature, and short circuit detection. Depending on application characteristics the TM POW-R-PAK is suitable for operation with DC bus voltages up to 800VDC and switching frequencies above 20kHz. Schematic
TM
Features: High performance IGBT inverter bridge Integrated gate drive with fault monitoring & protection System status / troubleshooting LEDs to verify or monitor proper operation Isolated gate drive power supplies Low inductance laminated bus Output current measurement & feedback Superior short circuit detection & shoot through prevention
PP300B120(-)
-1-
TENTATIVE
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
PP300B120
POW-R-PAK 300A / 1200V
TM
H-Bridge IGBT Assembly
Absolute Maximum Ratings, Tj = 25C unless otherwise specified
General IGBT Junction Temperature Storage Temperature Operating Temperature Voltage Applied to DC terminals Isolation Voltage, AC 1 minute, 60Hz sinusoidal IGBT Inverter Collector Current (TC = 25C) Peak Collector Current (Tj < 150C) Emitter Current Peak Emitter Current Maximum Collector Dissipation (Tj < 150C) Gate Drive Board Unregulated +24V Power Supply Regulated +15V Power Supply PWM Signal Input Voltage Fault Output Supply Voltage Fault Output Current 30 18 20 30 50 Volts Volts Volts Volts mA IC ICM IE IEM Pc 300 600 300 600 890 Amperes Amperes Amperes Amperes Watts Symbol Tj Tstg Top VCC Viso -40 to +150 -40 to +125 -25 to +85 800 2500 Units C C C Volts Volts
IGBT Inverter Electrical Characteristics, Tj = 25C unless otherwise specified
Characteristics Collector Cutoff Current Collector - Emitter Saturation Voltage Emitter - Collector Voltage Symbol ICES VCE(sat) VEC td(on) Inductive Load Switching Times tr td(off) tf Diode Reverse Recovery Time Diode Reverse Recovery Charge DC Link Capacitance trr Qrr VCC = 600V IC = 300A VGE = 15V RG = 1.0 Test Conditions VCE = VCES, VGE = 0V IC = 300A, Tj = 25C IC = 300A, Tj = 125C IE = 300A Min Typ 1.8 1.9 12.2 4950 Max 1 2.4 3.2 300 80 500 300 250 Units mA Volts Volts Volts ns ns ns ns ns C F
PP300B120(-)
-2-
TENTATIVE
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
PP300B120
POW-R-PAK 300A / 1200V
TM
H-Bridge IGBT Assembly
Gate Drive Board Electrical Characteristics
Characteristics Unregulated +24V Power Supply Regulated +15V Power Supply PWM Input On Threshold PWM Input Off Threshold Output Overcurrent Trip Overtemperature Trip Overvoltage Trip DC Link Voltage Feedback Heatsink Temperature Feedback Output Current Feedback 96 Min 20 14.4 12 Typ 24 15 15 0 450 98 920 See Figure Below See Figure Below See Figure Below 100 2 Max 30 18 Units Volts Volts Volts Volts Amperes C Volts Volts Volts Volts
DC Link Feedback
1000 120
Heatsink Temperature Feedback
800
Output Current Feedback
Heatsink Temperature (C)
DC Link Voltage (Volts)
800 700 600 500 400 300 200 100 0 0 1 2 3 4 5 6 7 8 9 10
Output Current (Amps)
0 1 2 3 4 5 6 7 8 9 10
900
100 80 60 40 20 0
700 600 500 400 300 200 100 0 0 1 2 3 4 5 6 7 8 9 10
Feedback Voltage (Volts)
Feedback Voltage (Volts)
Feedback Voltage (Volts)
Thermal and Mechanical Characteristics
Characteristics IGBT Thermal Resistance, Junction to Case FWD Thermal Resistance, Junction to Case Contact Thermal Resistance Heatsink Thermal Resistance Mounting Torque, AC terminals Mounting Torque, DC terminals Mounting Torque, Mounting plate Weight Symbol Rth(j-c)Q Rth(j-c)D Rth(c-f) Rth(f-a) 1500 LFM airflow Test Conditions Per IGBT 1/2 module Per FWD 1/2 module 0.010 0.040 75 130 130 21 90 150 150 Min Typ 0.05 Max 0.13 0.15 Units C/W C/W C/W C/W in-lb in-lb in-lb lb
PP300B120(-)
-3-
TENTATIVE
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
PP300B120
POW-R-PAK 300A / 1200V
TM
H-Bridge IGBT Assembly
Gate Drive Board Interface Signal Definitions
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 Notes: 1. 2. 3. Signal Name Shield PWM APhase A Error PWM A+ PWM BPhase B Error PWM B+ Not Used Not Used Not Used Overtemp1 Not Connected DC Link Voltage 24 VDC input power
2 1 1
Description Connected to circuit ground 0-15 V signal controlling the duty cycle of A- IGBT Open collector output, external pull-up resistor required LOW = No Error; Floating = Phase A overcurrent or short circuit 0-15 V signal controlling the duty cycle of A+ IGBT 0-15 V signal controlling the duty cycle of B- IGBT Open collector output, external pull-up resistor required LOW = No Error; Floating = Phase B overcurrent or short circuit 0-15 V signal controlling the duty cycle of B+ IGBT
Open collector output, external pull-up resistor required LOW = No Error; Floating = heatsink overtemp Analog voltage representation of DC link voltage 20 - 30 VDC input voltage range 20 - 30 VDC input voltage range 14.4 - 18 VDC input voltage range 14.4 - 18 VDC input voltage range Ground reference for 15 and 24 VDC inputs Ground reference for 15 and 24 VDC inputs Analog voltage representation of heatsink temperature Tied to pins 18 and 19 Analog voltage representation of phase A output current Tied to pins 18 and 19 Analog voltage representation of phase B output current
24 VDC input power2 15 VDC input power 15 VDC input power GND GND Heatsink Temperature GND
3 2 2
Iout Phase A GND3 Iout Phase B Not Used Not Used
Open collectors can be pulled up to 30 V max and sink 50mA continuous. Do not connect a 15 VDC and 24 VDC source to the unit at the same time, use one or the other. GND signals to be used for analog feedback signals, i.e. twisted pair with Iout Phase A.
Gate Drive Board Interface Connector
Description Gate Drive Board Interface Header Recommended Mating Socket Recommended Strain Relief Symbol J1 Type 0.100" x 0.100" latching header, 26 pin 0.100" x 0.100" IDC socket, 26 pin Plastic strain relief Manufacturer 3M# 3429-6002 or equivalent 3M# 3399-7600 or equivalent 3M# 3448-3026 or equivalent
PP300B120(-)
-4-
TENTATIVE
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
PP300B120
POW-R-PAK 300A / 1200V
TM
H-Bridge IGBT Assembly
Performance Curves Effective Output Current vs. Carrier Frequency (Typical)
150 140 IGBT Junction Temperature 130 120 110 100 90 80 70 60 50 50 100 150 200 250 Iout ARMS 300 350 400 450 10kHz 5kHz 1kHz
Condition Ambient Temperature DC Bus Voltage Load Power Factor IGBT Saturation Voltage IGBT Switching Loss Airflow Switching Conditions
Symbol TA VCC cos VCE(sat) ESW -
Value 40 600 0.8 Typical @ TJ = 125C Typical @ TJ = 125C 1500
Units C Volts
Volts mJ LFM
1 phase PWM, 60Hz sinusoidal output
PP300B120(-)
-5-
TENTATIVE
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
PP300B120
POW-R-PAK 300A / 1200V
TM
H-Bridge IGBT Assembly
Mechanical Drawing
PP300B120(-)
-6-


▲Up To Search▲   

 
Price & Availability of PP300B120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X