Part Number Hot Search : 
151MP2 12803505 0331K 0331K STM1818T LA1844MC 50RIA60 9MS8G01
Product Description
Full Text Search
 

To Download PAH1508 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THYRISTOR MODULE
150A / 800V
PAT1508
PAH1508
FEATURES
* Isolated Base * Dual Thyristors or Thyristor and Diode Anti-Parallel Circuit * High Surge Capability * UL Recognized, File No. E187184
OUTLINE DRAWING
PAT
TYPICAL APPLICATIONS
* Rectified For General Use PAH
Maximum Ratings
Parameter
Repetitive Peak Off-State Voltage Non Repetitive Peak Off-State Voltage Repetitive Peak Reverse Voltage Non Repetitive Peak Reverse Voltage
Approx Net Weight:500g
Symbol VDRM VDSM VRRM VRSM
Grade
PAT/PAH1508
Unit
V V
Max Rated Value
800 900 800 900
Parameter
Average Rectified Output Current RMS On-State Current Surge On-State Current I Squared t Critical Rate of Turned-On Current Peak Gate Power Average Gate Power Peak Gate Current Peak Gate Voltage Peak Gate Reverse Voltage Operating JunctionTemperature Range Storage Temperature Range Isoration Voltage Case mounting Mounting torque Terminals Value per 1 Arm IO(AV) IT(RMS) ITSM I2t di/dt PGM PG(AV) IGM VGM VRGM Tjw Tstg Viso Ftor
Conditions
50Hz Half Sine Wave condition Tc=78C 50 Hz Half Sine Wave,1Pulse Non-Repetitive 2msec to 10msec VD=2/3VDRM, ITM=2 IO, Tj=125C IG=300mA, diG/dt=0.2A/s
*
Unit
A A A A2s A/s
150 235 3200 51200 100
5 W 1 W 2 A 10 V 5 V -40 to +125 C -40 to +125 C Base Plate to Terminals, AC1min 2000 V M6 Screw 2.5 to 3.5 N*m M8 Screw 9.0 to 10.0
Electrical * Thermal Characteristics
Characteristics
Peak Off-State Current Peak Reverse Current Peak Forward Voltage Gate Current to Trigger Symbol IDM IRM VTM IGT Test Conditions VDM= VDRM, Tj= 125C VRM= VRRM, Tj= 125C ITM= 450A, Tj=25C Tj=-40C VD=6V,IT=1A Tj=25C Tj=125C Tj=-40C VD=6V,IT=1A Tj=25C Tj=125C VD=2/3VDRM Tj=125C VD=2/3VDRM Tj=125C ITM=IO,VD=2/3VDRM dv/dt=20V/s, VR=100V -di/dt=20A/s, Tj=125C VD=2/3VDRM Tj=125C IG=300mA, diG/dt=0.2A/s Maximum Value. Min. Typ. Max. 15 15 1.28 300 150 80 5 3 2 0.25 500 100 6 2 4 100 60 0.25 0.1 Unit mA mA V mA
Gate Voltage to Trigger Gate Non-Trigger Voltage Critical Rate of Rise of Off-State Voltage Turn-Off Time Turn-On Time Delay Time Rise Time Latching Current Holding Current Thermal Resistance Value Per 1Arm
VGT VGD dv/dt tq tgt td tr IL IH Rth(j-c)
V V V/s s s s s mA
Tj=25C Tj=25C Junction to Case Base Plate to Heat Sink Rth(c-f) with Thermal Compound
C/W
PAT/PAH1508 OUTLINE DRAWING (Dimensions in mm)
PAT
PAH


▲Up To Search▲   

 
Price & Availability of PAH1508

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X