Part Number Hot Search : 
PC587C2 L53F3BT SDS28381 A1212 CY7C4255 PA2755NL 2SK35 P2804N
Product Description
Full Text Search
 

To Download NZT751 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NZT751
Discrete POWER & Signal Technologies
NZT751
C
E C B
SOT-223
PNP Current Driver Transistor
This device is designed for power amplifier, regulator and switching circuits where speed is important. Sourced from Process 5P.
Absolute Maximum Ratings*
Symbol
VCEO VCBO VEBO IC TJ, Tstg Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous
TA = 25C unless otherwise noted
Parameter
Value
60 80 5.0 4.0 -55 to +150
Units
V V V A C
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Ambient
Max
*NZT751 1.2 9.7 103
Units
W mW/C C/W
*Device mounted on FR-4 PCB 36 mm X 18 mm X 1.5 mm; mounting pad for the collector lead min. 6 cm2.
(c) 1997 Fairchild Semiconductor Corporation
NZT751
PNP Current Driver Transistor
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO ICBO IEBO Collector-Emitter Sustaining Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Cutoff Current Emitter-Cutoff Current I C = 10 mA, IB = 0 I C = 100 A, I E = 0 I E = 10 A, I C = 0 VCB = 80 V, IE = 0 VEB = 4.0 V, IC = 0 60 80 5.0 100 0.1 V V V nA A
ON CHARACTERISTICS*
hFE DC Current Gain I C = 50 mA, VCE = 2.0 V I C = 500 mA, VCE = 2.0 V I C = 1.0 A, VCE = 2.0 V I C = 2.0 A, VCE = 2.0 V I C = 1.0 A, IB = 100 mA I C = 2.0 A, IB = 200 mA I C = 1.0 A, IB = 100 mA I C = 1.0 A, VCE = 2.0 V 75 75 75 40 0.3 0.5 1.2 1.0 V V V V
VCE(sat) VBE(sat) VBE(on)
Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter On Voltage
SMALL SIGNAL CHARACTERISTICS
fT Current Gain - Bandwidth Product I C = 50 mA, VCE = 5.0 V, f = 100 MHz 75 MHz
*Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%
DC Typical Characteristics
vs Collector Current
140 120 100 80 60 40 20 0 0.01 IC 0.1 1 - COLLECTOR CURRENT (A) 10
- 40 C 25 C 125 C
VCESAT- COLLECTOR-EMITTER VOLTAGE (V)
Typical Pulsed Current Gain
h FE - TYPICAL PULSED CURRENT GAIN VCE = 5V
Collector-Emitter Saturation Voltage vs Collector Current
0.6 0.5
125 C
= 10
0.4 0.3 0.2 0.1 0 0.1
- 40 C 25 C
1 I C - COLLECTOR CURRENT (A)
PP
5
NZT751
PNP Current Driver Transistor
(continued)
DC Typical Characteristics
(continued)
2 = 10 1.5
VBE(ON) BASE-EMITTER ON VOLTAGE (V) -
VBESAT- BASE-EMITTER VOLTAGE (V)
Base-Emitter Saturation Voltage vs Collector Current
Base-Emitter ON Voltage vs Collector Current
1.4 1.2 1 0.8 0.6 0.4 0.2 0.1 1 I C - COLLECTOR CURRENT (A)
P 5P
- 40 C 25 C
125 C
1
25 C
- 40 C 125 C
VCE= 5V
0.5 0.1 1 I C - COLLECTOR CURRENT (A)
PP
10
10
Collector-Cutoff Current vs Ambient Temperature
ICBO- COLLECTOR CURRENT (nA) 500 100 VCB= 50V
10
1
0.1 25
50 75 100 125 TA - AMBIENT TEMPERATURE (C)
150
AC Typical Characteristics
POWER DISSIPATION vs AMBIENT TEMPERATURE
1.2 P D - POWER DISSIPATION (W) 1 0.8 0.6 0.4 0.2 0
SOT-223
0
25
50 75 100 o TEMPERATURE ( C)
125
150


▲Up To Search▲   

 
Price & Availability of NZT751

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X