Part Number Hot Search : 
WM8778 UPD70 AXLE7050 2000D SHD115 4600JFP AK2048D 25P03
Product Description
Full Text Search
 

To Download NTE30005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE30005, NTE30006, NTE30007 Light Emitting Diode (LED) 0603 Surface Mount
Description: The NTE30005 thru NTE30007 are 1.6mm x 0.8mm chip LED lamps in a 0603 surface mount type package. The High Efficiency Red source color device (NTE30005) is made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Super Bright Green source color device (NTE30006) is made with Gallium Phosphide Green Light Emitting Diode. The Yellow source color device (NTE30007) is made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode. Features: D 1.6mm x 0.8mm (0603) SMT LED, 0.75mm Thickness D Low Power Consumption D Wide Viewing Angle D Ideal for Backlight and Indicator Applications Absolute Maximum Ratings: (TA = +25C unless otherwise specified) DC Forward Current, IF NTE30005, NTE30007 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30mA NTE30006 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25mA Peak Forward Current (Note 1), IF(peak) NTE30005 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 160mA NTE30006, NTE30007 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 140mA Reverse Voltage, VR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Viewing Angle (21/2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120 Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 105mW Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +85C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +85C Note 1. 1/10 Duty Cycle, 0.1ms Pulse Width. Note 2. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. Electrical/Optical Characteristics: (TA = +25C unless otherwise specified)
Parameter Luminous Intensity NTE30005 NTE30006 NTE30007 Symbol IV Test Conditions IF = 20mA Min 5 3 3 Typ 12 10 8 Max - - - Unit mcd mcd mcd
Electrical/Optical Characteristics (Cont'd): (TA = +25C unless otherwise specified)
Parameter Forward Voltage NTE30005 NTE30006 NTE30007 Reverse Current Peak Emission Wave Length NTE30005 NTE30006 NTE30007 Dominate Wavelength NTE30005 NTE30006 NTE30007 Spectral Line Half Width NTE30005 NTE30006 NTE30007 Capacitance NTE30005, NTE30006 NTE30007
.010 (0.25)
Symbol VF
Test Conditions IF = 20mA
Min - - -
Typ 2.0 2.2 2.1 - 627 565 590 625 568 588 45 30 25 15 20
Max 2.5 2.5 2.5 10 - - - - - - - - - - -
Unit V V V A nm nm nm nm nm nm nm nm nm pF pF
IR P
VR = 5V IF = 20mA
- - - -
D
IF = 20mA
- - -
IF = 20mA
- - -
C
VF = 0V, f = 1MHz
- -
.031 (0.8)
.063 (1.6) .047 (1.2) .043 (1.1) .029 (0.75) .010 (0.25) .012 (0.30) Anode .012 (0.30)
EEE EEE EEE EEE EEE
Cathode
Polarity Mark


▲Up To Search▲   

 
Price & Availability of NTE30005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X