Part Number Hot Search : 
MC68HC1 SMBJ11 HT48R10 74F109 GC4902 ST21NFC STM32F1 EUY2450M
Product Description
Full Text Search
 

To Download MPSA42 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MPSA42, MPSA43
Small Signal Transistors (NPN)
TO-92
.181 (4.6) min. .492 (12.5) .181 (4.6) .142 (3.6)
FEATURES NPN Silicon Epitaxial Planar Transistors
especially suited as line switch in telephone subsets and in video output stages of TV receivers and monitors.
As complementary types, the PNP transistors
MPSA92 and MPSA93 are recommended
max. .022 (0.55) .098 (2.5) E B C
MECHANICAL DATA
Case: TO-92 Plastic Package Weight: approx. 0.18 g
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified
Symbol Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Power Dissipation at Tamb = 25 C Junction Temperature Storage Temperature Range
1)
Value 300 200 300 200 6 500 6251) 150 -65 to +150
Unit V V V V V mA mW C C
MPSA42 MPSA43 MPSA42 MPSA43
VCEO VCEO VCBO VCBO VEBO IC Ptot Tj TS
Valid provided that leads are kept at ambient temperature at a distance of 2 mm from case.
4/98
MPSA42, MPSA43
ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified
Symbol Collector-Emitter Breakdown Voltage IC = 10 mA, IB = 0 Collector-Base Breakdown Voltage IC = 100 A, IE = 0 Emitter-Base Breakdown Voltage IE = 100 A, IC = 0 Collector-Base Cutoff Current VCB = 200 V, IE = 0 VCB = 160 V, IE = 0 Emitter-Base Cutoff Current VEB = 6 V, IC = 0 VEB = 4 V, IC = 0 DC Current Gain IC = 1 mA, VCE = 10 V IC = 10 mA, VCE = 10 V IC = 30 mA, VCE = 10 V Collector-Emitter Saturation Voltage IC = 20 mA, IB = 2 mA Base-Emitter Saturation Voltage IC = 20 mA, IB = 2 mA Gain-Bandwidth Product IE = 10 mA, VCE = 20 V, f = 100 MHz Collector-Base Capacitance VCB = 20 V, IE = 0, f = 1 MHz MPSA42 MPSA43 MPSA42 MPSA43 MPSA42 MPSA43 MPSA42 MPSA43 MPSA42 MPSA43 V(BR)CEO V(BR)CEO V(BR)CBO V(BR)CBO V(BR)EBO
Min. 300 200 300 200 6
Typ. - - - - -
Max. - - - - -
Unit V V V V V
ICBO ICBO IEBO IEBO hFE hFE hFE VCEsat VBEsat fT CCBO CCBO RthJA
- - - - 25 40 40 - - 50 - - -
- - - - - - - - - - - - -
100 100 100 100 - - - 500 900 - 3 4 2001)
nA nA nA nA - - - mV mV MHz pF pF K/W
Thermal Resistance Junction to Ambient Air
1)
Valid provided that lead are kept at ambient temperature at a distance of 2 mm from case.


▲Up To Search▲   

 
Price & Availability of MPSA42

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X