Part Number Hot Search : 
2SD350A MSA5980C ATMEGA Z4B160 1N5237B 2SD2052 14607045 70PFT
Product Description
Full Text Search
 

To Download ML2330 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 July 2000
ML2330* Selectable Dual 3V/3.3V/5V 8-Bit DACs
GENERAL DESCRIPTION
The ML2330 Selectable Dual 3V/3.3V/5V 8-bit DACs are dual voltage output digital-to-analog converters which can be independently programmed, or powered down to conserve power. The devices are intended for use in portable or low power 3V systems where space is critical. Programming access to the DACs is provided over a high speed (10Mb/s), 3-wire serial interface which is compatible to the SPITM and MicrowireTM data formats. In addition to independent programming of the DAC output voltages, each device may be powered down, independent of the other DAC, to conserve power. Each DAC draws 2mA maximum quiescent current when operating, and typically less than 1A when powered down. The device comes in an 8-pin SOIC package and in a special Extended Commercial temperature range (-20C to 70C) or Industrial temperture range (-40C to 85C). *Some Packages Are End Of Life Or Obsolete
FEATURES
s s s s s s
3V 10%, 3.3 10% or 5V 10% operation Low supply current (3.5mA max) Individual and full power down (down to 1A) 10Mb/s three-wire serial interface, compatible to SPI and Microwire 8-pin SOIC package Available in Extended Commercial temperature range (-20C to 70C) and Industrial temperture range (-40C to 85C) Guaranteed monotonicity
s
BLOCK DIAGRAM
8
VCC
R E G SCLK
DAC A
OUT A
7
20k
2
1
DIN CONTROL AND TIMING VREF POWER DOWN
3
CS
4
DOUT
R E G
OUT B DAC B 20k
6
GND
5
1
ML2330
PIN CONFIGURATION
ML2330 8-Pin SOIC (S08)
DIN SCLK CS DOUT
1 2 3 4 8 7 6 5
PIN DESCRIPTION
PIN NAME FUNCTION
1 2
VCC OUT A OUT B GND
DIN SCLK CS DOUT GND OUT B OUT A VCC
Data In Serial Clock Chip Select Data Out Ground Output of DAC B Output of DAC A Positive Supply
3 4 5 6 7 8
TOP VIEW
2
ML2330
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ................................................ 6.0V GND ............................................... -0.3V to VCC + 0.3V Logic Inputs .................................... -0.3V to VCC + 0.3V Input Current per Pin ............................................ 25mA Storage Temperature ................................ -65C to 150C Package Dissipation at TA = 25C ........................ 750mW Lead Temperature (Soldering 10 sec.) SOIC .................................................................... 150C
OPERATING CONDITIONS
Supply Voltage (VCC) ML2330ES-2 ............................................... 3V 10% ML2330ES-3 ............................................ 3.3V 10% ML2330ES-5 ............................................... 5V 10% Temperature Range ML2330ES ............................................. -20C to 70C ML2330IS .............................................. -40C to 85C
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TA = TMIN to TMAX, VCC = Operating Supply Voltage Range, fCLK = 10MHz RL = 1ky, (RL = 2kW for VCC = 5V), CL = 100pF (Note 1)
PARAMETER Converter Resolution Integral Linearity Error Differential Linearity Error Offset Error ILE DLE VCC = 3.3V or 3.0V E Suffix I Suffix VCC = 5V E Suffix I Suffix Gain Error Analog Output Output Drive Current Power Supply Rejection Ratio Digital and DC Logic Input Low Logic Input High VIL VIH VCC = 3V, 3.3V, or 5V VCC = 3V or 3.3V VCC = 5V Logic Input Low Current Logic Input High Current Logic Output Low Logic Output High Supply Current Power Down Current IIL IIH VOL VOH ICC VIN = GND VIN = VCC I = 3.2mA I = 0.4mA RL = All digital inputs at static 0V or VCC VCC = 3V VCC = 5V 2.4 2.5 3.5 3 5 2.0 2.8 -1 1 0.4 0.8 V V V A A V V mA A A IOUTPP PSRR Full scale output @00 & FF 40 2 mA dB 10 5 15 10 20 20 25 25 8 1.5 1 30 35 35 40 5 bits LSB LSB mV mV mV mV %FS SYMBOL CONDITIONS MIN TYP MAX UNITS
AC Performance Settling Time Slew Rate Crosstalk
Note 1: Limits are guaratneed by 100% testing, sampling or correlation with worst case test conditions.
tS
1/2 LSB
5 1.4 60
10
s V/s dB
3
ML2330
TIMING CHARACTERISTICS
PARAMETER Converter CS Fall to SCLK Setup Time SCLK Rise to CS Rise Hold Time DIN to SCLK Rise Setup Time DIN to SCLK Rise Hold Time SCLK Frequency SCLK Duty Cycle SCLK to DOUT Valid tDO VCC = 3.3V or 5V VCC = 3V tCSS tCSH tDS tDH fCLK 40 30 45 20 50 20 20 10 60 60 90 ns ns ns ns MHz % ns ns
(Serial Interface) VCC = Operating Supply Voltage Range, CL = 50pF, TA = TMIN to TMAX, unless otherwise noted
SYMBOL CONDITIONS MIN TYP MAX UNITS
ML2330
SCLK DIN DOUT CS 2 1 4 3
MICROWIRE PORT
SK SO SI I/O
ML2330
DOUT DIN SCLK CS 3 4 1 2
SPI PORT
MISO MOSI SCK I/O
Figure 1a. Connections for Microwire.
Figure 1b. Connections for SPI.
CS
SCLK
DIN
A1
A0
P1
P0
D7
D6
D5
D4
D3
D2
D1
D0
DOUT*
D0
A1
A0
P1
P0
D7
D6
D5
D4
D3
D2
D1
D0
*DOUT is the data from previous input.
Figure 1c. Interface Timing
4
ML2330
CS tCSS SCLK tDS tDH DIN tDO DOUT tCSH
Figure 2. Detail Interface Timing
FUNCTIONAL DESCRIPTION
SERIAL INTERFACE The ML2330 communicates with microprocessors through a synchronous, full-duplex, 3-wire interface (figure 1A & B). At power on, the control registers are cleared and both DACs have high impedance outputs. Data timing shown in Figure 1C is sent MSB-first and can be transmitted in one 4-bit and one 8-bit packet or in one 12-bit word. If a 16-bit control word is used, the first four bits are ignored. The serial clock (SCLK) synchronizes the data transfer. Data is transmitted and received simultaneously. Figure 2 shows detailed serial interface timing. Note that the clock should be low between updates. DOUT does not go into a high impedance state if the clock idles or CS is high. Serial data is clocked into the data registers in MSB-first format, with the address and configuration information preceding the actual DAC data. Data is sampled on the SCLK's rising edge while CS is low. Data at DOUT is clocked out 12.5 clock cycles later, on the SCLK's falling edge. Chip Select (CS) must be low to enable the read or write operation. If CS is high, the interface is disabled and DOUT remains unchanged. CS must go low at least 10ns before the first clock pulse to properly clock in the first bit. With CS low, data is clocked into the ML2330's internal shift register on the rising edge of the external serial clock. SCLK can be driven at rates up to 10MHz. SERIAL INPUT DATA FORMAT AND CONFIGURATION CODES The 12-bit serial input format shown in Figure 3 comprises two DAC address bits (A1, A0), two power down control bits (P1, P0) and eight bits of data (D7 . . . D0).
DOUT A1 A0 P1 D7 . . . D0 DIN
The 4-bit address/control code configures the DAC as shown in Table 1. A1
0 0 1 1
A0
0 1 0 1
Function
No operation Select control bits and DAC A Select control bits and DAC B Select control bits and both DACs
Table 1.1 Address Selection P1
0 0 1 1
P0
0 1 0 1
Function
Normal Power down DAC A Power down DAC B Power down entire chip
Table 1.2 Power Down Selection DAC OPERATION The DACs are implemented using an array of equal current sources that are decoded linearly for the four most significant bits to improve differential linearity and to reduce output glitch around major carries. A voltage difference between on-board bandgap reference voltage and GND is converted to a reference current using an internal resistor to set up the appropriate current level in the DACs. The DACs output current is then converted to a voltage output by an output buffer and a resistive network. The matching among the on-chip resistors preserves the gain accuracy between these conversions.
Figure 3. Serial Input Format
5
ML2330
VOLTAGE REFERENCE A bandgap voltage reference is incorporated on the ML2330. It is trimmed for zero temperature coefficient at 25C to minimize output voltage drift over the specified operating temperature range. OUTPUT BUFFER AND GAIN SETTING The output buffer converts the DAC output current to a voltage output using a resistive network. The outputs can swing from GND +0.02V to either 2.02V (3V) or 4.02V (5V). The DAC transfer function is: VOUT = K x DATA + 0.02 256 where K = 2 if VCC = 3V and K = 4 if VCC = 5V In the 3V operation, the amplifier outputs will settle to 1/2LSB in 10s when loads are greater than 1ky (2ky for 5V operation) and capacitive loads smaller than 100pF. GAIN ERROR The graph below shows how gain error varies with temperature when VCC = 3.3V. POWER DOWN MODE There are three power-down modes in the ML2330. By clearing the control bits P1-P0 (Table 3.2), the entire chip will be powered down with a supply current less than 5A. Individual DACs can also be powered down to save power (1.75mA per DAC).
Gain Error vs Temperature
0.4 0.3 0.2 0.1 -0.0
GAIN ERROR (%)
-0.1 -0.2 -0.3 -0.4 -0.5 -0.6 -0.7 -0.8 -0.9 -1.0 -40 -20 0 20 40 TEMPERATURE ( C) 60 80 100
6
ML2330
PHYSICAL DIMENSIONS
inches (millimeters)
Package: S08 8-Pin SOIC
0.189 - 0.199 (4.80 - 5.06) 8
PIN 1 ID
0.148 - 0.158 0.228 - 0.244 (3.76 - 4.01) (5.79 - 6.20)
1 0.017 - 0.027 (0.43 - 0.69) (4 PLACES) 0.050 BSC (1.27 BSC) 0.059 - 0.069 (1.49 - 1.75) 0 - 8
0.055 - 0.061 (1.40 - 1.55)
0.012 - 0.020 (0.30 - 0.51) SEATING PLANE
0.004 - 0.010 (0.10 - 0.26)
0.015 - 0.035 (0.38 - 0.89)
0.006 - 0.010 (0.15 - 0.26)
ORDERING INFORMATION
PART NUMBER ML2330ES-2 ML2330ES-3 (End Of Life) ML2330ES-5 (End Of Life) ML2330IS-2 ML2330IS-3 (Obsolete) ML2330IS-5 V CC 3V 3.3V 5V 3V 3.3V 5V TEMPERATURE RANGE -20C to 70C -20C to 70C -20C to 70C -40C to 85C -40C to 85C -40C to 85C PACKAGE 8-Pin SOIC (S08) 8-Pin SOIC (S08) 8-Pin SOIC (S08) 8-Pin SOIC (S08) 8-Pin SOIC (S08) 8-Pin SOIC (S08)
DS2330-01
(c) Micro Linear 1997 is a registered trademark of Micro Linear Corporation Products described in this document may be covered by one or more of the following patents, U.S.: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940; 5,546,017; 5,559,470; 5,565,761; 5,592,128; 5,594,376; Japan: 2598946; 2619299. Other patents are pending.
Micro Linear reserves the right to make changes to any product herein to improve reliability, function or design. Micro Linear does not assume any liability arising out of the application or use of any product described herein, neither does it convey any license under its patent right nor the rights of others. The circuits contained in this data sheet are offered as possible applications only. Micro Linear makes no warranties or representations as to whether the illustrated circuits infringe any intellectual property rights of others, and will accept no responsibility or liability for use of any application herein. The customer is urged to consult with appropriate legal counsel before deciding on a particular application.
2092 Concourse Drive San Jose, CA 95131 Tel: 408/433-5200 Fax: 408/432-0295
5/6/97 Printed in U.S.A.
7


▲Up To Search▲   

 
Price & Availability of ML2330

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X