Part Number Hot Search : 
MAX96701 FSMD1206 XB0126P 60N60 TCC20L25 68200 22001 C2604
Product Description
Full Text Search
 

To Download MBB51CAS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MICRO
ELECTRONICS
MBB51CAS MBB51TAS
ULTRA HIGH BRIGHTNESS
BLUE LED LAMP
DESCRIPTION MBB51CAS/MBB51TAS is an ultra high brightness InGaN blue LED lamp with 465~475 nm dominant wavelength encapsulated in a 5mm diameter epoxy package. MBB51CAS blue transparent lens. MBB51TAS clear transparent lens.
ABSOLUTE MAXIMUM RATINGS Power Dissipation @ Ta=25C Forward Current, DC (IF) Reverse Voltage Operating Temperature Range Storage Temperature Range Lead Soldering Temperature (1/16" from body) 125mW 30mA 5V -20 to +80C -30 to +100C 260C for 5 sec.
ELECTRO-OPTICAL CHARACTERISTICS
(Ta=25C)
PARAMETER SYMBOL MIN TYP MAX UNIT CONDITIONS Forward Voltage VF 3.6 4.5 V IF=20mA Reverse Breakdown Voltage BVR 5 V IR=100A Luminous Intensity IV 1000 2000 mcd IF=20mA d 465 470 475 nm IF=20mA Dominant Wavelength Spectral Line Half Width 30 nm IF=20mA Viewing Angle 20 degree IF=20mA 2 1/2 REV : B CAUTION Static eletricity and surge damages the LED ,It is recommended to use a wrist band or anti-eletrostatic glove when handling the LED . All devices,equipment and machinery must be properly grounded.
MICRO ELECTRONICS LTD.
38, Hung To Road, Microtron Bulding, Kwun Tong, Kowloon, Hong Kong. Kwun Tong P.O. Box 69477 Hong Kong. Fax No. 2341 0321 Telex:43510 Micro Hx. Tel: 2343 0181-5
03/6/26


▲Up To Search▲   

 
Price & Availability of MBB51CAS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X