Part Number Hot Search : 
1N4942GP FM1106 A1659 Z10EL PST8353R TWL12 04166 2SC5195
Product Description
Full Text Search
 

To Download MASWSS0166 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
GaAs SPDT Switch DC - 3.0 GHz
Features
* * * * * * * * Low Insertion Loss: 0.3 dB @ 900 MHz Low Current Consumption: <15 A @ +2.5 V Positive or Negative 2.5 to 8 V Control Lead-Free SOT-363 Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible RoHS* Compliant Version of SW-437
MASWSS0166 V2
Functional Schematic
Positive Control Voltage
Description
M/A-COM's MASWSS0166 is a GaAs monolithic switch in a lead-free SOT-363 surface mount plastic package. The MASWSS0166 is ideally suited for applications where very low power consumption, low insertion loss, very small size and low cost are required. Typical applications are dual band systems that require switching between small signal components such as filter banks, single band LNA's and converters. The MASWSS0166 can be used in applications up to 0.25 Watts in systems such as cellular, PCS, DCS1800, GSM, CDMA, W-CDMA and other analog/digital wireless communications systems. The MASWSS0166 is fabricated using a mature 0.5 micron GaAs PHEMT process. The process features full passivation for increased performance and reliability.
Functional Schematic
Negative Control Voltage
Pin Configuration
Pin No.
1 2 3 4 5
Function
RF1 GND RF2 V2 RFC V1
Description
RF in/out RF Ground RF in/out V Control 2 RF Common V Control 1
Absolute Maximum Ratings
Parameter
Input Power (0.5-3.0 GHz) 3 V Control 5 V Control Operating Voltage Operating Temperature Storage Temperature
1,2
Absolute Maximum
+30 dBm +33 dBm +8.5 Volts -40C to +85C -65C to +150C
6
Ordering Information
Part Number
MASWSS0166 MASWSS0166TR-3000 MASWSS0166SMB
Package
Bulk Packaging 3000 piece reel Sample Test Board
1. Exceeding any one or combination of these limits may cause permanent damage to this device. 2. M/A-COM does not recommend sustained operation near these survivability limits.
Note: Reference Application Note M513 for reel size information. * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs SPDT Switch DC - 3.0 GHz
Electrical Specifications: TA = 25C, Vc = 0 V / -2.5 V, Z0 = 503
Parameter
Insertion Loss
MASWSS0166 V2
Test Conditions
DC - 1 GHz 1 - 2 GHz 2 - 3 GHz DC - 1 GHz 1 - 2 GHz 2 - 3 GHz DC - 3 GHz 500 MHz - 3 GHz, Vc = 2.7 V 500 MHz - 3 GHz, Vc = 5 V 2-Tone, 900 MHz, 5 MHz spacing, Vc = 2.7 V 2-Tone 900 MHz, 5 MHz spacing, Vc = 2.7V 10% to 90% RF, 90% to 10% RF 50% Control to 90% RF, 50% Control to 10% RF In-Band Vc = 2.5 V
Units
dB dB dB dB dB dB Ratio dBm dBm dBm dBm nS nS mV A
Min.
-- -- -- 19 13 10 -- -- -- -- -- -- -- -- --
Typ.
0.3 0.4 0.55 21 15 12 1.2:1 24 27 81 55 10 20 10 4
Max.
0.4 0.5 0.7 -- -- -- -- -- -- -- -- -- -- -- 15
Isolation
VSWR P1dB P1dB Input IP2 Input IP3 Trise, Tfall Ton, Toff Transients Control Current
3. For positive voltage control, external DC blocking capacitors are required on all RF ports.
Lead-Free SOT-363 Plastic Package
Truth Table 4,5
V1
0 1
V2
1 0
RFC-RF1
On Off
RFC-RF2
Off On
4. Differential voltage, V(state 1) - V(state 0), must be +2.5 V minimum and must not exceed 8 V. 5. 0 = -8 V to 0 V, 1 = -5.5 V to 8 V
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Reference Application Note M538 for lead-free solder reflow recommendations.
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs SPDT Switch DC - 3.0 GHz
Typical Performance Curves
Insertion Loss (Negative Voltage Control)
1.0
-40C +25C +85C
MASWSS0166 V2
Insertion Loss (Positive Voltage Control)
1.0
-40C +25C +85C
0.8
0.8
0.6
0.6
0.4
0.4
0.2
0.2
0.0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Frequency (GHz)
Isolation
40
VSWR
1.5
35 30
1.4
Negative Control Positive Control
1.3 25 1.2 20 15 10 0.0 1.1
0.5
1.0
1.5
2.0
2.5
3.0
1.0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Frequency (GHz)
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MASWSS0166

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X