Part Number Hot Search : 
M74HC40 2SA186 FN4707 DMA50101 SOT143 PT6302 AK44256D D2054UK
Product Description
Full Text Search
 

To Download L6437 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LED
Infrared LED
L6437 series
High radiant output GaAs LED with position reference hole
Features Applications
l Lead frame package with position reference hole l Small package l High radiant output power
l Auto-focus l Optical switch
s Absolute maximum ratings (Ta=25 C)
Parameter Forward current Reverse voltage Symbol IF VR IFP Topr Tstg
Condition
Pulse forward current Operating temperature Storage temperature
Pulse width=10 s Duty ratio=1 %
Value 65 5 1.0 -25 to +80 -30 to +100
Unit mA V A C C
s Electrical and optical characteristics (Ta=25 C)
Parameter Symbol Condition Peak emission wavelength IF=50 mA p Spectral half width IF=50 mA Forward voltage VF IF=50 mA Pulse forward voltage VFP IF=1.0 A Reverse current IR VR=5 V Radiant flux IF=50 mA e Radiant illuminance PE IF=50 mA Rise time tr IF=50 mA, 10 to 90 % Fall time tf IF=50 mA, 90 to 10 % Min. 920 7.0 Typ. 945 60 1.35 2.5 10.0 0.5 2.0 1.0 Max. 970 1.45 3.1 20 3.0 2.0 Unit nm nm V V A mW mW/cm2 s s
Infrared LED
s Emission spectrum
100 (Typ. Ta=25 C, IF=50 mA)
L6437 series
(Typ. Ta=25 C, tw=100 s, 1 %)
s Radiant flux vs. forward current
1000 (Typ. Ta=25 C, tw=100 s, 0.1 %)
s Forward current vs. forward voltage
1000
RELATIVE RADIANT OUTPUT (%)
RADIANT FLUX (mW)
100
FORWARD CURRENT (mA)
80
100
60
10
40
10
1
20
0 800
900
1000
1100
0.1 0.1
1
10
100
1000
1 1.0
1.5
2.0
2.5
3.0
WAVELENGTH (nm)
KLEDB0181EA
FORWARD CURRENT (mA)
KLEDB0182EA
FORWARD VOLTAGE (V)
KLEDB0183EA
s Directivity
(Typ. Ta=25 C) 30 20 10 0 100 % 10 20 30
s Radiant output vs. ambient temperature
+2 +1 0 -1 (Typ. IF=50 mA)
s Allowable forward current vs. ambient temperature
(Typ.)
RELATIVE ALLOWABLE FORWARD CURRENT (%)
100
40
80 %
40
RELATIVE RADIANT OUTPUT (dB)
80
50
60 %
50
60
-2 -3 -4 -5 -40
60
40 %
60
40
70 20 % 80 90
70 80 90
20
-20
0
20
40
60
80
100
0 -40 -20 0 20 40 60 80 100
RELATIVE RADIANT OUTPUT (%)
KLEDB0071EB
AMBIENT TEMPERATURE (C)
KLEDB0184EA
AMBIENT TEMPERATURE (C)
KLEDB0027EB
s Dimensional outlines (unit: mm) L6437
6.0 0.06 4.1 0.2 (INCLUDING BURR)
0.8+0.06 -0 1.905 1.905
L6437-01
6.0 0.06 4.1 0.2 (INCLUDING BURR)
5.0 0.2 (INCLUDING BURR)
0.8+0.06 -0 1.905 1.905
0.5
0.5
5.0 0.2 (INCLUDING BURR)
4.7 0.1
4.8 0.1
4.7 0.1
R0.4+0.03 -0 (1.25) (1.25) 1.95 0.4 4.0 0.1
0.9+0.06 -0 (REFERENCE HOLE) 1.95 0.4
R0.4 -0
0.8 0.1 1.8 0.1
+0.03
1.5 0.4 1.95 0.4 4.0 0.1
0.9 -0 (REFERENCE HOLE) 1.5 0.4 1.95 0.4
+0.06
0.8 0.1 1.8 0.1
7.9 0.3 10
0.25
NC CATHODE ANODE NC CATHODE CATHODE
7.9 0.3 7.0 0.3 0.7 0.3 10
0.25
0.7 0.3
NC CATHODE ANODE NC CATHODE CATHODE
5
5
KLEDA0031EB
0.1 0.1
0.25
KLEDA0062EA
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c)2001 Hamamatsu Photonics K.K.
HAMAMATSU PHOTONICS K.K., Solid State Division 1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218 Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658 France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10 United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777 North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01 Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Cat. No. KLED1027E01 Apr. 2001 DN
5
4.8 0.1
1.77
10
1.77
10
5


▲Up To Search▲   

 
Price & Availability of L6437

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X