Part Number Hot Search : 
Z1200R BAS16TG SA8028 K2485 IRGCT V0DS00 1020C BDT29DF
Product Description
Full Text Search
 

To Download KTLP3527 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 cosmo
Features
Photo Coupler for AC Power TRIAC Output
KTLP3527
Outside DimensionUnit ( mm )
1. Compact dual-in-line Package. 2. 600V peak blocking voltage. 3. Isolation voltage between input and output 2500Vrms. Application 1. TRIAC Driver. 2. Programmable Controllers. 3. AC-Output Module. 4. Solid State Relay.
ZC
SchematicTop View
15 13 11 9
2
3
4
5
6
7
2Anode 3Cathode 4,5,6,7N.C 9,13TRIAC T2 11TRIAC T1 15TRIAC Gate RATING 50 -0.7 1 5 125 600 1.0 0.7 -14.3 2 10 110 -40~125 -20~80 260 2500 UNIT mA mA/ A V V A mA/ A A Vrms
Absolute Maximum Ratings( Ta=25 ) CHARACTERISTIC Forward Current Forward Current Derating ( Ta53 ) Peak Forward Current ( 100s pulse, 100pps ) Reverse Voltage Junction Temperature Off-State Output Terminal Voltage Ta=40 On-State RMS Current Ta=60 On-State Current Derating ( Ta40 ) Peak Current from Snubber Circuit ( 100 pulse, 120pps ) Peak Nonrepetitive Surge Current ( 50Hz, Peak ) Junction Temperature Storage Temperature Range Operating Temperature Range Lead Soldering Temperature ( 10s ) Isolation Voltage ( AC, 1min., R.H.60% ) Electro-optical characteristics CHARACTERISTIC SYMBOL Forward Voltage VF Reverse Current IR Capacitance CT Peak Off-State Current IDRM Peak On-State Voltage VTM Holding Current IH Critical Rate of Rise of dv/dt Off-State Voltage Critical Rate of Rise of dv/dt(c) Commutating Voltage Trigger LED Current IFT Inhibit Voltage VINH Leakage in Inhibited State IDRM2 Capacitance CS ( Input to Output ) Isolation Resistance RS Isolation Voltage BVS
SYMBOL IF IF/ IFP VR Tj VDRM IT(RMS) IT/ ISP ITSM Tj Tstg Topr Tsol BVS MIN. 1.0 200 5X10
10
Output
Input
Output
TEST CONDITION IF=10mA VR=5V V=0, f=1MHz VDRM=600V, Ta=110 ITM=1.5A RL=100 Vin=240Vrms Vin=240Vrms, IT=1Arms VT=6V IF=Rated IFT IF=Rated IFT, VT=Rated VDRM VS=0, f=1MHz VS=500V AC, 1minute AC, 1second, in oil DC, 1minute, in oil
TYP. 1.15 30 500 5 200 1.5 10 5000 5000
14
MAX. 1.3 10 100 3.0 25 10 50 -
UNIT V A pF A V mA V/s V/s mA V A pF Vrms Vdc
Transfer
Input
2500 -


▲Up To Search▲   

 
Price & Availability of KTLP3527

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X