Part Number Hot Search : 
BZQ55C22 MAX920 CS3524A FN2856 300CA 4731BXDC 2MR30 SB130
Product Description
Full Text Search
 

To Download KTLP3503 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 cosmo
Features
Photo Coupler for AC Power TRIAC Output
KTLP3503
Outside DimensionUnit ( mm )
1. Compact dual-in-line Package. 2. 600V peak blocking voltage. 3. Isolation voltage between input and output 2500Vrms. Application 1. TRIAC Driver. 2. Programmable Controllers. 3. AC-Output Module. 4. Solid State Relay. SchematicTop View
8 2 3 ZC 6 5
2Anode 3Cathode 5TRIAC Gate 6TRIAC T1 8TRIAC T2 RATING 50 -0.7 1 5 125 400 0.5 0.35 -7.2 2 5 110 -40~125 -20~80 260 2500 TYP. 1.15 30 500 5 200 1.5
10
Absolute Maximum Ratings( Ta=25 ) CHARACTERISTIC Forward Current Forward Current Derating ( Ta53 ) Peak Forward Current ( 100s pulse, 100pps ) Reverse Voltage Junction Temperature Off-State Output Terminal Voltage Ta=40 On-State RMS Current Ta=60 On-State Current Derating ( Ta40 ) Peak Current from Snubber Circuit ( 100 pulse, 120pps ) Peak Nonrepetitive Surge Current ( 50Hz, Peak ) Junction Temperature Storage Temperature Range Operating Temperature Range Lead Soldering Temperature ( 10s ) Isolation Voltage ( AC, 1min., R.H.60% ) Electro-optical characteristics CHARACTERISTIC SYMBOL Forward Voltage VF Reverse Current IR Capacitance CT Peak Off-State Current IDRM Peak On-State Voltage VTM Holding Current IH Critical Rate of Rise of dv/dt Off-State Voltage Critical Rate of Rise of dv/dt(c) Commutating Voltage Trigger LED Current IFT Inhibit Voltage VINH Leakage in Inhibited State IDRM2 Capacitance CS ( Input to Output ) Isolation Resistance RS Isolation Voltage BVS TEST CONDITION IF=10mA VR=5V V=0, f=1MHz VDRM=400V, Ta=110 ITM=0.75A RL=100 Vin=120Vrms
SYMBOL IF IF/ IFP VR Tj VDRM IT(RMS) IT/ ISP ITSM Tj Tstg Topr Tsol BVS MIN. 1.0 5X10
UNIT mA mA/ A V V A mA/ A A Vrms MAX. 1.3 10 100 3.0 25 10 50 UNIT V A pF A V mA V/s V/s mA V A pF Vrms Vdc
Output
Input
Output
Input
Vin=120Vrms, IT=0.5Arms VT=6V IF=Rated IFT IF=Rated IFT, VT=Rated VDRM VS=0, f=1MHz VS=500V AC, 1minute AC, 1second, in oil DC, 1minute, in oil
Transfer
2500 -
10 5000 5000
14


▲Up To Search▲   

 
Price & Availability of KTLP3503

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X