Part Number Hot Search : 
AP836 AN3922NS BZ5258 0GA12 C3842 15340 VUO50 256TI
Product Description
Full Text Search
 

To Download HM6620100LFTR3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Electrical / Environmental
Miniature Low Profile, Shielded Surface Mount Inductors
* * * * Operating Temperature Range Ambient Temperature, Maximum Temperature Rise, Maximum Insulation System -40C to +125C 80C 40C Class B, 130C
RoHil aSt n Comp
Specifications @ 25C
Part Number Inductance Nominal H 20% DC Resistance Max. Rated Current Amps Figure
HM66-101R5LF HM66-102R2LF HM66-103R3LF HM66-104R7LF HM66-106R8LF HM66-10100LF HM66-10150LF HM66-10220LF HM66-10330LF HM66-151R5LF HM66-152R2LF HM66-153R3LF HM66-154R7LF HM66-156R8LF HM66-15100LF HM66-15150LF HM66-15220LF HM66-15330LF HM66-201R0LF HM66-202R2LF HM66-202R7LF HM66-203R3LF HM66-203R9LF HM66-204R7LF HM66-205R6LF HM66-206R8LF HM66-208R2LF HM66-20100LF HM66-20120LF HM66-20150LF HM66-20180LF HM66-20220LF HM66-20270LF HM66-20330LF HM66-20390LF HM66-301R2LF HM66-301R8LF HM66-302R2LF HM66-302R7LF HM66-303R3LF HM66-303R9LF HM66-304R7LF HM66-305R6LF HM66-306R8LF HM66-308R2LF HM66-30100LF HM66-30120LF HM66-30150LF
1.5 2.2 3.3 4.7 6.8 10 15 22 33 1.5 2.2 3.3 4.7 6.8 10 15 22 33 1.0 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 1.2 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15
0.055 0.072 0.085 0.105 0.170 0.210 0.295 0.430 0.675 0.055 0.072 0.085 0.105 0.170 0.210 0.295 0.430 0.675 0.045 0.075 0.105 0.110 0.155 0.162 0.170 0.200 0.245 0.200 0.210 0.240 0.338 0.397 0.441 0.694 0.709 0.0236 0.0275 0.0313 0.0433 0.0492 0.0648 0.0720 0.1009 0.1089 0.1175 0.1283 0.1316 0.1490
1.55 1.20 1.10 0.90 0.73 0.55 0.45 0.40 0.32 1.55 1.20 1.10 0.90 0.73 0.55 0.45 0.40 0.32 1.72 1.32 1.28 1.04 0.88 0.84 0.80 0.76 0.68 0.61 0.56 0.50 0.48 0.41 0.35 0.32 0.30 2.56 2.20 2.04 1.60 1.57 1.44 1.32 1.17 1.12 1.04 1.00 0.84 0.76
1 1 1 1 1 1 1 1 1 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2
HM66-30180LF HM66-30220LF HM66-30270LF HM66-30330LF HM66-30390LF HM66-30470LF HM66-30560LF HM66-30680LF HM66-30820LF HM66-30101LF HM66-30121LF HM66-30151LF HM66-30181LF HM66-404R1LF HM66-405R4LF HM66-406R2LF HM66-408R9LF HM66-40100LF HM66-40120LF HM66-40150LF HM66-40180LF HM66-40220LF HM66-40270LF HM66-40330LF HM66-40390LF HM66-40470LF HM66-40560LF HM66-40680LF HM66-40820LF HM66-40101LF HM66-502R5LF HM66-503R0LF HM66-504R2LF HM66-505R3LF HM66-506R2LF HM66-508R2LF HM66-50100LF HM66-50120LF HM66-50150LF HM66-50180LF HM66-50220LF HM66-50270LF HM66-50330LF HM66-50390LF HM66-50470LF HM66-50560LF HM66-50680LF HM66-50820LF
Part Number
Inductance Nominal H 20%
DC Resistance Max.
Rated Current Amps
Figure
18 22 27 33 39 47 56 68 82 100 120 150 180 4.1 5.4 6.2 8.9 10 12 15 18 22 27 33 39 47 56 68 82 100 2.5 3.0 4.2 5.3 6.2 8.2 10 12 15 18 22 27 33 39 47 56 68 82
0.1660 0.2350 0.2610 0.3780 0.3837 0.5870 0.6245 0.6990 0.9148 1.020 1.270 1.350 1.540 0.057 0.076 0.096 0.116 0.124 0.153 0.196 0.210 0.290 0.330 0.386 0.520 0.595 0.665 0.840 0.978 1.200 0.018 0.024 0.031 0.038 0.045 0.053 0.065 0.076 0.103 0.110 0.122 0.175 0.189 0.212 0.260 0.305 0.355 0.463
0.72 0.70 0.58 0.56 0.50 0.48 0.41 0.35 0.32 0.29 0.27 0.24 0.22 1.95 1.60 1.40 1.25 1.20 1.10 0.97 0.85 0.80 0.75 0.65 0.57 0.54 0.50 0.43 0.41 0.36 2.60 2.40 2.20 1.90 1.80 1.60 1.30 1.20 1.10 1.00 0.90 0.85 0.75 0.70 0.62 0.58 0.52 0.46
2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2
48
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
Specifications @ 25C (Cont'd)
Part Number Inductance Nominal H 20% DC Resistance Max. Rated Current Amps Figure Part Number Inductance Nominal H 20% DC Resistance Max. Rated Current Amps Figure
HM66-50101LF HM66-603R0LF HM66-603R9LF HM66-605R0LF HM66-606R0LF HM66-607R3LF HM66-608R6LF HM66-60100LF HM66-60120LF HM66-60150LF HM66-60180LF HM66-60220LF HM66-60270LF HM66-60330LF HM66-60390LF HM66-60470LF HM66-60560LF HM66-60680LF HM66-60820LF HM66-60101LF HM66-703R3LF HM66-705R0LF HM66-706R2LF HM66-707R4LF HM66-708R7LF HM66-70100LF HM66-70120LF HM66-70150LF
Comments:
100 3.0 3.9 5.0 6.0 7.3 8.6 10 12 15 18 22 27 33 39 47 56 68 82 100 3.3 5.0 6.2 7.4 8.7 10 12 15
0.520 0.024 0.027 0.031 0.035 0.054 0.058 0.065 0.070 0.084 0.095 0.128 0.142 0.165 0.210 0.238 0.277 0.304 0.390 0.535 0.020 0.024 0.027 0.031 0.034 0.038 0.053 0.057
0.42 3.00 2.60 2.40 2.25 2.10 1.85 1.70 1.55 1.40 1.32 1.20 1.05 0.97 0.86 0.80 0.73 0.65 0.60 0.54 3.50 2.90 2.50 2.30 2.20 2.00 1.70 1.60
2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2
HM66-70180LF 18 HM66-70220LF 22 HM66-70270LF 27 HM66-70330LF 33 HM66-70390LF 39 HM66-70470LF 47 HM66-70560LF 56 HM66-70680LF 68 HM66-70820LF 82 HM66-70101LF 100 HM66-70221LF 220 HM66-801R5LF 1.5 HM66-802R5LF 2.5 30% HM66-803R8LF 3.8 HM66-805R2LF 5.2 HM66-807R0LF 7 HM66-80100LF 10 HM66-80150LF 15 HM66-80220LF 22 HM66-80330LF 33 HM66-80470LF 47 HM66-80680LF 68 HM66-80101LF 100 HM66-80151LF 150 HM66-80221LF 220 HM66-80331LF 330 HM66-80561LF 560 HM66-80102LF 1000
0.092 0.096 0.109 0.124 0.138 0.155 0.202 0.234 0.324 0.358 0.820 0.0081 0.0105 0.013 0.022 0.027 0.035 0.050 0.073 0.093 0.128 0.213 0.304 0.506 0.756 1.090 1.696 2.853
1.50 1.30 1.20 1.10 1.00 0.95 0.85 0.75 0.70 0.65 0.45 10.0 7.50 6.00 5.50 4.80 4.40 3.60 2.90 2.30 2.10 1.50 1.35 1.15 0.92 0.70 0.43 0.33
2 2 2 2 2 2 2 2 2 2 2 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3
Test conditions for case sizes 10, 15, 20, 30 , 80 = 100 kHz, 0.1 V without DC current. Test conditions for case sizes 40, 50, 60, 70 = 10 kHz, 0.1 V without DC current. Rated DC current is the approximate current at which inductance will be decreased by 35% from its initial (zero DC) value or the DC current at which T = 40C, whichever is lower.
Packaging
Standard: Embossed Tape & Reel Reel: Diameter: Capacity: Case size 10, 15 All other case sizes Case size 20 Case size 30, 40, 50 Case size 60 Case size 10, 15, 70 Case size 80 = = = = = = = 7" (177.8mm) 13" (330.2mm) 3,000 Units 2,000 Units 1,500 Units 1,000 Units 800 Units
Ordering Information
Model Series Case Size: 10 = Figure 1 15 = Figure 2 20 = Figure 2 30 = Figure 2 40 = Figure 2
HM66
50 = Figure 2 60 = Figure 2 70 = Figure 2 80 = Figure 3
80
100
LF
TR13
Lead-Free
Inductance Code: First 2 digits are significant. Last digit denotes the number of trailing zeros. For values below 10H, "R" denotes the decimal point.
Tape & Reel Packing 7 - 7" reel 13 - 13" reel
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE www.bitechnologies.com
We reserve the right to change specifications without prior notice
49
Outline Dimensions (Inch/mm)
Figure 1
Figure 2
Figure 3
50
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
www.bitechnologies.com


▲Up To Search▲   

 
Price & Availability of HM6620100LFTR3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X