Part Number Hot Search : 
CXA1019M SI7456 74HC40 14558 74HC40 74HC40 NTE30044 50STT3
Product Description
Full Text Search
 

To Download HA4600CBZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
HA4600
Data Sheet December 22, 2005 FN3990.8
480MHz, SOT-23, Video Buffer with Output Disable
The HA4600 is a very wide bandwidth, unity gain buffer ideal for professional video switching, HDTV, computer monitor routing, and other high performance applications. The circuit features very low power dissipation (105mW Enabled, 1mW Disabled), excellent differential gain and phase, and very high off isolation. When disabled, the output is switched to a high impedance state, making the HA4600 ideal for routing matrix equipment and video multiplexers. The HA4600 also features fast switching and symmetric slew rates. A typical application for the HA4600 is interfacing Intersil's wide range of video crosspoint switches. For applications requiring a tally output (enable indicator), please refer to the HA4201 data sheet.
Features
* Micro Package Available . . . . . . . . . . . . . . . . . . . SOT-23 * Low Power Dissipation. . . . . . . . . . . . . . . . . . . . . 105mW * Symmetrical Slew Rates . . . . . . . . . . . . . . . . . . 1700V/s * 0.1dB Gain Flatness. . . . . . . . . . . . . . . . . . . . . . . 250MHz * Off Isolation (100MHz) . . . . . . . . . . . . . . . . . . . . . . . 85dB * Differential Gain and Phase . . . . . . . 0.01%/0.01 Degrees * High ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . >1800V * TTL Compatible Enable Input * Improved Replacement for GB4600 * Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
* Professional Video Switching and Routing * Video Multiplexers
Pinouts
HA4600 (PDIP, SOIC) TOP VIEW
* HDTV * Computer Graphics * RF Switching and Routing
8 GND 7 IN 6 NC 5 NC
EN VV+ OUT
1 2 3 4
* PCM Data Routing
Ordering Information
PART NUMBER HA4600CP PART MARKING HA4600CP HA4600CPZ 4600CB 4600CB 4600CBZ TEMP. RANGE (C) 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 PACKAGE 8 Ld PDIP 8 Ld PDIP* (Pb-free) 8 Ld SOIC 8 Ld SOIC Tape and Reel 8 Ld SOIC (Pb-free) PKG. DWG. # E8.3 E8.3 M8.15 M8.15 M8.15
HA4600 (SOT-23) TOP VIEW
HA4600CPZ (Note) HA4600CB HA4600CB96
EN V-
1 2
6 OUT 5 V+ 4 IN
HA4600CBZ (Note)
GND 3
HA4600CBZ96 4600CBZ (Note) HA4600CH96 46
8 Ld SOIC Tape M8.15 and Reel (Pb-free) 6 Ld SOT-23 Tape P6.064 and Reel 6 Ld SOT-23 Tape P6.064 and Reel (Pb-free)
Truth Table
EN 0 1 High Z Active OUT
HA4600CHZ96 46Z (Note)
*Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications. NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2000, 2005. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
HA4600
Absolute Maximum Ratings
Voltage Between V+ and V-. . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY Digital Input Current (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . 25mA Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA ESD Rating Human Body Model (Per MIL-STD-883 Method 3015.7) . . . . 1800V
Thermal Information
Thermal Resistance (Typical, Note 1)
JA (C/W)
Operating Conditions
Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . 0C to 70C
PDIP Package* . . . . . . . . . . . . . . . . . . . . . . . . . . . . 130 SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 170 SOT-23 Package . . . . . . . . . . . . . . . . . . . . . . . . . . . 210 Maximum Junction Temperature (Die). . . . . . . . . . . . . . . . . . . 175C Maximum Junction Temperature (Plastic Package) . . . . . . . 150C Maximum Storage Temperature Range . . . . . . . . . -65C to 150C Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300C (SOIC and SOT-23 - Lead Tips Only) *Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES: 1. JA is measured with the component mounted on an evaluation PC board in free air. 2. If an input signal is applied before the supplies are powered up, the input current must be limited to this maximum value.
Electrical Specifications VSUPPLY = 5V, RL = 10k, VEN = 2.0V, Unless Otherwise Specified
PARAMETER DC SUPPLY CHARACTERISTICS Supply Voltage Supply Current (VOUT = 0V) VEN = 2V VEN = 2V VEN = 0.8V VEN = 0.8V ANALOG DC CHARACTERISTICS Output Voltage Swing without Clipping VOUT = VIN VIO 20mV 25, 70 0 Output Current Input Bias Current Output Offset Voltage Output Offset Voltage Drift (Note 3) SWITCHING CHARACTERISTICS Turn-On Time Turn-Off Time DIGITAL DC CHARACTERISTICS Input Logic High Voltage Input Logic Low Voltage EN Input Current AC CHARACTERISTICS Insertion Loss 1VP-P Full 0.04 0.05 dB 0V to 4V Full Full Full 2 -2 0.8 2 V V A 25 25 160 320 ns ns Full Full 25 Full 2.7 2.4 15 -10 2.8 2.5 20 30 25 50 10 50 V V mA A mV V/C Full 25, 70 0 25, 70 0 4.5 5.0 10.5 100 100 5.5 13 14.5 115 125 V mA mA A A TEST CONDITIONS TEMP. (C) MIN TYP MAX UNITS
2
FN3990.8 December 22, 2005
HA4600
Electrical Specifications VSUPPLY = 5V, RL = 10k, VEN = 2.0V, Unless Otherwise Specified (Continued)
PARAMETER -3dB Bandwidth TEST CONDITIONS RS = 82, CL = 10pF RS = 43, CL = 15pF RS = 36, CL = 21pF 0.1dB Flat Bandwidth RS = 82, CL = 10pF RS = 43, CL = 15pF RS = 36, CL = 21pF Input Resistance Input Capacitance Enabled Output Resistance Disabled Output Capacitance Differential Gain (Note 3) Differential Phase (Note 3) Off Isolation VEN = 0.8V 4.43MHz 4.43MHz 1VP-P, 100MHz, VEN = 0.8V, RL = 10 RS = 82, CL = 10pF RS = 43, CL = 15pF RS = 36, CL = 21pF Total Harmonic Distortion (Note 3) Disabled Output Resistance NOTE: 3. This parameter is not tested. The limits are guaranteed based on lab characterization, and reflect lot-to-lot variation. TEMP. (C) 25 25 25 25 25 25 Full Full Full Full 25 25 Full MIN 200 TYP 480 380 370 250 175 170 400 1.0 15 2.0 0.01 0.01 85 MAX 0.02 0.02 UNITS MHz MHz MHz MHz MHz MHz k pF pF % Degrees dB
Slew Rate (1.5VP-P, +SR/-SR)
25 25 25 Full Full
-
1750/1770 1460/1360 1410/1360 0.01 12
0.1 -
V/s V/s V/s % M
AC Test Circuit
400 510 + CX 10k
Keep input and output traces as short as possible, because trace inductance and capacitance can easily become the performance limiting items. 75 HFA1100 VOUT
HA4600 VIN 75
500 RS
NOTE: CL = CX + Test Fixture Capacitance.
PC Board Layout
The frequency response of this circuit depends greatly on the care taken in designing the PC board. The use of low inductance components such as chip resistors and chip capacitors is strongly recommended, while a solid ground plane is a must! Attention should be given to decoupling the power supplies. A large value (10F) tantalum in parallel with a small value (0.1F) chip capacitor works well in most cases.
3
FN3990.8 December 22, 2005
HA4600 Application Information
General
The HA4600 is a unity gain buffer that is optimized for high performance video applications. The output disable function makes it ideal for the matrix element in small, high input-tooutput isolation switchers and routers. This buffer contains no feedback or gain setting resistors, so the output is a true high impedance load when the IC is disabled (EN = 0). The HA4600 also excels as an input buffer for routers with a large number of outputs (i.e. each input must connect to a large number of outputs) and delivers performance superior to most video amplifiers at a fraction of the cost. As an input buffer, the HA4600's low input capacitance and high input resistance provide excellent video terminations when used with an external 75 resistor. latch-up, the input currents during power up must not exceed the values listed in the Absolute Maximum Ratings.
Intersil's Crosspoint Family
Intersil offers a variety of 1 x 1 and 4 x 1 crosspoint switches. In addition to the HA4600, the 1 x 1 family includes the HA4201 which is an essentially similar device that includes a Tally output (enable indicator). The 4 x 1 family is comprised of the HA4314, HA4404, and HA4344. The HA4314 is a 14 lead basic 4 x 1 crosspoint. The HA4404 is a 16 lead device with Tally outputs to indicate the selected channel. The HA4344 is a 16 lead crosspoint with synchronized control lines (A0, A1, CS). With synchronization, the control information for the next channel switch can be loaded into the crosspoint without affecting the current state. On a subsequent clock edge the stored control state effects the desired channel switch.
Frequency Response
Most applications utilizing the HA4600 require a series output resistor, RS, to tune the response for the specific load capacitance, CL, driven. Bandwidth and slew rate degrade as CL increases (as shown in the Electrical Specification table), so give careful consideration to component placement to minimize trace length. As an example, -3dB bandwidth decreases to 160MHz for CL = 100pF, RS = 0. In big matrix configurations where CL is large, better frequency response is obtained by cascading two levels of crosspoints in the case of multiplexed outputs (see Figure 2), or distributing the load between two drivers if CL is due to bussing and subsequent stage input capacitance.
Control Signals
EN - The ENABLE input is a TTL/CMOS compatible, active high input. When driven low this input forces the output to a true high impedance state and reduces the power dissipation by two orders of magnitude. The EN input has no on-chip pull-up resistor, so it must be connected to a logic high (recommend V+) if the enable function isn't utilized.
Switcher/Router Applications
Figure 1 illustrates one possible implementation of a wideband, low power, 4 x 4 switcher/router. A 4 x 4 switcher/router allows any of the four outputs to be driven by any one of the four inputs (e.g. each of the four inputs may connect to a different output, or an input may connect to multiple outputs). This application utilizes the HA4600 for the input buffer, the HA4404 (4 x 1 crosspoint switch) as the switch matrix, and the HFA1112 (programmable gain buffer) as the gain of two output driver. Figure 2 details a 16 x 1 switcher (basically a 16:1 MUX) which uses the HA4600 in a cascaded stage configuration to minimize capacitive loading at each output node, thus increasing system bandwidth.
Power Up Considerations
No signals should be applied to the analog or digital inputs before the power supplies are activated. Latch-up may occur if the inputs are driven at the time of power up. To prevent 4
FN3990.8 December 22, 2005
HA4600
INPUT BUFFERS EN SOURCE0 75 OUT HA4600 RS SWITCH MATRIX
10k
IN0
T0 CS
IN0
T0 CS
IN0
T0 CS
IN0
T0 CS
SOURCE1 75 SOURCE2 75 EN SOURCE3 75 OUT HA4600 IN3
HA4404 OUT RS T3
HA4404 OUT RS IN3 T3
HA4404 OUT RS IN3 T3
HA4404 OUT RS IN3 T3
10k RS OUTPUT BUFFERS X2 (HFA1112 OR HFA1115) 75 +
X2 75
+
X2 75
+
X2 75
+
-
OUT0
OUT1
OUT2
OUT3
FIGURE 1. 4 x 4 SWITCHER/ROUTER APPLICATION
SWITCHING MATRIX SOURCE0 IN0 75 IN1 IN2 SOURCE3 75 IN3 T0
ISOLATION MUX
OUTPUT BUFFER
10k T3 RS OUT EN RS
SOURCE4
IN0 75 IN1 IN2
OUT RS T0 T3 HA4600
SOURCE7 75
IN3 HFA1112 OR HFA1115 75 OUT X2
HA4404 SOURCE8 IN0 75 IN1 IN2 SOURCE11 75 IN3 T0 T3 RS OUT SOURCE12 IN0 75 IN1 IN2 SOURCE15 75 HA4404 IN3 OUT T0 T3 RS HA4600 EN 10k RS
+
-
FIGURE 2. 16 x 1 SWITCHER APPLICATION
5
FN3990.8 December 22, 2005
HA4600 Typical Performance Curves
1.0 INPUT CAPACITANCE (pF) 0.75 OUTPUT VOLTAGE (V) 0.5 0.25 0 -0.25 -0.5 -0.75 -1.0 TIME (5ns/DIV.)
VSUPPLY = 5V, TA = 25C, RL = 10k, Unless Otherwise Specified
1.25 1.20 1.15 1.10 1.05 1.0 0.95 0.90 0.85 0.80 0.75 1 10 FREQUENCY (MHz) 100 500
FIGURE 3. LARGE SIGNAL PULSE RESPONSE
FIGURE 4. INPUT CAPACITANCE vs FREQUENCY
12 9 6 GAIN (dB) 3 0 -3 -6 -9 -12 1 10 100 FREQUENCY (MHz) 750 RS = 36 CL = 21pF RS = 82 R = 43 CL = 10pF S CL = 15pF
0.4 0.3 0.2 GAIN (dB) 0.1 0 -0.1 -0.2 -0.3 -0.4 1 10 FREQUENCY (MHz) 100 500 RS = 82 CL = 10pF RS = 36 CL = 21pF RS = 43 CL = 15pF
FIGURE 5. FREQUENCY RESPONSE
FIGURE 6. GAIN FLATNESS
-50 -60 OFF ISOLATION (dB) -70 -80
VIN = 1VP-P RL = 10 PDIP, SOIC
SOT-23 -90 -100 -110 -120 -130 1 10 100 FREQUENCY (MHz) 500 PDIP, SOIC
FIGURE 7. OFF ISOLATION
6
FN3990.8 December 22, 2005
HA4600 Die Characteristics
DIE DIMENSIONS: 51 mils x 36 mils x 19 mils 1290m x 910m x 483m METALLIZATION: Type: Metal 1: AICu (1%)/TiW Thickness: Metal 1: 6kA 0.8kA Type: Metal 2: AICu (1%) Thickness: Metal 2: 16kA 1.1kA SUBSTRATE POTENTIAL (Powered Up): VPASSIVATION: Type: Nitride Thickness: 4kA 0.5kA TRANSISTOR COUNT: 53
Metallization Mask Layout
HA4600
EN
GND
V-
IN V+
OUT
NC
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 7
FN3990.8 December 22, 2005


▲Up To Search▲   

 
Price & Availability of HA4600CBZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X