Part Number Hot Search : 
SK195 E004225 SK195 BJ400A SBR4060 B4110 AM1523CE TC0554A
Product Description
Full Text Search
 

To Download H0022 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10/100 PC CARD LAN MAGNETICS MODULES
RoHS-5 peak reflow temperature rating 235C RoHS-6 peak reflow temperature rating 245C Low profile packages from .094" (2,39mm) to .078" (1,98mm) for PC card and cardbus applications
Electrical Specifications @ 25C -- Operating Temperature 0C to 70C
RoHS-5 Compliant Part Number
3
RoHS-6 Compliant Part Number
4
Turns Ratio (5%) TX RX
Insertion Loss (dB MAX) 100 kHz-100 MHz 30 MHz
Return Loss (dB MIN) 60 MHz 80 MHz
Differential to Common Mode Rejection (dB MIN) 30 MHz 50 MHz 100 MHz
Crosstalk (dB MIN) 30 MHz 62 MHz 100 MHz
Hipot (Vrms MIN)
PE-69012 H0001 H0002 H0009 H0013 H0019 H0020 H0022 H0025
1. 2. 3. 4.
H0009 NL2a H0013 NL2a H0019NL2a H0020NL2a H0022NL2a H0025NL2a
1:1 2 :1 1:1 1:1 1:1 1:1 1:1 1:1 1:1
1:1 1:1 1:1 1:1 1:1 1:1 1:1 1:1 1:1
-1.3 -2.0 -1.3 -0.9 -0.9 -0.9 -1.0 -2.0 -2.0
-18 -18 -18 -16 -16 -18 -16 -18 -18
-13 -12 -13 -12 -12 -12 -12 -14 -12
-11 -10 -11 -11 -11 -11 -12 -12 -12
-40 -30 -30 -35 -35 -40 -42 -40 -40
-35 -30 -30 -33 -33 -- -- -35 -35
-30 -30 -30 -20 -20 -30 -33 -30 -30
-40 -40 -40 -50 -50 -45 -45 -50 -45
-40 -40 -35 -45 -45 -45 -40 -45 -45
-35 -35 -30 -40 -40 -37 -35 -40 -37
1500 1500 1500 1500 1500 1500 1500 1500 1500
Add "T" for Tape & Reel packaging, e.g. PE-69012T. MSL (Moisture Sensitivity Level): a=1, b=2, c=3, d=4, e=5. RoHS-5: Product does not contain 5 out of the 6 banned substances specified in the RoHS directive (product contains lead in applications considered solder). RoHS-6: Product does not contain 5 out of the 6 banned substances specified in the RoHS directive. Some internal connections may contain lead in high-temperature solder (solder alloys containing more than 85% lead).
Mechanicals
PE-69012, H0001
.010 X .020 0,25 X 0,51 .200 5,08 .585 .705 14,86 17,91 .525 .685 13,34 17,40 MAX .200 5,08 .600 15,24 12X .030 0,76
H0002
2X .150 3,81 .600 MAX 15,24 4X .100 2,54 .080 TYP 2,03 2X .150 3,81 4X .100 2,54
Date Code Country of Origin
8X
8X
.100 2,54 .094 MAX 2,39 .800 MAX 20,32 .004/0,10 12 Surfaces .040 12 X 1,02
.100 2,54
DATE CODE COUNTRY OF ORIGIN
.650 .800 MAX 16,51 20,32
.820 20,83
.450 11,43 4X .050 1,27
TYP .075 1,91 4X .050 2,27
.030 0,76
0 8
.450 15,24 .084 MAX 2,13
0 8 .004/0,10 12 Surfaces 12X .040 1,02
Weight . . . . . . . .1.3 grams Tape & Reel . . . . . .600/reel Tube . . . . . . . . . . . .25/tube
Inches .010 Dimensions: mm Unless otherwise specified, all tolerances are 0,25
Weight . . . . . . . .1.2 grams Tape & Reel . . . . . .900/reel Tube . . . . . . . . . . . 35/tube
USA 858 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 6287 8998 * Shanghai 86 21 32181071 * China 86 769 5538070 * Taiwan 886 2 26980228
www.pulseeng.com
1
H304.G (8/06)
10/100 PC CARD LAN MAGNETICS MODULES
Mechanicals
H0013, H0019*
.350 8,89
H0009
.055 1,40 .560 14,22
.500 MAX 12,70
DATE CODE COUNTRY OF ORIGIN
H0013/19
.280 .380 MAX MAX 7,11 9,65
.290 .410 7,37 10,41 .030 0,76
.350 TYP 8,89 .078 MAX 1,98 .020 16X 0,51 .050 7X 1,27 .010 0,25
16X
H0009
.050 1,27 16 X 0 8 16X 0,89
.047 1,19
DATE CODE COUNTRY OF ORIGIN
.560 .670 14,22 17,01
.590 14,99
*
.050 1,27 .082 MAX 2,08
.030 0,76
.050 1,27
TYP
.004/0,10 *The H0019 has a Max height of.035 (0,22 mm) .086" 16 Surfaces
0 8 .005/0,13 16 SURFACES 16X.030 0,76
.003 0,08
Weight . . . . . . . . ..3 grams Tape & Reel . . . . .2000/reel Tube . . . . . . . . . . . .40/tube
Dimensions: Inches mm Unless otherwise specified, all tolerances are .010 0,25
Weight . . . . . . . .1.3 grams Tape & Reel . . . . . .900/reel Tube . . . . . . . . . . . .25/tube
H0020
H0022, H0025
.500 12,70 .350 8,89
.150 3,81
.465 11,81
.410 .525 10,41 13,34
.400 .495 10,16 12,57
.150 3,81 .340 . 450 8,63 11,43 .020 0,51 .050 8X 1,27 12X .030 0,76
.150 3,81
DATE CODE COUNTRY OF ORIGIN
H0020
12X .020 0,51
.077 MAX 1,96
8X .050 1,27
.350 8,89
.050 8X 1,27 .030 12X 0,76
DATE CODE COUNTRY OF ORIGIN
H0022/25
.360 .475 9,14 12,07 8X .050 1,27 .350 8,89
12X .350 8,89
12X 0 8
.010 0,25
.004/0,10 12 SURFACES
12X .040 1,02
.085 MAX 2,16 12X 0 8 .010 0,25 .004/0,10 12 SURFACES 12X .040 1,02
Weight . . . . . . . . .4 grams Tape & Reel . . . . . .500/reel Tube . . . . . . . . . . . .40/tube
Dimensions: Inches mm Unless otherwise specified, all tolerances are .010 0,25
Weight . . . . . . .355 grams Tape & Reel . . . . .1000/reel Tube . . . . . . . . . . . .40/tube
USA 858 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 6287 8998 * Shanghai 86 21 32181071 * China 86 769 5538070 * Taiwan 886 2 26980228
www.pulseeng.com
2
H304.G (8/06)
10/100 PC CARD LAN MAGNETICS MODULES
Schematics
PE-69012, H0001 RECEIVE RD+ 2 CT 1 14 12 RXTRANSMIT TD+ 5 CT 7 8 9 TX10 TX+ 13 RX+
TD+ 1 CT 4 TD- 2 1:1
RECEIVE
H0002
TRANSMIT
20 TX+ 17 19 TX-
RD- 3
RD+ 9 7 RD-10 1:1
12 RX+ 14 CT 11 RX-
TD- 6
NOTE: Transmit and receive channels are interchangeable on the PE-69012.
H0009, H0013, H0019, H0025
RD+ 1
H0020
RECEIVE 1:1 16 RX+
TD+ 1 TCT 3 14 TXT
TRANSMIT
16 TX+
RD- 2 3 CT TRANSMIT 6 CT TD+ 7
15 RX14 CT
TD- 2
1:1 RECEIVE
15 TX-
RD+ 7
10 RX+ RCT 6 11 RXT
11 CT 10 TX+
RD- 8
1:1
9 RX-
TD- 8
1:1
9 TXRECEIVE
RD+ 1 RCT3 RD- 2 16 RX+ 14 RCT
H0022
1:1 TRANSMIT
15 RX-
TD+ 7 TCT 6 TD- 8
10 TX+ 11 TCT
1:1
9 TX-
USA 858 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 6287 8998 * Shanghai 86 21 32181071 * China 86 769 5538070 * Taiwan 886 2 26980228
www.pulseeng.com
3
H304.G (8/06)
10/100 PC CARD LAN MAGNETICS MODULES
Application Circuits
.01 mF
H0001
CT 1 14 CT 13 RX+
LAN I/O Connector
A1 A2
QSI 66II 10/100Base-TX Ethernet Transceiver
RX+
RD+ 2
RX-
RD- 3
12 RX-
TX+
TD+ 5
10 TX+
A15 TXTD- 6 CT 7 9 TX8 CT .1 mF 2 KV .01 mF A14
Chassis Ground
H0009
TDK TSC78Q2120 10/100Base-TX Ethernet Transceiver
LAN I/O Connector
RXIP
RD+ 1
16 RX+
A15
RXIN
RD- 2 CT 3 .01 F RX
15 RX14 CT 11 CT 10 TX+
A14
TXOP
CT 6 TD+ 7
A1
TXON
TD- 8 TX
9 TX-
A2
.01 F
.1 F 2 KV
Chassis Ground
For More Information:
Pulse Worldwide Headquarters
12220 World Trade Dr. San Diego, CA 92128 U.S.A. www.pulseeng.com TEL: 858 674 8100 FAX: 858 674 8262
Pulse European Headquarters
Einsteinstrasse 1 71083 Herrenberg Germany TEL: 49 7032 7806 0 FAX: 49 7032 7806 12
Pulse China Headquarters
No. 1 Industrial District Changan, Dongguan China TEL: 86 769 85538070 FAX: 86 769 85538870
Pulse North China
Room 1503 XinYin Building No. 888 YiShan Rd. Shanghai 200233 China TEL: 86 21 54643211/2 FAX: 86 21 54643210
Pulse South Asia
150 Kampong Ampat #07-01/02 KA Centre Singapore 368324 TEL: 65 6287 8998 FAX: 65 6280 0080
Pulse North Asia
No. 26 Kao Ching Rd. Yang Mei Chen Taoyuan Hsien Taiwan, R. O. C. TEL: 886 3 4641811 FAX: 886 3 4641911
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be trademarks or registered trademarks of their respective owners. (c) Copyright, 2006. Pulse Engineering, Inc. All rights reserved.
www.pulseeng.com
4
H304.G (8/06)


▲Up To Search▲   

 
Price & Availability of H0022

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X