Part Number Hot Search : 
6407A WM896011 4ADTR F21M12CU ST7L09 PE4227 LT1S022 BZT5X
Product Description
Full Text Search
 

To Download FZT1047A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ISSUE 1 - AUGUST 1997 FEATURES * * * * * * VCEO = 10V 5 Amp Continuous Current 20 Amp Pulse Current Low Saturation Voltage High Gain Extremely Low Equivalent On-resistance; RCE(sat) = 44m at 5A
FZT1047A
C
E C B SOT223
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Base Current Power Dissipation at T amb=25C Operating and Storage Temperature Range SYMBOL V CBO V CEO V EBO I CM IC IB P tot T j:T stg VALUE 35 10 5 20 5 500 2.5 -55 to +150 UNIT V V V A A mA W C
FZT1047A
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
VALUE
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Collector-Emitter Breakdown Voltage Collector-Emitter Breakdown Voltage
SYMBOL MIN. V(BR)CBO VCES VCEO VCEV 35 35 10 35 5 TYP. 65 55 16 60 8.9 0.3 0.3 0.3 25 50 140 220 925 890 280 290 300 200 60 430 440 450 330 110 150 85 130 230 110 10 10 10 40 70 200 350 1000 975 MAX.
UNIT V V V V V nA nA nA mV mV mV mV mV mV
CONDITIONS. IC=100A IC=100A IC=10mA IC=100A, VEB=1V IE=100A VCB=20V VEB=4V VCES=20V IC=0.5A, IB=10mA* IC=1A, IB=10mA* IC=3A, IB=15mA* IC=5A, IB=25mA* IC=5A, IB=25mA* IC=5A, VCE=2V* IC=10mA, VCE=2V* IC=0.5A, VCE=2V* IC=1A, VCE=2V* IC=5A, VCE=2V* IC=20A, VCE=2V*
Emitter-Base Breakdown V(BR)EBO Voltage Collector Cut-Off Current Emitter Cut-Off Current Collector Emitter Cut-Off Current Collector-Emitter Saturation Voltage ICBO IEBO ICES VCE(sat)
Base-Emitter Saturation Voltage Base-Emitter Turn-On Voltage Static Forward Current Transfer Ratio
VBE(sat) VBE(on) hFE
1200
Transition Frequency Output Capacitance Switching Times
fT Cobo ton toff
MHz pF ns ns
IC=50mA, VCE=10V f=50MHz VCB=10V, f=1MHz IC=4A, IB=40mA, VCC=10V IC=4A, IB=40mA, VCC=10V
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2%
FZT1047A
TYPICAL CHARACTERISTICS
1
+25C IC/IB=100
0.6 0.8
VCE(sat) - (V)
0.6 0.4 0.2 0 1m 10m 100m 1 10 100
IC/IB=200 IC/IB=100 IC/IB=50
VCE(sat) - (V)
0.4
+150C +50C +25C -55C
0.2
0 1m 10m 100m 1 10 100
IC - Collector Current (A)
IC - Collector Current (A)
VCE(sat) v IC
VCE(sat) v IC
600
VCE=2V +100C +25C -55C
1.2 1
IC/IB=100
hFE - Typical Gain
500 400 300 200 100 0 1m 10m 100m 1 10
VBE(sat) - (V)
0.8 0.6 0.4 0.2 0
-55C +25C +100C +150C
100
1m
10m
100m
1
10
100
IC - Collector Current (A)
IC - Collector Current (A)
hFE v IC
VBE(sat) v IC
1.5 1.2
100
IC - Collector Current (A)
VCE=2V
VBE(on) - (V)
10
DC 1s 100ms 10ms 1ms 100us
0.9 0.6 0.3 0
-55C +25C +100C +150C
1
1m
10m
100m
1
10
100
100m 100m
1
10
100
IC - Collector Current (A)
VCE - Collector Emitter Voltage (V)
VBE(on) v IC
Safe Operating Area
FZT1047A
SPICE PARAMETERS *ZETEX * .MODEL + + + + * FZT1047A Spice model Last revision 18/03/97 FZT1047A NPN IS=9.73E-13 NF=1.0 BF=550 IKF=8.0 VAF=120 ISE=2.6E-13 NE=1.38 NR=1.0 BR=400 IKR=5 VAR=15 ISC=8E-13 NC=1.4 RB=0.1 RE=0.017 RC=0.010 CJC=195.4E-12 CJE=540.4E-12 MJC=0.257 MJE=0.359 VJC=0.390 VJE=0.753 TF=450E-12 TR=1.2E-9
(c) 1997 ZETEX PLC
The copyright in this model and the design embodied belong to Zetex PLC ("Zetex"). It is supplied free of charge by Zetex for the purpose of research and design and may be used or copied intact (including this notice) for that purpose only. All other rights are reserved. The model is believed accurate but no condition or warranty as to its merchantability or fitness for purpose is given and no liability in respect of any use is accepted by Zetex PLC, its distributors or agents.
Zetex plc. Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom. Telephone: (44)161-627 5105 (Sales), (44)161-627 4963 (General Enquiries) Fax: (44)161-627 5467 Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 Zetex Inc. 47 Mall Drive, Unit 4 Commack NY 11725 USA Telephone: (516) 543-7100 Fax: (516) 864-7630 Zetex (Asia) Ltd. 3510 Metroplaza, Tower 2 Hing Fong Road, Kwai Fong, Hong Kong Telephone:(852) 26100 611 Fax: (852) 24250 494 These are supported by agents and distributors in major countries world-wide (c)Zetex plc 1997 Internet: http://www.zetex.com
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.


▲Up To Search▲   

 
Price & Availability of FZT1047A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X