Part Number Hot Search : 
4744A 1N6299A 2SD780 MICONDUC 58010 B1517 C911805 C74HC40
Product Description
Full Text Search
 

To Download FSDM0465RE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FSDM0465RE, FSDM0565RE, FSDM07652RE Green Mode Fairchild Power Switch (FPSTM)
October 2006
FSDM0465RE, FSDM0565RE, FSDM07652RE Green Mode Fairchild Power Switch (FPSTM)
Features
Internal Avalanche-Rugged SenseFET Advanced Burst-Mode Operation Consumes Under 1W at 240VAC & 0.5W load Precision Fixed Operating Frequency (66kHz) Internal Start-up Circuit Improved Pulse-by-Pulse Current Limiting Over-Voltage Protection (OVP) Overload Protection (OLP) Internal Thermal Shutdown Function (TSD) Auto-Restart Mode Under-Voltage Lockout (UVLO) with hysteresis Low Operating Current (2.5mA) Built-in Soft-Start
Description
The FSDM0465RE, FSDM0565RE and FSDM07652RE are an integrated Pulse Width Modulator (PWM) and SenseFET specifically designed for high-performance offline Switch Mode Power Supplies (SMPS) with minimal external components. This device is an integrated high-voltage power-switching regulator that combines an avalanche-rugged SenseFET with a current mode PWM control block. The PWM controller includes an integrated fixed-frequency oscillator, undervoltage lockout, leading-edge blanking (LEB), optimized gate driver, internal soft-start, temperature-compensated precise-current sources for a loop compensation, and self-protection circuitry. Compared with a discrete MOSFET and PWM controller solution, it can reduce total cost; component count, size, and weight; while simultaneously increasing efficiency, productivity, and system reliability. This device is a basic platform well suited for cost-effective designs of flyback converters.
Applications
SMPS for LCD monitor and STB Adaptor
Ordering Information
Product Number
FSDM0465REWDTU(1) FSDM0565REWDTU FSDM0565REIWDTU FSDM07652REWDTU Note: 1. WDTU: Forming Type.
Package
TO-220F-6L (Forming) TO-220F-6L (Forming) I2-PAK-6L (Forming) TO-220F-6L (Forming)
Marking Code
DM0465RE DM0565RE DM0565RE DM07652RE
BVDSS
650V 650V 650V 650V
RDS(ON) Max.
2.6 2.2 2.2 1.6
FPSTM is a trademark of Fairchild Semiconductor Corporation.
(c) 2006 Fairchild Semiconductor Corporation FSDM0465RE, FSDM0565RE, FSDM07652RE Rev. 1.0.1 www.fairchildsemi.com
FSDM0465RE, FSDM0565RE, FSDM07652RE Green Mode Fairchild Power Switch (FPSTM)
Typical Circuit
AC IN
DC OUT
Vstr PWM FB
Drain
VCC
Source
FSDM0565RE Rev: 00
Figure 1. Typical Flyback Application
Output Power Table
Product
FSDM0465RE FSDM0565RE FSDM0565REI FSDM07652RE
230VAC 15%(4) Adapter
48W 60W 60W 70W
(2)
85-265VAC
(3)
Open Frame
56W 70W 70W 80W
Adapter
40W 50W 50W 60W
(2)
Open Frame(3)
48W 60W 60W 70W
Notes: 2. Typical continuous power in a non-ventilated enclosed adapter measured at 50C ambient. 3. Maximum practical continuous power in an open-frame design at 50C ambient. 4. 230VAC or 100/115VAC with doubler.
(c) 2006 Fairchild Semiconductor Corporation FSDM0465RE, FSDM0565RE, FSDM07652RE Rev. 1.0.1 2
www.fairchildsemi.com
FSDM0465RE, FSDM0565RE, FSDM07652RE Green Mode Fairchild Power Switch (FPSTM)
Internal Block Diagram
VCC 3 NC 5 0.5/0.7V + VCC Idelay FB 4
R Q
Vstr 6 Istart Vref Internal Bias
Drain 1
8V/12V
VCC good
Vref OSC IFB 2.5R PWM
S Q
Soft-start
R LEB
Gate driver
VSD VCC
S Q Q
2 GND
Vovp TSD VCC good
R
VCL
FSDM0565RE Rev: 00
Figure 2. Functional Block Diagram of FSDM0x65RE
(c) 2006 Fairchild Semiconductor Corporation FSDM0465RE, FSDM0565RE, FSDM07652RE Rev. 1.0.1 3
www.fairchildsemi.com
FSDM0465RE, FSDM0565RE, FSDM07652RE Green Mode Fairchild Power Switch (FPSTM)
Pin Configuration
TO-220F-6L 6. Vstr 5. NC 4. FB 3. VCC 2. GND 1. Drain
I2-PAK-6L 6. Vstr 5. NC 4. FB 3. VCC 2. GND 1. Drain
Figure 3. Pin Configuration (Top View)
Pin Definitions
Pin #
1 2
Name
Drain GND
Description
SenseFET drain. This pin is the high-voltage power SenseFET drain. It is designed to drive the transformer directly. Ground. This pin is the control ground and the SenseFET source. Power Supply. This pin is the positive supply voltage input. During start-up, the power is supplied by an internal high-voltage current source connected to the Vstr pin. When VCC reaches 12V, the internal high-voltage current source is disabled and the power is supplied from the auxiliary transformer winding. Feedback. This pin is internally connected to the inverting input of the PWM comparator. The collector of an opto-coupler is typically tied to this pin. For stable operation, a capacitor should be placed between this pin and GND. If the voltage of this pin reaches 6.0V, the overload protection is activated, resulting in shutdown of the FPSTM. No Connection. Start-up. This pin is connected directly to the high-voltage DC link. At start-up, the internal high-voltage current source supplies internal bias and charges the external capacitor connected to the VCC pin. Once VCC reaches 12V, the internal current source is disabled.
3
VCC
4
FB
5
NC
6
Vstr
(c) 2006 Fairchild Semiconductor Corporation FSDM0465RE, FSDM0565RE, FSDM07652RE Rev. 1.0.1 4
www.fairchildsemi.com
FSDM0465RE, FSDM0565RE, FSDM07652RE Green Mode Fairchild Power Switch (FPSTM)
Absolute Maximum Ratings
The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. TA = 25C, unless otherwise specified.
Symbol
BVDSS Vstr IDM
Parameter
Drain Source Breakdown Voltage Max. Voltage at Vstart pin FSDM0465RE Drain Current Pulsed(5) FSDM0565RE FSDM07652RE FSDM0465RE TC=25C TC=25C TC=25C TC=25C TC=100C TC=25C TC=100C TC=25C TC=100C FSDM0465RE FSDM0565RE FSDM07652RE
Value
650 650 9.6 11 15 2.2 1.4 2.8 1.7 3.8 2.4 190 370 20 -0.3 to VCC TO-220-6L I2-PAK-6L 45 75 Internally limited -25 to +85 -55 to +150 2.0 (GND-Vstr/VFB=1.5kV) 300 (GND-Vstr/VFB=225V)
Unit
V V ADC
ID
Continuous Drain Current FSDM0565RE FSDM07652RE
A
EAS VCC VFB
Single Pulsed Avalanche Energy(6) Supply Voltage Input Voltage Range
mJ V V W C C C kV V
PD(Watt H/S) Total Power Dissipation (TC=25C) TJ TA TSTG Operating Junction Temperature Operating Ambient Temperature Storage Temperature ESD Capability, HBM Model (All pins except Vstr and FB) ESD Capability, Machine Model (All pins except Vstr and FB)
Notes: 5. Repetitive rating: Pulse width limited by maximum junction temperature. 6. L=14mH, starting TJ=25C.
Thermal Impedance
TA=25C, unless otherwise specified.
Symbol
JA(7) JC(8)
Parameter
Junction-to-Ambient Thermal Resistance Junction-to-Case Thermal Resistance
Package
TO-220F-6L I2-PAK-6L TO-220F-6L I2-PAK-6L
Value
49.90 30 2.78 1.67
Unit
C/W C/W
Notes: 7. Free-standing, with no heat-sink, under natural convection. 8. Infinite cooling condition - refer to the SEMI G30-88.
(c) 2006 Fairchild Semiconductor Corporation FSDM0465RE, FSDM0565RE, FSDM07652RE Rev. 1.0.1 5 www.fairchildsemi.com
FSDM0465RE, FSDM0565RE, FSDM07652RE Green Mode Fairchild Power Switch (FPSTM)
Electrical Characteristics
TA = 25C unless otherwise specified.
Symbol
SenseFET SECTION
Parameter
Condition
VDS = 650V, VGS = 0V VDS = 520V, VGS = 0V, TC = 125C VDS = 650V, VGS = 0V VDS = 520V, VGS = 0V, TC = 125C VDS = 650V, VGS = 0V VDS = 520V, VGS = 0V, TC = 125C
Min. Typ. Max. Unit
250 250 500 500 500 500 2.20 2.60 2.20 1.60 pF 1.76 1.40 60 A
FSDM0465RE IDSS Zero Gate Voltage Drain Current FSDM0565RE FSDM07652RE FSDM0465RE RDS(ON) Static Drain Source on Resistance(9) FSDM0565RE FSDM07652RE FSDM0465RE COSS Output Capacitance FSDM0565RE FSDM07652RE FSDM0465RE td(on) Turn-On Delay Time FSDM0565RE FSDM07652RE FSDM0465RE tr Rise Time FSDM0565RE FSDM07652RE FSDM0465RE td(off) Turn-Off Delay Time FSDM0565RE FSDM07652RE FSDM0465RE tf Fall Time FSDM0565RE FSDM07652RE CONTROL SECTION fOSC fSTABLE fOSC IFB DMAX DMIN VSTART VSTOP tS/S Switching Frequency Switching Frequency Stability Switching Frequency Variation(10) FSDM0465RE Maximum Duty Cycle FSDM0565RE FSDM07652RE Minimum Duty Cycle UVLO Threshold Voltage Internal Soft-Start Time Feedback Source Current
VGS = 10V, ID = 2.5A
VGS = 0V, VDS = 25V, f = 1MHz
78 100 23
VDD = 325V, ID = 5A
22 22 20
nsec
VDD = 325V, ID = 5A
52 60 65
nsec
VDD = 325V, ID = 5A
95 115 27
nsec
VDD = 325V, ID = 5A
50 65
nsec
VFB = 3V 13V VCC 18V -25C TA 85C VFB = GND
60 0 0 0.7 77 77 75
66 1 5 0.9 82 82 80 12 8 10
72 3 10 1.1 87 87 85 0 13 9 15
kHz % % mA % % % % V V msec
VFB = GND VFB = GND VFB = 3
11 7
(c) 2006 Fairchild Semiconductor Corporation FSDM0465RE, FSDM0565RE, FSDM07652RE Rev. 1.0.1 6
www.fairchildsemi.com
FSDM0465RE, FSDM0565RE, FSDM07652RE Green Mode Fairchild Power Switch (FPSTM)
Electrical Characteristics (Continued)
TA = 25C unless otherwise specified.
Symbol
BURST MODE SECTION VBURH VBURL VSD IDELAY tLEB ILIMIT VOVP TSD IOP IOP(MIN) IOP(MAX)
Parameter
Condition
VCC = 14V VCC = 14V VFB 5.5V VFB = 5V
Min. Typ. Max. Unit
0.7 0.5 5.5 2.8 1.60 2.00 2.20 18 130 6.0 3.5 250 1.80 2.25 2.50 19 145 6.5 4.2 2.00 2.50 2.70 20 160 V C A V V V A nsec
Burst Mode Voltages
PROTECTION SECTION Shutdown Feedback Voltage Shutdown Delay Current Leading-Edge Blanking Time FSDM0465RE Peak Current Limit(11) FSDM0565RE VFB = 5V, VCC = 14V VFB = 5V, VCC = 14V
FSDM07652RE VFB = 5V, VCC = 14V Over-Voltage Protection Thermal Shutdown Temperature(10) VFB = GND, VCC = 14V Operating Supply Current(12) VFB = GND, VCC = 10V VFB = GND, VCC = 18V
TOTAL DEVICE SECTION 2.5 5.0 mA
Notes: 9. Pulse test: Pulse width 300S, duty cycle 2%. 10. These parameters, although guaranteed at the design, are not tested in production. 11. These parameters indicate the inductor current. 12. This parameter is the current flowing into the control IC.
(c) 2006 Fairchild Semiconductor Corporation FSDM0465RE, FSDM0565RE, FSDM07652RE Rev. 1.0.1 7
www.fairchildsemi.com
FSDM0465RE, FSDM0565RE, FSDM07652RE Green Mode Fairchild Power Switch (FPSTM)
Comparison Between FS6M07652RTC and FSDM0x65RE
Function FS6M07652RTC FSDM0x65RE FSDM0x65RE Advantages
Gradually increasing current limit during soft-start reduces peak current and voltage component stresses Eliminates external soft-start components in most applications Reduces or eliminates output overshoot Improves light-load efficiency Reduces no-load consumption
Soft-Start
Adjustable soft-start Internal soft-start with time using an external typically 10ms (fixed) capacitor
Burst-Mode Operation
Built into controller Output voltage drops to around half
Built into controller Output voltage fixed
(c) 2006 Fairchild Semiconductor Corporation FSDM0465RE, FSDM0565RE, FSDM07652RE Rev. 1.0.1 8
www.fairchildsemi.com
FSDM0465RE, FSDM0565RE, FSDM07652RE Green Mode Fairchild Power Switch (FPSTM)
Typical Performance Characteristics
These characteristic graphs are normalized at TA= 25C.
1.2 Start Thershold Voltage (Vstart ) 1.0 Operating Current (I op) 0.8 0.6 0.4 0.2 0.0 -25 0 25 50 75 100 125 150
1.2 1.0 0.8 0.6 0.4 0.2 0.0 -25 0 25 50 75 100 125 150
Junction Temperature [C]
Junction Temperature [C]
Figure 4. Operating Current vs. Temp.
Figure 5. Start Threshold Voltage vs. Temp.
1.2 Stop Threshold Voltage (Vstop) 1.0 0.8 0.6 0.4 0.2 0.0 -25 0 25 50 75 100 125 150
1.2 1.0 0.8 0.6 0.4 0.2 0.0 -25 0 25 50 75 100 125 150
Junction Temperature [C]
Operating Frequency (f osc)
Junction Temperature [C]
Figure 6. Stop Threshold Voltage vs. Temp.
Figure 7. Operating Frequency vs. Temp.
1.2 Maximum Duty Cycle (D MAX) 1.0 0.8 0.6 0.4 0.2 0.0 -25 0 25 50 75 100 125 150 FB Source Current (I FB)
1.2 1.0 0.8 0.6 0.4 0.2 0.0 -25 0 25 50 75 100 125 150
Junction Temperature [C]
Junction Temperature [C]
Figure 8. Maximum Duty Cycle vs. Temp.
Figure 9. Feedback Source Current vs. Temp.
(c) 2006 Fairchild Semiconductor Corporation FSDM0465RE, FSDM0565RE, FSDM07652RE Rev. 1.0.1 9
www.fairchildsemi.com
FSDM0465RE, FSDM0565RE, FSDM07652RE Green Mode Fairchild Power Switch (FPSTM)
Typical Performance Characteristics (Continued)
These characteristic graphs are normalized at TA= 25C.
1.2 Shutdown Delay Current (I DELAY) -25 0 25 50 75 100 125 150 Shutdown FB Voltage (VSD) 1.0 0.8 0.6 0.4 0.2 0.0
1.2 1.0 0.8 0.6 0.4 0.2 0.0 -25 0 25 50 75 100 125 150
Junction Temperature [C]
Junction Temperature [C]
Figure 10. Shutdown Feedback Voltage vs. Temp.
Figure 11. Shutdown Delay Current vs. Temp.
FB Burst-Mode Enable Voltage (VFBE)
1.2 Over-Voltage Protection (Vovp) 1.0 0.8 0.6 0.4 0.2 0.0 -25 0 25 50 75 100 125 150
1.2 1.0 0.8 0.6 0.4 0.2 0.0 -25 0 25 50 75 100 125 150
Junction Temperature [C]
Junction Temperature [C]
Figure 12. Over-Voltage Protection vs. Temp.
Figure 13. Burst-Mode Enable Voltage vs. Temp.
FB Burst-Mode Disable Voltage (VFBD)
1.2 1.0 Peak Current Limit (Self protection) (I over) -25 0 25 50 75 100 125 150 0.8 0.6 0.4 0.2 0.0
1.2 1.0 0.8 0.6 0.4 0.2 0.0 -50 -25 0 25 50 75 100 125
Junction Temperature [C]
Junction Temperature [C]
Figure 14. Burst-Mode Disable Voltage vs. Temp.
Figure 15. Current Limit vs. Temp.
(c) 2006 Fairchild Semiconductor Corporation FSDM0465RE, FSDM0565RE, FSDM07652RE Rev. 1.0.1 10
www.fairchildsemi.com
FSDM0465RE, FSDM0565RE, FSDM07652RE Green Mode Fairchild Power Switch (FPSTM)
Typical Performance Characteristics (Continued)
These characteristic graphs are normalized at TA= 25C.
1.2 1.0 Soft-Start Time (Normalized to 25C) 0.8 0.6 0.4 0.2 0.0 -50 -25 0 25 50 75 100 125
Junction Temperature [C]
Figure 16. Soft-Start Time vs. Temp.
.
(c) 2006 Fairchild Semiconductor Corporation FSDM0465RE, FSDM0565RE, FSDM07652RE Rev. 1.0.1 11
www.fairchildsemi.com
FSDM0465RE, FSDM0565RE, FSDM07652RE Green Mode Fairchild Power Switch (FPSTM)
Functional Description
1. Start-up: In previous generations of Fairchild Power Switches (FPSTM), the VCC pin had an external start-up resistor to the DC input voltage line. In this generation, the start-up resistor is replaced by an internal highvoltage current source. At start-up, the internal highvoltage current source supplies the internal bias and charges the external capacitor (Cvcc) connected to the VCC pin, as illustrated in Figure 17. When VCC reaches 12V, the FSDM0x65RE begins switching and the internal high-voltage current source is disabled. The FSDM0x65RE continues normal switching operation and the power is supplied from the auxiliary transformer winding unless VCC goes below the stop voltage of 8V.
2.1 Pulse-by-Pulse Current Limit: Because currentmode control is employed, the peak current through the SenseFET is limited by the inverting input of PWM comparator (VFB*) as shown in Figure 18. Assuming that the 0.9mA current source flows only through the internal resistor (2.5R + R = 2.8k), the cathode voltage of diode D2 is about 2.5V. Since D1 is blocked when the feedback voltage (VFB) exceeds 2.5V, the maximum voltage of the cathode of D2 is clamped at this voltage, thus clamping VFB*. Therefore, the peak value of the current through the SenseFET is limited. 2.2 Leading Edge Blanking (LEB): At the instant the internal SenseFET is turned on, a high-current spike occurs through the SenseFET, caused by primary-side capacitance and secondary-side rectifier reverse recovery. Excessive voltage across the Rsense resistor would lead to incorrect feedback operation in the current mode PWM control. To counter this effect, the FSDM0x65RE employs a leading-edge blanking (LEB) circuit. This circuit inhibits the PWM comparator for a short time (tLEB) after the SenseFET is turned on.
VDC
CVcc
VCC Vref IFB
OSC
VCC 3 Istart Vref 8V/12V VCC good Internal Bias 6
Idelay
Vstr
VO
H11A817A
VFB
CB
4 D1 D2 2.5R + Vfb*
SenseFET
R
Gate driver
KA431
-
VSD
FSDM0565RE Rev: 00
OLP
Rsense
FSDM0565RE Rev: 00
Figure 18. Pulse-Width-Modulation (PWM) Circuit Figure 17. Internal Start-up Circuit 3. Protection Circuit: The FSDM0x65RE has several self-protective functions, such as overload protection (OLP), over-voltage protection (OVP), and thermal shutdown (TSD). Because these protection circuits are fully integrated into the IC without external components, the reliability is improved without increasing cost. Once a fault condition occurs, switching is terminated and the SenseFET remains off, which causes VCC to fall. When VCC reaches the UVLO stop voltage of 8V, the protection is reset and the internal high-voltage current source charges the VCC capacitor via the Vstr pin. When VCC reaches the UVLO start voltage of 12V, the FSDM0x65RE resumes normal operation. In this manner, the auto-restart can alternately enable and disable the switching of the power SenseFET until the fault condition is eliminated (see Figure 19).
2. Feedback Control: FSDM0x65RE employs currentmode control, as shown in Figure 18. An opto-coupler (such as the H11A817A) and shunt regulator (such as the KA431) are typically used to implement the feedback network. Comparing the feedback voltage with the voltage across the Rsense resistor, plus an offset voltage, makes it possible to control the switching duty cycle. When the reference pin voltage of the shunt regulator exceeds the internal reference voltage of 2.5V, the optocoupler LED current increases, pulling down the feedback voltage and reducing the duty cycle. This event typically occurs when the input voltage is increased or the output load is decreased.
(c) 2006 Fairchild Semiconductor Corporation FSDM0465RE, FSDM0565RE, FSDM07652RE Rev. 1.0.1 12
www.fairchildsemi.com
FSDM0465RE, FSDM0565RE, FSDM07652RE Green Mode Fairchild Power Switch (FPSTM)
VDS
Power on
Fault occurs
Fault removed
VFB
FSDM0565RE Rev: 00
Overload protection
6.0V
2.5V
VCC
T12= CFB*(6.0-2.5)/Idelay
12V 8V
T1
T2
t
t
Normal operation Fault situation Normal operation
Figure 20. Overload Protection
FSDM0565RE Rev: 00
Figure 19. Auto Restart Operation
3.1 Overload Protection (OLP): Overload is defined as the load current exceeding a pre-set level due to an unexpected event. In this situation, the protection circuit should be activated to protect the SMPS. Even when the SMPS is in normal operation, the overload protection circuit can be activated during the load transition. To avoid this undesired operation, the overload protection circuit is designed to be activated after a specified time to determine whether it is a transient situation or a true overload situation. Because of the pulse-by-pulse current limit capability, the maximum peak current through the SenseFET is limited, and therefore the maximum input power is restricted with a given input voltage. If the output consumes beyond this maximum power, the output voltage (VO) decreases below the set voltage. This reduces the current through the optocoupler LED, which also reduces the opto-coupler transistor current, thus increasing the feedback voltage (VFB). If VFB exceeds 2.5V, D1 is blocked and the 3.5A current source starts to charge CB slowly up to VCC. In this condition, VFB continues increasing until it reaches 6V, when the switching operation is terminated, as shown in Figure 20. The delay time for shutdown is the time required to charge CB from 2.5V to 6.0V with 3.5A. A 10 ~ 50ms delay time is typical for most applications.
3.2 Over-Voltage Protection (OVP): If the secondary side feedback circuit were to malfunction or a solder defect caused an opening in the feedback path, the current through the opto-coupler transistor becomes almost zero. In this event, VFB climbs in a similar manner to the overload situation, forcing the preset maximum current to be supplied to the SMPS until the overload protection is activated. Because more energy than required is provided to the output, the output voltage may exceed the rated voltage before the overload protection is activated, resulting in the breakdown of the devices in the secondary side. To prevent this situation, an overvoltage protection (OVP) circuit is employed. In general, VCC is proportional to the output voltage and the FSDM0x65RE uses VCC instead of directly monitoring the output voltage. If VCC exceeds 19V, an OVP circuit is activated, resulting in the termination of the switching operation. To avoid undesired activation of OVP during normal operation, VCC should be designed below 19V. 3.3 Thermal Shutdown (TSD): The SenseFET and the control IC are built in one package. This makes it easy for the control IC to detect the heat generation from the SenseFET. When the temperature exceeds ~150C, the thermal shutdown is activated. 4. Soft-Start: The FSDM0x65RE has an internal softstart circuit that increases PWM comparator inverting input voltage, together with the SenseFET current, slowly after it starts up. The typical soft-start time is 10ms. The pulse width to the power switching device is progressively increased to establish the correct working conditions for transformers, inductors, and capacitors. The voltage on the output capacitors is progressively increased with the intention of smoothly establishing the required output voltage. It also helps prevent transformer saturation and reduces the stress on the secondary diode during start-up.
(c) 2006 Fairchild Semiconductor Corporation FSDM0465RE, FSDM0565RE, FSDM07652RE Rev. 1.0.1 13
www.fairchildsemi.com
FSDM0465RE, FSDM0565RE, FSDM07652RE Green Mode Fairchild Power Switch (FPSTM)
5. Burst Operation: To minimize power dissipation in standby mode, the FSDM0x65RE enters burst-mode operation. As the load decreases, the feedback voltage decreases. As shown in Figure 21, the device automatically enters burst mode when the feedback voltage drops below VBURL(500mV). At this point, switching stops and the output voltages start to drop at a rate dependent on standby current load. This causes the feedback voltage to rise. Once it passes VBURH (700mV), switching resumes. The feedback voltage then falls and the process repeats. Burst-mode operation alternately enables and disables switching of the power SenseFET, thereby reducing switching loss in standby mode.
Vo
VOset
VFB
0.7V 0.5V
IDS
VDS
time
Switching disabled FSDM0565RE Rev: 00
T1
T2 T3
Switching disabled
T4
Figure 21. Waveforms of Burst Operation
(c) 2006 Fairchild Semiconductor Corporation FSDM0465RE, FSDM0565RE, FSDM07652RE Rev. 1.0.1 14
www.fairchildsemi.com
FSDM0465RE, FSDM0565RE, FSDM07652RE Green Mode Fairchild Power Switch (FPSTM)
Application Information
Application
LCD Monitor
Output Power
40W
Input Voltage
Universal input (85-265VAC)
Output Voltage (Max. Current)
5V (2.0A) 12V (2.5A)
Features
High efficiency (>81% at 85VAC input) Low zero load power consumption (<300mW at 240VAC input) Low standby mode power consumption (<800mW at 240VAC input and 0.3W load) Low component count Enhanced system reliability through various protection functions Internal soft-start (10ms)
Key Design Notes
Resistors R102 and R105 are employed to prevent start-up at low input voltage. After start-up, there is no power loss in these resistors since the start-up pin is internally disconnected after start-up. The delay time for overload protection is designed to be about 50ms with C106 of 47nF. If a faster triggering of OLP is required, C106 can be reduced to 10nF. Zener diode ZD102 is used for a safety test, such as UL. When the drain pin and feedback pin are shorted, the zener diode fails and remains short, which causes the fuse (F1) to be blown and prevents explosion of the opto-coupler (IC301). This zener diode also increases the immunity against line surge.
1. Schematic
D202 T1 EER3016 MBRF10100 1 C104 2.2nF 1kV 10 C201 1000F 25V 8 L201 12V, 2.5A C202 1000F 25V
C103 100F 400V BD101 2 2KBP06M3N257 1 3
R102 30k
R103 56k 2W
2 D101 UF 4007
3
R105 40k
IC1 FSDM0565RE 6 5 NC 4 VCC 3 FB GND 2 ZD101 22V C105 D102 22F UF4004 50V R104 5 4 Vstr Drain 1 D201 MBRF1045 7 C203 1000F 10V 5 6 L202 5V, 2A C204 1000F 10V
4 C102 220nF 275VAC
ZD102 10V
C106 47nF 50V
LF101 23mH
C301 4.7nF
R201 1k R101 560k 1W R204 5.6k R203 12k C205 47nF
R202 1.2k IC301 H11A817A
RT1 5D-9
C101 220nF 275VAC
F1 FUSE 250V 2A
IC201 KA431
R205 5.6k
FSDM0565RE Rev: 00
Figure 22. Demo Circuit
(c) 2006 Fairchild Semiconductor Corporation FSDM0465RE, FSDM0565RE, FSDM07652RE Rev. 1.0.1 15 www.fairchildsemi.com
FSDM0465RE, FSDM0565RE, FSDM07652RE Green Mode Fairchild Power Switch (FPSTM)
2. Transformer
EER3016 Np/2 1 10 N 12V 9
Np/2
2
3
8
4
7
N5V
Na 5
6 FSDM0565RE Rev: 00
Figure 23. Transformer Schematic Diagram
3. Winding Specification No
Na Np/2 N12V N5V Np/2
Pin (sf)
45 21 10 8 76 32
Wire
0.2 x1
Turns
8 18 7 3 18
Winding Method
Center Winding Solenoid Winding Center Winding Center Winding Solenoid Winding
Insulation: Polyester Tape t = 0.050mm, 2 Layers 0.4 x 1 0.3 x 3 0.3 x 3 0.4 x 1 Insulation: Polyester Tape t = 0.050mm, 2 Layers Insulation: Polyester Tape t = 0.050mm, 2 Layers Insulation: Polyester Tape t = 0.050mm, 2 Layers Outer Insulation: Polyester Tape t = 0.050mm, 2 Layers
4. Electrical Characteristics Pin
Inductance Leakage Inductance 1-3 1-3
Specification
520H 10% 10H Max
Remarks
100kHz, 1V 2nd all short
5. Core & Bobbin
Core: EER 3016 Bobbin: EER3016 Ae(mm2): 96
(c) 2006 Fairchild Semiconductor Corporation FSDM0465RE, FSDM0565RE, FSDM07652RE Rev. 1.0.1 16
www.fairchildsemi.com
FSDM0465RE, FSDM0565RE, FSDM07652RE Green Mode Fairchild Power Switch (FPSTM)
6. Demo Circuit Part List Part
F101
Value
Fuse 2A/250V NTC
Note
Part
D102 D201 D202 ZD101 ZD102
Value
UF4004 MBRF1045 MBRF10100 Zener Diode Zener Diode Bridge Diode
Note
22V 10V
RT101
5D-9 Resistor
R101 R102 R103 R104 R105 R201 R202 R203 R204 R205
560k 30k 56k 5 40k 1k 1.2k 12k 5.6k 5.6k Capacitor
1W 1/4W 2W 1/4W 1/4W 1/4W 1/4W 1/4W 1/4W 1/4W
BD101
2KBP06M 3N257 Line Filter
Bridge Diode
LF101
23mH IC
Wire 0.4mm
IC101 IC201 IC301
FSDM0565RE KA431 (TL431) H11A817A
FPSTM (5A,650V) Voltage reference Opto-coupler
C101 C102 C103 C104 C105 C106 C201 C202 C203 C204 C205 C301
220nF/275VAC 220nF/275VAC 100F/400V 2.2nF/1kV 22F/50V 47nF/50V 1000F/25V 1000F/25V 1000F/10V 1000F/10V 47nF/50V 4.7nF Inductor
Box Capacitor Box Capacitor Electrolytic Capacitor Ceramic Capacitor Electrolytic Capacitor Ceramic Capacitor Electrolytic Capacitor Electrolytic Capacitor Electrolytic Capacitor Electrolytic Capacitor Ceramic Capacitor Polyester Film Cap.
L201 L202
5H 5H Diode
Wire 1.2mm Wire 1.2mm
D101
UF4007
(c) 2006 Fairchild Semiconductor Corporation FSDM0465RE, FSDM0565RE, FSDM07652RE Rev. 1.0.1 17
www.fairchildsemi.com
FSDM0465RE, FSDM0565RE, FSDM07652RE Green Mode Fairchild Power Switch (FPSTM)
7. Layout
Figure 24. Layout Considerations for FSDM0565RE (Top View)
Figure 25. Layout Considerations for FSDM0565RE (Bottom View)
(c) 2006 Fairchild Semiconductor Corporation FSDM0465RE, FSDM0565RE, FSDM07652RE Rev. 1.0.1 18
www.fairchildsemi.com
FSDM0465RE, FSDM0565RE, FSDM07652RE Green Mode Fairchild Power Switch (FPSTM)
Package Dimensions
TO-220F-6L (Forming)
Dimensions are in millimeters unless otherwise noted.
(c) 2006 Fairchild Semiconductor Corporation FSDM0465RE, FSDM0565RE, FSDM07652RE Rev. 1.0.1 19
www.fairchildsemi.com
FSDM0465RE, FSDM0565RE, FSDM07652RE Green Mode Fairchild Power Switch (FPSTM)
Package Dimensions (Continued)
I2-PAK-6L (Forming)
Dimensions are in millimeters unless otherwise noted.
MKT-TO262A6
(c) 2006 Fairchild Semiconductor Corporation FSDM0465RE, FSDM0565RE, FSDM07652RE Rev. 1.0.1 20
www.fairchildsemi.com
TRADEMARKS The following are registered and unregistered trademarks and service marks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACEx(R) Build it NowTM CorePLUSTM CROSSVOLTTM CTLTM Current Transfer LogicTM EcoSPARK(R)
(R)
Fairchild(R) Fairchild Semiconductor(R) FACT Quiet SeriesTM FACT(R) FAST(R) FastvCoreTM FPSTM FRFET(R) Global Power ResourceSM
Green FPSTM Green FPSTM e-SeriesTM GTOTM i-LoTM IntelliMAXTM ISOPLANARTM MegaBuckTM MICROCOUPLERTM MicroFETTM MicroPakTM MillerDriveTM Motion-SPMTM OPTOLOGIC(R) OPTOPLANAR(R)
(R)
PDP-SPMTM Power220(R)
Power247(R) POWEREDGE(R) Power-SPMTM PowerTrench(R) Programmable Active DroopTM QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM SMART STARTTM SPM(R) STEALTHTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6
SuperSOTTM-8 SyncFETTM The Power Franchise(R)
TinyBoostTM TinyBuckTM TinyLogic(R) TINYOPTOTM TinyPowerTM TinyPWMTM TinyWireTM SerDesTM UHC(R) UniFETTM VCXTM
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Preliminary Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild Semiconductor. The datasheet is printed for reference information only.
Rev. I31
2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
No Identification Needed
Full Production
Obsolete
Not In Production
(c) 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FSDM0465RE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X